Part Number Hot Search : 
92315 R5F212 21S5R00 25P15 S0100 SG6846A AP150 R5F212
Product Description
Full Text Search
 

To Download NTE251 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE251 (NPN) & NTE252 (PNP) Silicon Complementary Transistors Darlington Power Amplifier
Description: The NTE251 (NPN) and NTE252 (PNP) are silicon complementary Darlington transistors in a TO3 type case designed for general-purpose amplifier and low-frequency switching applications. Features: D High DC Current Gain @ IC = 10A: hFE = 2400 Typ (NTE251) hFE = 4000 Typ (NTE252) D Collector-Emitter Sustaining Voltage: VCEO(sus) = 100V Min D Monolithic Construction with Built-In Base-Emitter Shunt Resistors Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Collector-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V Collector-Base Voltage, VCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100V Emitter-Base Voltage, VEB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V Collector Current, IC Continuous . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20A Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40A Base Current, IB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500mA Total Power Dissipation (TC = +25C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 160W Derate Above 25C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.915W/C Operating Junction Temperature Range, TJ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +200C Thermal Resistance, Junction-to-Case, RthJC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.09C/W
Electrical Characteristics: (TA = +25C unless otherwise specified)
Parameter OFF Characteristics Collector-Emitter SustainingVoltage Collector Cutoff Current VCEO(sus) IC = 100mA, IB = 0 ICEO ICEX VCE = 50V, IE = 0 VCE = 100V, VBE(off) = 1.5V VCE = 100V, VBE(off) = 1.5V, TA = +150C Emitter Cutoff Current ON Characteristics (Note 1) DC Current Gain hFE VCE = 3V, IC = 10A VCE = 3V, IC = 20A Collector-Emitter Saturation Voltage VCE(sat) IC = 10A, IB = 40mA IC = 20A, IB = 200mA Base-Emitter Saturation Voltage Base-Emitter ON Voltage Dynamic Characteristics Small-Signal Current Gain Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio Output Capacitance NTE251 NTE252 hfe |hfe| VCE = 3V, IC = 10A, f = 1kHz VCE = 3V, IC = 10A, f = 1MHz 300 4.0 - - - - MHz VBE(sat) VBE(on) IC = 20A, IB = 200mA VCE = 3V, IC = 10A 750 100 - - - - - - - - - - 18000 - 2.0 3.0 4.0 2.8 V V V V IEBO VBE = 5V, IC = 0 100 - - - - - - - - - - 1.0 0.5 5.0 2.0 V mA mA mA mA Symbol Test Conditions Min Typ Max Unit
Cob
VCB = 10V, IE = 0, f = 0.1MHz - - - - 400 600
pF
Note 1. Pulse Test: Pulse Width = 300s, Duty Cycle = 2%
Schematic Diagram
C B B
C
E
E
NPN
PNP
.135 (3.45) Max .350 (8.89) .875 (22.2) Dia Max Seating Plane
.312 (7.93) Min Emitter .215 (5.45)
.040 (1.02) 1.187 (30.16) .665 (16.9) .156 (3.96) Dia (2 Holes)
.430 (10.92)
.188 (4.8) R Max
Base
.525 (13.35) R Max Collector/Case


▲Up To Search▲   

 
Price & Availability of NTE251

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X