Part Number Hot Search : 
AD6636 90120 SK170 UTCU584 MC10E OM7603ST C1011 UF15011
Product Description
Full Text Search
 

To Download NFS110-7612 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NFS110 Series
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES * * * * * * *
Single and quad output
80-110W AC/DC Universal Input Switch Mode Power Supplies 1
7.0 x 4.25 x 1.8 inch package Overvoltage and short circuit protection 110W with 20CFM Adjustable outputs EN55022, EN55011 conducted emissions level B UL, VDE and CSA safety approvals CE mark
The NFS110 series is a 110W universal input AC/DC power supply on a 7 x 4.25 inch card. The NFS110 series has four single and three quad output models and has proven itself to be highly reliable and versatile product for a wide range of communication and industrial applications, with a very high peak current capability on each output for drive and motor applications. The NFS110 provides 80W of output power with free air convection cooling which can be boosted to 110W with 20CFM of air. Standard features include overvoltage and short circuit protection. The series, with full international safety approval and the CE mark, meets conducted emissions EN55022 level B. The NFS110 series is designed for use in low power data networking, computer, telecom and industrial applications such as servers, thermal printers, storage devices, vending machines and POS equipment.
2 YEAR WARRANTY All specifications are typical at nominal input, full load at 25C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS Voltage adjustability +5.1V output on multi's 5.1V single output 12V single output 15V single output 24V single output LL to HL, FL All outputs on all units At turn-on All outputs Multi output 5.1V only 5.1V single 12V single 15V single 24V single Primary power limited (See Note 13) 3.0% 3.0% 12V to 14V 15V to 18V 24V to 30V 0.1% max. 0% 0.02%/C 6.25V0.75V 6.25V0.75V 15.75V1.0V 22V1.5V 33V2.5V Pin max. 160W Pout min. 110W 0A Burst mode operation
GENERAL SPECIFICATIONS Hold-up time 110VAC 110VAC 230VAC 230VAC @ @ @ @ 80W 110W 80W 110W 70% 70% 72% 75% 35ms 17ms 140ms 100ms typical typical typical typical
Efficiency
Line regulation Overshoot/undershoot Temperature coefficient Overvoltage protection
Multiple outputs +5.1V single 12V and 15V singles 24V single Input/output Input/chassis At 100 Watts output At zero load
Isolation voltage Switching frequency Approvals and standards (See Note 12) Weight MTBF (See Note 9)
3000VAC 1500VAC 20 to 70kHz 100 to 250kHz
Output power limit Minimum output current Short circuit protection INPUT SPECIFICATIONS Input voltage range Input frequency range Input surge current Safety ground leakage current
VDE0805, EN60950, IEC950 IEC1010, UL1950 CSA C22.2 No. 950 Singles Multiple outputs MIL-HDBK-217E 550g (19.4oz) 600g (21.2oz) 125,000 hours
ENVIRONMENTAL SPECIFICATIONS 85 to 264VAC 120 to 370VDC 47Hz to 440Hz 230VAC 110VAC, 50Hz 230VAC, 50Hz 35A 0.2mA, max. 0.4mA, max. Thermal performance (See Notes 9, 10) Operating, see curve 0C to +70C Non-operating -40C to +85C 0C to +50C, 80W amb. convection cooled +50C to +70C, Derate 2W/C amb. convection cooled 0C to +50C, 110W 20CFM forced air +50C to +70C, Derate 20CFM forced air 2.75W/C Peak, 0C to +50C, 110W max. 60 seconds Non-condensing Operating Non-operating 5Hz to 500Hz 5% to 95% RH 10,000 feet max. 40,000 feet max. 2.4G approx.
EMC CHARACTERISTICS Conducted emissions Radiated emissions ESD air ESD contact Surge Fast transients Radiated immunity Conducted immunity EN55022, FCC part 15 EN55022, FCC part 15 EN61000-4-2, level 3 EN61000-4-2, level 4 EN61000-4-5, level 3 EN61000-4-4, level 3 EN61000-4-3, level 3 EN61000-4-6, level 3 Level B Level A criteria 1 criteria 1 criteria 1 criteria 1 criteria 2 criteria 1 Relative humidity Altitude Vibration (See Note 11)
Perf. Perf. Perf. Perf. Perf. Perf.
File Name: NFS110.PDF Rev: 01 Jan 2000
NFS110 Series
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
OUTPUT VOLTAGE +5.1V +12.0V -12.0V -5.0V +5.1V (IA) +24.0V (IB) +12.0V -12.0V +5.1V +15.0V -15.0V -5.0V 5.1V 12V 15V 24V Notes
1 2 3 4 5
(6)
Single and quad output
80-110W AC/DC Universal Input Switch Mode Power Supplies 2
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT CURRENTS MAX
(1)
PEAK
(2)
FAN
(3)
RIPPLE 50mV
(4)
TOTAL REGULATION 2.0% 3.0% 3.0% 3.0% 2.0% +10/-5.0% 3.0% 3.0% 2.0% 3.0% 3.0% 3.0% 2.0% 2.0% 2.0% 2.0%
(5)
MODEL NUMBERS NFS110-7601P
(F)
8.0A 4.5A 0.5A 0.5A 8.0A 3.5A 4.5A 0.5A 8.0A 4.0A 0.5A 0.5A 16.0A 7.0A 5.0A 3.5A
20.0A 9.0A 1.5A 1.5A 20.0A 4.5A 9.0A 1.5A 20A 7.5A 1.5A 1.5A 22.0A 9.0A 7.3A 4.5A
10.0A 5.0A 1.0A 1.0A 10.0A 4.5A 5.0A 1.0A 10A 5A 1.0A 1.0A 20.0A 9.0A 7.3A 4.5A
120mV 120mV 50mV 50mV 240mV 120mV 120mV 50mV 150mV 150mV 50mV 50mV 120mV 150mV 240mV TRANSIENT RESPONSE NFS110-7601P
NFS110-7602P
(6)
NFS110-7604P
NFS110-7605 NFS110-7612 NFS110-7615 NFS110-7624
(7,8) (7,8) (7,8) (7,8)
6
7
8 9
10 11 12 13
Convection cooled, 80W maximum. Peak outputs lasting less than 60 seconds with duty cycle less than 10%. Total peak power must not exceed 110W. Forced air, 20CFM at 1 atmosphere, 110W maximum. Figure is peak-to-peak. Output ripple is measured across a 50MHz bandwidth using a 12 inch twisted pair terminated with a 47F capacitor. Total regulation is defined as the static output regulation at 25C, including initial tolerance, line voltage within stated limits and output voltages adjusted to their factory settings. To achieve stated regulation on the 24V output on the NFS110-7602P, the following load condition must be true: IA / IB 5, where: IA = +5.1V output current, and IB = +24V output current The +24V output will maintain 5.0% regulation under the following additional condition: IA 5A. Single output models have floating outputs which may be referenced as either positive or negative. Higher voltage supplies may be adjusted over a wide output voltage range, as long as the total output power does not exceed 80 Watts (natural convection) or 110 Watts (forced air). Power fail detect not available on single output models. Derating curve is application specific for ambient temperatures >50C, for optimum reliability no part of the heatsink should exceed 90oC and no semiconductor case temperature should exceed 100oC. Caution: Allow a minimum of 1 second after disconnecting the power when making thermal measurements. Three orthogonal axes, random vibration, 10 minute test for each axis. This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. Artesyn Technologies recommends a minimum load of 11W to achieve the design MTBF. See the derating curve on page 3.
+5.1V (7.5A to 10A) +12V (2.5A to 5A) -12V (0.5A to 1A) -5V (0.5A to 1A)
150mV peak, 1ms recovery 100mV peak, 0.5ms recovery 100mV peak, 0.5ms recovery 100mV peak, 0.5ms recovery 150mV peak, 1ms recovery 300mV peak, 1ms recovery 100mV peak, 0.5ms recovery 100mV peak, 0.5ms recovery 150mV peak, 1ms recovery 100mV peak, 0.5ms recovery 100mV peak, 0.5ms recovery 100mV peak, 0.5ms recovery 250mV peak, 1ms recovery 360mV peak, 1ms recovery 450mV peak, 1ms recovery 720mV peak, 1ms recovery
NFS110-7602P
+5.1V (7.5A to 10A) +24V (1.5A to 3A) +12V (2.5A to 5A) -12V (0.5A to 1A)
NFS110-7604P
+5.1V (7.5A to 10A) +15V (2.5A to 5A) -15V (0.5A to 1A) -5V (0.5A to 1A)
NFS110-7605 NFS110-7612 NFS110-7615 NFS110-7624
+5.1V (10A to 20A) +12V (4.5A to 9A) +15V (3.65A to 7.3A) +24V (2.25A to 4.5A)
www.artesyn.com
File Name: NFS110.PDF Rev: 01 Jan 2000
NFS110 Series
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
AC (J1) mating connector
Molex 09-50-3051 or Molex 09-91-0500 mating connector with 2478 or equivalent crimp terminals.
Single and quad output
80-110W AC/DC Universal Input Switch Mode Power Supplies 3
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Power fail detect signal (Note 8)
50msT1200ms T2 will vary with line and load T33ms Pout: 110W PFD output is an open collector which will sink 40mA in the low state.
OPTIONAL POWER FAIL DETECT TIMING DIAGRAM
AC INPUT 4.75V HIGH LOW PFD SIGNAL 0-0.4 MAX T1 T2 4.75V
DC (J2) mating connector
Molex 09-50-3131 or Molex 09-91-1300 mating connector with 2478 or equivalent crimp terminals.
0.475 0.010 (12.07)
5V OUTPUT
3.5V MIN T3
DERATING CURVE (See Notes 9, 10)
Output Power (Watts)
110W
1.80 (45.72) MAX
1.00 0.005 (25.4) 6-32 UNC (4PL) PIN 1 Voltage Adjust Optional Power Fail Detect Circuit (Key = Pin 2) T1 T1 Pin 1 PIN 1 L1 0.156 DIA. HOLE (4PL)
20 CFM FORCED AIR COOLING
80W
0.050 0.020 (1.27)
3.35 0.015 (85.09)
1.55 0.005 (39.37)
J2
4.250 0.020 (107.95) 3.750 0.005 (95.25)
NATURAL CONVECTION COOLING
55W 40W
J1 C6 F1
11W 0W 0C
11W MINIMUM LOAD REQUIRED AT 230VAC
10C 20C 30C 40C 50C 60C 70C
0.250 0.010 (6.35)
6.50 0.005 (165.1) 7.00 0.020 (177.8) 0.250 0.010 (6.35)
5A, 250 VAC
ALL DIMENSIONS IN INCHES (mm)
PIN CONNECTIONS J1 -7601P AC Ground AC Neutral AC Line -7602P AC Ground AC Neutral AC Line -7604P AC Ground AC Neutral AC Line SINGLES AC Ground AC Neutral AC Line
Mechanical Notes
A Metallic or non-metallic stand-offs (maximum diameter 5.4mm) can be used in all four mounting holes without effecting safety approval. B The ground pad of the mounting hole near J1, allows system grounding through a metal stand-off to the system chassis. C The heat sink is grounded, and allows system grounding by mechanical connection to the system chassis. D The supply must be mechanically supported using the PCB mounting holes and may be additionally supported by the heatsink mounting holes. E It is always advisable to attach the power supply heat sink to another thermal dissipator (such as a chassis or finned heatsink etc). The resulting decrease in heat sink mounted component temperatures will improve power supply lifetime. F A standard L-bracket and cover is available for mounting which contains all screws, connectors and necessary mounting hardware. Two different kits are available, order part number `NFS110 COVER KIT' or `NFS110C'.
Pin 1 Pin 2 Pin 3 J2 Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9
+5.1V +5.1V +5.1V Return Return Return Return +12V +12V PFD -12V
+5.1V +5.1V +5.1V Return Return Return Return +12V +12V PFD -12V
+5.1V +5.1V +5.1V Return Return Return Return +15V +15V PFD -15V
Vout Vout Vout Return Return Return Return Vout Vout N/C N/C
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1049 Licence No. 2874, 1653 and 1049 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C
Pin 10 Pin 11 Pin 12 Pin 13
Removed for Key -5V +24V -5V N/C
N/C = no connection.
Data Sheet (c) Artesyn Technologies(R) 2002 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
www.artesyn.com
File Name: NFS110.PDF Rev: 01 Jan 2000


▲Up To Search▲   

 
Price & Availability of NFS110-7612

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X