Part Number Hot Search : 
MSB32XA TK65924M 1N4737A AN1014 F540ZS GSM090D AD8398 X1286V14
Product Description
Full Text Search
 

To Download NB3L553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NB3L553 2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
Description
The NB3L553 is a low skew 1-to 4 clock fanout buffer, designed for clock distribution in mind. The NB3L553 specifically guarantees low output-to-output skew. Optimal design, layout and processing minimize skew within a device and from device to device. The output enable (OE) pin tri-states the outputs when low.
8
http://onsemi.com MARKING DIAGRAMS*
8 1 SOIC-8 D SUFFIX CASE 751 3N553 A L Y W G 3L553 ALYW G 1 = Specific Device Code = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
Features
* * * * * * * *
Input/Output Clock Frequency up to 200 MHz Low Skew Outputs (35 ps) Output Enable Mode Three-States Outputs Operating Range: VDD = 2.375 V to 5.25 V Ideal for Networking Clocks Packaged in 8-pin SOIC Industrial Temperature Range These are Pb-Free Devices
Q1 Q2 CLK Q3 Q4
1
DFN8 MN SUFFIX CASE 506AA
1
XX = Specific Device Code M = Date Code (Note: Microdot may be in either location) *For additional marking information, refer to Application Note AND8002/D.
OE
PINOUT
VDD Q0 Q1 GND 1 2 3 4 8 7 6 5 OE Q3 Q2 ICLK
Figure 1. Block Diagram
ORDERING INFORMATION
Device NB3L553DG NB3L553DR2G NB3L553MNR4G* Package SOIC-8 (Pb-Free) SOIC-8 (Pb-Free) DFN-8 (Pb-Free) Shipping 98 Units/Rail 2500/Tape & Reel 1000/Tape & Reel
*Contact Sales Representative For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2006
1
March, 2006 - Rev. 0
Publication Order Number: NB3L553/D
XX MG G 4
NB3L553
OE 0 1 Function Disable Enable
Table 1. OE, Output Enable Function PIN DESCRIPTION
Pin # 1 2 3 4 5 6 7 8 Name VDD Q0 Q1 GND ICLK Q2 Q3 OE Type Power (LV)CMOS/(LV)TTL Output (LV)CMOS/(LV)TTL Output Power (LV)CMOS/(LV)TTL Input (LV)CMOS/(LV)TTL Output (LV)CMOS/(LV)TTL Output (LV)CMOS/(LV)TTL Input Description Positive supply voltage (2.375 V to 5.25 V) Clock Output 0 Clock Output 1 Negative supply voltage; Connect to ground, 0 V Clock Input. 5.0 V tolerant Clock Output 2 Clock Output 3 Output Enable for the clock outputs. Outputs are enabled when HIGH: connect to VDD for normal operation; OE pin has internal pull-up resistor. Three-states outputs when LOW.
MAXIMUM RATINGS
Symbol VDD VI TA Tstg qJA qJC Parameter Positive Power Supply Input Voltage Operating Temperature Range, Industrial Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Condition 1 GND = 0 V - - - 0 LFPM 500 LFPM (Note 1) Condition 2 - - - - SOIC-8 SOIC-8 Rating 6.0 GND -0.5 VI VDD + 0.5 -40 to +85 -65 to +150 190 130 41 to 44 Units V V _C _C _C/W _C/W _C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. JEDEC standard multilayer board - 2S2P (2 signal, 2 power)
ATTRIBUTES
Characteristic ESD Protection Human Body Model Machine Model Charged Device Model Value > 2 kV > 150 V > TBD kV Level 1 UL-94 code V-0 @ 0.125 in 531 Devices
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 2) Flammability Rating Transistor Count Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test Oxygen Index: 28 to 34
2. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.
http://onsemi.com
2
NB3L553
DC CHARACTERISTICS (VDD = 2.375 V to 2.625 V, GND = 0 V, TA = -40C to +85C) (Note 3)
Symbol IDD VOH VOL VIH, ICLK VIL, ICLK VIH, OE VIL, OE ZO CIN IOS Characteristic Power Supply Current @ 135 MHz, No Load Output HIGH Voltage - IOH = -16 mA Output LOW Voltage - IOL = 16 mA Input HIGH Voltage, ICLK Input LOW Voltage, ICLK Input HIGH Voltage, OE Input LOW Voltage, OE Nominal Output Impedance Input Capacitance, ICLK, OE Short Circuit Current Min - 2.0 - (VDD/2)+0.5 - 1.8 - - - - Typ 25 - - - - - - 20 5.0 28 Max TBD - 0.4 3.8 (VDD/2)-0.5 VDD 0.7 - - - Unit mA V V V V V V W pF mA
DC CHARACTERISTICS (VDD = 3.15 V to 3.45 V, GND = 0 V, TA = -40C to +85C) (Note 3)
Symbol IDD VOH VOL VOH VIH, ICLK VIL, ICLK VIH, OE VIL, OE ZO CIN IOS Characteristic Power Supply Current @ 135 MHz, No Load Output HIGH Voltage - IOH = -25 mA Output LOW Voltage - IOL = 25 mA Output HIGH Voltage - IOH = -12 mA (CMOS level) Input HIGH Voltage, ICLK Input LOW Voltage, ICLK Input HIGH Voltage, OE Input LOW Voltage, OE Nominal Output Impedance Input Capacitance, OE Short Circuit Current Min - 2.4 - VDD - 0.4 (VDD/2)+0.7 - 2.0 0 - - - Typ 35 - - - - - - - 20 5.0 50 Max TBD - 0.4 - 3.8 (VDD/2)-0.7 VDD 0.8 - - - Unit mA V V V V V V V W pF mA
DC CHARACTERISTICS (VDD = 4.75 V to 5.25 V, GND = 0 V, TA = -40C to +85C) (Note 3)
Symbol IDD VOH VOL VOH VIH, ICLK VIL, ICLK VIH, OE VIL, OE ZO CIN IOS Characteristic Power Supply Current @ 135 MHz, - No Load Output HIGH Voltage - IOH = -35 mA Output LOW Voltage - IOL = 35 mA Output HIGH Voltage - IOH = -12 mA (CMOS level) Input HIGH Voltage, ICLK Input LOW Voltage, ICLK Input HIGH Voltage, OE Input LOW Voltage, OE Nominal Output Impedance Input Capacitance, OE Short Circuit Current Min - 2.4 - VDD - 0.4 (VDD/2) + 1 - 2.0 - - - - Typ 45 - - - - - - - 20 5.0 80 Max TBD - 0.4 - 5.5 (VDD/2) - 1 VDD 0.8 - - - Unit mA V V V V V V V W pF mA
http://onsemi.com
3
NB3L553
AC CHARACTERISTICS; VDD = 2.5 V +5% (VDD = 2.375 V to 2.625 V, GND = 0 V, TA = -40C to +85C) (Note 3)
Symbol fin tr/tf tpd tskew tskew Input Frequency Output rise and fall times; 0.8 V to 2.0 V Propagation Delay, CLK to Qn (Note 4) Output-to-output skew; (Note 5) Device-to-device skew, (Note 5) Characteristic Min - - 2.2 - - Typ - 1.0 3.0 35 - Max 200 1.5 5.0 - 500 Unit MHz ns ns ps ps
AC CHARACTERISTICS; VDD = 3.3 V +5% (VDD = 3.15 V to 3.45 V, GND = 0 V, TA = -40C to +85C) (Note 3)
Symbol fin tr/tf tpd tskew tskew Input Frequency Output rise and fall times; 0.8 V to 2.0 V Propagation Delay, CLK to Qn (Note 4) Output-to-output skew; (Note 5) Device-to-device skew, (Note 5) Characteristic Min - - 2.0 - - Typ - 0.6 2.4 35 - Max 200 1.0 4.0 50 500 Unit MHz ns ns ps ps
AC CHARACTERISTICS; VDD = 5.0 V +5% (VDD = 4.75 V to 5.25 V, GND = 0 V, TA = -40C to +85C) (Note 3)
Symbol fin tr/tf tpd tskew tskew Input Frequency Output rise and fall times; 0.8 V to 2.0 V Propagation Delay, CLK to Qn (Note 4) Output-to-output skew; (Note 5) Device-to-device skew, (Note 5) Characteristic Min - - 1.8 - - Typ - 0.3 2.5 35 - Max 200 0.7 4.0 - 500 Unit MHz ns ns ps ps
3. Outputs loaded with external RL = 33-W series resistor and CL = 15 pF to GND for proper operation. Duty cycle out = duty in. A 0.01 mF decoupling capacitor should be connected between VDD and GND. 4. Measured with rail-to-rail input clock 5. Measured on rising edges at VDD / 2 between any two outputs with equal loading.
http://onsemi.com
4
NB3L553
PACKAGE DIMENSIONS
SOIC-8 NB CASE 751-07 ISSUE AG
A
8 5
-X-
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
NB3L553
PACKAGE DIMENSIONS
DFN8 CASE 506AA-01 ISSUE D
D A B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994 . 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 MM FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. MILLIMETERS MIN MAX 0.80 1.00 0.00 0.05 0.20 REF 0.20 0.30 2.00 BSC 1.10 1.30 2.00 BSC 0.70 0.90 0.50 BSC 0.20 --- 0.25 0.35
PIN ONE REFERENCE
E
2X
0.10 C
2X
0.10 C
TOP VIEW
DIM A A1 A3 b D D2 E E2 e K L
0.10 C
8X
0.08 C
SEATING PLANE
A1
e/2
1 8X 4
L
K
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
CCC CCC CCC CCC
8
A
SIDE VIEW D2
(A3) C
e
E2
5 8X
b
0.10 C A B 0.05 C
NOTE 3
BOTTOM VIEW
http://onsemi.com
6
NB3L553/D


▲Up To Search▲   

 
Price & Availability of NB3L553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X