Part Number Hot Search : 
30002 T480002 136274 L8022 3D3A2 D13003B PIC33FJ 40FDR12A
Product Description
Full Text Search
 

To Download MUR160-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR140 - MUR160
1.0A SUPER-FAST RECTIFIER Features
* * * * * *
Glass Passivated Die Construction Super-Fast Recovery Time For High Efficiency Low Forward Voltage Drop and High Current Capability Surge Overload Rating to 35A Peak Ideally Suited for Automated Assembly Lead Free Finish, RoHS Compliant (Note 5)
C
A
B
A
Mechanical Data
* * * * * * * *
Case: DO-41 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish 3/4 Bright Tin. Solderable per MIL-STD-202, Method 208 Marking: MUR140: R140 MUR160: R160 Polarity: Cathode Band Mounting Position: Any Weight: 0.35 grams (approximate) Dim A B C D
D
DO-41 Plastic Min 25.40 4.06 0.71 2.00 Max 3/4 5.21 0.864 2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TT = 120C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 2) Reverse Recovery Time (Note 3) Forward Recovery Time (Note 4) Typical Junction Capacitance (Note 1) Typical Thermal Resistance, Junction to Ambient Operating and Storage Temperature Range
Notes: 1. 2. 3. 4. 5.
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr trr tfr Cj RqJA Tj, TSTG
MUR140 400 283 1.0 35 1.25 1.05 5.0 150 50 75 50 45 72 -65 to +175
MUR160 600 424
Unit V V A A V mA ns ns ns pF K/W C
@ IF = 1.0A, TJ = 25C @ IF = 1.0A, TJ = 150C @ TA = 25C @ TA = 150C
Measured at 1.0MHz and applied reverse voltage of 0V DC. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See Figure 5. Measured with IF = 1A, di/dt = 50A/us. Measured with IF = 1.0A, di/dt = 100A/ms, Duty Cycle 2.0%. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS30112 Rev. 6 - 2
1 of 3 www.diodes.com
MUR140 - MUR160
a Diodes Incorporated
3
IO, AVERAGE FORWARD CURRENT (A)
IF, INSTANTANEOUS FORWARD CURRENT (A)
10.0 7.0 5.0 3.0 2.0 1.0 0.5
TC = 25 C
0
175 C
0
100 C
0
2
1
0.1 0.05
0 0 25 50 75 100 125 150 175 TT, TERMINAL TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve
0.01 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 VF, INSTANTANEOUS VOLTAGE (V) Fig. 2 Typical Forward Current
IFSM, PEAK FORWARD SURGE CURRENT (A)
60
Single Half-Sine-Wave (JEDEC Method)
80 40 20 8.0 4.0 2.0 0.8 TJ = 100 C
0
50
TJ = 175 C
0
40 30 20
0.4 0.2 0.08 0.04 0.02
10
0.008
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Surge Current Derating Curve 100
TJ = 25 C
0
0.004 0.002 0 50 100 150 200 250 300 350 400 450 500 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Reverse Current
trr +0.5A
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
Oscilloscope (Note 1)
(+)
-1.0A Set time base for 50/100 ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
DS30112 Rev. 6 - 2
2 of 3 www.diodes.com
MUR140 - MUR160
Ordering Information
Device MUR140-A MUR140-B MUR140-T MUR160-A MUR160-B MUR160-T
Notes:
(Note 6) Packaging DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 Shipping 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS30112 Rev. 6 - 2
3 of 3 www.diodes.com
MUR140 - MUR160


▲Up To Search▲   

 
Price & Availability of MUR160-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X