Part Number Hot Search : 
CA3013 AL4CA01 FQA7N65C 16000 MST9220 2SC4081 KBU10M CXP88624
Product Description
Full Text Search
 

To Download MSM855 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROSPACE PC/104
Pentium-M CPU 0.6/1.0/1.4/1.8GHz - MSM855(B, B2)
Feature
* * * * * * * * * * * * * * * Intel Pentium-M 0.6/1.0/1.4/1.8GHz Power Management 266-1024MB DDR-RAM Direct-X compatible Video Controller CRT/LCD on-board 100/10Base-T LAN-Ethernet (incl. transformer for B versions) 5x USB 2.0 Port E-IDE Hard Disk Interface COM1, COM2, LPT1 RTC and Watchdog Timer EEPROM Stup Save Single 5VDC Power Supply PC/104 (ISA) BUS PC/104+BUS option
Ordering Information
MSM855 MSM855B MSM855B2
Description
The MSM855 is a member of the very successful PC/104+ family from Digital-Logic AG. This product in conjunction with the SM855 is a very fast, high performance computer and @ 1.4GHz (SM855-P738) it is about equivalent to a 2.8GHz Pentium 4 performance level in a very small form factor. The memory can be expanded up to 1024MB with a DDR-SODIMM module. The integrated video controller can control two independent displays (CRT or LVDS/DVI). This product includes 5USB (V2.0) interfaces allowing for fast connectivity options. For multimedia applications, the 5.1 sound provides 6 output channels and 2 input channels. The ISA Bus is generated from a PCI-ISA-bridge (B version only), or an LPC Bridge Chip to provide an expansion bus for PC/104 (ISA) interface Cards. Over the PC/104+ (PCI) connector, up to 4 cards can be connected (3 for B). The CPU has very low typical Power consumption and uses speedstep to keep the current consumption down (Pentium M only). The BIOS allows to boot the operating system from all possible medias. The graphic controller is compatible up to Direct-X9.0.
Item Codes
803010 803060 803062 805166 805192 805163 805164 805168 807008 807006 803020 803021 803030 803034
Part#
Baseboard only Baseboard (incl. LAN transformer)
Baseboard (incl. 2nd LAN and transformer)
Description
SM855-C300 SM855-C140 SM855-C373 SM855-P738 SM855-P745 Options -CF -L+ MSM855-LANCON MSM855B-LANCON MSM855-CKCON MSM855B-CKCON
Choose one of the SM855-(X) Celeron-M 600MHz, 512k L2 cache Celeron-M 1.0GHz, 0k L2 cache Celeron-M 1.0GHz, 512k L2 cache Pentium-M 738, 1.4GHz, 2048k L2 cache Pentium-M 745, 1.8GHz, 2048k L2 cache Compact Flash Socket PC/104-plus Connector Long Cable & Connector Board Cable & Connector Board (for B version) Cable Kit w/Connector Board
Cable Kit w/Connector Board (for B version)
Memory Options DDR-DRAM256-3 994825 256MB 333 MHz DDR DDR-DRAM512-3 994925 512MB 333 MHz DDR DDR-DRAM1024-3 994025 1024MB 333 MHz DDR Extended Temp. DRAM available. *More options may be available, please contact our Sales office * **Limited availability
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4328 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adlogic-pc104.com; web: www.adlogic-pc104.com
MICROSPACE PC/104
Feature Technical Specifications
FEATURES
Item code CPU 2nd Level Cache Performance (MHz) DRAM Min-Max (MB) Power Management DiskOnChip Socket CompactFlash Socket Mouse, Keyboard Floppy Interface IDE Interface Onboard IDE-Flash COM1 COM2 COM3 COM4 LPT1 USB LAN Audio Video Controller Video Datapath Video Memory CRT Video LCD Interface LCD Resolution Video Input EEPROM Support Watchdog RTC Battery Power Normal (typ) Power Suspend Cooling Type Operating Temp. Extended Temp. Weight (gr) MTBF
FUNCTIONS
MSM855
Intel 855 Pentium M / Celeron M
MSM855B
Intel 855 Pentium M / Celeron M
MSM855B2
Intel 855 Pentium M / Celeron M
0-2MB (CPU dependent) 0.6-1.8GHz DDR-SODIMM 128-1024 MB yes -- Optional (not with L+) Yes PS/2 yes 1x P-ATA -- V24/RS232C V24/RS232C -- -- yes 6 (V2.0) 10/100BASE-T (transformer off board) AC97, 5.1 Sound i855GME 32 Bit 16-64 MB analog XVGA DVO/LVDS 1600 x 1280 -- yes yes 410mAh 5V/~2.5A (@512/0.6GHz) 5V/~2A (@0.6GHz) passive -25C to +60C -40C to +70C 250 > 200'000 h
0-2MB (CPU dependent) 0.6-1.8GHz DDR-SODIMM 128-1024 MB yes -- Optional (not with L+) Yes PS/2 yes 1x P-ATA -- V24/RS232C V24/RS232C -- -- yes 6 (V2.0) 10/100BASE-T incl. Transformer AC97, 5.1 Sound i855GME 32 Bit 16-64 MB analog XVGA DVO/LVDS 1600 x 1280 -- yes yes 80mAh 5V/~2.7A (@512/1.0GHz) 5V/~2A (@0.6GHz) passive/active -25C to +60C -40C to +70C 250 > 200'000 h
0-2MB (CPU dependent) 0.6-1.8GHz DDR-SODIMM 128-1024 MB yes -- Optional (not with L+) Yes PS/2 yes 1x P-ATA -- V24/RS232C V24/RS232C -- -- yes 6 (V2.0) 2x 10/100BASE-T incl. Transformer AC97, 5.1 Sound i855GME 32 Bit 16-64 MB analog XVGA DVO/LVDS 1600 x 1280 -- yes yes 80mAh 5V/~3.4A (@512/1.4GHz) 5V/~2.2A (@0.6GHz) passive/active -25C to +60C -40C to +70C 250 > 200'000 h
Data subject to change without notice Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4328 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adlogic-pc104.com; web: www.adlogic-pc104.com


▲Up To Search▲   

 
Price & Availability of MSM855

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X