Part Number Hot Search : 
MRF158 R20100 FC138 AHF2812D H5RE29AC ISPLSI CEF09N7A TC4211
Product Description
Full Text Search
 

To Download MMBT5401LT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 @vic
SOT-23 Plastic-Encapsulate Transistors
MMBT5401LT1
FEATURES Power dissipation PCM:
TRANSISTOR (PNP)
SOT-23
1. BASE 2. EMITTER 3. COLLECTOR
0.3
W (Tamb=25)
0. 95
1. 0
-
2. 4 1. 3
Collector current ICM: -0.6 A Collector-base voltage -160 V V(BR)CBO: Operating and storage junction temperature range TJ, Tstg: -55 to +150 ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter
2. 9
1. 9
0. 95
Unit: mm
unless otherwise specified)
Symbol Test conditions MIN MAX UNIT
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current
V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO HFE(1)
Ic= -100 A, IE=0 Ic= -1 mA, IB=0 IE= -10A, IC=0 VCB=-120V, IE=0 VEB=-4V, IC=0 VCE= -5V, IC= -1mA VCE= -5V, IC=-10mA VCE= -5V, IC=-50mA IC=-50mA, IB= -5mA IC= -50mA, IB= -5mA VCE= -5V, IC= -10mA
-160 -150 -5 -0.1 -0.1 80 100 50 -0.5 -1 200
0. 4
V V V
A A
DC current gain
HFE(2) HFE(3)
Collector-emitter saturation voltage Base-emitter voltage Transition frequency saturation
VCE(sat) VBE(sat)
V V
fT
f=30MHz
100
MHz
DEVICE MARKING
MMBT5401LT1=2L


▲Up To Search▲   

 
Price & Availability of MMBT5401LT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X