Part Number Hot Search : 
HL2205 C4002 MAX50 CY7C15 XXXCB F10N20C M325TCN FX802
Product Description
Full Text Search
 

To Download M51945B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M51945A,B/M51946A,B
Voltage Detecting, System Resetting IC Series
REJ03D0774-0200 Rev.2.00 Aug 20, 2007
Description
M51945A,B/M51946A,B are semiconductor integrated circuits for resetting of all types of logic circuits such as CPUs, and has the feature of setting the detection voltage by adding external resistance. They fined extensive applications, including battery checking circuit, level detecting circuit and waveform shaping circuit.
Features
* Few external parts * Low threshold operating voltage (Supply voltage to keep low-state at low supply voltage): 0.6 V (Typ) at RL = 22 k * Wide supply voltage range: 2 V to 17 V * Wide application range
Application
* Reset circuit of Pch, Nch, CMOS, microcomputer, CPU and MCU, Reset of logic circuit, Battery check circuit, switching circuit back-up voltage, level detecting circuit, waveform shaping circuit, delay waveform generating circuit, DC/DC converter, over voltage protection circuit
Recommended Operating Condition
* Supply voltage range: 2 V to 17 V
Pin Arrangement
M51945AL/BL M51946AL/BL 5 Output 4 NC 3 GND NC 3 2 Input 1 Power-supply (Top view) Outline: 5P5T GND 4 (Top view) NC: No Connection Outline: PRSP0008DE-C (recommend) PRSP0008DA-A (8P2S-A) (not recommend for new design) 5 NC 6 Output NC 1 Input 2 M51945AFP/BFP M51946AFP/BFP 8 NC 7 Power-supply
REJ03D0774-0200 Rev.2.00 Aug 20, 2007 Page 1 of 10
M51945A,B/M51946A,B
Block Diagram
M51945A, B Powersupply A: Built-in Load B: Open Collector M51946A, B Powersupply A: Built-in Load B: Open Collector
25A Typ Input - + 1.25V
Output
25A Typ Input + - 1.25V
Output
GND
GND
Operating Waveform
M51945A, B M51946A, B
Input voltage
1.25V
Input voltage
t
1.25V
t
Output state
L t
Output state
H
H
L t
REJ03D0774-0200 Rev.2.00 Aug 20, 2007 Page 2 of 10
M51945A,B/M51946A,B
Absolute Maximum Ratings
(Ta = 25C, unless otherwise noted)
Item Supply voltage Output sink current Output voltage Power dissipation Symbol VCC Isink VO Pd Ratings 18 6 VCC 18 450 400 300 Thermal derating K 4.5 4.4 3 Operating temperature Storage temperature Input voltage range Topr Tstg VIN -30 to +85 -40 to +125 -0.3 to VCC -0.3 to +7 C C V VCC 7 V VCC > 7 V mW/C Unit V mA V mW Conditions
Type A (output with constant current load) Type B (open collector output) 5-pin SIP 8-pin SOP (PRSP0008DE-C): recommend 8-pin SOP (PRSP0008DA-A): not recommend Refer to the thermal derating curve. 5-pin SIP 8-pin SOP (PRSP0008DE-C) : recommend 8-pin SOP (PRSP0008DA-A) : not recommend
Electrical Characteristics
(Ta = 25C, unless otherwise noted) * "L" reset type M51945A, M51945B * "H" reset type M51946A, M51946B
Item Detecting voltage Hysteresis voltage Detecting voltage temperature coefficient Supply voltage range Input current Circuit current Output saturation voltage Threshold operating voltage Output leakage current Output load current Output high voltage Propagation delay time Symbol VS VS VS/T VCC IIN ICC Vsat VOPL IOH IOC VOH tPHL tPLH Min 1.20 9 -- 2 -- -- -- -- -- -- -- -- -40 VCC-0.2 -- -- Typ 1.25 15 0.01 -- 100 310 280 0.2 0.2 0.67 0.55 -- -25 VCC-0.06 4 2 Max 1.30 23 -- 17 500 470 420 0.4 0.4 0.8 0.7 1 -17 -- -- -- A A V s V V Unit V mV %/C V nA A VIN = 1.25V Test Conditions
Type A, VCC = 5V Type B, VCC = 5V
L reset type, VCC = 5V, VIN < 1.2V, Isink = 4mA H reset type, VCC = 5V, VIN > 1.35V, Isink = 4mA L reset type minimum supply voltage for IC operation RL = 2.2k, Vsat 0.4V RL = 100k, Vsat 0.4V
Type B Type A, VCC = 5V, VO = 1/2 x VCC Type A
Response time when VCC changes H L Response time when VCC changes L H
REJ03D0774-0200 Rev.2.00 Aug 20, 2007 Page 3 of 10
M51945A,B/M51946A,B
Typical Characteristics
Thermal Derating (Maximum Rating) 500 Detection Voltage vs. Ambient Temperature (Input voltage detection series) 1.28
Power Dissipation Pd (mW)
Detecting Voltage VS (V)
400 300 200 100 0 0
5-pin SIP 8-pin SOP (PRSP0008DE-C) : recommend 8-pin SOP (PRSP0008DA-A) : not recommend
1.27
VSH
1.26 1.25 1.24 1.23 1.22 -40 -20
VSL
25
50
75 85 100
125
0
20
40
60
80 100
Ambient Temperature Ta (C) Detection Voltage vs. Supply Voltage (Input voltage detection series) 1.28
Ambient Temperature Ta (C) Input Current vs. Supply Voltage (Input voltage detection series) 250
VIN = 1.25V
Detecting Voltage VS (V)
Input Current IIN (nA)
1.27 1.26 1.25
VSL VSH
200 150
Ta = -30C
100
Ta = 25C
1.24 1.23 1.22 0
50 0 0
Ta = 85C
4
8
12
16
20
4
8
12
16
20
Supply Voltage VCC (V) Threshold Operating Voltage ([L] reset type) 1.0
Ta = 25C
Supply Voltage VCC (V)
Output Saturation Voltage Vsat (V)
Output Saturation Voltage vs. Output Sink Current 0.3
Supply voltage detecting "L" reset type : VCC = 4V Except above mentioned : VCC = 5V
Output Voltage VOUT (V)
0.8 0.6
RL = 2.2k
0.2
0.4 0.2 0 0
RL = 22k RL = 100k
0.1
0.2
0.4
0.6
0.8
1.0
0 0
1
2
3
4
5
6
Supply Voltage VCC (V)
Output Sink Current Isink (mA)
REJ03D0774-0200 Rev.2.00 Aug 20, 2007 Page 4 of 10
M51945A,B/M51946A,B
Circuit Current vs. Supply Voltage (M51945B, M51946B) 800
Circuit Current ICC (A)
600
Ta = -30C
400
Ta = 25C
200
Ta = 85C
0 0
4
8
12
16
Supply Voltage VCC (V)
Example of Application Circuit
Reset Circuit of M5194xx Series
VCC
R1 Input
Powersupply Output M5194xx
RL
Powersupply RESET (RESET) Logic circuit
R2
GND
Cd
GND
Figure 1 Reset Circuit of M5194xx Series Notes: 1. When the detecting supply voltage is 4.25 V, M51943 and M51944 are used and R1 and R2 are not necessary. When the voltage is anything except 4.25 V, M51945 and M51946 are used. In this case, the detecting supply voltage is 1.25 x (R1 +R2)/R2 (V) approximately. The detecting supply voltage can be set between 2 V and 15 V. 2. If the M5194xx and the logic circuit share a common power source, type A (built-in load type) can be used whether a pull-up resistor is included in the logic circuit or not. 3. The logic circuit preferably should not have a pull-down resistor, but if one is present, add load resistor RL to overcome the pull-down resistor. 4. It is better to use the M5195xx series to cause a delay, but if the delay is caused by the M5194xx series, the delay capacitor Cd is applied between the output and GND. 5. When the reset terminal in the logic circuit is of the low reset type, M51943 and M51945 are used and when the terminal is of the high reset type, M51944 and M51946 are used. 6. When a delay is necessary at both rise time and fall time, M51945 and M51946 are used and the series resistors (R11, R12) are applied between the output and GND or instead of R1, and these connect the capacitor between the connection point and GND. The connection point of the capacitor is fixed according to the ratio of delay at fall/rise time. 7. When a negative supply voltage is used, the supply voltage side of M5194xx and the GND side are connected to GND and the negative supply voltage respectively.
REJ03D0774-0200 Rev.2.00 Aug 20, 2007 Page 5 of 10
M51945A,B/M51946A,B
Notice for use
About the Power Supply Line 1. About bypass capacitor Because the ripple and the spike of the high frequency noise and the low frequency are superimposed to the power supply line, it is necessary to remove these. Therefore, please install C1 and C2 for the low frequency and for the high frequency between the power supply line and the GND line as shown in following figure 2.
VCC
+
C1
C2 R1 Input Vin R2 GND
Power-supply M51945 M51946 Output
Example of ripple noise measures
Figure 2 Example of Ripple Noise Measures 2. The sequence of voltage impression Please do not impress the voltages to the input terminals earlier than the power supply terminal. Moreover, please do not open the power supply terminal with the voltage impressed to the input terminal. (The setting of the bias of an internal circuit collapses, and a parasitic element might operate.) About the Input Terminal 1. Setting range of input voltage The following voltage is recommended to be input to the input terminal (pin 2). about 0.8 (V) < Vin < VCC - 0.3 (V) .... at VCC 7 V about 0.8 (V) < Vin < 6.7 (V) .............. at VCC > 7 V 2. About using input terminal Please do an enough verification to the transition characteristic etc. of the power supply when using independent power supply to input terminal (pin 2).
VCC Vin is decided to the VCC subordinating, and operates in the range about 0.8 (V) < Vin < VCC - 0.3 (V). Output
Power-supply Input Vin GND M51945 M51946
Figure 3 Recommended Example
REJ03D0774-0200 Rev.2.00 Aug 20, 2007 Page 6 of 10
M51945A,B/M51946A,B
Independent
VCC1
VCC2 Power-supply Independent Input Vin
VCC GND
VCC Power-supply M51945 M51946 Output
Input Vin GND
M51945 M51946
Output
GND
Example 1. Independent power supply system Please do enough verifying about transition characteristic of VCC1 and VCC2.
Example 2. Logic pulse input (not recommended)
Figure 4 3. Calculation of detecting voltage Detecting voltage Vs can be calculated by the following expression. However, the error margin is caused in the detecting voltage because input current Iin (standard 100 nA) exists if it sets too big resistance. Please set the constant to disregard this error margin. R1 + R 2 VS = 1.25 x + Iin x R1 R2 error margin
VCC
R1 Vin R2 Iin Input GND
Power-supply M51945 M51946 Output
Figure 5 Influence of Input Current 4. About the voltage input outside ratings Please do not input the voltage outside ratings to the input terminal. An internal protection diode becomes order bias, and a large current flows.
REJ03D0774-0200 Rev.2.00 Aug 20, 2007 Page 7 of 10
M51945A,B/M51946A,B Setting of Output Load Resistance (M51945B/M51946B) High level output voltage can be set without depending on the power-supply voltage because the output terminal is an open collector type. However, please guard the following notes. 1. Please set it in value (2 V to 17 V) within the range of the power-supply voltage recommendation. Moreover, please never impress the voltage of maximum ratings 18 V or more even momentarily either. 2. Please set output load resistance (pull-up resistance) RL so that the output current (output inflow current IL) at L level may become 4 mA or less. Moreover, please never exceed absolute maximum rating (6 mA).
VCC (2V to 17V) RL 6 IL 4mA
Figure 6 Output Load Resistance RL
Others 1. Notes when IC is handled are published in our reliability handbook, and please refer it. The reliability handbook can be downloaded from our homepage (following URL). http://www.renesas.com/fmwk.jsp?cnt=reliability_root.jsp&fp=/products/common_info/reliability 2. Additionally, please inquire of our company when there is an uncertain point on use.
REJ03D0774-0200 Rev.2.00 Aug 20, 2007 Page 8 of 10
M51945A,B/M51946A,B
Package Dimensions
5P5T
EIAJ Package Code SIP5-P-240-2.54 JEDEC Code - Weight(g) 0.22 Lead Material Cu Alloy
Plastic 5pin 240mil SIP
D
E
A2 A1 L A
Symbol
1
b e b1
5
E1 b2 c
SEATING PLANE
A A1 A2 b b1 b2 c D E E1 e L
Dimension in Millimeters Min Nom Max - - 6.1 - - 1.4 - - 4.0 0.4 0.5 0.6 1.1 1.2 1.5 0.75 0.85 1.15 0.22 0.27 0.34 11.7 11.9 11.5 1.77 1.97 2.17 0.6 0.7 0.8 - - 2.54 - - 3.0
JEITA Package Code P-SOP8-4.4x4.85-1.27
RENESAS Code PRSP0008DE-C
Previous Code --
MASS[Typ.] 0.1g
*1
D
F
8
5
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE E
*2
Index mark
Terminal cross section ( Ni/Pd/Au plating )
1 Z e 4
*3
c
Reference Symbol
Dimension in Millimeters
bp
x
M L1
A1
L
y
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
A
A2
Min Nom Max 4.65 4.85 5.05 4.2 4.4 4.6 1.85 0.00 0.1 0.20 2.03 0.34 0.4 0.46 0.15 0.20 0.25 0 8 5.7 6.2 6.5 1.12 1.27 1.42 0.12 0.10 0.75 0.25 0.45 0.65 0.90
REJ03D0774-0200 Rev.2.00 Aug 20, 2007 Page 9 of 10
M51945A,B/M51946A,B
JEITA Package Code P-SOP8-4.4x5-1.27 RENESAS Code PRSP0008DA-A Previous Code 8P2S-A MASS[Typ.] 0.07g
8
5
HE
*1
E
F
1
Index mark
4
NOTE) 1. DIMENSIONS "*1" AND "*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION "*3" DOES NOT INCLUDE TRIM OFFSET.
c
A2 A1
*2
D
Reference Symbol
Dimension in Millimeters
*3 e y
bp
D E A2 A1 A bp c HE e y L
Detail F
Min Nom Max 4.8 5.0 5.2 4.2 4.4 4.6 1.5 0.05 1.9 0.35 0.4 0.5 0.13 0.15 0.2 0 10 5.9 6.2 6.5 1.12 1.27 1.42 0.1 0.2 0.4 0.6
A
REJ03D0774-0200 Rev.2.00 Aug 20, 2007 Page 10 of 10
L
Sales Strategic Planning Div.
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
Notes: 1. This document is provided for reference purposes only so that Renesas customers may select the appropriate Renesas products for their use. Renesas neither makes warranties or representations with respect to the accuracy or completeness of the information contained in this document nor grants any license to any intellectual property rights or any other rights of Renesas or any third party with respect to the information in this document. 2. Renesas shall have no liability for damages or infringement of any intellectual property or other rights arising out of the use of any information in this document, including, but not limited to, product data, diagrams, charts, programs, algorithms, and application circuit examples. 3. You should not use the products or the technology described in this document for the purpose of military applications such as the development of weapons of mass destruction or for the purpose of any other military use. When exporting the products or technology described herein, you should follow the applicable export control laws and regulations, and procedures required by such laws and regulations. 4. All information included in this document such as product data, diagrams, charts, programs, algorithms, and application circuit examples, is current as of the date this document is issued. Such information, however, is subject to change without any prior notice. Before purchasing or using any Renesas products listed in this document, please confirm the latest product information with a Renesas sales office. Also, please pay regular and careful attention to additional and different information to be disclosed by Renesas such as that disclosed through our website. (http://www.renesas.com ) 5. Renesas has used reasonable care in compiling the information included in this document, but Renesas assumes no liability whatsoever for any damages incurred as a result of errors or omissions in the information included in this document. 6. When using or otherwise relying on the information in this document, you should evaluate the information in light of the total system before deciding about the applicability of such information to the intended application. Renesas makes no representations, warranties or guaranties regarding the suitability of its products for any particular application and specifically disclaims any liability arising out of the application and use of the information in this document or Renesas products. 7. With the exception of products specified by Renesas as suitable for automobile applications, Renesas products are not designed, manufactured or tested for applications or otherwise in systems the failure or malfunction of which may cause a direct threat to human life or create a risk of human injury or which require especially high quality and reliability such as safety systems, or equipment or systems for transportation and traffic, healthcare, combustion control, aerospace and aeronautics, nuclear power, or undersea communication transmission. If you are considering the use of our products for such purposes, please contact a Renesas sales office beforehand. Renesas shall have no liability for damages arising out of the uses set forth above. 8. Notwithstanding the preceding paragraph, you should not use Renesas products for the purposes listed below: (1) artificial life support devices or systems (2) surgical implantations (3) healthcare intervention (e.g., excision, administration of medication, etc.) (4) any other purposes that pose a direct threat to human life Renesas shall have no liability for damages arising out of the uses set forth in the above and purchasers who elect to use Renesas products in any of the foregoing applications shall indemnify and hold harmless Renesas Technology Corp., its affiliated companies and their officers, directors, and employees against any and all damages arising out of such applications. 9. You should use the products described herein within the range specified by Renesas, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. Renesas shall have no liability for malfunctions or damages arising out of the use of Renesas products beyond such specified ranges. 10. Although Renesas endeavors to improve the quality and reliability of its products, IC products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. Please be sure to implement safety measures to guard against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a Renesas product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other applicable measures. Among others, since the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 11. In case Renesas products listed in this document are detached from the products to which the Renesas products are attached or affixed, the risk of accident such as swallowing by infants and small children is very high. You should implement safety measures so that Renesas products may not be easily detached from your products. Renesas shall have no liability for damages arising out of such detachment. 12. This document may not be reproduced or duplicated, in any form, in whole or in part, without prior written approval from Renesas. 13. Please contact a Renesas sales office if you have any questions regarding the information contained in this document, Renesas semiconductor products, or if you have any other inquiries.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jalan Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2007. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .7.0


▲Up To Search▲   

 
Price & Availability of M51945B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X