Part Number Hot Search : 
M4300 RS403 PCJR0705 PC322 4013B LTC2636I PVB5VBV PC322
Product Description
Full Text Search
 

To Download LM385H-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM185-2.5/ LM285-2.5/LM385-2.5 Micropower Voltage Reference
FEATURES
s s s s
DESCRIPTIO
20A to 20mA Operating Range Guaranteed 1% Initial Voltage Tolerance Guaranteed 1 Dynamic Impedance Very Low Power Consumption
APPLICATIO S
s s s s s
Portable Meter References Portable Test Instruments Battery-Operated Systems Panel Meters Current Loop Instrumentation
The LM185-2.5 is a two-terminal band gap reference diode that has been designed for applications which require precision performance with micropower operation. The device provides guaranteed operation specifications at currents as low as 20A. The nominal voltage is 2.5V with both 1% and 2% tolerances available. Some additional features are: maximum dynamic impedance of 1, low noise and excellent stability over time and temperature. The advanced design, processing and testing techniques make Linear's LM185-2.5 a superior choice over previous designs. A circuit for cold junction compensation of a thermocouple is shown below. For applications requiring guaranteed temperature drift, see the LT1034 data sheet.
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATIO
Thermocouple Cold Junction Compensator
IQ 50A 16k 1M 2 MERCURY CELLS 2.6V LM385-2.5 950 450 10k ADJUST FOR 12.17mV AT 25C ACROSS 450
LM185-2.5 TA01
OUTPUT VOLTAGE CHANGE (mV)
VIN LM334 100k W.W. ZERO V- RSET
2k
TYPE K
+ -
METER
U
Reverse Voltage Change
16 -55C TA +125C 12 8 4 0 -4 0.01 0.1 1 10 REVERSE CURRENT (mA) 100
LM185-2.5 TA02
U
U
1
LM185-2.5/ LM285-2.5/LM385-2.5 ABSOLUTE AXI U RATI GS U WW W
(Note 1)
Reverse Breakdown Current ................................ 30mA Forward Current .................................................. 10mA Operating Temperature Range LM185-2.5 (OBSOLETE) ............ -55C to 125C LM285-2.5 ...................................... - 40C to 85C LM385-2.5 ........................................... 0C to 70C
Storage Temperature Range LM185-2.5 (OBSOLETE) ............ - 65C to 150C LM285-2.5 .................................... - 65C to 150C LM385-2.5 .................................... - 65C to 150C Lead Temperature (Soldering, 10 sec.)................ 300C
PACKAGE/ORDER I FOR ATIO
BOTTOM VIEW
ORDER PART NUMBER LM185H-2.5 LM285H-2.5 LM385H-2.5 LM385BH-2.5
(NOTE 3)
H PACKAGE 2-LEAD TO-46 METAL CAN
TJMAX = 150C, JA = 440C/W, JC = 80C/W
OBSOLETE PACKAGE
Consider the S8 or Z Packages for Alternate Source
TOP VIEW NC NC NC 1 2 3 4 8 7 6 5 NC (DO NOT USE) NC
S8 PACKAGE 8-LEAD PLASTIC SO
TJMAX = 150C, JA = 220C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges.
2
U
BOTTOM VIEW
W
U
ORDER PART NUMBER LM285Z-2.5 LM385Z-2.5 LM385BZ-2.5
(NOTE 3)
Z PACKAGE 3-LEAD TO-92 PLASTIC TJMAX = 100C, JA = 160C/W
ORDER PART NUMBER LM285S8-2.5 LM385S8-2.5 LM385BS8-2.5 S8 PART MARKING 2852 3852 3852B
LM185-2.5/ LM285-2.5/LM385-2.5
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25C. (Note 2)
SYMBOL VZ PARAMETER Reverse Breakdown Voltage CONDITIONS TA = 25C, 20A IR 20mA LM185-2.5/285-2.5 LM385-2.5 LM385B-2.5 (Note 3) 20A IR 20mA (Note 3) TMIN TA TMAX 20A IR 1mA TA = 25C TMIN TA TMAX 1mA IR 20mA TA = 25C TMIN TA TMAX rZ Reverse Dynamic Impedance IR = 100A (Note 4) TA = 25C TMIN TA TMAX 10Hz f 10kHz, IR = 100A TA = 25C 0.1C, IR = 100A
q
ELECTRICAL CHARACTERISTICS
LM185-2.5/285-2.5 MIN TYP MAX 2.462 2.500 2.538
LM385-2.5/385B-2.5 MIN TYP MAX
UNITS V V V ppm/C
2.425 2.462 20 8 20 1.0 1.5 10 20 0.2
q
2.500 2.575 2.500 2.538 20 8 20 2.0 2.5 20 25 0.4 120 20 1.0 1.5
VZ Temp IMIN VZ IR
Average Temperature Coefficient Minimum Operating Current Reverse Breakdown Voltage Change With Current
A mV mV mV mV V ppm/kHr
q
q
0.6 1.5
en VZ Time
Wide Band Noise (RMS) Long Term Stability
120 20
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Note 2: All specifications are for TA = 25C unless otherwise noted. For the LM185-2.5 TMIN = - 55C and TMAX = 125C. For LM285-2.5, TMIN = - 40C and TMAX = 85C. For LM385-2.5, TMIN = 0C and TMAX = 70C.
Note 3: For very low initial tolerance, consult LT1004 data sheet. The LT1004 is a low cost, pin for pin substitution device. For guaranteed temperature coefficient consult the LT1034-2.5 data sheet. Note 4: Guaranteed but not tested.
3
LM185-2.5/ LM285-2.5/LM385-2.5
TYPICAL PERFOR A CE CHARACTERISTICS
Reverse Characteristics
100 -55C TO 125C
REVERSE CURRENT (A)
10
FORWARD VOLTAGE (V)
1.2
REFERENCE VOLTAGE (V)
1
0.1 0 0.5 1.0 1.5 2.0 REVERSE VOLTAGE (V) 2.5 3.0
Reverse Dynamic Impedance
1000 f = 25Hz -55C TO 125C
DYNAMIC IMPEDANCE ()
100
DYNAMIC IMPEDANCE ()
100
NOISE (nV/Hz)
10
1
0.1 0.01
1 10 0.1 REVERSE CURRENT (mA)
Filtered Output Noise
120
100mA
INTEGRATED NOISE (VRMS)
100 80 60 40
R
VOLTAGE (V)
20 0 100
4
UW
LM185-2.5 * TPC01 LM185-2.5 * TPC05
Forward Characteristics
1.6 TA = 25C
2.525 2.520 2.515 2.510 2.505 2.500 2.495 2.490 2.485
Temperature Drift
0.8
0.4
0 0.01
1 10 0.1 FORWARD CURRENT (mA)
100
2.480 -55 -35 -15
5 25 45 65 85 105 125 TEMPERATURE (C)
LM185-2.5 * TPC03
LM185-2.5 * TPC02
Reverse Dynamic Impedance
10k TA = 25C IR = 100A 1k
Noise Voltage
1400 1200 1000 800 600 400
10
1
200 100
0.1
10
100
10k 1k FREQUENCY (Hz)
100k
1M
0 10 100 1k 10k FREQUENCY (Hz) 100k
LM185-2.5 * TPC05
LM185-2.5M * TPC06
Response Time
4.0
C
3.0 2.0 1.0 0 5V INPUT
1k 10k 100k
LM185-2.5 * TPC07
OUTPUT
24k VIN VOUT
RC LOW PASS
0 0 100 TIME (S)
LM185-2.5 * TPC08
500
CUTOFF FREQUENCY (Hz)
LM185-2.5/ LM285-2.5/LM385-2.5
SCHE ATIC DIAGRA W
+
7.5k Q4 Q3 20pF Q1 Q7 20pF Q11 600k Q10 Q2 Q5 Q9 Q6 100k 500 60k Q8 Q14 500k 50k 500k Q12 Q13 200k 300k
PACKAGE DESCRIPTIO
0.209 - 0.219 (5.309 - 5.537) 0.178 - 0.195 (4.521 - 4.953) 0.500 (12.700) MIN *
REFERENCE PLANE
0.016 - 0.021** (0.406 - 0.533) DIA
U
W
-
LM185-2.5 SD01
H Package 2-Lead and 3-Lead TO-46 Metal Can
(Reference LTC DWG # 05-08-1340)
0.085 - 0.105 (2.159 - 2.667)
0.050 (1.270) TYP
0.100 (2.540) TYP PIN 1
0.050 (1.270) TYP
FOR 3-LEAD PACKAGE ONLY 0.025 (0.635) MAX 45 0.036 - 0.046 (0.914 - 1.168) 0.028 - 0.048 (0.711 - 1.219)
H02/03(TO-46) 1098
*LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE AND 0.045" BELOW THE REFERENCE PLANE 0.016 - 0.024 **FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS (0.406 - 0.610)
OBSOLETE PACKAGE
5
LM185-2.5/ LM285-2.5/LM385-2.5
PACKAGE DESCRIPTIO U
S8 Package 8-Lead Plastic Small Outline (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1610)
0.189 - 0.197* (4.801 - 5.004) 8 7 6 5 0.228 - 0.244 (5.791 - 6.197) 0.150 - 0.157** (3.810 - 3.988)
SO8 1298
1 0.010 - 0.020 x 45 (0.254 - 0.508) 0.008 - 0.010 (0.203 - 0.254) 0- 8 TYP
2
3
4
0.053 - 0.069 (1.346 - 1.752)
0.004 - 0.010 (0.101 - 0.254)
0.014 - 0.019 (0.355 - 0.483) TYP *DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE **DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.016 - 0.050 (0.406 - 1.270)
0.050 (1.270) BSC
6
LM185-2.5/ LM285-2.5/LM385-2.5
PACKAGE DESCRIPTIO U
Z Package 3-Lead Plastic TO-92 (Similar to TO-226)
(Reference LTC DWG # 05-08-1410)
0.180 0.005 (4.572 0.127) 0.90 (2.286) NOM 0.050 UNCONTROLLED (1.270) LEAD DIMENSION MAX 5 NOM 0.016 0.003 (0.406 0.076) 0.060 0.010 (1.524 0.254) 0.015 0.002 (0.381 0.051) 0.098 +016/-0.04 (2.5 +0.4/-0.1) 2 PLCS
Z3 (TO-92) 0401
0.060 0.005 (1.524 0.127) DIA
0.180 0.005 (4.572 0.127)
0.500 (12.70) MIN
0.050 (1.27) BSC
0.140 0.010 (3.556 0.127)
TO-92 TAPE AND REEL REFER TO TAPE AND REEL SECTION OF LTC DATA BOOK FOR ADDITIONAL INFORMATION
10 NOM
Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no representation that the interconnection of circuits as described herein will not infringe on existing patent rights.
7
LM185-2.5/ LM285-2.5/LM385-2.5
TYPICAL APPLICATI
9V
REFERENCE FROM A 9V BATTERY
RELATED PARTS
PART NUMBER LT1634 DESCRIPTION Micropower Shunt Voltage Reference COMMENTS 0.05% Initial Accuracy, 10ppm/C Maximum Tempco Output Voltage: 1.25V, 2.5V, 4.096V and 5V
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900
q
FAX: (408) 434-0507
UO
220k
S
V+ 3.7V V + 30V LM334 R 2.7k 2.5V LM385-2.5 2.5V LM385-2.5
OPERATION OVER A WIDE SUPPLY RANGE
LM185-2.5 TA03
185fc LT/CP 0801 1.5K REV C * PRINTED IN USA
q
www.linear.com
(c) LINEAR TECHNOLOGY CORPORATION 1992


▲Up To Search▲   

 
Price & Availability of LM385H-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X