Part Number Hot Search : 
AN630 27C51 C3216 SMC12C M29LV XN6501 VAL1Z 2SC3365
Product Description
Full Text Search
 

To Download LA73060V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA0378
Monolithic Linear IC
LA73060V
Overview
Wideband 75 Video Driver
This LA73060V is a wideband 75 Video Driver IC. The LA73060V is ideal for use the video output driver such as TVmonitor and DVD-player equipment.
Functions
* 6channel output. * 6MHz or 30MHz low pass filter. * 6dB amplifier. * Output mute. * Y/C_MIX. * Standby mode.
Specifications
Maximum Ratings at Ta = 25C
Parameter Maximum supply voltage Allowable power dissipation Operating temperature Storage temperature Symbol VCC max Pd max Topr Tstg Ta 75C Conditions Ratings 7.0 780 -20 to +75 -40 to +150 Unit V mW C C
When mounted on a 114.3x76.1x1.6mm3 glass epoxy board.
Recommended Operating Conditions at Ta = 25C
Parameter Recommending operation voltage Operating voltage range Input pin voltage application range Symbol VCC VCC op VIN Conditions Ratings 5.0 4.75 to 5.25 -0.3 to VCC op + 0.3 Unit V V V
Any and all SANYO Semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO Semiconductor representative nearest you before using any SANYO Semiconductor products described or contained herein in such applications. SANYO Semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor products described or contained herein.
N2206 / 32406 MS OT 20051216-S00016 No.A0378-1/10
Electrical Characteristics at Ta = 25C, VCC = 5V
Parameter Current dissipation 1 Current dissipation 2 Reguratur voltage Voltage gain 1 Symbol ICC1 ICC2 REG3V VG1 1 0.3 100k T4A T6A T14A T12A T14A T16A Voltage gain 2 VG2 3 0.3 100k T8A T12A T16A Frequency characteristics 1 (CV,Y,Py,R,G,B) VF1 (SD) 1 0.3 6M T4A T6A T14A T12A T14A T16A Frequency characteristics 2 (C,Pr,Pb) Frequency characteristics 3 (CV,Y,Py,R,G,B) VF3 (SD) 1 0.3 27M VF2 (SD) 3 0.3 6M T8A T12A T16A T4A T6A T14A T12A T14A T16A Frequency characteristics 4 (C,Pr,Pb) Frequency characteristics 5 VF5 (HD) 1 0.3 20M VF4 (SD) 3 0.3 27M T8A T12A T16A T14A T12A T14A T16A Frequency characteristics 6 Frequency characteristics 7 VF7 (HD) 1 0.3 30M VF6 (HD) 3 0.3 20M T12A T16A T14A T12A T14A T16A Frequency characteristics 8 Frequency characteristics 9 VF9 (HD) 1 0.3 75M VF8 (HD) 3 0.3 30M T12A T16A T14A T12A T14A T16A Frequency characteristics 10 VF10 (HD) 3 0.3 75M T12A T16A T27 T1 T35 T22 T30 T28 T26 T32 T24 T19 T1 T35 T22 T30 T28 T26 T32 T24 T19 T1 T35 T22 T30 T28 T26 T32 T24 T19 T22 T30 T28 T26 T24 T19 T22 T30 T28 T26 T24 T19 T22 T30 T28 T26 T24 T19 30MHz LPF is selected. f = 75MHz / 100kHz. Continued on next page. -40 -35 dB 30MHz LPF is selected. f = 30MHz / 100kHz. 30MHz LPF is selected. f = 75MHz / 100kHz. -40 -35 dB -5 -2.5 0 dB 30MHz LPF is selected. f = 20MHz / 100kHz. 30MHz LPF is selected. f = 30MHz / 100kHz. -5 -2.5 0 dB -1 0.0 1 dB 30MHz LPF is selected. f =20MHz / 100kHz. -1 0.0 1 dB 6MHz LPF is selected. f = 27MHz / 100kHz. -40 -35 dB 6MHz LPF is selected. f = 27MHz / 100kHz. -40 -35 dB 6MHz LPF is selected. f = 6MHz / 100kHz. -3 0.0 3 dB 6MHz LPF is selected. f = 6MHz / 100kHz. -3 0.0 3 dB Output gain. 5.5 6.0 6.5 dB Output gain. SIG Level Freq. [Vp-p] [Hz] IN point OUT point Ratings Conditions No signal. Standby mode,No signal. min 69.0 0.3 2.8 5.5 typ 87.0 0.4 3.0 6.0 max 105.0 0.5 3.2 6.5 Unit mA mA V dB
LA73060V
Continued from preceding page. Parameter 2nd order distortion 1 (SD) Symbol Dst1 (SD) SIG 1 Level Freq. [Vp-p] [Hz] 0.7 4M IN point T4A T6A T14A T12A T14A T16A 2nd order distortion 2 (SD) 2nd order distortion 3 (HD) Dst3 (HD) 1 0.7 10M Dst2 (SD) 3 0.7 4M T8A T12A T16A T14A T12A T14A T16A 2nd order distortion 4 (HD) Clipping output level 1 VO max1 3 2 100k Dst4 (HD) 3 0.7 10M T8A T12A T16A T4A T6A T14A T12A T14A T16A Clipping output level 2 VO max2 3 2 100k T8A T12A T16A Amount of mute attenuation 1 VM1 1 0.3 4M T4A T6A T14A T12A T14A T16A Amount of mute attenuation 2 Crosstalk between channels 1 VCT1 1 0.3 4M VM2 3 0.3 4M T8A T12A T16A T4A T6A T14A T12A T14A T16A Crosstalk between channels 2 VCT2 3 0.3 4M T8A T12A T16A Continued on next page. -60 -50 dB OUT point T1A T35A T22A T30A T28A T26A T32A T24A T19A T22A T30A T28A T26A T32A T24A T19A T1 T35 T22 T30 T28 T26 T32 T24 T19 T1 T35 T22 T30 T28 T26 T32 T24 T19 -60 -50 dB -60 -50 dB -60 -50 dB Output level for clipping. 2.2 2.4 Vp-p Output level for clipping. 2.2 2.4 Vp-p -40 -35 dB -40 -35 dB -40 -35 dB Ratings Conditions min typ -40 max -35 dB Unit
No.A0378-3/10
LA73060V
Continued from preceding page. Parameter Video S/N 1 (SD) Symbol VS/N1 (SD) SIG 2 Level Freq. [Vp-p] [Hz] 0.65 IN point T4A T6A T14A T12A T14A T16A Video S/N 2 (HD) VS/N2 (HD) 2 0.65 T14A T12A T14A T16A Group delay 1 (SD) GD1 (SD) 1 0.3 6M T4A T6A T14A T12A T14A T16A Group delay 2 (SD) Group delay 3 (HD) GD3 (HD) 1 0.3 30M GD2 (SD) 3 0.3 6M T8A T12A T16A T14A T12A T14A T16A Group delay 4 (HD) GD4 (HD) 3 0.3 30M T12A T16A OUT point T1A T35A T22A T30A T28A T26A T22A T30A T28A T26A T1 T35 T22 T30 T28 T26 T32 T24 T19 T22 T30 T28 T26 T24 T19 Input / Output delay time. f=30MHz/100kHz 10 20 ns Input / Output delay time. f=30MHz/100kHz 10 20 ns Input / Output delay time. f=6MHz/100kHz 20 30 ns Input / Output delay time. f=6MHz/100kHz 20 30 ns VIN = Video (50% White), The band is between 100kHz and 30MHz -60 -50 dB Ratings Conditions min VIN = Video (50% White), The band is between 100kHz and 4.2MHz typ -70 max -60 dB Unit
Input signal
SIG.1
SIG.2
SIG.3
Truth Table
SW No. SW1 SW2 SW3 SW4 SW5 SW6 SW7 Pin No. 5 7 11 13 15 17 20 Y/C MIX CV Mute control Power save control Input control Filter control Output control RGB&Component Mute control Function H (2.3V to VCC) OFF OFF OFF CLAMP ON(RGB Mode) 6MHz LPF ON(RGB Mode) RGB ON(RGB Mode) OFF L (0 to 0.7V) ON ON ON BIAS ON(Component Mode) 30MHz LPF ON(Component Mode) Component ON(Component Mode) ON
No.A0378-4/10
LA73060V
Package Dimensions
unit : mm 3247A
36 19
5.6
1 0.3
18 0.2
15.0
SANYO : SSOP36(275mil)
0.1
(0.7)
0.8
1.7max
(1.5)
0.5
7.6
No.A0378-5/10
LA73060V
Block Diagram
No.A0378-6/10
LA73060V
Test Circuit Diagram
No.A0378-7/10
LA73060V
Pin Functions
Pin No. 1 Pin Name CV_OUT Signal Wave Form Equivalent Circuit
35
Y_OUT
2
CV_SAG_IN
21 34
Py_SAG_IN Y_SAG_IN
4
CV_IN
6
Y_IN
Y_IN,Py_IN
14
G/Py_IN
RGB
5 7 11 13 15 17 20
SW1 SW2 SW3 SW4 SW5 SW6 SW7
*See the Truth Table.
3 10 25 31 36
VCC (CV) VCC (RGB&COMP) VCC (Driver COMP) VCC (Driver RGB) VCC (Driver CV) Continued on next page.
No.A0378-8/10
LA73060V
Continued from preceding page. Pin No. 8 Pin Name C_IN Signal Wave Form Equivalent Circuit
12 16
R/Pr_IN B/Pb_IN
RGB
Component
26 28 30
B_OUT G_OUT R_OUT
19 24
Pb_OUT Pr_OUT
32
C_OUT
9 18 23 29 33 27
GND (CV) GND (RGB&COMP) GND (Driver COMP) GND (Driver RGB) GND (Driver CV) REG3V DC : 3.0V
No.A0378-9/10
LA73060V
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor products (including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO Semiconductor believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of March, 2006. Specifications and information herein are subject to change without notice. PS No.A0378-10/10


▲Up To Search▲   

 
Price & Availability of LA73060V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X