Part Number Hot Search : 
AS4028 ANTX1 PE2023 ARF1501 171ED 03515 S6B1400X 1100P
Product Description
Full Text Search
 

To Download INF8594E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICs for TV-SETS
INF8594E
512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
The INF8594E-2 is a 4-Kbit (512 x 8-bit) floating gate electrically erasable programmable read only memory (EEPROM). By using an internal redundant storage code it is fault tolerant to single bit errors. This feature dramatically increases reliability. IC works in systems with serial 2 I C-bus which consists of 2 lines: for data -serial data input/output (SDA) and for clock - serial clock input (SCL). Up to four 2 INF8594E-2 devices may be connected to the I C-bus.The programming of the array is implemented by electron's tunneling. The programming voltage is generated on-chip, using a voltage multiplier. Power consumption is low owing to the full CMOS technology used. Device is functionally identical to the PCF8594E-2, Philips. IC are made in 8-pin DIP and 8-pin SOP. FEATURES Low Power CMOS maximum active current 2.5 mA maximum standby current 10 A Non-volatile storage of 4-Kbits organized as two pages each 256 x 8-bits Single supply (Ucc=4,5 B - 5,5 B) On-chip voltage multiplier 2 Serial input/output I C-bus Automatically added word address Internal timer for writing (no external components) 100 000 ERASE/WRITE cycles per byte; Write operations -byte write mode -8-byte page write mode (minimizes total write time per byte) Write protection input Read operations sequential read random read Power-on reset High reliability by using a redundant storage code (single bit error correction) Endurance 0 100 k; Tamb=85 C 10 years non-volatile data retention time Pin and Address compatible to PCx8582x-2 Family and PCx8598x2 Family 0 0 Temperature range: -40 C / +85 C
PIN ASSIGNMENT
PIN DESCRIPTION SYMBOL WP A1 A2 Uss SDA SCL PTC Ucc PIN 1 2 3 4 5 6 7 8 DESCRIPTION WRITE protection input address input 1 address input 2 GND Informational line, input/output Clock line, input programming management Supply voltage
WP A1
1 2 3 4
8 7 6 5
Ucc PTC SCL SDA
A2 Uss
1
INTEGRAL
ICs for TV-SETS
Electrical Characteristics Parameter Supply current READ,mkA Supply current ERASE/WRITE, mA Standby Supply Current, A Clock input frequency, kHz E/WR cycle time, ms Conditions fSCL=100kHz UCC=5.5B fSCL=100kHz UCC=5.5B UCC=5,5B Symbol ICC0(RD) ICC0(E/WR) ICCS fSCL tE/WR PTC input Input high voltage, V Input low voltage, V SCL inputs Input high voltage, V Input low voltage, V Clock input frequency, kHz Leakage current, A Input capacitance, pF UIH UIL fSCL ILI CI 0,7UCC -0,8 0 UIH UIL 0,9UCC -0,8 Min. 0 4
INF8594E
Max 200 2,5 10.0 100 10
UCC+0,8 0,1UCC
UI=Ucc or GND UI=GND SDA input/output
UCC+0,8 0,3UCC 100 1A 7
Low input voltage, V High input voltage, V Low level output voltage, V Output leakage current, A Input capacitance, pF Duration of the ERASE/WRITE cycle -internal generator -external clock signal Frequency of the external clock programming signals, kHz Number of the ERASE/WRITE cycles per byte Time of data storage
IOL=3, Ucc=Uccmin UOH=Ucc UI=0B
UIL UIH UOL ILO I tE/WR fp
-0.8 0.7Ucc
0.3UCC UCC+0.8 0.4 1 7
4 4 25 100 000 10 000 10
10 10 60
=-40-+85 , tE/W =4-10 , =22 , tE/W =5 = 55
NE/W tS
2
INTEGRAL


▲Up To Search▲   

 
Price & Availability of INF8594E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X