Part Number Hot Search : 
BUT33 824UOL 79M09A HCP650 MC14745 5D102 N5416A 2SC494
Product Description
Full Text Search
 

To Download INF8582E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INF8582E 256 8 BIT STATIC CMOS EEPROM WITH I2-BUS. ( ANALOG - MICROCIRCUIT PCF8582, F.PHILIPS).
INF8582E - 2bit (2568 bit) electronically erasable programmable ROM with "floating" gate. Internal reduntant code correcting errors as single bit errors is used to enhance the reliability. Microcircuit operates in systems with serial I2C-bus consisting of two lines: for data signals (SDA) (bidirectional) and for clock signals (SCL). Up to 8 microcircuits may be connected to I2C-bus. Stacker programming is done by tunneling electrons. Programming voltage is generated by voltage multiplier built-in chip. The implementation of CMOS technology in full provides low power consumption. These products are purposed for implementation in portable consumer applications, in autoelectronics, in peripheric computer devices. Thea are used in TV channel selectors, for storage of frequency, volume and image data, in tuning control blocks in radioset, , in measuring devices for standard curves storage, calibration data, minimum and maximum values, in , seat position adgusting systems, side glass, in speedometers. Characteristic properties: - without decay storage 2 bit 10 years; - single-error correction circuit; - one power supply (U=4,5V - 5,5V); - built-in voltage multiplier in chip; - input/output consecutive bus ; - automatic increment of word address; - internal timer for recording; - 100 000 cycles erasure/recording on byte with low failure rate; - unlimited number of reading cycles; - low power consumption; - temperature range -40 - +85 . The basing circuit diagram and Pins purpose table are given below in fig.1, main electrical characteristics are indicated in Table 1. Microcircuit basing diagram
Pin 1 2 3 4 5 6 7 8
Pins purpose table
Symbol A0 A1 A2 Uss SDA SCL S Ucc Purpose address input address input address input "ground" data line, input/output clock signal line (input) synchronizing signal of programming power supply
Uss
1 2 3 4
8 7 6 5
Ucc TEST SCL SDA
Package: 2101.8-A
.1
1
INF8582E
BLOCK DIAGRAM
PTC SCL(6) SDA(5)
INPUT FILTER ADDRESS HIGH REGISTER I2C-BUS CONTROL LOGIC DDRESS HIGH REGISTER 1 TIMER
(7)
ADDRESS SWITCH
SHIFT REGISTER
BYTE LATCH
DIVIDER (/128)
INTERNAL BUS
A0(1) A1(2) A2(3)
TEST MODE DECODER
ADDRESS POINTER
EEPROM
TEST MODE DECODER 1
POWER-ON RESET
GND(4)
2
INF8582E
Table 1 - Main characteristics of microcircuits
Parameters Dynamic consumption current (reading), mA Dynamic consumption current(erasure/recording), m Supply voltage, V Static consumption current, Clock frequency, Hz Max output current, m Duration of " erasure/recording " cycle, ms: - input external control TEST - inside chip control Input S High level input voltage, V Low level input voltage, V InputsSCL and SDA High level input voltage, V Low level input voltage, V Output SDA Low level output voltage, V Mode fSCL=100Hz UCC=5.5V fSCL=100Hz UCC=5.5V UCC=5,5V Symbol ICC0(RD) ICC0(E/WR) VDD ICCS fSCL IL tE/WR Min 4.5 0 Max 1,6 2,5 5.5 10,0 100 3.0
5 25 10 / 13 (standard)
UIH UIL
0,9UCC -0,8
UCC+0,8 0,1UCC
UIH UIL
0,7UCC -0,8
UCC+0,8 0,3UCC
IOL=3,0 mA UCC=4,5 V
UOL
-
0,4
In order to make the understanding of the microcircuit INF8582E way of operation easier it is necessary to examine I2C-bus interface characteristics. I2C-bus is a bidirectional double-wire serial bus purposed for data exchange between different (various) integrated circuits. It consists of date line (SDA) and clock signals line (SCL). In common case the both lines should be connected to the positive power supply by charging resistor (output stage with open drain/collector). As for the designed product, only SDA line (input/output) is bidirectional therefore charging resistor on SCL line is not necessary. Resistor nominal value is limited at the bottom - by load capability of microcircuit (IOL=3,0 mA), at the top - by the build-up font duration (tR=1,0 s). Operation of the microcurcuit is stable within the resistance range from 1,5 kOhm up to 10 kOhm. The possible operation modes of I2C-bus are showed in figure 2.
Operation modes of I2-bus
Input Output
ST SDA
Input
Input
SP
SCL
bus is free
1
8
9
condition "stop", end of transmission bus is free
condition Data transmission with acknowledgment bit "start", start of ransmission
Fig. 2
3
INF8582E
The following modes of I -bus are defined: - bus is free (not engaged) - both lines are in "high" mode; - transmission start (condition "Start") - passing of the line SDA from "high" level to "low" when SCL is in "high" mode; - data transmission; - end of transmission (condition "Stop") - passing of the line SDA from "low" level to "high" while the line SCL is in "high" mode. The data transmission can start only when the bus is free. During the data transmission the data line must be stable all the time while clock line is "high". The SDA line mode can change only when the clock signals line SCL is in "low" mode. One clock signal falls at one data bit. The change in SDA line mode when Clock line is "high" will be interpreted as check signals: "Start" or "Stop". Each transmission of data starts with the condition "Start" and is finished with the condition "Stop". The information is always transmitted in bytes. The number of data bytes transmitted between the conditions "Start" and "Stop" is limited in "Erasure/recording" mode and not limited in "Reading" mode. Each word of 8 bits (each byte) is accompanied by the 9th test bit, acknowledgment bit. This bit is always generated on SDA line by the device which received the previous data byte (i.e. "receiver"). The device acknowledging the receipt of the data (if it meets the requirements), rarefies the SDA line so that this line is constantly "low" during all period of "high" level of clock acknowledgment pulse (9th bit) on SCL line. The device transmitting the data during acknowledgment forming must take the mode with high output resistance. If the received data byte does not comply with the requirements, the receiving device does not generate the acknowledgment which indicates to the error in exchange protocol on I2-bus. All devices connected to I2-bus may be devided in two groups: main devices which control the data transmission along the bus (microcontrollers, microprocessors), and subordinate devices, which are controlled by main devices (service and peripheric devices). In their turn the both groupsof devices may be as receivers (devices receiving the data at that moment) and transmitters (devices transmitting the data the bus). The designed microcircuit INF8582E may be only subordinate receiver or subordinate transmitter.The time diagram of I2-bus is showed in fig.3. Signal parameters of I2-bus time diagram are given in table 2.
2
I2-bus time diagram
SDA
tBUF tHD, STA tR THD.DAT TSU.DAT tHIGH TSU.ACK THD.ACK
SCL tLOW SDA
1 tF TSU.STA
8
9 TSU.STO
Fig. 3
4
INF8582E
Table 2 Signal parameters on I2-bus
Parameter name, unit of the measurement Time when the bus is free before generation of start condition, s Conditionstart set up time, s Condition start retention time, s Low period of clock signal, s High period of clock signal, s Rise front duration, ns Fall front duration, ns Data retention time,ns Data retention time, s Data set up time, ns Acknowledgment generation time, s Acknowledgment retention time, s Condition Stop set up time, s Symbol tBUF TSU. STA tHD. STA tLOW tHIGH tR tF tHD. DAT tHD. DAT tSU. DAT tSU. ACK tHD. ACK tHD. STO Value min max 4.7 4.7 4.0 4.5 4.0 0 5.0 250. 0 0 4.7 1.0 300. 0 3.5 Notes
1
2 3
Notes: 1. For repeated start. 2. Microcircuit INF8582E is a "subordinate transmitter". 3.Microcircuit INF8582E is a "subordinate receiver". Among the parameters stipulated in table 2 the particular attention should be paid to set up and data retention time. Two modes should be considered. The first mode. . Microcircuit INF8582E receive data, i.e. is a "subordinate receiver. In this case time tSU.DAT and tHD.DAT must be garanteed by "main transmitter". "Latchup" of data being received in microcircuit is effected onback front of clock pulse. The second mode. Microcircuit INF8582E generate a data which goes to the line SDA, i.e.. is a " subordinate transmitter". In this case time tSU.DAT and tHD.DAT are determined by the microcircuit parameters. True information on the line SDA is set by back front of the previous clock pulse. In other words, usefull information is already on the leading edge of the next clock pulse on the line SDA. The protocols of I2C -bus for all microcircuits operating modes are shown in fig. 4-6, in fig.7 - time diagram of signals on the bus in the mode erasure/recording using external master oscillator. The signal parameters in the mode erasure/recording are stated in table 3, in tables 4,5 - interpretation of key words and symbols, used for presentation of these protocols. I2-bus protocol in the Reading mode with input of word address
S T CS/WR A s WA A s S T CS/R D A s DA n bytes Am DA Am SP
last byte automatic increment of word being read-out
Fig. 4 I2-bus short protocol in the mode "Reading"
ST CS/RD As DA Am 5 DA Am SP
INF8582E
n bytes last byte
automatic increment of the word being read-out
Fig. 5
The particularity of protocols in the mode Reading is the change of direction of the data transfer on SDA line: before the end of the control word CS/RD microcircuit receives the information and afterwards the data transfer (read-out) Once setting the protocol it is possible to read-out an unlimited number of data bytes sequentially. After each byte is read-out embedded address counter automatically get an increment of unit after having received the acknowledgment from main receiver (m=0). And so on up to the address 256. When the counter is overfilled zero address is initialized. Straight away after Acknowledgment clock pulse negative front (in case if As or Am=0) microcircuit output is lowimpedence and the first bit of the read-out information byte is set on SDA line. In case of the transfer by microcircuit (sabordinate transmitter) of the last byte main receiver has to transmit to sabordinate transmitter the information about the end of receit (Am=1), not to generate a sygnal conforming the receipt. In this case after Acknowledgment clock pulse back front output of microcircuit is set in the condition with high output resistance (is closing ), high level is set on SDA line permitting main receiver to generate the condition Stop. Short protocol of the mode "Reading" (without writing the address of word being read-out) is used if while working with the microcircuit (without turning off supply voltage) the necessity to continue reading from the last address occured.
I2-bus short protocol in the mode "erasure/recording"
ST CS/W R As WA As DE As DE As SP
automatic increment of the word being read-out
Fig. 6
The active reprogramming process starts after supply of the whole protocol on generating condition "Stop". The presence of the second data byte is not necessary. In one cycle `erasure/recording' no more than two information bytes may be programmed. The programming can be effected under embedded control (the internal programming master oscillator is used), as well as using external generator. If an internal generator is meant to be used, high level must be set on output "TEST" or it must be let free (inside the chip this output is connected to the bus U through resistor approx. 1,5 hm). In this case programming cycle duration depends on the manufacturing process, it is equal to 10.0 - 15.0 ms when recording one data byte and 20.0 - 25.0 ms - two.
6
INF8582E
When using external master oscillator on output "Test" low level must be set preliminary. The information on logical state on this particular output is fixed after supplying the 8th bit of the address byte (along clock sygnal back front). Time diagram is generated on I2-bus as per fig.7. Time diagram of signals in the mode "erasure/recording" of one information byte when using external generator.
tR tD (1) TEST tHIGH tF tLOW
1
2
257
SDS
SCL
"STOP"
Active programming process, I2C-bus free for interaction with other devices
1 - in the mode "erasure /recording" two information bytes 513 pulses are applied to the input TEST. Programming cycle duration for 1 byte is approximately 5ms, when recording two bytes - 10 ms.
Fig. 7. 3
Parameter name, measurement unit Input "S" clock frequency, Hz Duration of the "high", mks Duration of the "low", mks Duration of the rise front, ns Fall front duration, ns Delay time, mks Symbol fP tHICH tLOW tR tF tD Min 10 10 10 0 Max 50 300 300 tLOW
7
INF8582E
Table 4 - Control words
Word Word byte No Purpose 9-th bit (acknowledgment bit after the word) "0", acknowledgment from m/c "0", acknowledgment from m/c "0", acknowledgment from m/c "0", acknowledgment from m/c "0" or "1" from the "main"
name CS/W R CS/RD WA DE DA
01 1 1 X7 D7 D7
02 0 0 X6 D6 D6
03 1 1 X5 D5 D5
04 0 0 X4 D4 D4
05 A2 A2 X3 D3 D3
06 A1 A1 X2 D2 D2
07 A0 A0 X1 D1 D1
08 0 1 X0 D0 D0
word of chip selection for recording information in m/c Word of chip selection for reading data from m/c word of byte address, which is addressed to Data word for recording in microcircuit EEPROM Data word read-out from m/c EEPROM
The word of chip selection consists of several parts. - bits 1-4 are strictly defined combination, programmed inside chip; - bits 5-7 (selection bits of device 2-0) make achievable the connection of 8 memory devices to the bus. , 2-0 . , 5-7 "" , "0"; - 8 bit define action ("0" - writing of data to circuit, "1" - reading of data); Developed circuit play role of "Slave receiver" in work with most cases of control words and provide confirmation, exception is case of reading of data, when a external device ("Host receiver") provide the confirmation .
Table 5 Symbol ST SP As Am X0 - X7 D0 - D7 Definition START STOP Confirmation bite from circuit Confirmation bite from "Host receiver" Address bits of byte Data bits
8


▲Up To Search▲   

 
Price & Availability of INF8582E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X