|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Integrated Circuit Systems, Inc. ICSSSTUBF32866A Advance Information 25-Bit Configurable Registered Buffer for DDR2 Recommended Application: * DDR2 Memory Modules * Provides complete DDR DIMM solution with ICS97ULP877 * Ideal for DDR2 667, and 800 Product Features: * 25-bit 1:1 or 14-bit 1:2 configurable registered buffer with parity check functionality * Supports SSTL_18 JEDEC specification on data inputs and outputs * Supports LVCMOS switching levels on CSR and RESET inputs * Low voltage operation VDD = 1.7V to 1.9V * Available in 96 BGA package * Drop-in replacement for ICSSSTUA32864 * Green packages available Pin Configuration 1 A B C D E F G H J K L M N P R T 2 3 4 5 6 Functionality Truth Table I nputs RST H H H H H H H H H H H H L DCS L L L L L L H H H H H H X or Floating CSR L L L H H H L L L H H H X or Floating L or H X or Floating L or H X or Floating L or H L or H L or H L or H L or H L or H CK CK Dn, DODT, DCK E L H X L H X L H X L H X X or Floating Qn L H Q0 L H Q0 L H Q0 Q0 Q0 Q0 L Outputs QCS L L Q0 L L Q0 H H Q0 H H Q0 L QODT, QCKE L H Q0 L H Q0 L H Q0 L H Q0 L 96 Ball BGA (Top View) 1240--07/17/06 ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals. ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners. ICSSSTUBF32866A Advance Information Ball Assignments 25 bit 1:1 Register A DCKE B D2 C D3 D DODT E D5 F D6 H CK J CK K D8 L D9 M D10 N D11 P D12 R D13 T D14 1 PPO D15 D16 QERR D17 D18 V REF GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD V REF V DD GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD V DD QCKE Q2 Q3 QODT Q5 Q6 C1 QCS ZOH Q8 Q9 Q10 Q11 Q12 Q13 Q14 NC Q15 Q16 NC Q17 Q18 C0 NC ZOL Q19 Q20 Q21 Q22 Q23 Q24 Q25 G PAR_IN RST DCS CSR D19 D20 D21 D22 D23 D24 D25 2 3 4 5 6 C0 = 0, C1 = 0 14 bit 1:2 Registers A DCKE B D2 C D3 D DODT E D5 F D6 H CK J CK K D8 L D9 M D10 N D11 P D12 R D13 T D14 1 PPO NC NC QERR NC NC V REF GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD V REF V DD GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD V DD QCKEA Q2A Q3A QCKEB Q2B Q3B A D1 B D2 C D3 D D4 E D5 F D6 PPO NC NC QERR NC NC V REF GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD V REF V DD GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD GND V DD V DD Q1A Q2A Q3A Q4A Q5A Q6A C1 QCSA ZOH Q8A Q9A Q10A QODTA Q12A Q13A QCKEA Q1B Q2B Q3B Q4B Q5B Q6B C0 QCSB ZOL Q8B Q9B Q10B QODTB Q12B Q13B QCKEB QODTA QODTB Q5A Q6A C1 QCSA ZOH Q8A Q9A Q10A Q11A Q12A Q13A Q14A Q5B Q6B C0 QCSB ZOL Q8B Q9B Q10B Q11B Q12B Q13B Q14B G PAR_IN RST DCS CSR NC NC NC NC NC NC NC G PAR_IN RST H CK DCS J CK K D8 L D9 CSR NC NC NC NC NC NC NC M D10 N DODT P D12 R D13 T DCKE 1 2 3 4 5 6 2 3 4 5 6 Register A (C0 = 0, C1 = 1) Register B (C0 = 1, C1 = 1) 1240--07/17/06 2 ICSSSTUBF32866A Advance Information General Description This 25-bit 1:1 or 14-bit 1:2 configurable registered buffer is designed for 1.7-V to 1.9-V VDD operation. All clock and data inputs are compatible with the JEDEC standard for SSTL_18. The control inputs are LVCMOS. All outputs are 1.8-V CMOS drivers that have been optimized to drive the DDR-II DIMM load. ICSSSTUBF32866A operates from a differential clock (CK and CK). Data are registered at the crossing of CK going high, and CK going low. The C0 input controls the pinout configuration of the 1:2 pinout from A configuration (when low) to B configuration (when high). The C1 input controls the pinout configuration from 25-bit 1:1 (when low) to 14-bit 1:2 (when high). A - Pair Configuration (CO1 = 0, CI1 = 1 and CO2 = 0, CI2 = 1) Parity that arrives one cycle after the data input to which it applies is checked on the PAR_IN of the first register. The second register produces to PPO and QERR signals. The QERR of the first register is left floating. The valid error information is latched on the QERR output of the second register. If an error occurs QERR is latched low for two cycles or until Reset is low. B - Single Configuration (CO = 0, C1 = 0) The device supports low-power standby operation. When the reset input (RST) is low, the differential input receivers are disabled, and undriven (floating) data, clock and reference voltage (VREF) inputs are allowed. In addition, when RST is low all registers are reset, and all outputs are forced low. The LVCMOS RST and Cn inputs must always be held at a valid logic high or low level. To ensure defined outputs from the register before a stable clock has been supplied, RST must be held in the low state during power up. In the DDR-II RDIMM application, RST is specified to be completely asynchronous with respect to CK and CK. Therefore, no timing relationship can be guaranteed between the two. When entering reset, the register will be cleared and the outputs will be driven low quickly, relative to the time to disable the differential input receivers. However, when coming out of reset, the register will become active quickly, relative to the time to enable the differential input receivers. As long as the data inputs are low, and the clock is stable during the time from the low-to-high transition of RST until the input receivers are fully enabled, the design of the ICSSSTUBF32866A must ensure that the outputs will remain low, thus ensuring no glitches on the output. The device monitors both DCS and CSR inputs and will gate the Qn outputs from changing states when both DCS and CSR inputs are high. If either DCS or CSR input is low, the Qn outputs will function normally. The RST input has priority over the DCS and CSR control and will force the outputs low. If the DCS-control functionality is not desired, then the CSR input can be hardwired to ground, in which case, the setup-time requirement for DCS would be the same as for the other D data inputs. Package options include 96-ball LFBGA (MO-205CC). Parity and Standby Functionality Truth Table Inputs Rst H H H H H H H H L DCS L L L L H H H X CSR X X X X L L H X CK L or H CK L or H X or Floating Sum of Inputs = H (D1 - D25) Even Odd Even Odd Even Odd X X X or Floating PAR_IN L L H H L H X X X or Floating Outputs PPO L H H L L H PPO0 PPO0 L QERR H L L H H L QERR0 QERR0 H X or X or X or Floating Floating Floating 1. CO = 0 and CI = 0, Data inputs are D2, D3, D5, D6, D8 - D25. CO = 0 and CI = 1, Data inputs are D2, D3, D5, D6, D8 - D14 CO = 1 and CI = I, Data inputs are D1 - D6, D8 - D10, D12, D13 2. PAR_IN arrives one clock cycle after the data to which it applies when CO = 0. 3. PAR_IN arrives two clock cycles after the data to which it applies when CO = 1. 4. Assume QERR is high at the CK and CK crossing. If QERR is low it stays latched low for two clock cycles on until Rst is low. 1240--07/17/06 3 ICSSSTUBF32866A Advance Information Ball Assignment Terminal Name GND VDD VREF ZOH ZOL CK CK C0, C1 RST CSR, DCS D1 - D25 DODT DCKE Q1 - Q25 QCS QODT QCKE PPO PAR_IN QERR Ground Power supply voltage Input reference voltage Reserved for future use Reserved for future use Positive master clock input Negative master clock input Configuration control inputs Asynchronous reset input - resets registers and disables VREF data and clock differential-input receivers Description Electrical Characteristics Ground input 1.8V nominal 0.9V nominal Input Input Differential input Differential input LVCMOS inputs LV C M O S i n p u t Chip select inputs - disables D1 - D24 outputs switching when both inputs SSTL_18 input are high Data input - clock in on the crossing of the rising edge of CK and the falling edge of CK The outputs of this register bit will not be suspended by the DCS and CSR control The outputs of this register bit will now be suspended by the DCS and CSR control Data ouputs that are suspended by the DCS and CSR control Data output that will not be suspended by the DCS and CSR control Data output that will not be suspended by the DCS and CSR control Data output that will not be suspended by the DCS and CSR control Par tial parity out indicates off parity of inputs D1 - D25. Parity input arrives one clock cycle after the corresponding data input Output error bit-generated one clock cycle after the corresponding data output SSTL_18 input SSTL_18 input SSTL_18 input 1.8V CMOS 1.8V CMOS 1.8V CMOS 1.8V CMOS 1.8V CMOS SSTL_18 input Open drain output 1240--07/17/06 4 ICSSSTUBF32866A Advance Information Block Diagram for 1:1 mode (positive logic) RST CK CK VREF DCKE D C1 R QCKEA DODT D C1 R QODTA DCS 1D C1 R QCSA CSR D1 0 1 1D C1 R Q1B* Q1A To 21 Other Channels *Note: Disabled in 1:1 configuration 1240--07/17/06 5 ICSSSTUBF32866A Advance Information Block Diagram for 1:2 mode (positive logic) RST CK CK VREF DCKE 1D C1 R QCKEA QCKEB* DODT 1D C1 R QODTA QODTB* DCS 1D C1 R QCSA QCSB* CSR D1 0 1 1D C1 R Q1B* Q1A To 10 Other Channels *Note: Disabled in 1:1 configuration 1240--07/17/06 6 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST CK CK G2 H1 J1 LPS0 (internal node) D2*D3, D5*D6, D8-D25 V REF 22 A3, T3 D R 22 D2*D3, D5*D6, D8*D25 CE CK Q D2*D3, D5*D6, D8*D25 22 22 Q2 Q3, Q5 Q6, Q8 Q25 Parity Generator C1 G5 0 D CK R PAR_IN G1 R Q 1 D CK CE R Q D CK Q 1 0 A2 PPO D2 QERR C0 G6 CK 2*Bit Counter R LPS1 (internal node) 0 D CK R Q 1 Figure 6 Parity logic diagram for 1:1 register configuration (positive logic): C0=0, C1=0 1240--07/17/06 7 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST CK CK G2 H1 J1 LPS0 (internal node) D2*D3, D5*D6, D8-D14 V REF 11 A3, T3 D R 11 D2*D3, D5*D6, D8*D14 CE CK Q D2*D3, D5*D6, D8*D14 11 11 Q2A*Q3A, Q5A*Q6A, Q8A*Q14A 11 Q2B*Q3B, Q5B*Q6B, Q8B*Q14B Parity Generator C1 G5 0 D CK R PAR_IN G1 R Q 1 D CK CE R Q D CK Q 1 0 A2 PPO D2 QERR C0 G6 CK 2*Bit Counter R LPS1 (internal node) 0 D CK R Q 1 Figure 7 -- Parity logic diagram for 1:2 register-A configuration (positive logic); C0=0, C1=1 1240--07/17/06 8 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST CK CK G2 H1 J1 LPS0 (internal node) D1*D6, D8-D13 V REF A3, T3 11 D R 11 D1*D6, D8*D13 CE CK Q 11 D1*D6, D8*D13 11 Q1A*Q6A, Q8A*Q13A Q1B*Q6B, Q8B*Q13B 11 Parity Generator C1 G5 0 D CK R PAR_IN G1 R Q 1 D CK CE R Q D CK Q 1 0 A2 PPO D2 QERR C0 G6 CK 2*Bit Counter R LPS1 (internal node) 0 D Q CK R 1 Figure 8 Parity logic diagram for 1:2 register-B configuration (positive logic); CO=1, C1=1 1240--07/17/06 9 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST DCS CSR n CK n +1 n +2 n+3 n+4 CK tact tsu th D1*D25 tpdm , t pdmss CK to Q Q1*Q25 tsu PAR_IN t pd CK to PPO PPO tPHL CK to QERR tPHL , t PLH CK to QERR th QERR Data to QERR Latency H, L, or X H or L Figure 9 -- Timing diagram for SSTU32866 used as a single device; C0=0, C1=0; RST Switches from L to H After RST is switched from low to high, all data and PAR_IN inputs signals must be set and held low for a minimum time of t max, to avoid false error. ACT If the data is clocked in on the n clock pulse, the QERR output signal will be generated on the n+2 clock pulse, and it will be valid on the n+3 clock pulse. 1240--07/17/06 10 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST DCS CSR n CK n +1 n +2 n+3 n+4 CK tsu D1*D25 tpdm , t pdmss CK to th Q1*Q25 tsu PAR_IN tpd CK to PPO PPO Data to PPO Latency QERR Data to QERR Latency tPHL or t PLH CK to QERR th Unknown input event Output signal is dependent on the prior unknown input event H or L Figure 10 Timing diagram for SSTU32866 used as a single device; C0=0, C1=0; RST being held high If the data is clocked in on the n clock pulse, the QERR output signal will be generated on the n+2 clock pulse, and it will be valid on the n+3 clock pulse. If an error occurs and the QERR output is driven low, it stays latched low for a minimum of two clock cycles or until RST is driven low. 1240--07/17/06 11 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST tinact DCS CSR CK CK D1*D25 tRPHL RST to Q Q1*Q25 PAR_IN tRPHL RST to PPO PPO QERR tRPLH RST to QERR H, L, or X H or L Figure 11 -- Timing diagram for SSTU32866 used as a single device; C0=0, C1=0; RST switches from H to L After RST is switched from high to low, all data and clock unouts signals must be set and held at valid logic levels (not floating) for a minimum time of tINACT max. 1240--07/17/06 12 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST DCS CSR n CK n+1 n+2 n+3 n +4 CK tact D1*D14 t su th tpdm , t pdmss CK to Q Q1*Q14 tsu PAR_IN t pd CK to PPO PPO tPHL CK to QERR t PHL , t PLH CK to QERR th QERR# (not used) Data to QERR# Latency H, L, or X H or L Figure 12 -- Timing diagram for the first SSTU32866 (1:2 register-A configuration) device used in pair; C0=0, C1=1; RST switches from L to H After RST is switched from low to high, all data and PAIR_IN inputs signals must be set and held low for a minimum time of tACT max, to avoid false error If the data is clocked in on the n clock pulse, the QERR output signal will be generated on the n+1 clock pulse, and it will be valid on the n+2 clock pulse. 1240--07/17/06 13 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST DCS CSR n CK n +1 n+2 n+3 n+4 CK tsu th D1*D14 tpdm , t pdmss CK to Q Q1*Q14 tsu PAR_IN tpd CK to PPO PPO Data to PPO Latency QERR (not used) Data to QERR Latency tPHL or t PLH CK to QERR th Unknown input event Output signal is dependent on the prior unknown input event H or L Figure 13 -- Timing diagram for the first SSTU32866 (1:2 register-A configuration) device used in pair; C0=0, C1=1; RST being held high If the data is clocked in on the clock pulse, the QERR output signal will be generated on the n+1 clock pulse, and it will be valid on the n+2 clock pulse. If an error occurs and the QERR output is driven low, it stays latched low for a minimum of two clock cycles or until RST is driven low. 1240--07/17/06 14 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST# t inact DCS# CSR# CK CK# D1*D14 tRPHL RST# to Q Q1*Q14 PAR_IN tRPHL RST# to PPO PPO QERR# (not used) tRPLH RST# to QERR# H, L, or X H or L Figure 14 -- Timing diagram for the first SSTU32866 (1:2 register-A configuration) device used in pair; C0=0, C1=1; RST# switches from H to L After RST# is switched from high to low, all data and clock inputs signals must be held at valid logic levels (not floating) for a minimum time of t IN ACT max 1240--07/17/06 15 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST# DCS# CSR# n CK n+1 n+2 n+ 3 n +4 CK# t act D1*D14 t su th tpdm , t pdmss CK to Q Q1*Q14 tsu PAR_IN tpd CK to PPO PPO (not used) t PHL CK to QERR# t PHL , t PLH CK to QERR# th QERR# Data to QERR# Latency H, L, or X H or L Figure 15 -- Timing diagram for the second SSTU32866 (1:2 register-B configuration) device used in pair; C0=1, C1=1; RST# switches from L to H After RST# switched from low to high, all data and PAR_IN inputs signals must be set and held low for a minimum time of t ACT max, to avoid false error. PAR_IN is driven from PPO of the first SSTU32866 device. If the data is clocked in on the n clock pulse, the QERR# output signal will be generated on the n+2 clock pulse, and it will be valid on the n+3 clock pulse. 1240--07/17/06 16 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST# DCS# CSR# n CK n+1 n+2 n+3 n+4 CK# t su th D1*D14 tpdm , t pdmss CK to Q Q1*Q14 tsu PAR_IN tpd CK to PPO PPO Data to PPO Latency QERR# (not used) Data to QERR# Latency t PHL or t PLH CK to QERR# th Unknown input event Output signal is dependent on the prior unknown input event H or L Figure 16 -- Timing diagram for the second SSTU32866 (1:2 register-B cofiguration) device used in pair; C0=1, C1=1; RST# being held high PAR_IN is driven from PPO of the first SSTU32866 device If the data is clocked in on the n clock pulse, the QERR# output signal will be generated on the n+2 clock pulse, and it will be valid on the n+3 clock pulse. If an erro occurs and the QERR# output is driven low, it stays latched low for a minimum of two clock cycles or until RST# is driven low. 1240--07/17/06 17 ICSSSTUBF32866A Advance Information 2. Device standard (cont'd) RST# t inact DCS# CSR# CK CK# D1*D14 t RPHL RST# to Q Q1*Q14 PAR_IN tRPHL RST# to PPO PPO (not used) QERR# tRPLH RST# to QERR# H, L, or X H or L Figure 17 -- Timing diagram for the second SSTU32866 (1:2 register-B configuration) device used in pair; C0=1, C1=1; RST# switches from H to L After RST# is switched from high to low, all data and clock input signals must be held at valid logic levels (not floating) for a munimum time of t INACT max. 1240--07/17/06 18 ICSSSTUBF32866A Advance Information * Register Configurations DATA INPUT: D2, D3, D5, D6, D8 - D25 D2, D3, D5, D6, D8 - D14 D1 - D6, D8 D10, D12, D13 DATA OUTPUT: D2, D3, D5, D6, D8 - D25 D2, D3, D5, D6, D8 - D14 D1 - D6, D8 D10, D12, D13 CO 0 CI 0 0 1 1 1 1240--07/17/06 19 ICSSSTUBF32866A Advance Information Absolute Maximum Ratings Storage Temperature . . . . . . . . . . . . . . . . . . . . Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . Input Voltage1,2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output Voltage1,2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input Clamp Current . . . . . . . . . . . . . . . . . . . . Output Clamp Current . . . . . . . . . . . . . . . . . . . Continuous Output Current . . . . . . . . . . . . . . . VDD or GND Current/Pin . . . . . . . . . . . . . . . . Package Thermal Impedance3 ............... -65C to +150C -0.5V to 2.5V -0.5V to +2.5V -0.5V to VDD + 0.5V 50 mA 50mA 50mA 100mA 36C Notes: 1. The input and output negative voltage ratings may be excluded if the input and output clamp ratings are observed. 2. This value is limited to 2.5V maximum. 3. The package thermal impedance is calculated in accordance with JESD 51. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability. Recommended Operating Conditions PARAMETER VDDQ VREF VTT VI VIH (DC) VIH (AC) VIL (DC) VIL (AC) VIH VIL VICR VID IOH IOL TA 1 DESCRIPTION I/O Supply Voltage Reference Voltage Termination Voltage Input Voltage DC Input High Voltage AC Input High Voltage Data Inputs DC Input Low Voltage AC Input Low Voltage Input High Voltage Level RST# Input Low Voltage Level Common mode Input Range CK, CK# Differential Input Voltage High-Level Output Current Low-Level Output Current Operating Free-Air Temperature MIN TYP 1.7 1.8 0.49 x VDD 0.5 x VDD V REF - 0.04 VREF 0 VREF + 0.125 VREF + 0.250 MAX 1.9 0.51 x V DD VREF + 0.04 VDDQ UNITS VREF - 0.125 VREF - 0.250 0.65 x VDDQ 0.675 0.600 0.35 x VDDQ 1.125 -8 8 70 V mA C 0 Guaranteed by design, not 100% tested in production. Note: Rst# and Cn inputs must be helf at valid logic levels (not floating) to ensure proper device operation. The differential inputs must not be floating unless Rst# is low. 1240--07/17/06 20 ICSSSTUBF32866A Advance Information Electrical Characteristics - DC TA = 0 - 70C; VDD = 1.8 +/-0.1V (unless otherwise stated) SYMBOL PARAMETERS VIK VOH VOL All Inputs II Standby (Static) I DD Operating (Static) CONDITIONS VDD 1.7V 1.7V 1.9V 1.9V 40 39 MIN 1.2 -5 0.5 5 100 TYP I I = -18mA I OH = -6mA I OL = 6mA V I = VDD or GND RESET# = GND V I = VIH(AC) or VIL(AC), RESET# = V DD RESET# = V DD, Dynamic operating V I = VIH(AC) or V IL(AC), (clock only) CLK and CLK# switching 50% duty cycle. IO = 0 Dynamic Operating RESET# = V DD, (per each data input) V I = VIH(AC) or V IL (AC), CLK and CLK# switching 1:1 mode 50% duty cycle. One data Dynamic Operating input switching at half (per each data input) clock frequency, 50% 1:2 mode duty cycle V I = VREF 350mV Data Inputs V ICR = 1.25V, VI(PP) = 360mV CLK and CLK# RESET# V I = VDD or GND MAX -1.2 UNITS V A A mA /clock MHz IDDD 1.8V 19 A/ clock MHz/data 35 2.5 2 2.5 3.5 3 Ci pF Notes: 1 - Guaranteed by design, not 100% tested in production. Output Buffer Characteristics Output edge rates over recommended operating free-air temperature range (See figure 7) VDD = 1.8V 0.1V PARAMETER UNIT MIN MAX dV/dt_r 1 4 V/ns dV/dt_f 1 4 V/ns 1 dV/dt_ 1 V/ns 1. Difference between dV/dt_r (rising edge rate) and dV/dt_f (falling edge rate) 1240--07/17/06 21 ICSSSTUBF32866A Advance Information Timing Requirements (over recommended operating free-air temperature range, unless otherwise noted) SYMBOL fclock tW tACT tINACT tsu tsu tsu tsu tsu tH Notes: Clock frequency Pulse duration, CK, CK HIGH or LOW Differential inputs active time (See Notes 1 and 2) Differential inputs inactive time (See Notes 1 and 3) Setup time Setup time Setup time Setup time Setup time Hold time DCS# before CK, CK#, CSR# high CSR# before CK, CK#, DCS# high DCS# before CK, CK#, CSR# low DODT, DCKE and data before CK, CK# PAR_IN before CK, CK# DCS#, DODT, DCKE and Q after CK, CK# PARAMETERS V DD = 1.8V 0.1V MIN MAX 410 1 0.55 0.55 0.35 0.35 0.35 0.35 0.35 10 15 UNITS MHz ns ns ns ns ns ns ns ns ns ns PAR_IN after CK, CK# Hold time 1 - Guaranteed by design, not 100% tested in production. 2 - For data signal input slew rate of 1V/ns. 3 - For data signal input slew rate of 0.5V/ns and < 1V/ns. 4 - CLK/CLK# signal input slew rate of 1V/ns. Switching Characteristics (over recommended operating free-air temperature range, unless otherwise noted) Measurement Symbol Parameter MIN MAX Conditions fmax t PDM Max input clock frequency 410 1.1 0.5 1.2 1 1.5 1.7 3 2.4 1.6 3 3 3 Units MHz ns ns ns ns ns ns ns ns Propagation delay, single CK to CK# QN bit switching Propagation delay CK to CK# to PPO t PD Low to High propagation CK to CK# to QERR# tLH delay High to low propagation tHL CK to CK# to QERR# delay Propagation delay tPDMSS CK to CK# QN simultaneous switching High to low propagation t PHL Rst# to QN delay High to low propagation t PHL Rst# to PPO delay Low to High propagation Rst# to QERR# t PLH delay 2. Guaranteed by design, not 100% tested in production. 1240--07/17/06 22 ICSSSTUBF32866A Advance Information VDD DUT TL=50 * CK Inputs Test Point RL = 100 * Test Point VCMOS RST# Inp ut t in act IDD (see Note 2) LOAD CIRCUIT VDD VDD /2 VDD/2 0V t act 90% 10% VOLTAGE AND CURRENT WAVEFORMS INPUTS ACTIVE AND INACTIVE TIMES tw Inpu t VICR VICR LVCMOS RST# Input VIH VDD /2 t RPHL t su Inpu t VREF th VREF VIH VOH Ou tput VTT VOL VIL VID Ou tput VTT VTT CK VICR CK t PL H t PH L VOH VOL VIC R CK# CK TL=350p s, 50 Out CL = 30 pF (see Note 1) RL = 1000 * Test Point RL = 1000 * VID VOLTAGE WAVEFORMS - PROPAGATION DELA TIMES VOLTAGE WAVEFORMS - PULSE DURATION VID CK VICR CK VIL VOLTAGE WAVEFORMS - SETUP AND HOLD TIMES VOLTAGE WAVEFORMS - PROPAGATION DELA TIMES Figure 6 -- Parameter M easurement I nfor mation (V DD = 1.8 V 0.1 V) Notes: 1. CL incluces probe and jig capacitance. 2. IDD tested with clock and data inputs held at VDD or GND, and Io = 0mA. 3. All input pulses are supplied by generators having the following chareacteristics: PRR MHz, 10 Zo=50, input slew rate = 1 V/ns 20% (unless otherwise specified). 4. The outputs are measured one at a time with one transition per measurement. 5. VREF = VDD/2 6. VIH = VREF + 250 mV (ac voltage levels) for differential inputs. VIH = VDD for LVCMOS input. 7. VIL = VREF - 250 mV (ac voltage levels) for differential inputs. VIL = GND for LVCMOS input. 8. VID = 600 mV 9. tPLH and tPHL are the same as tPDM. 1240--07/17/06 23 ICSSSTUBF32866A Advance Information VDD DUT RL = 50 Out C L = 10 pF (see Note 1) Test Point LOAD CIRCUIT - HIGH-TO-LOW SLEW-RATE MEASUREMENT Output 80% 20% dv _f dt _f VOL VOH VOLTAGE WAVEFORMS - HIGH-TO-LOW SLEW-RATE MEASUREMENT DUT Out CL = 10 pF (see Note 1) Test Point RL = 50 LOAD CIRCUIT - LOW-TO-HIGH SLEW-RATE MEASUREMENT dv _r dt _r 80% 20% Output VOL VOLTAGE WAVEFORMS - LOW-TO-HIGH SLEW-RATE MEASUREMENT VOH Figure 7 - Output Slew - Rate Measurement Information (V DD = 1.8 V 0.1 V) Notes: 1. CL includes probe and jig capacitance. 2. All input pulses are supplied by generators having the following characteristics: PRR 10MHz, ZO = 50, input slew rate = 1 V/ns 20% (unless otherwise specified). 1240--07/17/06 24 ICSSSTUBF32866A Advance Information 3 Test circuits and switching waveforms (cont'd) 3.3 Error output load circuit and voltage measurement information (VDD = 1.8 V 0.1 V) All input pulses are supplied by generators having the following characteristics: PRR Zo = 50 ; input slew rate = 1 V/ns 20%, unless otherwise specified. 10 MHz; VDD DUT RL = 1K Out CL = 10 pF (see Note 1) Test Point LOAD CIRCUIT - HIGH-TO-LOW SLEW-RATE MEASUREMENT (1) CL includes probe and jig capacitance. Figure 28 -- Load circuit, error output measurements LVCMOS RST# Input t PLH Output Waveform 2 V CC V CC /2 0V V OH 0.15 V ___________ 0V Figure 29 -- Voltage waveforms, open-drain output low-to-high transition time with respect to reset input V I(PP) Timing Inputs tPHL Output Waveform 1 VICR V ICR ___________ V CC /2 V CC V OL Figure 30 -- Voltage waveforms, open-drain output high-to-low transition time with respect to clock inputs V I(PP) Timing Inputs tPHL Output Waveform 2 V OH 0.15 V 0V VICR VICR Figure 31 -- Voltage waveforms, open-drain output low-to-high transition time with respect to clock inputs 1240--07/17/06 25 ICSSSTUBF32866A Advance Information Test circuits and switching waveforms (cont'd) 3.4 Partial-parity-out load circuit and voltage measurement information (VDD = 1.8 V 0.1 V) All input pulses are supplied by generators having the following characteristics: PRR Zo = 50 input slew rate = 1 V/ns 20%, unless otherwise specified. 10 MHz; DUT Out Test Point CL = 5 pF (see Note A) RL = 1 k (1) CL includes probe and jig capacitance. Figure 32 -- Partial-parity-out load circuit, CK VICR CK tPLH tPHL VOH OUTPUT VTT VOL 002aaa375 VICR Vi(p-p) VTT = VDD /2 tPLH an tPHL are the same as tPD . VI(PP) = 600 mV Figure 33 -- Partial-parity-out voltage waveforms; propagation delay times with respect to clock inputs LVCMOS RST# VIH INPUT VDD /2 VIL tPHL VOH OUTPUT VTT 002aaa376 VOL VTT = VDD /2 tPLH an tPHL are the same as tPD . VIH = VRE F + 250 mV (AC voltage levels for differential inputs. VIH = VDD for LVCMOS inputs. VIL = VRE F - 250 mV (AC voltage levels) for differential inputs. VIL = VDD for LVCMOS inputs. Figure 34 -- Partial-parity-out voltage waveforms; propagation delay times with respect to reset input 1240--07/17/06 26 ICSSSTUBF32866A Advance Information C Seating Plane A1 T b REF Numeric Designations for Horizontal Grid 4321 A B C D D Alpha Designations for Vertical Grid (Letters I, O, Q & S not used) d TYP D1 - e - TYP TOP VIEW E h TYP 0.12 C c REF E1 - e - TYP ALL DIMENSIONS IN MILLIMETERS ----- BALL GRID ----Max. T e HORIZ VERT TOTAL d Min/Max Min/Max 13.50 Bsc 5.50 Bsc 1.20/1.40 0.80 Bsc 6 16 96 0.40/0.50 11.50 Bsc 5.00 Bsc 1.00/1.20 0.65 Bsc 6 16 96 0.35/0.45 Note: Ball grid total indicates maximum ball count for package. Lesser quantity may be used. D E h Min/Max 0.25/0.41 0.25/0.35 REF. DIMENSIONS b c 0.75 0.875 0.75 0.875 * Source Ref.: JEDEC Publication 95, 10-0055C MO-205 Ordering Information ICSSSTUBF32866Az(LF)T Example: ICS XXXX y z (LF) T Designation for tape and reel packaging Lead Free, RoHS Compliant (Optional) Package Type H = LFBGA (standard size: 5.5 x 13.50) HM = TFBGA (reduced size: 5.0 x 11.50) Revision Designator (will not correlate with datasheet revision) Device Type Prefix ICS = Standard Device 1240--07/17/06 27 ICSSSTUBF32866A Advance Information Revision History Rev. 0.1 Issue Date Description 6/29/2006 Initial Release Page # - 1240--07/17/06 28 |
Price & Availability of ICSSSTUBF32866A |