Part Number Hot Search : 
RXE110K STPS2 38036M7 P60N06 CDLL936A NCV8871 PC537 TC4520
Product Description
Full Text Search
 

To Download HD26LS31 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD26LS31
Quadruple Differential Line Drivers With 3 State Outputs
ADE-205-576 (Z) 1st. Edition Dec. 2000 Description
The HD26LS31 features quadruple differential line drivers which satisfy the requirements of EIA standard RS-422A. This device is designed to provide differential signals with high current capability on bus lines. The circuit provides enable input to control all four drivers. The output circuit has active pull up and pull down and is capable of sinking or sourcing 40 mA.
Logic Diagram
1A 1Y 1Z 2Y 2Z 3Y 3Z 4Y 4Z
2A
3A 4A Enable G Enable G
HD26LS31
Pin Arrangement
1A 1 1Y 2 1Z 3 Enable G 4 2Z 5 2Y 6 2A 7 GND 8
16 VCC 15 4A 14 4Y 13 4Z 12 Enable G 11 3Z 10 3Y 9 3A
(Top view)
Function Table
Input A H L H L X H L X Z : : : : Enables G H H X X L High level Low level Irrelevant High impedance (Off) G X X L L H Outputs Y H L H L Z Z L H L H Z
2
HD26LS31
Absolute Maximum Ratings
Item Supply Voltage Input Voltage Output Voltage Power Dissipation Storage Temperature Range Lead Temperature Range Note: Symbol VCC VIN VOUT PT Topr Tstg Ratings 7.0 7.0 5.5 1 0 to +70 -65 to +150 Unit V V V W C C
1. The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply Voltage Output Current Output Current Operating Temperature Symbol VCC I OH I OL Topr Min 4.75 -- -- 0 Typ 5.0 -- -- 25 Max 5.25 -40 40 70 Unit V mA mA -- Application Terminal VCC All Output All Output --
3
HD26LS31
Electrical Characteristics (Ta = 0 to +70C)
Item Input Voltage Symbol VIH VIL Input Clamp Voltage VIK Output Voltage VOH VOH VOL Output Current I OZL I OZH Input Current II I IH I IL Short Circuit Output I OS* Current Supply Current I CC
2
Min 2.0 -- -- 2.5 -- -- -- -- -- -- -- -30 --
Typ*1 Max -- -- -- -- -- -- -- -- -- -- -- -- 32 -- 0.8 -1.5 -- 2.4 0.5 -20 20 0.1 20
Unit V
Application Terminal All Inputs
Conditions
VCC = 4.75 V, II = -18 mA All Outputs VCC = 4.75 V I OH = -20 mA I OH = -40 mA I OL = 40 mA mA VCC = 5.25 V VO = 0.5 V VCC = 5.25 V VO = 2.5 V mA A All Inputs VCC = 5.25 V VI = 7 V VI = 2.7 V VI = 0.4 V All Outputs VCC VCC = 5.25 V VCC = 5.25 V
-0.36 mA -150 80
Notes: 1. All typical values are at V CC = 5 V, Ta = 25C 2. Not more than one output should be shorted at a time and duration of the short circuit should not exceed one second.
Switching Characteristics (VCC = 5 V, Ta = 25C)
Item Propagation Delay Time Symbol t PLH t PHL Output Enable Time t ZH t ZL Output Disable Time t HZ t LZ Complementary Output To Skew Output Application Test Min Typ Max Unit terminal circuit -- -- -- -- -- -- -- 14 14 25 37 21 23 1 20 20 40 45 30 35 6 ns ns ns ns ns ns ns 2 3 2 3 1 CL = 30 pF, RL = 75 CL = 30 pF, RL = 180 CL = 10 pF CL = 10 pF CL = 30 pF All Outputs 1 Conditions CL = 30 pF
4
HD26LS31
Test Circuit 1
4.5 V
G Input Pulse Generator PRR = 1MHz Duty Cycle 50% Zout = 50 G Z Y Output CL = 30 pF CL = 30 pF Output Note: 1. CL includes probe and jig capacitance.
A
Waveforms
tr Input 0.3 V t PLH Output Y 2.7 V 1.3 V 2.7 V 1.3 V 0.3 V t PHL VOH 1.5 V Skew t PHL 1.5 V t PLH VOH Output Z 1.5 V VOL 1.5 V Skew VOL
tf 3V 0V
5
HD26LS31
Test Circuit 2
VCC 4.5 V Output 180 S1 75
A Input Pulse Generator PRR = 1 MHz Duty Cycle 50% Zout = 50
Y Z
CL Output
G G CL S1 75
180
Note:
1.
CL includes probe and jig capacitance.
Waveforms
tr Enable G 0.3 V 2.7 V 1.5 V 2.7 V 1.5 V 0.3 V tf 3V 0V
Enable G
S1 : Open t ZH
S1 : Closed t HZ VOH 1.5 V 0V
Output S1 Open
1.5 V
0.5 V
6
HD26LS31
Test Circuit 3
4.5 V Output 180 A Input Pulse Generator PRR = 1 MHz Duty Cycle 50% Zout = 50 Y Z G 180 G CL 75 S2 Note: 1. CL includes probe and jig capacitance. CL Output 75 S2 VCC
Waveforms
tr Enable G 0.3 V 2.7 V 1.5 V 2.7 V 1.5 V 0.3 V tf 3V 0V
Enable G
S2 : Open t ZL
S2 : Closed t LZ 4.5 V 1.5 V 0.5 V VOL
Output
1.5 V
7
HD26LS31
HD26LS31 Line Driver Applications
The HD26LS31 is a line driver that meets the EIA RS-422A conditions, and has been designed to supply a high current for differential signals to a bus line. Its features are listed below. * * * * * Operates on a single 5 V power supply. High output impedance when power is off Three-state output On-chip current limiter circuit Sink current and source current both 40 mA
A block diagram is shown in figure 1. The enable function is common to all four drivers, and either activehigh or active-low can be selected. The output section consists of two output stages (the Y side and Z side), each of which has the same sink current and source current capacity. Input is TTL compatible, and an output current limiter circuit is built into the output stage as shown in figure 2.
1Y 1Z 2Y 2Z 3Y 3Z 4Y 4Z
1A
2A
3A 4A Enable G Enable G
Figure 1 HD26LS31 Block Diagram The output current limiter circuit consists of transistor Q1 and resistance R1, and operates when the voltage drop on both sides of R 1 reaches approximately 0.7 V. At this time the current, i, is as follows:
i = 0.7 (V) / 9 () 78 (mA)
When a current greater than this flows, Q1 is turned on, the Q2 base current flows to the output side, and the flow of an excessively large output current is prevented. However, since this type of current limiter circuit has the characteristics shown in figure 3, the output stage power dissipation is large. Therefore, when the output is shorted, this should be limited to a maximum of one second for one pin only. The IOL vs. V OL characteristic for low-level output is shown in figure 4.
8
HD26LS31
An example of termination resistance connection when the HD26LS31 is used as a balanced differential type driver is shown.
VCC Q2 Q3 Q1 R1 9 Output Q4
Figure 2 Output Stage Circuit Configuration When termination resistance RT is connected between the two transmission lines, as shown in figure 7 the current path situation is that current IOH on the side outputting a high level (in this case, the Y output) flows to the side outputting a low level (in this case, the Z output) via RT, with the result that the low level rise is large. If termination resistance RT is dropped to GND on both transmit lines, as shown in figure 5 the current path situation is that the current that flows into the side outputting a low level (in this case, the Z output) is only the input bias current from the receiver. As this input bias current is small compared with the signal current, it has almost no effect on the differential input signal at the receiver end. Figure 6 shows the output voltage characteristics when termination resistance RT is varied. Also, when used in a party line system, etc., the low level rises further due to the receiver input bias current, so that it is probably advisable to drop the termination resistance to GND. However, the fact that it is possible to make the value of RT equal to the characteristic impedance of the transmission line offers the advantage of being able to hold the power dissipation on the side outputting a high level to a lower level than in the above case. Consequently, the appropriate use must be decided according to the actual operating conditions (transmission line characteristics, transmission distance, whether a party line is used, etc.). Figure 8 shows the output voltage characteristics when termination resistance RT is varied.
9
HD26LS31
5.0 VCC = 5.0 V
VC = C 5.25 VC = C 4.75 V
Output Voltage VOH (V)
4.0
Ta = 25C
3.0
V
2.0
1.0
0
-20
-40
-60
-80
-100
Output Current IOH (mA)
Figure 3 IOH vs. VOH Characteristics
0.5 Ta = 25C VCC = 4.75 V VCC = 5.0 V VCC = 5.25 V
Output Voltage VOL (V)
0.4
0.3
0.2
0.1
0
10
20
30
40
50
Output Current IOL (mA)
Figure 4 IOL vs. V OL Characteristics
10
HD26LS31
Y "H" IOH RT RT IIN (Receiver)
"L" Z RT =
ZO 2 ZO is the transmission line characteristic impedance
Figure 5 Example of Driver Use-1
5 2 1.0 0.5 "H" 0.2 0.1 0.05 10 RT VOL (Z) Z GND 20 50 100 200 500 1 k 2 k 5 k 10 k 20 k 50 k Termination Resistance RT () VOL VOH Y RT VCC = 5 V Ta = 25C
Output Voltage VOH (Y), VOL (Z) (V)
VOH (Y)
Figure 6 Termination Resistance vs. Output Voltage Characteristics
IOH
Y
"H"
RT "L" Z IOL IIN (Receiver)
RT = ZO ZO is the transmission line characteristic impedance
Figure 7 Example of Driver Use-2
11
HD26LS31
A feature of termination implemented as shown in figure 9 is that power dissipation is low when the duty of the transmitted signal is high. However, care is required, since if R T is sufficiently small, when the output on the pulled-up side goes low, since the inverter transistor (Q 4 in figure 2) has no protection circuit, and so a large current will flow and the output low level will rise. Figure 10 shows the output voltage characteristics when termination resistance RT is varied. With the method of using the driver described above, if termination resistance RT becomes sufficiently small, the region within which the output current limiter circuit operates will be entered, as can be seen from the I OH vs. V OH characteristics shown in figure 3. In this region, the output stage power dissipation is large and the output voltage changes abruptly. A measure such as insertion of a capacitor in series with the termination resistance is therefore necessary. Consequently, when selecting the transmission line, the circuit termination resistance to be used requires careful consideration.
5 VOH (Y) 2 1.0 0.5 0.2 0.1 Z 0.05 10 20 50 100 200 500 1 k 2 k 5 k 10 k 20 k Termination Resistance RT () 50 k GND VOL VOL (Z) Y "H" RT VOH VCC = 5 V Ta = 25C
Output Voltage VOH (Y), VOL (Z) (V)
Figure 8 Termination Resistance vs. Output Voltage Characteristics
VCC Y Data input RT
Z
RT
Figure 9 Example of Driver Use-3
12
HD26LS31
Output Voltage VOH (Y), VOL (Z) (V) 5 VOH (Z) 2 1.0 0.5 "L" 0.2 0.1 0.05 10 VOL (Y) Z RT GND VOL VOH Y RT VCC VCC = 5 V Ta = 25C
20
50 100 200 500 1 k 2 k 5 k 10 k 20 k Termination Resistance RT ()
50 k
Figure 10 Termination Resistance vs. Output Voltage Characteristic
13
HD26LS31
Package Dimensions
Unit: mm
19.20 20.00 Max 16 9
1 1.3
1.11 Max
8
7.40 Max
6.30
0.51 Min
2.54 Min 5.06 Max
7.62
2.54 0.25
0.48 0.10
0.25 - 0.05 0 - 15
Hitachi Code JEDEC EIAJ Mass (reference value)
+ 0.13
DP-16 Conforms Conforms 1.07 g
Unit: mm
10.06 10.5 Max 16 9
1
*0.22 0.05 0.20 0.04
8 0.80 Max
5.5
0.20 7.80 + 0.30 -
2.20 Max
1.15 0 - 8 0.70 0.20
1.27 *0.42 0.08 0.40 0.06
0.12 M
Hitachi Code JEDEC EIAJ Mass (reference value) FP-16DA -- Conforms 0.24 g
*Dimension including the plating thickness Base material dimension
14
0.10 0.10
0.15
HD26LS31
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica Europe Asia Japan
: : : :
http://semiconductor.hitachi.com/ http://www.hitachi-eu.com/hel/ecg http://sicapac.hitachi-asia.com http://www.hitachi.co.jp/Sicd/indx.htm
Hitachi Asia Ltd. Hitachi Tower 16 Collyer Quay #20-00, Singapore 049318 Tel : <65>-538-6533/538-8577 Fax : <65>-538-6933/538-3877 URL : http://www.hitachi.com.sg Hitachi Asia Ltd. (Taipei Branch Office) 4/F, No. 167, Tun Hwa North Road, Hung-Kuo Building, Taipei (105), Taiwan Tel : <886>-(2)-2718-3666 Fax : <886>-(2)-2718-8180 Telex : 23222 HAS-TP URL : http://www.hitachi.com.tw Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road Tsim Sha Tsui, Kowloon, Hong Kong Tel : <852>-(2)-735-9218 Fax : <852>-(2)-730-0281 URL : http://www.hitachi.com.hk
For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic Components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 585160
Copyright (c) Hitachi, Ltd., 2000. All rights reserved. Printed in Japan.
Colophon 2.0
15


▲Up To Search▲   

 
Price & Availability of HD26LS31

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X