Part Number Hot Search : 
17FBD1 RN1102F CP16C60 SC9696P 2FB102 PC3S1 BU4826 A1009
Product Description
Full Text Search
 

To Download GP2A25DJ000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP2A25J0000F Series
GP2A25J0000F Series
Detecting Distance : 1 to 9mm *OPIC Output, Reflective Photointerrupter with Connector
Description
GP2A25J0000F Series are OPIC output, reflective photointerrupters with emitter and detector facing the same direction in a molding that provides non-contact sensing. This family of devices uses light modulation to reduce the affects of disturbing light, and the sensor is optimized to work in the selected focal distance. A 3-pin connector is included to allow remote-mount or off-board designs.
Agency approvals/Compliance
1. Compliant with RoHS directive
Applications
1. General purpose detection of paper presence or motion. 2. Example : PPC, FAX, Printer
Features
1. Reflective with OPIC Light Modulated Output 2. Highlights : * Includes additional screw fixing holes * Position pin to prevent mis-alignment * Short focal distance 3. Key Parameters: * Detecting distance : 1 to 9mm (White paper) 3 to 7mm (Black paper) * Undetecting distance : over 27mm (White paper) * Connector : GP2A25J0000F ; Tyco Electronics AMP K.K. (PN : 292133-3) GP2A25DJ000F ; Tyco Electronics AMP K.K. (PN : 292133-3) GP2A25NJJ00F ; Tyco Electronics AMP K.K. (PN : 4-292133-3) 4. Lead free and RoHS directive compliant
* "OPIC"(Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and a signalprocessing
Notice The content of data sheet is subject to change without prior notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
Sheet No.: D3-A04901EN Date Jun. 30. 2005 (c) SHARP Corporation
GP2A25J0000F Series
Internal Connection Diagram
Reflective object Voltage regulator Demodulator circuit
1 1 2 3
2
VCC VOUT GND
Amp.
3
Comparator
Oscillator circuit
Sync. detecting circuit
Outline Dimensions
GP2A25J0000F
33 3.1 4.5 17.7 Optical center 9.6 7 3.5
1 2 3
(Unit : mm) GP2A25DJ000F
26.5 2 6.1 3+0 -0.2
VCC VOUT GND
1 2 3
3.2
6.2
6 12
3.2
Connector : 292133-3 (Tyco Electronics AMP K.K.) 12
VCC VOUT GND
9
Connector : 292133-3 (Tyco Electronics AMP K.K.) 8 4.5
7.8
7.5
6
Optical center
3
9 8 4.5
7.8
2.5
26.5
123
2
7.9 26.5 34.3 4-SR2
9 6
4.3
1
3.5
* Unspecified tolerance shall be as follows ;
0 7
* Unspecified tolerance shall be as follows ;
Date code
Product mass : approx. 1.95g GP2A25NJJ00F
33 3.1 4.5 17.7 (7.8) Optical center (6.8)
Dimensions Tolerance less than 6 0.2 6 or more less 0.3 than 14 14 or more 0.4
Date code
Product mass : approx. 2.4g
Dimensions Tolerance less than 6 0.2 6 or more less 0.3 than 14 14 or more 0.4
1 2 3
VCC VOUT GND
9
3.2
6.2
6 12
Connector : 4-292133-3 (Tyco Electronics AMP K.K.) 8 4.5 (5 .8)
7.8
2.5
26.5
123
0
7
* Unspecified tolerance shall be as follows ;
Date code
* ( ) : Reference dimensions. * : Portion Built-in IR-90 filter
Product mass : approx. 1.95g
Dimensions Tolerance less than 6 0.2 6 or more less 0.3 than 14 14 or more 0.4
2
3+0 -0.2
Connector terminal plating material : Sn
Sheet No.: D3-A04901EN
2
2
3+0 -0.2
3.2
3+0 -0.2
2
4.5
GP2A25J0000F Series
Date code (2 digit)
1st digit Year of production A.D. Mark 2000 0 2001 1 2002 2 2003 3 2004 4 2005 5 2006 6 2007 7 2008 8 2009 9 2010 0 : : 2nd digit Month of production Month Mark 1 1 2 2 3 3 4 4 5 5 6 6 7 7 8 8 9 9 10 X 11 Y 12 Z
repeats in a 10 year cycle
Country of origin
Japan
Sheet No.: D3-A04901EN
3
GP2A25J0000F Series
Absolute Maximum Ratings
Parameter Supply voltage Output voltage *1 Output current *2 Operating temperature *2 Storage temperature

Symbol VCC VO IOL Topr Tstg
Rating -0.5 to +7 30 50 -10 to +60 -20 to +80
(Ta=25C) Unit V V mA C C
1 Sink current refer to Fig.5. 2 The connector should be plugged in/out at normal temperature.
Electro-optical Characteristics
Parameter Supply voltage Current dissipation (I) *3 Current dissipation (II) Low level output voltage High level output voltage *4 Non detection distance
*4
Symbol VCC ICC ICCP VOL VOH LLHL LHLS
Detection distance LHLL
Condhitions - Smoothing value VCC=5V, RL= Pulse peak value VCC=5V VCC=5V, IOL=16mA, at detecting time VCC=5V, RL=1k, at non detecting time KODAK Gray Cards, VCC=5V KODAK Gray Cards, VCC=5V Black paper, VCC=5V KODAK Gray Cards, VCC=5V Black paper, VCC=5V VCC=5V -
*5
Response time Acceptable illuminance
*6
tPLH tPHL Ev1 Ev2
MIN. 4.75 - - - 4.5 - - - 9 7 - - 3 000 1 500
TYP. - - - - - - - - - - - - - -
MAX. 5.25 30 150 0.4 - 27 1 3 - - 1 1 - -
(Ta=25C) Unit V mA mA V V mm mm mm ms ms lx lx

3 Refer to Fig.1. 4 Refer to Fig.2. 5 Refer to Fig.3. * 6 Refer to Fig.4.
Reflective object
Black paper (black) : Standard reflective object (provided by SHARP Corporation) KODAK Gray Cards (use the white side reflects about 90%) : Standard reflective object (provided by SHARP Corporation) PPC paper : Standard reflective object (provided by SHARP Corporation)
Sheet No.: D3-A04901EN
4
GP2A25J0000F Series
Fig.1 Test Condition for Peak Pulse Value ICCP
R=1
1 2 3
VCC=5V RL=1k VO GND tW tP
Vr ICCP=Vr/1 tP(TYP.)=130s tW(TYP.)=8s
V
Photointerrupter
Fig.2 Test Condition for Detecting Distance Characteristics
Output VO Reflective object VOH
VOL Detecting distance L LHLS LHLL LLHS LLHL
Detection surface
Fig.3 Test Circuit for Response Time
Reflective object Detection surface
1 2 3
With reflective object RL=1k VCC=5V VO GND Vout waveform tPHL tPLH VOH 1.5V VOL Without reflective object
L
Photointerrupter
Fig.4 Test Condition for External Disturbing Light Illuminance
EV1 : At non-detecting Emission/detection surface Light source A Photointerrupter Illuminance shall be that on the emission/detection surface. Output shall not go from "H" to "L". Light source A EV2 : At detecting PPC paper Emission/detection surface Photointerrupter Illuminance shall be that on the reflective object. Output shall not go from "L" to "H". 7mm
Sheet No.: D3-A04901EN
5
GP2A25J0000F Series
Fig.5 Low Level Output Current vs. Ambient Temperature
60
Fig.6 Low Level Output Voltage vs. Ambient Temperature
0.3 VCC=5V At detecting Low level output voltage VOL (V) IOL=30mA 0.2
Low level output current IOL(mA)
50 40 30 27 20 10 0 -10
16mA 0.1 5mA
0 0 25 50 60 75 -10 0 25 50 75 Ambient temperature Ta (C) Ambient temperature Ta (C)
Fig.7 Low Level Output Voltage vs. Low Level Output Current
VCC=5V At detecting Low level output voltage VOL (V)
Fig.8 Dissipation Current(Smoothing Value) vs. Ambient Temperature
7 6 Dissipation current ICC (mA) 5 4 3 2 1 Ta=-10C 25C 60C
0.1
0.01
1 10 100
0 4.75
5 Supply voltage VCC (V)
5.25
Low level output current IOL (mA)
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
Sheet No.: D3-A04901EN
6
GP2A25J0000F Series
Design Considerations Design guide
1) VO terminal : Open collector output This product operates the light emitter by pulse drive. Please supply the stable supply voltage in order to prevent error operation by pulse current. Please use this device after connecting a capacitor between VO and GND for prevention of line noise. 2) Prevention of detection error Please be careful that you need to keep the direct inverter light away from the photo detecting surface since the device will not operate correctly in such case. In addition, we recommend to make sure the operation test in the actual application. 3) Plugging in/out The connector should be plugged in/out at normal temperature. This product is not designed against irradiation and incorporates non-coherent IRED.
Parts
This product is assembled using the below parts.
* Photodetector (Q'ty : 1) [Using a silicon photodiode as light detecting portion, and a bipolar IC as signal processing circuit]
Category Photodiode Maximum Sensitivity wavelength (nm) 900 Sensitivity wavelength (nm) 700 to 1 200 Response time (s) 400
* Photo emitter (Q'ty : 1)
Category Infrared emitting diode (non-coherent) Material Gallium arsenide (GaAs) Maximum light emitting wavelength (nm) 950 I/O Frequency (MHz) 0.3
* Material
Case GP2A25J0000F GP2A25DJ000J GP2A25NJJ00F Black polyphernylene Sulfide resin (UL94 V-0) Acryl resin (UL94 HB) Lens Bottom cover Polycarbonate resin (Black) (UL94 V-2) Polycarbonate resin (Black) (UL94 V-2) Polycarbonate resin (Black) (UL94 V-2)
The IR-90 filter (Fuji Photo Film Co., Ltd.) is inserted between case and detector side lens.
* Others
Laser generator is not used.
Sheet No.: D3-A04901EN
7
GP2A25J0000F Series
Manufacturing Guidelines Cleaning instructions
Polycarbonate resin is used as the material of the lens surface. So this product shall not be cleaned by cleaning solvent absolutely. Dust and stain shall clean by air blow, or shall clean by soft cloth.
Presence of ODC
This product shall not contain the following materials. And they are not used in the production process for this product. Regulation substances : CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform) Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all. This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC). *Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated diphenyl ethers (PBDE).
Sheet No.: D3-A04901EN
8
GP2A25J0000F Series
Package specification Case package Package materials
Anti-static plastic bag : Polyethtylene Moltopren : Urethane Packing case : Corrugated fiberboard
Package method
100 pcs of products shall be packaged in a plastic bag, Ends shall be sealed by stapler. The bottom ot the packing case is covered with moltopren, and 2 plastic bags shall be put int the packing case. Moltopren should be located after all product are settled (1 packing conteains 200 pcs).
Packing composition
Moltopren
Anti-static plastic bag
Packing case
Sheet No.: D3-A04901EN
9
GP2A25J0000F Series
Important Notices
* The circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. * Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data, materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. * Observe the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: --- Personal computers --- Office automation equipment --- Telecommunication equipment [terminal] --- Test and measurement equipment --- Industrial control --- Audio visual equipment --- Consumer electronics (ii) Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliability such as: --- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- Traffic signals --- Gas leakage sensor breakers --- Alarm equipment --- Various safety devices, etc. (iii) SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- Space applications --- Telecommunication equipment [trunk lines] --- Nuclear power control equipment --- Medical and other life support equipment (e.g., scuba). * If the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Law of Japan, it is necessary to obtain approval to export such SHARP devices. * This publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. * Contact and consult with a SHARP representative if there are any questions about the contents of this publication.
[H174]
Sheet No.: D3-A04901EN
10


▲Up To Search▲   

 
Price & Availability of GP2A25DJ000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X