Part Number Hot Search : 
PS2604 MC33262P AX111 TSOP1140 40106BE XCS30 02410 CC2330
Product Description
Full Text Search
 

To Download FFP08S60S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FFP08S60S Stealth 2 Rectifier
April 2007
FFP08S60S Stealth 2 Rectifier
Features
* High Speed Switching ( Max. trr<30ns @ IF=8A ) * High Reverse Voltage and High Reliability * Avalanche Energy Rated
tm
8A, 600V Stealth2 Rectifier
The FFP08S60S is stealth 2 rectifier with soft recovery characteristics (trr<30ns). They has half the recovery time of hyperfast rectifier and are silicon nitride passivated ion-implanted epitaxial planar construction. This device is intended for use as freewheeling of boost diode in switching power supplies and other power swithching applications. Their low stored charge and hyperfast soft recovery minimize ringing and electrical noise in many power switching circuits reducing power loss in the switching transistors.
Applications
* General Purpose * Switching Mode Power Supply * Boost Diode in continuous mode power factor corrections * Power switching circuits
Pin Assignments
TO-220-2L 1. Cathode 2. Anode
1 1. Cathode
2 2. Anode
Absolute Maximum Ratings
Symbol
VRRM VRWM VR IF(AV) IFSM TJ, TSTG
TC = 25C unless otherwise noted
Parameter
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Non-repetitive Peak Surge Current 60Hz Single Half-Sine Wave Operating Junction and Storage Temperature
= 25C unless otherwise noted
Value
600 600 600 @ TC = 115 C 8 80 - 65 to +150
Units
V V V A A C
Thermal Characteristics T
Symbol RJC
C
Parameter Maximum Thermal Resistance, Junction to Case
Max 2.5
Units C/W
Package Marking and Ordering Information
Device Marking
F08S60S
Device
FFP08S60STU
Package
TO-220-2L
Reel Size
-
Tape Width
-
Quantity
50
(c)2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FFP08S60S Rev. A
FFP08S60S Stealth 2 Rectifier
Electrical Characteristics T
Parameter
VFM
1
C
= 25C unless otherwise noted
Conditions
IF = 8A IF = 8A VR = 600V VR = 600V IF =1A, di/dt = 100A/s, VR= 30V IF =8A, di/dt = 200A/s, VR = 390V TC = 25 C TC = 125 C TC = 25 C TC = 125 C TC = 25 C TC = 25 C
Min.
20
Typ.
2.1 1.6 19 2.2 0.6 21 58 4.3 1.3 125 -
Max
2.6 100 500 25 30 -
Units
V V A A ns ns A nC ns A nC mJ
IRM1 trr trr Irr S factor Qrr trr Irr S factor Qrr WAVL
IF =8A, di/dt = 200A/s, VR= 390V
TC = 125 C
Avalanche Energy (L = 40mH)
Notes: 1. Pulse : Test Pulse width = 300s, Duty Cycle = 2%
Test Circuit and Waveforms
2 FFP08S60S Rev. A
www.fairchildsemi.com
FFP08S60S Stealth 2 Rectifier
Typical Performance Characteristics T
Figure 1. Typical Forward Voltage Drop
100
C
= 25C unless otherwise noted
Figure 2. Typical Reverse Current
1E-4
FPRWARD CURRENT, IF [A]
REVERSE CURRENT, IR [A]
1E-5
TC=125 C
10
o
TC = 125 C
1E-6
o
TC=25 C
1
o
TC = 75 C
1E-7
o
TC=75 C
o
TC = 25 C
1E-8
o
0.1 0.0
1E-9 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 0 100 200 300 400 500 600
FORWARD VOLTAGE, VF [V]
REVERSE VOLTAGE, VR [V]
Figure 3. Typical Junction Capacitance
100
Figure 4. Typical Reverse Recovery Time
100
JUNCTION CAPACITANCE, CJ [pF]
90 80 70 60 50 40 30 20 10 0 1 10 100
REVERSE RECOVERY TIME, trr [ns]
f = 1MHz
90 80 70 60 50 40 30 20 10 0 100
o
IF = 8A
TC = 125 C
o
TC = 75 C
TC = 25 C
o
1000
200
300
400
500
REVERSE VOLTAGE, VR [V]
di/dt [A/s]
Figure 5. Typical Reverse Recovery Current
REVERSE RECOVERY CURRENT, Irr [A]
10 9 8 7 6 5 4 3 2 1 0 100
o
Figure 6. Forward Current Deration Curve
AVERAGE FORWARD CURRENT, IF(AV) [A]
12 11 10 9 8 7 6 5 4 3 2 1 0 100 110 120 130
o
IF =8A
TC = 125 C
TC = 75 C
o
DC
TC = 25 C
o
200
300
400
500
140
150
di/dt [A/s]
CASE TEMPERATURE, TC [ C]
3 FFP08S60S Rev. A
www.fairchildsemi.com
FFP08S60S Stealth 2 Rectifier
Mechanical Dimensions
TO-220-2L
Dimensions in Millimeters
4 FFP08S60S Rev. A
www.fairchildsemi.com
tm
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Across the board. Around the world.TM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM CTLTM Current Transfer LogicTM DOMETM E2CMOSTM EcoSPARK(R) EnSignaTM FACT Quiet SeriesTM FACT(R) FAST(R) FASTrTM FPSTM FRFET(R) GlobalOptoisolatorTM GTOTM HiSeCTM i-LoTM ImpliedDisconnectTM IntelliMAXTM ISOPLANARTM MICROCOUPLERTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANAR(R) PACMANTM POPTM Power220(R) Power247(R) PowerEdgeTM PowerSaverTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM ScalarPumpTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TCMTM The Power Franchise(R) TM
tm
TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyWireTM TruTranslationTM SerDesTM UHC(R) UniFETTM VCXTM WireTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I24
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production


▲Up To Search▲   

 
Price & Availability of FFP08S60S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X