Part Number Hot Search : 
5KE110CA 311ST89E RF1604 RT1720 CY30700 2SK0758 P36N06 MAX5481
Product Description
Full Text Search
 

To Download EM4034 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R
EM MICROELECTRONIC - MARIN SA
EM4034
13.56MHz, ISO15693 Standard Compliant Contactless RW Identification Device
General Description
The EM4034 is a CMOS integrated circuit intended for use in contactless Read/Write transponders. The IC is a member of ISO 15693 standard compliant. Passive Read/Write RF Tags operating at 13.56MHz. The user's configurable 448 bit EEPROM memory contained in the chip is organised in 14 words of 32 bits, each word can be irreversibly locked. The memory contains a unique serial number. The ISO 15693 anticollision algorithm allows operating more tags in the field simultaneously. IC is completely ISO 15693 compliant since it includes all ISO15693 mandatory features.
Features
ISO15693 Standard: Fully compliant Support all mandatory and some optional ISO/IEC 15693 features Operating Frequency: 13.56MHz 7kHz (ISM, world-wide licence free available) ISO/IEC 15693 anti-collision algorithm allowing more tags in reader field at the same time 64-bit Unique Identifier (UID) 448 bit EEPROM organised in 14 words of 32 bits Lock feature convert EEPROM words in Read Only Secure transfers with Login command Smart Electronic Article Surveillance On chip resonant capacitor No external supply buffer capacitor needed -40 to +65C temperature range Bonding pads optimised fro flip-chip assembly
Applications
Access Control Ticketing Asset management
Typical Operating Configuration
C1
EM4034 C2
Fig. 1
Block Diagram
L2
VPOS
Lr
Cr
CBU
RECTIFIER
L1
R E G U L A T O R
Vdd
POWER MONITOR
POR PCK
CLOCK EXTRACTOR
RECEIVED CLOCK
EEPROM
AM DEMODULATOR
PULSE
LOGIC
MOD
MODULATOR
LIMITER
Fig. 2 Copyright (c) 2004, EM Microelectronic-Marin SA 1 www.emmicroelectronic.com


▲Up To Search▲   

 
Price & Availability of EM4034

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X