Part Number Hot Search : 
PE3339EK D1425 D4812 A208024 SSF2783 MC35062 M2013TNA 8ETVRA
Product Description
Full Text Search
 

To Download EL5283C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EL5283C - Preliminary
EL5283C - Preliminary
Dual and Window 8ns High-Speed Comparators
Features
8ns typ. propagation delay 5V to 12V input supply +2.7V to +5V output supply True-to-ground input Rail-to-rail outputs Active low latch Single available (EL5181C) Quad available (EL5481C & EL5482C) * Pin-compatible 4ns family available (EL5x85C, EL5287C & EL5486C) * * * * * * * *
General Description
The EL5283C comparator is designed for operation in single supply and dual supply applications with 5V to 12V between VS+ and VS-. For single supplies, the inputs can operate from 0.1V below ground for use in ground-sensing applications. The output side of the comparators can be supplied from a single supply of 2.7V to 5V. The rail-to-rail output swing enables direct connection of the comparator to both CMOS and TTL logic circuits. The latch input of the EL5283C can be used to hold the comparator output value by applying a low logic level to the pin. The EL5283C contains two comparators set up as a window comparator. A single input is compared with a high and low reference. When the output goes beyond one of these reference signals, the relevant output goes high. The EL5283C in the 10-pin MSOP package and is specified for operation over the full -40C to +85C temperature range. Also available are a single (EL5181C) and quad versions (EL5481C and EL5482C).
Applications
* * * * * * Threshold detection High speed sampling circuits High speed triggers Line receivers PWM circuits High speed V/F converters
Ordering Information
Part No. EL5283CY EL5283CY-T13 Package 10-Pin MSOP 10-Pin MSOP Tape & Reel 13" Outline # MDP0043 MDP0043
Pin Configurations
VS+ 1 VREFH 2 IN 3 VREFL 4 VS- 5 EL5283C (10-Pin MSOP) + + -
10 VSD 9 OUTH 8 LATCH 7 OUTL 6 GND
September 6, 2001
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a "controlled document". Current revisions, if any, to these specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
(c) 2001 Elantec Semiconductor, Inc.
EL5283C - Preliminary
EL5283C - Preliminary
Dual and Window 8ns High-Speed Comparators
Absolute Maximum Ratings (T
A
= 25C)
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. Analog Supply Voltage (VS+ to VS-) +13.2V Digital Supply Voltage (VSD to GND) +7V Differential Input Voltage [(VS-) -0.2V] to [(VS+) +0.2V]
Common-mode Input Voltage Latch Input Voltage Storage Temperature Range Ambient Operating Temperature Operating Junction Temperature Power Dissipation
[(VS-) -0.2V] to [(VS+) +0.2V] -0.2V to [(VSD) +0.2V] -65C to +150C -40C to +85C 125C See Curves
Important Note: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA.
Electrical Characteristics
VS = 5V, VSD = 5V, RL = 2.3k, CL = 15pF, TA = 25C, unless otherwise specified. Parameter Input VOS IB CIN IOS VCM CMRR Output VOH VOL tpd+ tpdSupply IS + IS ISD PSRR Positive Analog Supply Current Negative Analog Supply Current Digital Supply Current Power Supply Rejection Ratio (per comparator) (per comparator) (per comparator) All inputs high (per comparator) All inputs low 60 7 5 4 0.75 80 8.2 6.5 5 1 mA mA mA mA dB Output High Voltage Output Low Voltage Positive Going Delay Time Negative Going Delay Time VIN > 250mV VIN > 250mV VIN = 1VP-P, VOD = 50mV VIN = 1VP-P, VOD = 50mV VSD - 0.6 VSD - 0.4 GND + 0.25 8 8 GND + 0.5 12 12 V V ns ns Input Offset Voltage Input Bias Current Input Capacitance Input Offset Current Input Voltage Range Common-mode Rejection Ratio -5.1V < VCM < +2.75V VCM = 0V, VO = 2.5V -2.5 (VS-) - 0.1 65 90 VCM = 0V, VO = 2.5V -6 1 -3.5 5 0.5 2.5 (VS+) - 2.25 4 mV A pF A V dB Description Condition Min Typ Max Unit
Dynamic Performance
2
EL5283C - Preliminary
EL5283C - Preliminary
Dual and Window 8ns High-Speed Comparators
Typical Performance Curves
Positive Supply Current vs Temperature (per comparator) Negative Supply Current vs Temperature (per comparator)
6.15 6.1 6.05 6 IS+ (mA) 5.95 5.9 5.85 5.8 5.75
-4.4 -4.5 -4.6 -4.7 IS- (mA) -4.8 -4.9 -5 -5.1
5.7 -50
-30
-10
10
30
50
70
90
-5.2 -50
-30
-10
10
30
50
70
90
Temperature (C) Positive Supply Current vs Supply Voltage (per comparator)
Temperature (C) Negative Supply Current vs Negative Supply Voltage (per comparator) VS=5V VSD=5V VIN=50mV TA=25C
7 6 5 IS+ (mA)
5.5 5 4.5 4 3.5 3
3 2 1 0 0 1 2 3 4 5 VS=5V VSD=5V VIN=50mV TA=25C 6 7
IS- (mA)
4
0
1
2
3 VS- (V)
4
5
6
7
VS+ (V) Input Bias Current vs Temperature 6 5 4 3 2 1 0 -50 VOS (mV) IB (A) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -30 -10 10 30 50 70 90 -0.3 -50 -30 -10
Offset Voltage vs Temperature
10
30
50
70
90
Temperature (C)
Temperature (C)
3
EL5283C - Preliminary
EL5283C - Preliminary
Dual and Window 8ns High-Speed Comparators
Typical Performance Curves
10 9.5 9 8.5 Delay Time (ns) 8 7.5 7 6.5 6 5.5 5 0 100 200 300 VOD (mV) Propagation Delay vs Supply Voltage VIN=1V Step VSD=VS+ VIN=1V Step VOD=50mV RL=2.2k Tpd+ Delay Time (ns) 400 500 600 TpdPropagation Delay vs Overdrive VIN=1V Step VS=5V VSD=5V VIN=1V Step RL=2.2k Delay Time (ns) Tpd+ 12 11 10 9 8 7 6 0 TpdPropagation Delay vs Load Capacitance VIN=1V Step VS=5V VSD=5V RL=2.2k VIN=1V Step VOD=50mV
Tpd+
20
40
60 CLOAD (pF)
80
100
120
10 9.5 9 8.5 Delay Time (ns) 8 7.5 7 6.5 6 5.5
10 9.5 9 8.5 8 7.5 7 6.5
Propagation Delay vs Overdrive VIN=3VP-P Step VS=5V VSD=5V VIN=1V Step RL=2.2k
Tpd+
Tpd-
Tpd-
5 4
4.5
5 VS (V)
5.5
6
6 0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VOD (mV) Propagation Delay vs Source Resistance VIN=1V Step VS=5V VSD=5V RL=2.2k VIN=1V Step VOD=50mV
11 10.5 10 Delay Time (ns) 9.5 9 8.5 8 7.5
Propagation Delay vs Overdrive VIN=5VP-P Step VS=5V VSD=5V RL=2.2k VIN=5V Step Delay Time (ns) Tpd+
20 18 16 14 12 10 8 6
Tpd+
Tpd-
Tpd-
7 0
0.5
1
1.5 VOD (V)
2
2.5
3
4 0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Source Resistance (k)
4
EL5283C - Preliminary
EL5283C - Preliminary
Dual and Window 8ns High-Speed Comparators
Typical Performance Curves
Output Low Voltage vs Load Current 0.31 4.75 4.7 Output High Voltage (V) Output Low Voltage (V) 0.27 TA=25C TA=85C 4.65 4.6 4.55 4.5 4.45 4.4 4.35 10 4.3 0 2 4 6 8 10 TA=85C TA=25C TA=-40C VS=5V VSD=5V VIN=50mV Output High Voltage vs Load Current
0.23
0.19
TA=-40C
VS=5V VSD=5V VIN=-50mV 6 8
0.15
0
2
4
Load Current (mA) Digital Supply Current vs Input Switching Frequency (per comparator) VS=5V T=25C
Load Current (mA) Package Power Dissipation vs Ambient Temp. JEDEC JESD51-3 Low Effective Thermal Conductivity Test 486mW
50 40 30 20 10 0
0.6 0.5 Power Dissipation (W)
VSD=5V
0.4 0.3 0.2 0.1 0
20
ISD (mA)
6
MS OP 10 C/ W
VSD=3V
0
5
10 15 20 Frequency (MHz)
25
30
0
25
50 75 85 Ambient Temperature (C)
100
125
Output with 30MHz Input VIN=1VP-P VIN=1VP-P VS=5V FIN=30MHz VSD=5V
Output with 30MHz Input VIN=3VP-P VIN=3VP-P VS=5V FIN=30MHz VSD=5V
VO
VO
VIN 1V 2V 20ns
VIN 2V 2V 20ns
5
EL5283C - Preliminary
EL5283C - Preliminary
Dual and Window 8ns High-Speed Comparators
Timing Diagram
Compare Latch Enable Input Latch Differential Input Voltage ts VIN VOS VDD tpdComparator Output td+(D) th Compare
1.4V Latch tpw(D) Latch
2.4V
Definition of Terms
Terms VOS VIN VOD tpd+ tpdtd+ tdts th tpw (D) Definition Input Offset Voltage - Voltage applied between the two input terminals to obtain CMOS logic threshold at the output Input Voltage Pulse Amplitude - Usually set to 100mV for comparator specifications Input Voltage Overdrive - Usually set to 5mV and in opposite polarity to VIN for comparator specifications Input to Output High Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the CMOS logic threshold of an output low to high transition Input to Output Low Delay - The propagation delay measured from the time the input signal crosses the input offset voltage to the CMOS logic threshold of an output high to low transition Latch Disable to Output High Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low to high transition to the point of the output crossing CMOS threshold in a low to high transition Latch Disable to Output Low Delay - The propagation delay measured from the latch signal crossing the CMOS threshold in a low to high transition to the point of the output crossing CMOS threshold in a high to low transition Minimum Setup Time - The minimum time before the negative transition of the latch signal that an input signal change must be present in order to be acquired and held at the outputs Minimum Hold Time - The minimum time after the negative transition of the latch signal that an input signal must remain unchanged in order to be acquired and held at the output Minimum Latch Disable Pulse Width - The minimum time that the latch signal must remain high in order to acquire and hold an input signal change
6
EL5283C - Preliminary
EL5283C - Preliminary
Dual and Window 8ns High-Speed Comparators
Pin Descriptions
Pin Number 1 2 Pin Name VS+ VREFH Function Positive supply voltage Upper voltage reference
VS+
Equivalent Circuit
VREF
IN
VSCircuit 4
3 4 5 6 7 8 9 10
IN VREFL VSGDN OUTL LATCH OUTH VSD
Input Lower voltage reference Negative supply voltage Digital ground Low output Latch High output Digital supply voltage
(Reference Circuit 4) (Reference Circuit 4)
(Reference Circuit 2) (Reference Circuit 3) (Reference Circuit 2)
Applications Information
Power Supplies and Circuit Layout
The EL5283C comparator operates with single and dual supply with 5V to 12V between VS+ and VS-. The output side of the comparators is supplied by a single supply from 2.7V to 5V. The rail to rail output swing enables direct connection of the comparator to both CMOS and TTL logic circuits. As with many high speed devices, the supplies must be well bypassed. Elantec recommends a 4.7F tantalum in parallel with a 0.1F ceramic. These should be placed as close as possible to the supply pins. Keep all leads short to reduce stray capacitance and lead inductance. This will also minimize unwanted parasitic feedback around the comparator. The device should be soldered directly to the PC board instead of using a socket. Use a PC board with a good, unbroken low inductance ground plane. Good ground plane construction techniques enhance stability of the comparators.
Input Voltage Considerations
The EL5283C input range is specified from 0.1V below VS - to 2.25V below VS +. The criterion for the input limit is that the output still responds correctly to a small differential input signal. The differential input stage is a pair of PNP transistors, therefore, the input bias current flows out of the device. When either input signal falls below the negative input voltage limit, the parasitic PN junction formed by the substrate and the base of the PNP will turn on, resulting in a significant increase of input bias current. If one of the inputs goes above the positive input voltage limit, the output will still maintain the correct logic level as long as the other input stays within the input range. However, the propagation delay will increase. When both inputs are outside the input voltage range, the output becomes unpredictable. Large differential voltages greater than the supply voltage should be avoided to prevent damages to the input stage. Inputs of unused channels should not be left floating. They should be driven to a known state. For example, one input can
7
EL5283C - Preliminary
EL5283C - Preliminary
Dual and Window 8ns High-Speed Comparators
be tied to ground and the other input can be connected to some voltage reference (like 100mV) to avoid oscillation in the output due to unwanted output to input feedback. An approximate equation for the device power dissipation is as follows. Assume the power dissipation in the load is very small:
P DISS = ( V S x I S + V SD x I SD ) x N
Input Slew Rate
Most high speed comparators oscillate when the voltage of one of the inputs is close to or equal to the voltage on the other input due to noise or undesirable feedback. For clean output waveform, the input must meet certain minimum slew rate requirements. In some applications, it may be helpful to apply some positive feedback (hysteresis) between the output and the positive input. The hysteresis effectively causes one comparator's input voltage to move quickly past the other, thus taking the input out of the region where oscillation occurs. For the EL5283C, the propagation delay increases when the input slew rate increases for low overdrive voltages. With high overdrive voltages, the propagation delay does not change much with the input slew rate. where:
VS is the analog supply voltage from VS+ to VSIS is the analog quiescent supply current per comparator VSD is the digital supply voltage from VSD to ground ISD is the digital supply current per comparator N is the number of comparators in the package ISD strongly depends on the input switching frequency. Please refer to the performance curve to choose the input driving frequency. Having obtained the power dissipation, the maximum junction temperature can be determined as follows:
T JMAX = T MAX + JA x P DISS
Latch Pin Dynamics
The EL5283C contains a "transparent" latch for each channel. The latch pin is designed to be driven with either a TTL or CMOS output. When the latch is connected to a logic high level or left floating, the comparator is transparent and immediately responds to the changes at the input terminals. When the latch is switched to a logic low level, the comparator output latches remains latched to its value just before the latch high-to-low transition. To guarantee data retention, the input signal must remain the same state at least 1ns (hold time) after the latch goes low and at least 2ns (setup time) before the latch goes low. When the latch goes high, the new data will appear at the output in approximately 8ns (latch propagation delay). where:
TMAX is the maximum ambient temperature JA is the thermal resistance of the package
Window Detector
If VIN is in the range of VREFL < VIN < V REFH, both outputs go high and the input in range is high. If VIN is out of the range set by VREFH and VREFL, the input in range is low.
VREFH VIN VREFL
Power Dissipation
When switching at high speeds, the comparator's drive capability is limited by the rise in junction temperature caused by the internal power dissipation. For reliable operation, the junction temperature must be kept below TJMAX (125C).
+ -
OUTH Input In Range
+ -
OUTL
8
EL5283C - Preliminary
EL5283C - Preliminary
Dual and Window 8ns High-Speed Comparators
General Disclaimer
Specifications contained in this data sheet are in effect as of the publication date shown. Elantec, Inc. reserves the right to make changes in the circuitry or specifications contained herein at any time without notice. Elantec, Inc. assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
WARNING - Life Support Policy
September 6, 2001
Elantec Semiconductor, Inc.
675 Trade Zone Blvd. Milpitas, CA 95035 Telephone: (408) 945-1323 (888) ELANTEC Fax: (408) 945-9305 European Office: +44-118-977-6020 Japan Technical Center: +81-45-682-5820
9
Elantec, Inc. products are not authorized for and should not be used within Life Support Systems without the specific written consent of Elantec, Inc. Life Support systems are equipment intended to support or sustain life and whose failure to perform when properly used in accordance with instructions provided can be reasonably expected to result in significant personal injury or death. Users contemplating application of Elantec, Inc. Products in Life Support Systems are requested to contact Elantec, Inc. factory headquarters to establish suitable terms & conditions for these applications. Elantec, Inc.'s warranty is limited to replacement of defective components and does not cover injury to persons or property or other consequential damages.
Printed in U.S.A.


▲Up To Search▲   

 
Price & Availability of EL5283C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X