Part Number Hot Search : 
AOZ130 SDD02N25 MBR2020 DTA12 LC822152 AD9860 2400A 4057S
Product Description
Full Text Search
 

To Download DTA115EL-AL3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO.,
DTA115E
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
FEATURES
PNP EPITAXIAL SILICON TRANSISTOR
1
2
*Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see the equivalent circuit). *The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input They also have the advantage of almost completely eliminating parasitic effects. *Only the on / off conditions need to be set for operation, making device design easy.
3
SOT-323
EQUIVALENT CIRCUIT
R1 IN R2 GND (+) IN GND (+) OUT OUT
*Pb-free plating product number:DTA115EL
PIN CONFIGURATION
PIN NO. PIN NAME 1 GND 2 IN 3 OUT
ORDERING INFORMATION Order Number Normal Lead free DTA115E-AL3-R DTA115EL-AL3-R Package SOT-323 Packing Tape Reel
MARKING
AB5
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co.,
1
QW-R220-016,A
DTA115E
PARAMETER Supply Voltage Input Voltage Output Current Power Dissipation Junction Temperature Storage Temperature SYMBOL VCC VIN IOUT Ic(max) PD TJ TSTG
PNP EPITAXIAL SILICON TRANSISTOR
ABSOLUATE MAXIUM RATINGS (Ta = 25)
RATINGS -50 -40~+10 -20 -100 200 150 -40 ~ +150 UNIT V V mA mW
ELECTRICAL CHARACTERISTICS (Ta= 25, unless otherwise specified.)
SYMBOL VIN(off) Input Voltage VIN(ON) Output Voltage VOUT(ON) Input Current IIN Output Current IOUT(off) DC Current Gain GI Input Resistance R1 Resistance Ratio R2/R1 Transition Frequency fT *Transition frequency of the device PARAMETER TEST CONDITIONS VCC= -5V, IOUT=-100A VOUT= -0.3V,IOUT= -1mA IOUT= -5mA, IIN= -0.25 mA VIN= -5V VCC= -50V , VIN=0V VOUT= -5V,IOUT= -5mA MIN -3 -0.1 -0.3 -0.15 -0.5 130 1.2 TYP MAX -0.5 UNIT V V mA A k MHz
82 70 0.8
VCE= -10 V, IE= 5mA, f=100MHz *
100 1 250
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or other param eters) listed in products specifications of any and all UT C products described or contained herein. UT C products are not designed for use in life support appliances, dev ices or system s where m alfunction of these products can be reasonably expected to result in personal injury. R eproduction in whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate and reliable and m ay be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2
QW-R220-016,A


▲Up To Search▲   

 
Price & Availability of DTA115EL-AL3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X