Part Number Hot Search : 
GBI10B C5107M SEFMN820 M56693FP 2412M HD1131R 33660 NJM2370
Product Description
Full Text Search
 

To Download CXD2480R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Information
Timing Controller IC with Built-in CCD Driver
Description
CXD2480R
The CXD2480R is a timing controller IC for CCD digital camera. Adopting high voltage CMOS process CCD vertical clock driver and substrate voltage generator are built in, and single chip drive system for CCD image sensor is realized.
Features
Supports NTSC/PAL systems Generation of timing pulse for driving 360H/510H/720H/760H system CCD image sensors CCD vertical clock driver and horizontal clock driver are built in CCD substrate voltage (Vsub) generator is built in High-speed shutter function for electronic iris control (shutter speed range: 1/60 to 1/100,000s) Low-speed shutter function
Applications
CCD cameras (surveillance cameras, etc.)
Recommended Operating Conditions
Supply voltage VDD 3.0 to 3.6 V AVDD 4.75 to 5.25 V VM 0 V VH 14.55 to 15.45 V VL -9.0 to -8.0 V Operating temperature Topr -20 to +75 C
Pin Configuration
TEST1 TEST2 OSCO
(48-pin LQFP)
OSCI
36 35 34 33 32 31 30 29 28 27 26 25 V1 37 V2 38 VM 39 V3 40 V4 41 VL 42 SUB 43 VH 44 CPP3 45 CPP2 46 CPP1 47 DCOUT 48 1
DCIN
WEN
MCK
VDD2
VDD1
VSS2
VSS1
RST
CKI
24 VD 23 HD 22 VSS3 21 ID 20 VDD3 19 SCK 18 SDAT 17 SEN 16 PBLK 15 CLPDM 14 AVSS1 13 ADCK 2
NC
3
AVDD3
4
H2
5
H1
6
AVSS2
7
RG
8
AVDD2
9
AVDD1
10 11 12
XSHD XSHP XRS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. 2000ZMK


▲Up To Search▲   

 
Price & Availability of CXD2480R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X