Part Number Hot Search : 
LB1696 D0200 071973 XCS10 NJM2585L TLP25 00TTS 071973
Product Description
Full Text Search
 

To Download CD135BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD 1 BP Series
4 000h at 85C
* Standard at 85C * High Ripple Current * Power Supplies & Inverters
CD 136 PK
105C longer life
CD 139 BL
105C
CD 135 BP
longer life
CD 138 PC
highest voltage
CD 137 PX
Item Operating Temperature Range (C) Voltage Range (V) Capacitance Range (F) Capacitance Tolerance (20C, 120Hz) Leakage Current (A) Dissipation Factor (20C, 120Hz) -40 ~ +85 10 ~ 250
Characteristics -25 ~ +85 350 ~ 450 270 ~ 820 000 20% After 5 minutes at 20C application of rated voltage, leakage current is not more than 0,01CV or 5mA, whichever is smaller C: Nominal Capacitance (F) V: Rated Voltage (V) See Table of Ratings
Useful Life Lifetime Leakage Current Capacity Change Dissipation Factor Condition: Applied Voltage Applied Current Applied Temperature Failure Rate Level 000h >75 000h
Load Life 2 000h
Endurance Test 2 000h 1 000h
Shelf Life
Not more than specified value Within 30% of initial value Not more than 300% of specified value
Not more than specified Not more than specified value value Within 20% of initial value Not more than 200% of specified value Within 10% of initial value Not more than 130% of specified value
Not more than specified value Within 20% of initial value Not more than 200% of specified value
UR IR 85C 1% Failure Rate
UR 1,2 x IR 40C
UR IR 85C
UR IR = 0 85C
UR = 0 IR = 0 85C
Screw
1% Failure Rate guaranteed
After test: UR to be applied for 30min >24h before measurement
Multiplier for Ripple Current
Frequency Coefficient
2.5
Lifetime Diagram
Frequency Rated Voltage (V) 10 ~ 50 63 ~ 100 160 ~ 450 50Hz 120Hz 300Hz 1kHz 3kHz 5kHz 10kHz 20kHz
IA
--- 2.0
CD 135 BP Series
IR
0,95 0,95 0,80 1,00 1,00 1,00 1,04 1,06 1,10 1,10 1,16 1,25 1,12 1,22 1,35 1,13 1,26 1,40 1,15 1,30 1,50 1,15 1,36 1,55
0.5 1.5
1.0
X8
Lifetime Multiplier
X4
X2
X1
0.0 40
50
60
70
80
90
TA (C)
IA = actual ripple current at 120Hz, IR = rated ripple current at 120Hz, 85C
Multiplier of Useful Life as a function of ambient temperature and ripple current load
66
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
CD 135 BP Series
Ratings for CD 135 BP Series
VDC (Surge Voltage) Code (V) Rated Capacitance (F) 33 000 39 000 47 000 56 000 68 000 82 000 100 000 120 000 150 000 180 000 220 000 270 000 330 000 390 000 470 000 560 000 680 000 820 000 22 000 27 000 33 000 39 000 47 000 56 000 68 000 82 000 100 000 120 000 150 000 180 000 220 000 270 000 330 000 390 000 470 000 560 000 680 000 820 000 15 000 18 000 22 000 27 000 33 000 39 000 47 000 56 000 68 000 82 000 100 000 120 000 150 000 180 000 220 000 270 000 330 000 390 000 470 000 560 000 680 000 10 000 12 000 15 000 18 000 22 000 27 000 33 000 39 000 47 000 56 000 68 000 82 000 100 000 120 000 150 000 180 000 220 000 Max Dissipation Max ESR Factor 20C, 20C, 120Hz 120Hz 0,8 0,8 0,8 0,8 0,8 0,8 0,8 0,8 1,0 1,0 1,5 1,5 1,5 1,5 2,0 2,0 2,0 2,0 0,6 0,6 0,6 0,6 0,6 0,6 0,6 0,8 0,8 0,8 1,0 1,0 1,0 1,0 1,5 1,5 1,5 1,5 1,5 2,0 0,5 0,5 0,5 0,5 0,5 0,5 0,5 0,6 0,6 0,6 0,8 0,8 0,8 0,8 1,0 1,0 1,0 1,2 1,2 1,2 1,2 0,4 0,4 0,4 0,4 0,4 0,4 0,4 0,5 0,5 0,6 0,6 0,6 0,6 0,6 0,8 0,8 0,8 (m) 34,7 29,4 24,4 20,5 16,9 14,0 11,5 9,6 9,6 8,0 9,8 8,0 6,5 5,5 6,1 5,1 4,2 3,5 39,1 31,8 26,1 22,0 18,3 15,4 12,6 14,0 11,5 9,6 9,6 8,0 6,5 5,3 6,5 5,5 4,6 3,8 3,2 3,5 47,8 39,8 32,6 26,5 21,7 18,4 15,2 15,4 12,6 10,5 11,5 9,6 7,6 6,4 6,5 5,3 4,4 4,4 3,7 3,1 2,5 57,3 47,8 38,2 31,8 26,1 21,2 17,4 18,4 15,2 15,4 12,6 10,5 8,6 7,2 7,6 6,4 5,2 Typ ESR 20C, 120Hz (m) 20,5 17,6 14,6 12,5 10,1 9,0 7,5 7,1 6,5 6,0 5,0 4,4 3,8 3,4 2,9 2,7 2,5 2,4 22,0 19,1 15,7 13,1 11,0 9,5 7,9 6,8 5,8 5,1 4,4 4,0 3,4 3,0 2,8 2,6 2,4 2,2 2,0 1,9 22,0 18,0 15,8 12,8 11,0 9,4 7,8 6,8 5,8 5,1 4,4 4,0 3,4 3,0 2,8 2,5 2,3 2,2 2,0 1,8 1,5 23,6 20,0 17,0 13,7 11,6 9,4 9,0 8,2 7,9 7,6 6,0 4,8 4,0 3,9 3,6 3,2 2,9 Max Ripple Current 85C, 120Hz (Arms) 4,3 4,7 5,2 6,1 6,7 7,7 8,8 10,0 10,8 12,0 11,2 12,8 15,3 17,3 16,7 19,0 21,7 24,7 4,1 4,5 5,0 5,9 6,4 7,3 8,4 8,3 9,5 10,9 11,3 12,8 15,3 17,6 16,8 18,3 21,3 23,6 27,6 27,1 3,7 4,1 4,5 5,0 5,9 6,7 7,7 7,9 9,1 10,4 10,3 11,7 14,1 15,7 16,1 18,6 21,9 22,0 25,6 27,9 32,5 3,4 3,7 4,2 4,9 5,7 6,3 7,2 7,3 8,7 8,6 9,8 11,6 13,3 14,8 14,9 17,0 20,0 Size O DxL (mm) 36 x 53 36 x 53 36 x 65 36 x 83 36 x 83 36 x 100 36 x 100 36 x 121 36 x 121 51 x 96 51 x 121 51 x 121 64 x 96 64 x 115 64 x 130 77 x 115 77 x 130 77 x 155 36 x 53 36 x 53 36 x 53 36 x 65 36 x 83 36 x 83 36 x 100 36 x 100 36 x 121 36 x 121 51 x 96 51 x 115 51 x 130 64 x 96 64 x 115 64 x 130 77 x 115 77 x 130 77 x 155 90 x 157 36 x 53 36 x 53 36 x 53 36 x 65 36 x 83 36 x 83 36 x 100 36 x 100 36 x 121 36 x 121 51 x 96 51 x 115 51 x 130 64 x 96 64 x 115 64 x 130 64 x 155 77 x 115 77 x 155 90 x 131 90 x 157 36 x 53 36 x 53 36 x 65 36 x 83 36 x 83 36 x 100 36 x 100 36 x 121 51 x 96 51 x 96 51 x 115 64 x 96 64 x 115 64 x 121 64 x 130 77 x 115 77 x 130 VDC (Surge Voltage) Code (V) 35 (44) 1V Rated Capacitance (F) 270 000 330 000 390 000 470 000 5 600 6 800 8 200 10 000 12 000 15 000 18 000 22 000 27 000 33 000 39 000 47 000 56 000 68 000 82 000 100 000 120 000 150 000 180 000 220 000 270 000 3 900 4 700 5 600 6 800 8 200 10 000 12 000 15 000 18 000 22 000 27 000 33 000 39 000 47 000 56 000 68 000 82 000 100 000 120 000 150 000 180 000 220 000 3 300 3 900 4 700 5 600 6 800 8 200 10 000 12 000 15 000 18 000 22 000 27 000 33 000 39 000 47 000 56 000 68 000 82 000 100 000 120 000 150 000 Max Dissipation Max ESR Factor 20C, 20C, 120Hz 120Hz 1,0 1,0 1,0 1,0 0,3 0,3 0,3 0,3 0,3 0,3 0,3 0,4 0,4 0,4 0,5 0,5 0,5 0,5 0,5 0,6 0,6 0,6 0,6 0,6 0,6 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,3 0,3 0,3 0,4 0,4 0,4 0,4 0,4 0,5 0,5 0,5 0,5 0,5 0,6 0,6 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,3 0,3 0,3 0,3 0,3 0,4 0,4 0,4 0,4 0,4 0,4 (m) 5,3 4,4 3,7 3,1 76,7 63,2 52,4 43,0 35,8 28,6 23,9 26,1 21,2 17,4 18,4 15,2 12,8 10,5 8,7 8,6 7,2 5,7 4,8 3,9 3,2 91,8 76,2 64,0 52,7 43,7 35,8 29,9 28,6 23,9 19,5 21,2 17,4 14,7 12,2 10,2 10,5 8,7 7,2 6,0 4,8 4,8 3,9 109 91,8 76,2 64,0 52,7 43,7 35,8 29,9 23,9 19,9 19,5 15,9 13,0 11,0 9,2 10,2 8,4 7,0 5,7 4,8 3,8 Typ ESR 20C, 120Hz (m) 2,5 2,3 2,0 1,8 46,0 38,0 31,4 25,8 21,5 15,0 12,0 10,8 9,5 8,9 8,2 7,6 6,4 5,3 4,2 3,9 3,3 3,0 2,5 2,0 1,8 47,2 39,0 38,4 31,6 26,2 23,3 18,0 16,0 14,6 13,0 12,4 7,9 7,4 6,2 5,5 5,3 4,4 3,6 3,0 2,4 2,4 2,0 54,0 46,0 38,1 32,0 26,4 22,1 17,1 15,0 12,0 10,4 9,8 8,0 6,5 6,0 4,9 4,3 4,0 3,5 2,8 2,4 2,0 Max Ripple Current 85C, 120Hz (Arms) 20,3 23,5 26,4 29,6 3,0 3,3 3,6 4,0 4,7 5,5 6,2 6,3 7,1 8,2 8,1 9,3 10,5 12,0 13,7 14,7 16,7 19,3 21,9 21,4 24,6 2,7 3,0 3,3 3,6 4,3 4,9 5,6 5,9 6,7 7,8 7,4 8,4 9,5 11,3 12,8 12,7 14,5 16,7 18,9 22,4 22,4 26,2 2,5 2,8 3,0 3,6 3,9 4,5 5,2 5,9 6,8 7,8 8,0 9,2 10,5 12,0 13,6 13,4 15,4 17,5 20,5 22,4 26,5 Size O DxL (mm) 77 x 155 90 x 131 90 x 157 90 x 157 36 x 53 36 x 53 36 x 53 36 x 65 36 x 83 36 x 83 36 x 100 36 x 121 36 x 121 51 x 96 51 x 96 51 x 115 64 x 96 64 x 96 64 x 115 77 x 115 77 x 115 77 x 130 77 x 155 90 x 131 90 x 157 36 x 53 36 x 53 36 x 53 36 x 65 36 x 83 36 x 83 36 x 100 36 x 100 36 x 121 36 x 121 51 x 96 51 x 96 51 x 115 51 x 130 64 x 115 64 x 121 64 x 130 77 x 115 77 x 130 77 x 155 90 x 131 90 x 157 36 x 53 36 x 53 36 x 65 36 x 83 36 x 83 36 x 83 36 x 100 36 x 100 36 x 121 36 x 121 51 x 96 51 x 96 51 x 115 51 x 130 64 x 115 64 x 130 77 x 115 77 x 130 77 x 155 90 x 131 90 x 157
10 (13) 1A
50 (63) 1H
16 (20) 1C
63 (79) 1J
25 (32) 1E
80 (100) 1K
35 (44) 1V
Custom products are available on request. Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
67
Screw
CD 1 BP Series
Ratings for CD 135 BP Series
VDC (Surge Voltage) Code (V) Rated Capacitance (F) 1 800 2 200 2 700 3 300 3 900 4 700 5 600 6 800 8 200 10 000 12 000 15 000 18 000 22 000 27 000 33 000 39 000 47 000 56 000 68 000 82 000 100 000 3 300 3 900 4 700 5 600 6 800 8 200 10 000 12 000 15 000 18 000 22 000 27 000 33 000 39 000 2 200 2 700 3 300 3 900 4 700 5 600 6 800 8 200 10 000 12 000 15 000 18 000 22 000 27 000 33 000 1 500 1 800 2 200 2 700 3 300 3 900 4 700 5 600 6 800 8 200 10 000 12 000 15 000 18 000 22 000 390 470 560 680 820 1 000 1 200 1 500 1 800 Max Dissipation Max ESR Factor 20C, 20C, 120Hz 120Hz 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,35 0,35 0,35 0,35 0,35 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,25 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 (m) 199 163 133 109 91,8 76,2 64,0 52,7 43,7 35,8 29,9 23,9 19,9 16,3 13,3 10,9 9,2 10,7 9,0 7,4 6,1 5,0 109 91,8 76,2 64,0 52,7 43,7 35,8 29,9 23,9 19,9 16,3 13,3 10,9 9,2 163 133 109 91,8 76,2 64,0 52,7 43,7 35,8 29,9 23,9 19,9 16,3 13,3 10,9 239 199 163 133 109 91,8 76,2 64,0 52,7 43,7 35,8 29,9 23,9 19,9 16,3 735 610 512 421 349 287 239 191 159 Typ ESR 20C, 120Hz (m) 48,2 44,0 38,5 34,6 28,4 26,3 23,0 21,8 20,0 18,7 16,0 11,5 9,8 7,9 6,8 5,5 4,9 4,5 4,0 3,4 3,0 2,5 30,7 26,2 20,8 18,8 16,2 13,5 12,9 10,2 9,0 7,5 6,4 5,2 3,6 2,2 38,5 26,4 23,5 21,4 19,5 17,5 13,7 11,3 9,4 8,6 7,3 5,9 4,1 3,2 2,5 49,1 41,1 32,5 27,7 23,1 20,0 16,5 14,2 11,8 11,1 10,7 9,2 7,3 5,8 3,2 268 228 190 152 126 104 85,8 72,2 58,2 Max Ripple Current 85C, 120Hz (Arms) 1,9 2,1 2,3 2,6 3,0 3,5 3,9 4,5 5,1 5,9 6,4 7,0 8,3 10,0 11,5 11,9 13,4 14,2 16,0 18,8 20,5 24,0 5,2 5,3 5,9 7,0 7,8 9,1 10,4 11,3 14,3 15,6 18,3 20,2 23,8 27,9 3,9 4,7 4,9 5,3 6,4 7,6 8,8 9,4 10,4 12,1 14,4 16,5 19,6 21,5 25,3 3,2 3,5 4,0 4,4 5,4 6,3 7,1 7,8 9,1 10,0 11,7 12,9 15,1 17,7 20,9 1,7 2,2 2,4 2,6 3,1 3,4 3,8 4,3 5,1 Size O DxL (mm) 36 x 53 36 x 53 36 x 53 36 x 65 36 x 83 36 x 83 36 x 100 36 x 100 36 x 121 36 x 121 51 x 75 51 x 96 51 x 115 51 x 130 64 x 115 64 x 130 77 x 115 77 x 130 77 x 155 90 x 131 90 x 157 90 x 171 36 x 121 51 x 75 51 x 75 51 x 96 51 x 96 51 x 115 64 x 96 64 x 96 64 x 130 64 x 130 77 x 130 77 x 130 90 x 131 90 x 157 36 x 100 36 x 121 51 x 75 51 x 75 51 x 96 51 x 115 51 x 130 64 x 96 64 x 96 77 x 96 77 x 96 77 x 130 77 x 155 90 x 131 90 x 157 36 x 100 36 x 100 51 x 75 51 x 75 51 x 96 51 x 115 64 x 96 64 x 96 64 x 115 64 x 115 64 x 130 77 x 115 77 x 130 77 x 155 90 x 157 36 x 53 36 x 83 36 x 83 36 x 83 36 x 100 36 x 100 51 x 75 51 x 75 51 x 96 VDC (Surge Voltage) Code (V) Rated Capacitance (F) 2 200 2 700 3 300 3 900 4 700 5 600 6 800 8 200 10 000 12 000 15 000 18 000 330 390 470 560 680 820 1 000 1 200 1 500 1 800 2 200 2 700 3 300 3 900 4 700 5 600 6 800 8 200 10 000 12 000 15 000 270 330 390 470 560 680 820 1 000 1 200 1 500 1 800 2 200 2 700 3 300 3 900 4 700 5 600 6 800 8 200 10 000 12 000 Max Dissipation Max ESR Factor 20C, 20C, 120Hz 120Hz 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 0,2 (m) 130 107 86,8 73,5 61,0 51,2 42,1 34,9 28,6 23,9 19,1 15,9 868 735 610 512 421 349 287 239 191 159 130 107 86,8 73,5 61,0 51,2 42,1 34,9 28,6 23,9 19,1 1061 868 735 610 512 421 349 287 239 191 159 130 106,2 86,8 73,5 61,0 51,2 42,1 34,9 28,6 23,9 Typ ESR 20C, 120Hz (m) 47,9 39,0 32,1 27,8 25,0 22,5 17,1 14,4 11,5 9,8 7,9 6,5 248 208 178 145 119 98,5 82,3 67,5 58,0 47,2 34,8 33,2 31,2 25,1 23,7 19,0 15,5 13,5 11,1 9,8 8,0 421 280 243 200 173 140 95,9 82,2 72,0 58,5 45,5 32,8 31,6 30,0 29,3 23,5 16,5 14,4 12,1 10,0 8,0 Max Ripple Current 85C, 120Hz (Arms) 5,7 7,1 7,9 9,0 10,3 11,4 13,1 15,4 18,1 20,0 24,5 28,8 1,5 2,0 2,2 2,4 2,8 3,1 3,5 3,8 4,7 5,2 6,4 7,0 8,2 9,4 10,4 11,9 14,1 16,4 18,3 21,8 26,3 1,4 1,8 2,0 2,2 2,6 2,8 3,2 3,5 4,2 5,1 5,9 6,3 7,5 8,7 9,5 10,9 12,8 15,0 16,5 20,0 23,6 Size O DxL (mm) 51 x 96 51 x 130 51 x 130 64 x 115 64 x 130 77 x 115 77 x 130 77 x 155 90 x 157 90 x 157 90 x 196 90 x 236 36 x 53 36 x 83 36 x 83 36 x 83 36 x 100 36 x 100 51 x 75 51 x 75 51 x 96 51 x 96 51 x 120 64 x 96 64 x 115 64 x 130 77 x 115 77 x 130 77 x 155 90 x 157 90 x 157 90 x 196 90 x 236 36 x 53 36 x 83 36 x 83 36 x 83 36 x 100 36 x 100 51 x 75 51 x 75 51 x 96 51 x 115 51 x 130 64 x 96 64 x 115 64 x 130 77 x 115 77 x 130 77 x 155 90 x 157 90 x 157 90 x 196 90 x 236
350 (400) 2V
100 (125) 2A
400 (450) 2G
160 (200) 2C
Screw
200 (250) 2D
450 (500) 2W
250 (300) 2E
350 (400) 2V
Custom products are available on request.
68
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
Part Number System
Technical Specification Snap-In Type
Pin Type: Snap-In Order Code: T6, T4 T6, T4 Pin Type: Soldering Order Code: S4 S4
Terminal
Pin Length T
T6 6,3
T 4,0
Snap-In Terminal Order Code: P2, P3, P4 P2 P3
Negative Terminal
Soldering Terminal Order Code: P5 P4
Positive
P5
Negative Negative
Mounting Holes
P3 only T4 Terminal
Mounting Holes
Mounting Holes
Order Code Screw Type
EC
Technology
G
Terminal Type
1C
BP
101
Capacitance Code
M
Capacitance Tolerance
20% = M Bolt
B
Mounting =B =N
E
Diameter
160
Length 53 = 053 65 = 065 96 = 096
A61
For Terminal Code see tables below
JExxxxx
for Specials only
Rated Voltage Series Code Code
CD 1 = BP 100 = 101 EC = Electrolytic Screw = G For coding Capacitor please refer CD 16 = PK 1 000 = 102 to the pages CD 17 = PX 10 000 = 103 of ratings CD 18 = PC CD 19 = BL
36 = A 40 = B 51 = C
10%
= K No double sleeve
+30 / -10% = Q 2 stoppers bracket+double sleeve* = I +20 / -0% = R 3 stoppers bracket+double sleeve* = Y +50 / -10% = T No bracket, but double sleeve* preferred =D * Double sleeve for diameter 51 only
64 = D 100 = 100 77 = E 115 = 115 90 = F 236 = 236 101 = G
Technical Specification Screw Type
Dimensions Standard Housing Order Code: I, Y, D, N Bolt Housing Order Code: B
OD O 36 O 51
Od M8 M12
l 12 16 in mm
10
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
Part Number System
Terminal Form
Terminal A Order Code: AXXX Terminal B Order Code: BXXX Terminal C Order Code: CXXX Terminal D Order Code: DXXX
Tolerances of d1, d2, h1, h2 : +/- 0,3 mm
Code A61 A362 A11 D551 A61 A642 A643 B641 D641 A771 A772 B771 OD 6 36 1 55 6 64 64 64 64 77 77 77 Screw M 10 - 32 M M5 M M5 1/4 - 28 1/4 - 28 M5 M M6 M6 Pitch P 12,7 12,7 21,8 21,8 28,2 28,2 28,2 28,2 28,2 1, 31,4 31,4 d1 8 8 10 10 10 15 15 17,2 13,0 10 10 17,2 d2 11 11 1 13 1, 20 20 0 15,0 1, 15,5 0 h1 6,8 6,8 6,8 5,5 6,8 7,3 7,3 6,4 7,14 6, 6,3 3,17 h2 1,8 1,8 1,8 0 1,8 3,5 3,5 0 0 1, 1,3 0 Code OD Screw Pitch P 1, 31,4 31,4 31,4 31,4 31,4 31,4 1, 31,4 31,4 31,4 1, d1 17,2 17,2 17,2 17,2 17,2 17,2 17,2 10 10 17,2 17,2 21,5 d2 0 0 0 0 0 0 0 1, 15,5 0 0 17,2 h1 6, 3,17 6,4 3,5 3,5 5,5 6,4 6, 6,3 6,4 6,4 11,0 h2 0 0 0 0 0 0 0 1, 1,3 0 0 6,0 in mm
B772 77 M6 B773 77 M8 B774 77 M5 C771 77 M5 C772 77 M6 C773 77 M5 C774 77 M5 A901 90 M A902 90 M6 B901 90 M6 B902 90 M5 A101 101 M8 preferred, other forms on request
Bracket Mounting
I -Type O D 36-90 Y-Type O D 51-101
OD 6 1 6 77 90 b 101 W1 8,0 68,0 81,0 93,5 108,0 W2 8,0 80,0 93,0 106,0 120,5 W 6, 76,2 88,9 101,6 11,0 preferred Height of brackets: ~30mm W 7,0 8,1 98, 111,1 127,0 a , , , , , ,0 b 7,0 7,0 7,0 7,0 8,0 in mm
Terminal Detail
Screw Definition Hexagon-Head Hexagon-Head M5x10 M6x12 M8x16
Accessories for Bolt Mounting
Cap Nut Order Code: CNN30M12
Hexagon-Head
Insulation Washer Order Code: K100-ISO-50 O D 51, 64
Insulation Washer Order Code: K100-ISO-77 O D 77, 90
Direct Contact & Support: Jianghai Europe GmbH +49 (0)2151-652088-0 info@jianghai-europe.com www.jianghai-europe.com v2006.2
11


▲Up To Search▲   

 
Price & Availability of CD135BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X