Part Number Hot Search : 
NJW4302 SG3030J 20F6TR BP62111 00PS4 1N4999 SR1020 HZ10CP
Product Description
Full Text Search
 

To Download CD13001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
IS/ISO 9002 Lic# QSC/L- 000019.2
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
CD13001 TO - 92 Plastic Package
ABSOLUTE MAXIMUM RATING (Ta =25C ) DESCRIPTION SYMBOL VCBO Collector Base Voltage VCEO Collector Emitter Voltage VEBO Emitter Base Voltage IC Collector Current Continuous ICM Peak (1) PC Collector Power Dissipation Tj, Tstg Operating and Storage Junction Temperature Range (1) Pulse Test: Pulse Width = 5ms, Duty Cycle<10%
VALUE 500 400 9.0 0.5 1.5 900 - 55 to +150
UNIT V V V A mW C
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Cut off Current Emitter Cut off Current DC Current Gain Collector Emitter Saturation Voltage Base Emitter Saturation Voltage Transition Frequency Fall Time Storage Time hFE* Classifications Note: Product is pre selected in DC current gain (Groups A to F). CDIL reserves the right to ship any of the groups according to production availability. MARKING SYMBOL VCBO VCEO VEBO ICBO ICEO IEBO hFE* hFE VCE(sat) VBE(sat) fT tf ts A 10-15 TEST CONDITION IC=100A, IE=0 IC=1mA, IB=0 IE=100A, IC=0 VCB=500V, IE = 0 VCE=400V, IB = 0 VEB=9V, IC=0 VCE=20V, IC=20mA VCE=10V, IC=0.25mA IC=50mA, IB=10mA IC=50mA, IB=10mA VCE=20V,IC=20mA,f=1MHz IC=50mA, IB1= -1B2=5mA VCC=45V B 15-20 C 20-25 MIN 500 400 9 TYP MAX UNIT V V V A A
100 200 100 10 5 40 0.5 1.2 8 0.3 1.5
V V MHz s
D 25-30
E 30-35
F 35-40
CD 13001 A
CD 13001 B
CD 13001 C
CD 13001 D
CD 13001 E
CD 13001 F
Continental Device India Limited
Data Sheet
Page 1 of 3
CD13001 TO-92 Plastic Package TO-92 Plastic Package
TO-92 Transistors on Tape and Ammo Pack
Ammo Pack Style
MECHANICAL DATA
T P h A A1 (p)
B
Dimension With 'L'
Adhesive Tape on Top Side
D FEE
Carrier Strip
Uncontrolled
h
LABEL
FLAT SIDE
183
A
H1
H0 L
W2
Wo W1 W
t1 t F1 F P2 Po F2 Do
Solderability Ensured
42
331
Flat Side of Transistor and Adhesive Tape Visible 2000 pcs./Ammo Pack
L
Beyond 'L'
K
1 2 3 D G AA
All dimensions in mm unless specified otherwise
D 3 E 2 1
ITEM BODY WIDTH BODY HEIGHT BODY THICKNESS PITCH OF COMPONENT FEED HOLE PITCH FEED HOLE CENTRE TO COMPONENT CENTRE
SYMBOL A1 A T P Po P2 F h W Wo W1 W2 Ho H1 L Do t F2 H2 (P)
SEC AA DIM MIN. 4.32 4.45 3.18 0.41 MAX. 5.33 5.20 4.19 0.55
F
F
A B C D E F H C
DISTANCE BETWEEN OUTER LEADS COMPONENT ALIGNMENT TAPE WIDTH HOLD-DOWN TAPE WIDTH HOLE POSITION HOLD-DOWN TAPE POSITION LEAD WIRE CLINCH HEIGHT COMPONENT HEIGHT LENGTH OF SNIPPED LEADS FEED HOLE DIAMETER TOTAL TAPE THICKNESS LEAD - TO - LEAD DISTANCEF1, CLINCH HEIGHT PULL - OUT FORCE
321
0.35 0.50 5 DEG 1.14 1.14 12.70 1.982 1.40 1.53 -- 2.082
PIN CONFIGURATION 1. BASE 2. COLLECTOR 3. EMITTER
G H K L
SPECIFICATION REMARKS MIN. NOM. MAX. TOL . 4.8 4.0 5.2 4.8 4.2 3.9 12.7 1 12.7 0.3 CUMULATIVE PITCH ERROR 1.0 mm/20 PITCH 6.35 0.4 TO BE MEASURED AT BOTTOM OF CLINCH +0.6 5.08 -0.2 1 0 AT TOP OF BODY 18 0.5 6 0.2 9 +0.7 -0.5 0.5 0.2 16 0.5 23.25 11.0 4 0.2 1.2 t1 0.3 - 0.6 2.54 +0.4 -0.1 3 6N
All diminsions in mm.
NOTES 1. MAXIMUM ALIGNMENT DEVIATION BETWEEN LEADS NOT TO BE GREATER THAN 0.2 mm. 2. MAXIMUM NON-CUMULATIVE VARIATION BETWEEN TAPE FEED HOLES SHALL NOT EXCEED 1 mm IN 20 PITCHES. 3. HOLDDOWN TAPE NOT TO EXCEED BEYOND THE EDGE(S) OF CARRIER TAPE AND THERE SHALL BE NO EXPOSURE OF ADHESIVE. 4. NO MORE THAN 3 CONSECUTIVE MISSING COMPONENTS ARE PERMITTED. 5. A TAPE TRAILER, HAVING AT LEAST THREE FEED HOLES ARE REQUIRED AFTER THE LAST COMPONENT. 6. SPLICES SHALL NOT INTERFERE WITH THE SPROCKET FEED HOLES.
Packing Detail
PACKAGE TO-92 Bulk TO-92 T&A STANDARD PACK Details Net Weight/Qty 1K/polybag 200 gm/1K pcs 2K/ammo box 645 gm/2K pcs INNER CARTON BOX Size Qty 3" x 7.5" x 7.5" 5K 12.5" x 8" x 1.8" 2K OUTER CARTON BOX Size Qty Gr Wt 17" x 15" x 13.5" 80K 23 kgs 17" x 15" x 13.5" 32K 12.5 kgs
Continental Device India Limited
Data Sheet
Page 2 of 3
Notes
CD13001 TO-92 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-579 6150 Fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com
CD13001Rev_1 080102E
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CD13001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X