Part Number Hot Search : 
SLE4406 4FST3 RN1102F CDBV0520 TFMBJ65 2J102K 2K30A 2J102K
Product Description
Full Text Search
 

To Download CA3100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
January 1999
P
T CT DUC PRO PRODU ETE UTE OL OBS UBSTIT 5 S 52 IBLE HA-2 OSS
CA3100
38MHz, Operational Amplifier
Features
* High Open Loop Gain at Video Frequencies . . . . . . . . . . . . . . . . . . 42dB (Typ) at 1MHz
Description
The CA3100 is a large signal wideband, high speed operational amplifier which has a unity gain cross over frequency (fT) of approximately 38MHz and an open loop, 3dB corner frequency of approximately 110kHz. It can operate at a total supply voltage of from 14V to 36V (7V to 18V when using split supplies) and can provide at least 18VP-P and 30mAP-P at the output when operating from 15V supplies. The CA3100 can be compensated with a single external capacitor and has DC offset adjust terminals for those applications requiring offset null. (See Figure 1). The CA3100 circuit contains both bipolar and PMOS transistors on a single monolithic chip.
[ /Title (CA31 00) /Subject (38MH z, Operational Amplifier) /Autho r () /Keywords (Harris Semiconductor, single, operational amplifier, op amp, general purpose, industrial military
* Unity Gain Crossover Frequency (fT) . . . . . . . . . . . . . 38MHz (Typ) * Full Power Bandwidth V = 18VP-P . . . . . . . . . . . . . . . . . . . . . . . 1.2MHz (Typ)
O
* Slew Rate - 20dB Amplifier . . . . . . . . . . . . . . . . . . . . 70V/s (Typ) - Unity Gain Amplifier. . . . . . . . . . . . . . . . 25V/s (Typ) * Settling Time . . . . . . . . . . . . . . . . . . . . . . . . 0.6s (Typ) * Output Current . . . . . . . . . . . . . . . . . . . . . . 15mA (Min) * Single Capacitor Compensation * Offset Null Terminals
Part Number Information
PART NUMBER (BRAND) CA3100E TEMP. RANGE (oC) -40 to 85 -40 to 85 -55 to 125 PACKAGE 8 Ld PDIP 8 Ld SOIC 8 Pin Metal Can PKG. NO. E8.3 M8.15 T8.C
Applications
* Video Amplifiers * Fast Peak Detectors * Meter Driver Amplifiers * High Frequency Feedback Amplifiers * Video Pre-Drivers * Oscillators * Multivibrators * Voltage Controlled Oscillator * Fast Comparators
CA3100M (3100) CA3100T
Pinouts
CA3100 (PDIP, SOIC) TOP VIEW
PHASE COMPENSATION OFFSET NULL INV. INPUT NON-INV. INPUT VPHASE COMP AND OFFSET NULL INV. INPUT 2 3 4 V-
CA3100 (METAL CAN) TOP VIEW
PHASE COMP TAB 8 7 V+
1 2 3 4
8
1
+
7 V+ 6 OUTPUT 5 OFFSET NULL
+ 5
6
OUTPUT
NON-INV. INPUT
OFFSET NULL
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures. Copyright
(c) Harris Corporation 1999
File Number
625.4
3-1
CA3100
Absolute Maximum Ratings
Supply Voltage (Between V+ and V- Terminals) . . . . . . . . . . . . . 36V Differential Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V Input Voltage to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ to VOffset Terminal to V- Terminal Voltage . . . . . . . . . . . . . . . . . . 0.5V Output Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Thermal Information
Thermal Resistance (Typical, Note 1) JA (oC/W) JC (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . 100 N/A SOIC Package . . . . . . . . . . . . . . . . . . . 165 N/A Metal Can Package . . . . . . . . . . . . . . . 170 85 Maximum Junction Temperature (Metal Can) . . . . . . . . . . . . . 175oC Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only)
Operating Conditions
Temperature Range CA3100E, CA3100M. . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC CA3100T. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES: 1. JA is measured with the component mounted on an evaluation PC board in free air. 2. CA3100 does not contain circuitry to protect against short circuits in the output. TA = 25oC, VSUPPLY = 15V, Unless Otherwise Specified SYMBOL TEST CONDITIONS MIN TYP MAX UNITS
Electrical Specifications
PARAMETER DC Input Offset Voltage Input Bias Current Input Offset Current
VIO IIB IIO VlCR CMRR VOM+ VOM-
VO = 0 0.1V VO = 0 1V VO = 0 1V CMRR 76dB VCM = 12V Differential Input Voltage = 0 0.1V, RL = 2k
12 76 +9
1 0.7 0.05 +14 -13 90 +11
5 2 0.4 -
mV A A V
Common Mode Input Voltage Range
Common Mode Rejection Ratio Maximum Output Voltage
-
dB V
-9 Differential Input Voltage = 0 + 0.1V, RL = 250 +15
-11 +30
-
V mA
Maximum Output Current
IOM+ IOM-
-15 VO = 0 0.1V, RL 10k V+ = 1V, V- = 1V 60
-30 8.5 70
10.5 -
mA mA dB
Supply Current Power Supply Rejection Ratio DYNAMIC Unity-Gain Crossover Frequency Open Loop Voltage Gain
I+ PSRR
fT AOL
CC = 0, VO = 0.3VP-P f = 1kHz, VO = 1V, (Note 3) f = 1MHz, CC = 0, VO = 10VP-P
56 36 50 0.8 -
38 61 42 70 25 1.2 0.4 30 110
-
MHz dB dB V/s V/s MHz MHz k
Slew Rate
SR
AV = 10, CC = 0, VI = 1V (Pulse) AV = 1, CC = 10pF, VI = 10V (Pulse)
Full Power Bandwidth (Note 4)
FPBW
AV = 10, CC = 0, VO = 18VP-P AV = 1, CC = 10pF, VO = 18VP-P
Open Loop Differential Input Impedance Open Loop Output lmpedance
ZI ZO
f = 1MHz f = 1MHz
3-2
CA3100
Electrical Specifications
PARAMETER Wideband Noise Voltage (RTI) Settling Time (To Within 50mV of 9V Output Swing) NOTES: 3. Low frequency dynamic characteristic. Slew Rate 4. Full Power Bandwidth = -------------------------- . VO P - P TA = 25oC, VSUPPLY = 15V, Unless Otherwise Specified (Continued) SYMBOL eN (Total) tS TEST CONDITIONS BW = 1MHz, RS = 1k RL = 2k, CL = 20pF MIN TYP 8 0.6 MAX UNITS VRMS s
Test Circuits
V+ 7 0.1F VI 3 VI HP606A OR EQUIV 8 51 2 + CA3100 3 6 20pF 4 5 1 0.1F VWITH VI = 0 ADJ POTENTIOMETER (RX) TO GIVE VO = 0 0.1VDC +1V PULSE tR 10ns tWIDTH 1s 51 2k 220 2k VO 2 AOL = VO VI
OL
V+ 7 0.1F + CA3100 VO 6 SLOPE = SR
-
4 0.1 F 20 pF 2k
CC RX SET VI TO GIVE 10k DESIRED VO LEVEL AT TEST FREQUENCY NULL ADJUST AT FREQUENCY > 1MHz VI POTENTIOMETER AND VO MEASURED WITH HF8405A VECTOR VOLTMETER
V-
FIGURE 1. OPEN-LOOP VOLTAGE GAIN TEST CIRCUIT AND OFFSET ADJUST CIRCUIT
10pF V+
FIGURE 2. SLEW RATE IN 10X AMPLIFIER TEST CIRCUIT
AV = 100 +15V INPUT REFERRED NOISE VOLTAGE eNO eNI = 100 3 7 0.1F + CA3100 POST AMPL. AND 2 POLE 1MHz FILTER
1 VI 3 51 2 +10V PULSE tR 10ns tWIDTH 1s 3 7 + CA3100 6 0.1F
SLOPE = SR
VO
6
5 2k RS
2
4 420
HP400EL VTVM
500pF 4
0.1F 47
0.1F
eNO
V-
-15V
FIGURE 3. FOLLOWER SLEW RATE TEST CIRCUIT
FIGURE 4. WIDEBAND INPUT NOISE VOLTAGE TEST CIRCUIT
3-3
CA3100 Test Circuits
(Continued)
1pF +15V 7 1V 9.1k 3 + CA3100 6 VOM 4 1k 1k RL 2k 51 1k 1 RL = 250 FOR IOM TEST VO IOM = 250 VI = 9V 7 2k 2 2k +15V 0.1F VO = 9V 6 4 8 0.1 F -15V 20pF
CA3100 +
2
-
3
12pF -15V 2k
2k SETTLING POINT TO SCOPE
FIGURE 5. OUTPUT VOLTAGE SWING (VOM), OUTPUT CURRENT SWING (IOM) TEST CIRCUIT
FIGURE 6. SETTLING TIME TEST CIRCUIT
Schematic Diagram
7 R4 750 R5 750 Q2 Q1 Q3 V+
R6 12k NONINVERT INPUT + 3 INVERT INPUT 2
Q4 Q5 Q6 Q8 Q9 D4 Q10 Q16 Q19 Q20 D5 Q17 Q13 D2 D3 C1 10pF R1 2.5k
Q7
-
Q12 Q11 Q14 R10 20 R11 20 Q15
OUTPUT 6 8 PHASE COMP R9 200 Q18 OFFSET NULL 5 1 OFFSET NULL AND PHASE COMP
R7 10k Q23
Q22 Q21
R8 200
R12 50 V- 4
R14 1.1k
R13 20
R15 1.1k
R16 150
R17 600
R19 600
R18 150
3-4
CA3100 Typical Applications
+15V 7 INPUT 0.33F 3 + CA3100 0.1F OUTPUT 6 0.33F 220 3k 4 0.1F -15V 220 2k 3pF -3dB BANDWIDTH 20MHz TOTAL INPUT NOISE VOLTAGE REFERRED TO INPUT 35VRMS 3pF DELIVERS FOLLOWING PEAK VOLTAGES TO 50 LINE: FREQ 1MHz 2MHz 4MHz 6MHz VO 8V 5V 2V 1V 220 GAIN = 20dB 0.1F -15V 2 +15V 3dB BANDWIDTH = 15MHz ACL = 20dB INPUT 3 7 + CA3100 0.1F 4.7 k 2N5320 OUTPUT TO TERMINATED 50 TRANSMISSION LINE
6
10
2 3k
-
4 1N5393 10
2k
2N5322
FIGURE 7. 20dB VIDEO AMPLIFIER
FIGURE 8. 20dB VIDEO LINE DRIVER
ZERO ADJ 200 20k 10pF INPUT IMPEDANCE 50k 2N2102 TEST LEADS 2 VO (DC) = +VI PEAK -15V 51k 1 8 3 + CA3100 7 0.1F 1VRMS FULL SCALE 1N914 6 51k 0.1 F + 1mA FULL SCALE DC METER +15V
+15V
VI(AC) 3 3k 2
7 + CA3100
0.1F
6 1N914
4
4
250 POT. 330
1.2k
0.1F
1000pF FULL SCALE CALIBRATION ADJUST
-15V
FIGURE 9. FAST POSITIVE PEAK DETECTOR
FIGURE 10. 1MHz METER-DRIVER AMPLIFIER
Typical Performance Curves
80 OPEN LOOP VOLTAGE GAIN (dB) 70 60 50 40 30 CC = 24pF 20 10 12pF 0 0.001 0.01 0.1 1 FREQUENCY (MHz) 10 100 0pF CC = 24pF |AOL| 12pF 0pF 12pF -270 -225 0pF -180 -135 24pF -90 -45 0 OPEN LOOP PHASE SHIFT (DEGREES) OPEN LOOP VOLTAGE GAIN (dB) TA = 25oC VS = 15V RL = 2k CL = 20pF 70 60 50 40 30 20 10 0 0.001 VS = 15V RL = 2k CC = 0
TA = -55oC
25oC 125oC
0.01
0.1 1 FREQUENCY (MHz)
10
100
FIGURE 11. OPEN LOOP GAIN, OPEN LOOP PHASE SHIFT vs FREQUENCY
FIGURE 12. OPEN LOOP GAIN vs FREQUENCY
3-5
CA3100 Typical Performance Curves
70 OPEN LOOP VOLTAGE GAIN (dB) 60 50 40 30 20 10 0 0.001 0 0.01 0.1 1 10 100 FREQUENCY (MHz) 0 6 (0) 12V 10V 7V
(Continued)
TA = 25oC RL = 2k CL = 20pF 25 20 15 10 5 10V 10 (6) 20 (19.1) VS = 15V
VS = 18V
COMP CAP PINS 1 TO 8 (pF)
TA = 25oC RL = 2k CL = 20pF CC = 0
NONINVERTING GAIN (dB), INVERTING GAIN (dB) CLOSED LOOP GAIN (dB)
FIGURE 13. OPEN LOOP GAIN vs FREQUENCY
FIGURE 14. REQUIRED COMPENSATION CAPACITANCE vs CLOSED LOOP GAIN
OPEN LOOP OUTPUT IMPEDANCE ()
TA = 25oC RL = 2k CL = 20pF SLEW RATE (V/s) 80
350 300
TA = 25oC VS = 15V +15V
200
3 +
7 HEWLETT PACKARD VECTOR IMPEDANCE METER4815A
60
CA3100
6 4 VO
40 VS = 15V 20 10V
100
2 1
5 10 K
-15V
0
5
10
15
20
25
0
10
20
30
40
COMP CAP PINS 1 TO 8 (pF)
FREQUENCY (MHz)
FIGURE 15. SLEW RATE vs COMPENSATION CAPACITANCE
FIGURE 16. TYPICAL OPEN LOOP OUTPUT IMPEDANCE vs FREQUENCY
106 TA = 25oC VS = 15V
TOTAL INPUT REFERRED NOISE VOLTAGE (VRMS)
30
BW AT 6dB = 1MHz
OPEN LOOP DIFFERENTIAL INPUT IMPEDANCE ()
TA = 25oC
20
105
10
104
0 102
103 103 SOURCE RESISTANCE () 104 0.1 1 10 100 FREQUENCY (MHz)
FIGURE 17. WIDEBAND INPUT NOISE VOLTAGE vs SOURCE RESISTANCE
FIGURE 18. TYPICAL OPEN LOOP DIFFERENTIAL INPUT IMPEDANCE vs FREQUENCY
3-6
CA3100 Typical Performance Curves
25 TA = 25oC VS = 15V OUTPUT VOLTAGE (VP-P) 20
(Continued)
COMMON MODE INPUT VOLTAGE RANGE (V)
TA = 25oC 15.0 12.5 10.0 7.5 5.0 2.5 0 +VICR -VICR
15 CIRCUIT FIG. 3 (FOLLOWER) 10 CIRCUIT FIG. 2 10X AMPL
5
0 0.01
0.1
1 FREQUENCY (MHz)
10
100
0
2.5
5
7.5
10
12.5
15
17.5
20
SUPPLY VOLTAGE (V)
FIGURE 19. MAXIMUM OUTPUT VOLTAGE SWING vs FREQUENCY
FIGURE 20. COMMON MODE INPUT VOLTAGE RANGE vs SUPPLY VOLTAGE
TA = 25oC MAXIMUM OUTPUT VOLTAGE (V) 15 12.5 10 7.5 5 2.5 0 SUPPLY CURRENT (mA) VOM VOM + 15 12.5 10 7.5 5 2.5 0 0
TA = 25oC
0
2.5
5
7.5
10
12.5
15
17.5
20
2.5
5
7.5
10
12.5
15
17.5
20
SUPPLY VOLTAGE (V)
SUPPLY VOLTAGE (V)
FIGURE 21. MAXIMUM OUTPUT VOLTAGE vs SUPPLY VOLTAGE
FIGURE 22. SUPPLY CURRENT vs SUPPLY VOLTAGE
TA = 25oC 15.0 INPUT BIAS CURRENT (A) 12.5 10.0 7.5 5.0 2.5 0
0
2.5
5
7.5
10
12.5
15
17.5
20
SUPPLY VOLTAGE (V)
FIGURE 23. INPUT BIAS CURRENT vs SUPPLY VOLTAGE
3-7


▲Up To Search▲   

 
Price & Availability of CA3100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X