Part Number Hot Search : 
SMA3103 4222R 80C51 36445 C88MF PE44240 SST39 5671A4
Product Description
Full Text Search
 

To Download BZX84C11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX84C2V4 THRU BZX84C51
Surface Mount Zener Diode
Voltage Range 2.4 to 51 Volts 350m Watts Power Dissipation
Features
Planar die construction 350 mW power dissipation Zener voltages from 2.4V - 51V Ideally suited for automated assembly processes
SOT-23
0.020(0.51) 0.015(0.37)
0.055(1.40) 0.047(1.19)
0.098(2.50) 0.083(2.10)
Mechanical Data
Case: Sot-23, Molding plastic Terminals: Solderable per MIIL-STD-202, Method 208 Polarity: See diagram Marking: Marking Code (See table on Page 2) Weight: 0.008 grams (approx.)
0.080(2.05) 0.070(1.78) 0.024(0.61) 0.018(0.45) 0.120(3.05) 0.104(2.65)
0.041(1.05) 0.047(0.89)
0.043(1.10) 0.035(0.89) 0.007(0.178) 0.003(0.076)
0.006(0.15) 0.001(0.013)
0.024(0.61) 0.018(0.45)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Maximum Ratings Type Number
Forward Voltage Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range @ IF = 10mA
Symbol VF Pd RJA TJ, TSTG
Value 0.9 350 357 -65 to + 150
.
Units V mW K /W
O
C
Notes: 1. Valid Provided that Device Terminals are Kept at Ambient Temperature.
2. Tested with Pulses. Period = 5ms, Pulse Width = 300us. 3. f = 1KHz.
- 796 -
RATINGS AND CHARACTERISTIC CURVES (BZX84C2V4 THRU BZX84C51)
FIG.1- POWER DERATING CURVE FIG.2- ZENER BREAKDOWN CHARACTERISTICS
500
Pd, POWER DISSIPATION (mW)
See Note 1
50
Tj = 25 C
O
C2V7
C3V9
C5V6 C6V8
C3V3
C4V7
IZ, ZENER CURRENT (mA)
400 300
40
C8V2
30
200 100 0 0 100
TA, AMBIENT TEMPERATURE, (OC) FIG.3- ZENER BREAKDOWN CHARACTERISTICS
20 10
Test Current IZ 5.0mA
200
0
0
1
2
3
4
5
6
7
8
9 10
VZ, ZENER VOLTAGE (V) FIG.4- ZENER BREAKDOWN CHARACTERISTICS
30
IZ, ZENER CURRENT (mA)
Tj = 25 C
O
C10 C12
10
IZ, ZENER CURRENT (mA)
Tj = 25 C
O
C39
C47 C43 C51
8 6 4
Test Current IZ 2mA
20
C15
C18
Test Current IZ 2mA
10
C22
Test Current IZ 5mA
C27 C33 C36
2 0
0
0
10
20
30
40
0 10 20 30 40 50 60 70 80 90 100
VZ, ZENER VOLTAGE (V)
VZ, ZENER VOLTAGE (V) FIG.5- JUNCTION CAPACITANCE VS NOMINAL ZENER VOLTAGE
Cj, JUNCTION CAPACITANCE (pF)
1000
VR = 1V VR = 2V
Tj = 25 C
O
100
VR = 1V
VR = 2V
0
0
10
100
VZ, NOMINAL ZENER VOLTAGE (V)
- 797 -
ELECTRICAL CHARACTERISTICS (TA=25OC
Device (Note 1) BZX84C2V4 BZX84C2V7 BZX84C3V0 BZX84C3V3 BZX84C3V6 BZX84C3V9 BZX84C4V3 BZX84C4V7 BZX84C5V1 BZX84C5V6 BZX84C6V2 BZX84C6V8 BZX84C7V5 BZX84C8V2 BZX84C9V1 BZX84C10 BZX84C11 BZX84C12 BZX84C13 BZX84C15 BZX84C16 BZX84C18 BZX84C20 BZX84C22 BZX84C24 BZX84C27 BZX84C30 BZX84C33 BZX84C36 BZX84C39 BZX84C43 BZX84C47 BZX84C51 Device Marking Code Z11 Z12 Z13 Z14 Z15 Z16 Z17 Z1 Z2 Z3 Z4 Z5 Z6 Z7 Z8 Z9 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Y10 Y11 Y12 Y13 Y14 Y15 Y16 Y17 Zener Voltage Range (Note 2) Vz @ Izt IZT Nom (V) Min (V) Max (V) 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 mA 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
unless otherwise noted)
Maximum Zener Impedance (Note 3) ZZK @ IZK ZZT @ IZT
Ohms 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180
Ohms 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 350 375 375 400
mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
Maximum Reverse Current IR VR uA V 50 20 10 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3 30.1 32.9 35.7
Typical Temerature Coefficient @ IZT mV / OC Min Max -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 10.0 10.0 10.0 0 0 0 0 0 0 0.0 0.2 1.2 2.5 3.7 4.5 5.3 6.1 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2 12.0 12.0 12.0
Notes: 1. Valid provided that device terminals are kept at ambient temperature. 2. Tested with pulses, 300us pulse width, period = 5ms. 3. f = 1KHz.
- 798 -


▲Up To Search▲   

 
Price & Availability of BZX84C11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X