Part Number Hot Search : 
BZV62 K1299 8M07C 10180 BR103 KK431 MC13022 2N5786
Product Description
Full Text Search
 

To Download BZX83C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
IS/ISO 9002 Lic# QSC/L-000019.3
SILIICON PLANAR ZENER DIODES
BZX83C 2V7 to 56V 500mW DO- 35 Glass Axial Package
Best suited for Industrial, Military and Space Applications. The glass passivated diode chip in the hermetically sealed glass package with double studs provides excellent stability and reliability. ABSOLUTE MAXIMUM RATINGS (Ta=25C) DESCRIPTION Power Dissipation Junction Temperature Storage Temperature Thermal Resistance - Junction to Ambient in free air SYMBOL PTA Tj Tstg Rth(j-a) VALUE 500 175 - 55 to +175 300 UNIT mW C C C/W
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) Forward Voltage @ IF=200mA Device VZT @ IZT* min (V) 2.50 2.80 3.10 3.40 3.70 4.00 4.40 4.80 5.20 5.80 6.40 7.00 7.70 8.50 9.40 10.40 11.40 12.40 13.80 15.30 16.80 18.80 20.80 22.80 25.10 max (V) 2.90 3.20 3.50 3.80 4.10 4.60 5.00 5.40 6.00 6.60 7.20 7.90 8.70 9.60 10.60 11.60 12.70 14.10 15.60 17.10 19.10 21.20 23.30 25.60 28.90 rZT @ IZT* max () 90 90 90 90 90 80 80 60 40 10 8 7 7 10 15 20 20 25 30 40 55 55 58 80 80 VF < 1.2 V IZT rZK @ IZK max () 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 250 IZK Temp. Coeff of Zener Voltage typ (%/C) -0.07 -0.07 -0.06 -0.06 -0.05 -0.03 -0.01 +0.01 +0.03 +0.04 +0.05 +0.05 +0.06 +0.06 +0.07 +0.07 +0.07 +0.07 +0.08 +0.08 +0.08 +0.08 +0.08 +0.08 +0.09 IR @ Ta 25C max (A) 100 60 30 20 10 5 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 VR IZM
BZX83C 2V7 BZX83C 3V0 BZX83C 3V3 BZX83C 3V6 BZX83C 3V9 BZX83C 4V3 BZX83C 4V7 BZX83C 5V1 BZX83C 5V6 BZX83C 6V2 BZX83C 6V8 BZX83C 7V5 BZX83C 8V2 BZX83C 9V1 BZX83C 10 BZX83C 11 BZX83C 12 BZX83C 13 BZX83C 15 BZX83C 16 BZX83C 18 BZX83C 20 BZX83C 22 BZX83C 24 BZX83C 27
(mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
(mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
(V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 3.5 4.0 5.0 6.0 8.2 9.1 10 11 12 13 15 16 18 20
max (mA) 135 125 115 105 95 90 85 75 70 64 58 53 47 43 40 36 32 29 27 24 21 20 18 16 14
*Pulse Condition : 20ms < tp <50ms . Duty Cycle <2%
Continental Device India Limited
Data Sheet
Page 1 of 4
SILIICON PLANAR ZENER DIODES
BZX83C 2V7 to 56V 500mW DO- 35 Glass Axial Package
IR @ Ta 25C max (A) 1 1 1 1 1 1 1 1 VR IZM
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) Device VZT @ IZT* min (V) 28.00 31.00 34.00 37.00 40.00 44.00 48.00 52.00 max (V) 32.00 35.00 38.00 41.00 46.00 50.00 54.00 60.00 rZT @ IZT* max () 90 90 90 100 100 120 135 145 IZT rZK @ IZK max () 250 250 250 600 700 1000 1000 1000 IZK Temp. Coeff of Zener Voltage typ (%/C) +0.09 +0.09 +0.09 +0.09 +0.09 +0.09 +0.09 +0.09
BZX83C 30 BZX83C 33 BZX83C 36 BZX83C 39 BZX83C 43 BZX83C 47 BZX83C 51 BZX83C 56
(mA) 5.0 5.0 5.0 2.5 2.5 2.5 2.5 2.5
(mA) 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5
(V) 22 24 27 30 33 36 39 43
max (mA) 13 12 11 10 9.2 8.5 7.8 7.0
*Pulse Condition : 20ms < tp <50ms . Duty Cycle <2%
Continental Device India Limited
Data Sheet
Page 2 of 4
BZX83C 2V7 to 56V 500mW DO- 35 Glass Axial Package DO-35 Glass Axial Package
A B A DIM A C D B NOTES 1. Cathode is marked by Band. 2. All dimensions are in mm. C D MIN 25.40 3.03 0.46 1.52 MAX -- 4.44 0.56 2.29
DO-35, 52mm Taping Specification
1.05 MAX. 1.5 R MAX. 5.50 4.50
52 mm Taping Specification 1. T & A indicates Axial Tape & Ammo packing (52 mm Tape Spacing). 2. 300 mm (min) leader tape on every spool. 3. No. of empty places allowed 0.25% without consecutive empty places. 4. Ends of leads shall preferably not protrude beyond the tapes. 5. Components shall be held sufficiently in the tape or tapes so that they can not come free in normal handling.
LEADER
CENTRE LINE 1.05
54.00 50.00
6.0 5.0
52.0 11 DIODES 48.0 All dimensions in mm.
ED FE
6.0 1 .0 52 2 .0 .0
6. 0 1. 0
TAPES
85.0 mm
LABEL
255
.0 m
m
73. 5
mm
DO-35:- 5000 pcs./Ammo Pack DIODE AMMO PACK
On request also available in 26 mm Tape and Ammo Pack
Packing Detail
PACKAGE
Details DO-35 T&A 5K/ ammo box
STAN ARD PACK D
Net Weight/ Qty 0.88 kg/ pcs 5K Size
INNER CARTON B X O
Qty 5.0K Size
OUTER CARTON B X O
Qty 125.0K Gr Wt 25 kgs
10" x 3.5" x 3.5"
12.7" x 12.7" x 20"
Continental Device India Limited
Data Sheet
Page 3 of 4
Notes
BZX83C 2V7 to 56V 500mW DO- 35 Glass Axial Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-579 6150 Fax + 91-11-579 9569, 579 5290 e-mail sales@cdil.com www.cdil.com
BZX83C2V7_56VRev300302E
Continental Device India Limited
Data Sheet
Page 4 of 4


▲Up To Search▲   

 
Price & Availability of BZX83C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X