Part Number Hot Search : 
E002665 CM3503 01504 TSL257 324102 2SC22 BU508AF 10T25
Product Description
Full Text Search
 

To Download BZG04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZG04...
Vishay Telefunken
Silicon Transient Voltage Suppressors
Features
D D D D D
Glass passivated junction High reliability Stand-off voltage range 8.2V to 220V Excellent clamping cabability Fast response time (typ.
x1ps from 0 to V
Zmin)
15 811
Applications
Protection from high voltage, high energy transients
Absolute Maximum Ratings
Tj = 25_C Parameter Power dissipation Non repetitive peak surge power dissipation Peak forward surge current Junction temperature Storage temperature range Test Conditions RthJA<25K/W, Tamb=100C RthJA<100K/W, Tamb=50C tp=10/1000ms sq.pulse, Tj=25C prior to surge 10ms single half sine wave Type Symbol PV PV PZSM IFSM Tj Tstg Value 3 1.25 300 50 175 -65...+150 Unit W W W A C C
Maximum Thermal Resistance
Tj = 25_C Parameter Test Conditions Junction lead Junction ambient mounted on epoxy-glass hard tissue, Fig. 1a mounted on epoxy-glass hard tissue, Fig. 1b mounted on Al-oxid-ceramic (Al2O3), Fig. 1b Symbol RthJL RthJA RthJA RthJA Value 25 150 125 100 Unit K/W K/W K/W K/W
Electrical Characteristics
Tj = 25_C Parameter Forward voltage Test Conditions IF=0.5A Type Symbol VF Min Typ Max 1.2 Unit V
Document Number 85594 Rev. 6, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
BZG04...
Vishay Telefunken
Type BZG04... 8V2 9V1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220
*)
Standoff Voltage VR V 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 220 IR mA Max. 20 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Breakdown Voltage V(BR) at IR V mA Min. 9.4 50 10.4 50 11.4 50 12.4 50 13.8 50 15.3 25 16.8 25 18.8 25 20.8 25 22.8 25 25.1 25 28 25 31 25 34 10 37 10 40 10 44 10 48 10 52 10 58 10 64 10 70 10 77 10 85 5 94 5 104 5 114 5 124 5 138 5 153 5 168 5 188 5 208 2 228 2 251 2
Clamping Voltage VCL(R) at IPP V *) A *) Max. 14.8 20.3 15.7 19.1 17.0 17.7 18.9 15.9 20.9 14.4 22.9 13.1 25.6 11.7 28.4 10.6 31.0 9.7 33.8 8.9 38.1 7.9 42.2 7.1 46.2 6.5 50.1 6.0 54.1 5.5 60.7 4.9 65.5 4.6 70.8 4.2 78.6 3.8 86.5 3.5 94.4 3.2 103.5 2.9 114 2.6 126 2.4 139 2.2 152 2.0 167 1.8 185 1.6 204 1.5 224 1.3 249 1.2 276 1.1 305 1.0 336 0.9 380 0.8
10/1000 ms pulse
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 85594 Rev. 6, 01-Apr-99
BZG04...
Vishay Telefunken Characteristics (Tj = 25_C unless otherwise specified)
a) b) 5.0 2.0 1.5 10.0 2.0 Ptot - Total Power Dissipation ( W ) 4
3 RthJA=25K/W 2 RthJA=100K/W 1
25.0
94 9313
1.0 25.0
94 9580
0 0 40 80 120 160 200 Tamb - Ambient Temperature ( C )
Figure 1. Boards for RthJA definition (copper overlay 35m)
Figure 3. Total Power Dissipation vs. Ambient Temperature
3.0 I F - Forward Current ( A ) 2.5 2.0 1.5 1.0 0.5
2.6
2.4
2.2 7.0
2.4
0
94 9314 94 9581
0
0.5
1.0
1.5
2.0
VF - Forward Voltage ( V )
Figure 2. Recommended foot pads (in mm)
Figure 4. Forward Current vs. Forward Voltage
Document Number 85594 Rev. 6, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
BZG04...
Vishay Telefunken Dimensions in mm
14275
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 85594 Rev. 6, 01-Apr-99
BZG04...
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 85594 Rev. 6, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of BZG04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X