Part Number Hot Search : 
C85FDAAA EGF10A C3306 MCR100 TMP90 IRF9640 T8251AH 25DF161
Product Description
Full Text Search
 

To Download BYV4100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
handbook, 2 columns
M3D118
BYV4100 Fast soft-recovery controlled avalanche rectifier
Product specification 1996 Oct 07
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifier
FEATURES * Glass passivated * High maximum operating temperature * Low leakage current * Excellent stability * Guaranteed avalanche energy absorption capability * Available in ammo-pack * Also available with preformed leads for easy insertion. DESCRIPTION Rugged glass SOD64 package, using a high temperature alloyed construction.
BYV4100
This package is hermetically sealed and fatigue free as coefficients of expansion of all used parts are matched.
2/3 page k (Datasheet)
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM VR IF(AV) PARAMETER repetitive peak reverse voltage continuous reverse voltage average forward current
,
a
MAM104
Fig.1 Simplified outline (SOD64) and symbol.
CONDITIONS
MIN. - -
MAX. 100 100 4.0 V V A
UNIT
Ttp = 65 C; lead length = 10 mm; averaged over any 20 ms period; see Fig.2; see also Fig.4 Tamb = 60 C; PCB mounting (see Fig.12); averaged over any 20 ms period; see Fig.3; see also Fig.4
-
-
1.9
A
IFRM IFSM
repetitive peak forward current non-repetitive peak forward current
Ttp = 65 C; see Fig.6 Tamb = 60 C; see Fig.7 t = 10 ms half sine wave; Tj = Tj max prior to surge; VR = VRRMmax L = 120 mH; Tj = Tj max prior to surge; inductive load switched off
- - -
34 17 90
A A A
ERSM Tstg Tj
non-repetitive peak reverse avalanche energy storage temperature junction temperature
- -65 -65
20 +175 +175
mJ C C
1996 Oct 07
2
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifier
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL VF V(BR)R IR PARAMETER forward voltage reverse avalanche breakdown voltage reverse current CONDITIONS IF = 3.5 A; Tj = Tj max; see Fig.5 IF = 3.5 A; see Fig.5 IR = 0.1 mA VR = VRRMmax; see Fig.8 VR = VRRMmax; Tj = 165 C; see Fig.8 trr reverse recovery time when switched from IF = 0.5 A to IR = 1 A; measured at IR = 0.25 A; see Fig.10 f = 1 MHz; VR = 0 V; see Fig.9 when switched from IF = 1 A to VR 30 V and dIF/dt = -1 A/s; see Fig.11 MIN. - - 120 - - - TYP. - - - - - -
BYV4100
MAX. 0.78 0.98 - 5 150 15 V V V
UNIT
A A ns
Cd dI R -------dt
diode capacitance maximum slope of reverse recovery current
- -
245 -
- 2
pF A/s
THERMAL CHARACTERISTICS SYMBOL Rth j-tp Rth j-a Note 1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer 40 m, see Fig.12. For more information please refer to the "General Part of associated Handbook". PARAMETER thermal resistance from junction to tie-point thermal resistance from junction to ambient note 1 CONDITIONS lead length = 10 mm VALUE 25 75 UNIT K/W K/W
1996 Oct 07
3
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifier
GRAPHICAL DATA
MGD747
BYV4100
handbook, halfpage
5
IF(AV) (A) 4
handbook, halfpage
3
MGD748
IF(AV) (A) 2
3
2 1 1
0 0 100 Ttp (C) 200
0 0 100 Tamb (C) 200
Switched mode application. a = 1.42; = 0.5; VR = VRRMmax.
Switched mode application. a = 1.42; = 0.5; VR = VRRMmax. Device mounted as shown in Fig.12.
Fig.2
Maximum permissible average forward current as a function of tie-point temperature (including losses due to reverse leakage).
Fig.3
Maximum permissible average forward current as a function of ambient temperature (including losses due to reverse leakage).
handbook, halfpage
6 P (W) 5
MGD749
handbook, halfpage
10
MGD750
a=3
2.5
2 1.57
IF (A)
8
4 1.42 3 4 2 2 6
1
0 0 2 IF(AV) (A) 4
0 0 1 VF (V) 2
a = IF(RMS)/IF(AV); = 0.5; VR = VRRMmax.
Fig.4
Maximum steady state power dissipation (forward plus leakage current losses, excluding switching losses) as a function of average forward current.
Dotted line: Tj = 175 C. Solid line: Tj = 25 C.
Fig.5
Maximum forward voltage as a function of forward current.
1996 Oct 07
4
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifier
BYV4100
handbook, full pagewidth
40
MGD751
IFRM (A) 30
= 0.05
0.1 20 0.2
10
0.5 1
0 10-2
10-1
1
10
102
103
tp (ms)
104
Ttp = 65 C; Rth j-tp = 25 K/W; VR = VRRMmax during 1 - .
Fig.6 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
handbook, full pagewidth
20
MGD752
IFRM (A) = 0.05 15
0.1 10
0.2
5 0.5 1
0 10-2
10-1
1
10
102
103
tp (ms)
104
Tamb = 60 C; Rth j-a = 75 K/W; VR = VRRMmax during 1 - .
Fig.7 Maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor.
1996 Oct 07
5
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifier
BYV4100
103 handbook, halfpage IR (A) 102
MGC550
103 handbook, halfpage Cd (pF)
MGD753
102
10
1 0 100 Tj (C) 200
10
1
10
VR (V)
102
VR = VRRMmax.
f = 1 MHz; Tj = 25 C.
Fig.8
Reverse current as a function of junction temperature; maximum values.
Fig.9
Diode capacitance as a function of reverse voltage; typical values.
handbook, full pagewidth
DUT
IF (A) 0.5 t rr
0.5 A
50
0 0.25 0.5 IR (A) 1.0
t
MAM282
Rise time oscilloscope: tr 2 ns. Turn-on time switch: t 3 ns.
Fig.10 Test circuit and reverse recovery time waveform and definition.
1996 Oct 07
6
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifier
BYV4100
handbook, halfpage
50 25
IF andbook, halfpage dI F dt t rr 10% t dI R dt 100% IR
MGC499
7 50
2 3
MGA200
Dimensions in mm.
Fig.11 Reverse recovery definitions.
Fig.12 Device mounted on a printed-circuit board.
1996 Oct 07
7
Philips Semiconductors
Product specification
Fast soft-recovery controlled avalanche rectifier
PACKAGE OUTLINE
BYV4100
handbook, full pagewidth
k
4.5 max
28 min
Dimensions in mm. The marking band indicates the cathode.
,
5.0 max
a 1.35 max
28 min
MBC049
Fig.13 SOD64.
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
1996 Oct 07
8


▲Up To Search▲   

 
Price & Availability of BYV4100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X