Part Number Hot Search : 
AD6636 90120 SK170 UTCU584 MC10E OM7603ST C1011 UF15011
Product Description
Full Text Search
 

To Download BC857A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pb
RoHS
COMPLIANCE
BC856A,B BC857A,B,C BC858A,B,C
0.2 Watts PNP Plastic-Encapsulate Transistors SOT-23
Features
Ideally suited for automatic insertion Epitaxial planar die construction For switching, AF driver and amplifier applications Complementary PNP type available(BC846) Qualified to AEC-Q101 standards for high reliability
Mechanical Data
Case: SOT-23, Molded plastic Case material: molded plastic. UL flammability classification rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIIL-STD-202, Method 208 Lead free plating Marking & Polarity: See diagram Weight: 0.008 gram (approx.)
Dimensions in inches and (millimeters)
Maximum Ratings Type Number
TA=25 C unless otherwise specified
o
Symbol BC856
VCBO VCEO ICM PCM VEBO ICBO
BC857
-50 -45 -0.1 0.2 -5 -0.1
BC858
-30 -30
Units
V V A W V uA
Collector-base breakdown voltage IC=10uA, IE=0 Collector-emitter breakdown voltage IC=10mA, IB=0 Collector current o Power dissipation (Tamb=25 C) (Note 1) IE=10uA, IC=0 VCB=-70V IE=0 VCB=-45V IE=0 VCB=-25V IE=0 Collector cut-off current VCE=-60V IB=0 VCE=-40V IB=0 VCE=-25V IB=0 Emitter cut-off current VEB=-5V IC=0 Collector-emitter saturation voltage IC=-100mA, IB=-5mA Base-emitter saturation voltage IC=-100mA, IB=-5mA Transition frequency VCE=-5V IC=-10mA f=100MHz Operating and Storage Temperature Range Emitter-base breakdown voltage Collector cut-off current
-80 -65
-0.1 -0.1 -0.1
ICEO IEBO VCE(sat) VBE(sat) fT
-0.1 -0.1 -0.1 -0.5 -1.1 100 -55 to + 150
uA uA V V MHz o C
Type Number
DC current gain BC846A,847A,848A BC846B,847B,848B VCE=-5V IC=-2mA BC847C / BC848C
TJ, TSTG Symbol
HFE(1)
Min
125 220 420
Max
250 475 800
Units
DEVICE MARKING BC856A=3A, BC856B=3B, BC857A=3E, BC857B=3F, BC857C=3G,BC858A=3J, BC858B=3K, BC858C=3L
Note 1: Transistor mounted on an FR4 Printed-circuit board.
Version: B07
RATINGS AND CHARACTERISTIC CURVES (BC856A,B/ BC857A,B,C/ BC858A,B,C)
FIG.1- DC CURRENT GAIN AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES.
VCE= -5V
-1000
500
-1200
FIG.2- BASE-EMITTER VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES.
VCE= -5V
O -55 C
400
Ta
300
mb =
150 O C
-800
T amb=
200
Tam = 25 O b C
VBE (mV)
hFE
25 T amb=
O
C
-600
O 0C = 15 T amb
Tamb= -55 OC
100
-400
-200 0 -0.01
-0.1
-1
IC (mA)
-10
-100
-1000
-0.01 0
-1000 -0.1 -1 IC (mA) -10 -100
-10000
FIG.3- COLLECTOR-EMITTER SATURATION VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES.
IC / IB =20
-1200
FIG.4- BASE-EMITTER SATURATION VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES.
IC / IB =20
-1000
T amb=
-1000 -800
O Tamb= 150 C
O C = 25
O -55 C
VCEsat (mV)
VBEsat (mV)
25 T amb=
O
C
-600
T amb
-100
O 0C = 15 T amb
-400
O 5C = -5 T amb
-200
-10 -0.1
-1
-10 IC (mA)
-100
-1000
0 -0.1
-1
-10 IC (mA)
-100
-1000
1000
FIG.5- DC CURRENT GAIN AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES.
VCE= -5V
-1200
FIG.6- BASE-EMITTER VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES.
VCE= -5V
800
-1000
O -55 C T amb=
-800 600
VBE (mV)
Ta
hFE
mb =
150 O C
T amb=
O 25 C
-600
400
Tamb= 25 C
O
O 0C = 15 T amb
-400
200
Tamb= -55 C
O
-200
0 -0.01
-0.1
-1
IC (mA)
-10
-100
-1000
0 -0.01
-0.1
-1
IC (mA)
-10
-100
-1000
Version: B07
RATINGS AND CHARACTERISTIC CURVES (BC856 A,B/ BC857A,B,C/ BC858A,B,C)
FIG.7- COLLECTOR-EMITTER SATURATION VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES. FIG.8- BASE-EMITTER SATURATION VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES.
IC / IB =20 IC / IB =20 -1000
O -55 C T amb=
-10000
-1200
-1000
-800
VCEsat (mV)
VBEsat (mV)
O Tamb= 150 C
T amb=
O 25 C
-600
T am
-100
= 25 b
O
C
O 0C = 15 T amb
-400
O 5C = -5 T amb
-200
-10 -0.1
-1
-10 IC (mA)
-100
-1000
0 -0.1
-1
-10 IC (mA)
-100
-1000
1000
FIG.9- DC CURRENT GAIN AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES.
Ta
mb =
-1200
FIG.10- BASE-EMITTER VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES.
800
150 O C
VCE= -5V
-1000
VCE= -5V
T amb=
O -55 C
-800 600
VBE (mV)
hFE
Tam = 25 O b C
25 T amb=
O
C
-600
O 0C = 15 T amb
400
Tamb= -55 OC
200
-400
-200
0 -0.01
-0.1
-1
IC (mA)
-10
-100
-1000
0 -0.01
-0.1
-1
IC (mA)
-10
-100
-1000
-10000
FIG.11- COLLECTOR-EMITTER SATURATION VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES.
IC / IB =20
-1200
FIG.12- BASE-EMITTER SATURATION VOLTAGE AS A FUNCTION OF COLLECTOR CURRENT; TYPICAL VALUES.
IC / IB =20
-1000
O -55 C T amb=
-1000
-800
O Tamb= 150 C
VCEsat (mV)
VBEsat (mV)
25 T amb=
O
C
-600
-100
T amb
C = 25
O
O 0C = 15 T amb
-400
O 5C = -5 T amb
-200
-10 -0.1
-1
-10 IC (mA)
-100
-1000
0 -0.1
-1
-10 IC (mA)
-100
-1000
Version: B07


▲Up To Search▲   

 
Price & Availability of BC857A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X