Part Number Hot Search : 
TDA7316 2N434 10L10 STP4NB30 NJM2754 00TTS CY8C24 24LC0
Product Description
Full Text Search
 

To Download BC846B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Pb
RoHS
COMPLIANCE
BC846A,B BC847A,B,C BC848A,B,C
0.2 Watts NPN Plastic-Encapsulate Transistors SOT-23
Features
Ideally suited for automatic insertion Epitaxial planar die construction For switching, AF driver and amplifier applications Complementary NPN type available(BC856) Qualified to AEC-Q101 standards for high reliability
Mechanical Data
Case: SOT-23, Molded plastic Case material: molded plastic. UL flammability classification rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIIL-STD-202, Method 208 Lead free plating Marking & Polarity: See diagram Weight: 0.008 gram (approx.)
Maximum Ratings Type Number
Dimensions in inches and (millimeters) TA=25 C unless otherwise specified
o
Symbol
VCBO VCEO ICM PCM VEBO ICBO
BC846
80 65
BC847
50 45 0.1 0.2 6 0.1
BC848
30 30
Units
V V A W V uA
Collector-base breakdown voltage IC=10uA, IE=0 Collector-emitter breakdown voltage IC=10mA, IB=0 Collector current o Power dissipation (Tamb=25 C) (Note 1) Emitter-base breakdown voltage Collector cut-off current IE=10uA, IC=0 VCB=70V IE=0 VCB=50V IE=0 VCB=30V IE=0 Collector cut-off current VCE=60V IB=0 VCE=45V IB=0 VCE=30V IB=0 Emitter cut-off current VEB=5V IC=0 Collector-emitter saturation voltage IC=100mA, IB=5mA Base-emitter saturation voltage IC=100mA, IB=5mA Base-emitter voltage VCE=5V IC=2mA VCE=5V IC=10mA Transition frequency VCE=5V IC=10mA f=100MHz Operating and Storage Temperature Range
0.1 0.1 0.1
ICEO IEBO VCE(sat) VBE(sat) VBE fT
0.1 0.1 0.1 0.5 1.1 700 770 100 -55 to + 150
uA uA V V mV MHz o C
Type Number
DC current gain BC846A,847A,848A BC846B,847B,848B VCE=5V IC=2mA BC847C / BC848C
TJ, TSTG Symbol
HFE(1)
Min
110 200 420
Max
220 450 800
Units
DEVICE MARKING BC846A=1A, BC846B=1B, BC847A=1E, BC847B=1F, BC847C=1G, BC848A=1J, BC848B=1K, BC848C=1L
Note 1: Transistor mounted on an FR4 Printed-circuit board.
Version: B07
RATINGS AND CHARACTERISTIC CURVES (BC846A, B ; BC847A, B, C ; BC848A, B, C)
FIG.1- NORMALIZED DC CURRENT GAIN
2.0 1.0
FIG.2- "SATURATION" AND "ON" VOLTAGES
1.5
VCE= 10V
TA= 25 C
O
0.9 0.8
TA= 25 OC
V BE(sat) @ IC 10 / IB =
V =10
hFE, NORMALIZED DC CURRENT GAIN
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3
V, VOLTAGE (VOLTS)
0.7
V BE(on)
@ V CE
0.6 0.5 0.4 0.3 0.2 0.1 VCE(sat) @ IC / IB =10
0.2
0 .2
0 .5
1
2
5
10
20
50
100
200
IC, COLLECTOR CURRENT (mAdc)
0 0.1
00 .2 .3
0 .5
1
2
3
5
10
20 30
50
100
IC, COLLECTOR CURRENT (mAdc)
FIG.3- COLLECTOR SATURATION REGION
2.0 1.8 0.8
FIG.4- BASE-EMITTER TEMPERATURE COEFFICIENT
-55 OC to +125 OC
TEMPERATURE COEFFICIENT (mV/ C)
O
VCE, COLLECTOR-EMITTER VOLTAGE (V)
TA= 25 OC
IC= 10 mA IC= 20 mA IC= 50 mA IC= 200 mA
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.02
1.2
1.6
IC= 100 mA
2.0
2.4
VB,
2.8
0.1
1.0 IB, BASE CURRENT (mA)
10
20
3.2 0.2
1.0 10 IC, COLLECTOR CURRENT (mA)
100
FIG.5- CAPACITANCES
fT, CURRENT-GAIN - BANDWIDTH PRODUCT (MHz)
10 9.0 8.0 7.0 6.0 400
FIG.6- CURRENT-GAIN - BANDWIDTH PRODUCT
TA= 25 C
O
300
VCE= 10V
TA= 25 OC
200
C, CAPACITANCE (pF)
5.0 4.0 3.0
Cib
100 80 60 50 40 30
Cob
2.0
1.0 0.4
0.6 0.8 1.0
2.0
3.0 4.0
6.0 8.0 10
20
30
40
VR, REVERSE VOLTAGE (VOLTS)
20 0 .5
0 7 1.0 .
2.0
3.0
5.0
7.0
10
20
30
50
IC, COLLECTOR CURRENT (mAdc)
Version: B07
RATINGS AND CHARACTERISTIC CURVES (BC846A, B ; BC847A, B, C ; BC848A, B, C)
FIG.7- DC CURRENT GAIN
2.0 1.5 1.0
FIG.8- "ON" VOLTAGES
VCE= 10V
TA= 25 C
O
0.9 0.8
TA= 25 OC
=10
hFE, NORMALIZED DC CURRENT GAIN
V, VOLTAGE (VOLTS)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2
V BE(sat)
0.7 0.6 0.5 0.4 0.3 0.2 0.1
@ IC / IB
V V BE @ CE
= 5.0 V
VCE(sat) @ IC / IB =10 200
0.1 0 .2
0 .5
1
2
5
10
20
50
100
200
0
IC, COLLECTOR CURRENT (mA)
00 .2 .3
0 .5
1
2
3
5
10
20 30
50
100
IC, COLLECTOR CURRENT (mA)
FIG.9- COLLECTOR SATURATION REGION
2.0 1.8 -1.0
FIG.10- BASE-EMITTER TEMPERATURE COEFFICIENT
-55 OC to +125 OC
TEMPERATURE COEFFICIENT (mV/ C)
O
TA= 25 OC
-1.4
VCE, COLLECTOR-EMITTER VOLTAGE (V)
1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.02 IC= 10 mA IC= 20 mA IC= 50 mA IC= 100 mA IC= 200 mA
-1.8
VB
for VBE
-2.2
VB,
-2.6
0.1
1.0 IB, BASE CURRENT (mA)
10
20
-3.0 0.2
1.0 10 IC, COLLECTOR CURRENT (mA)
100
FIG.11- CAPACITANCES
40
FIG.12- CURRENT-GAIN - BANDWIDTH PRODUCT
1000
TA= 25 OC
20
fT, CURRENT-GAIN - BANDWIDTH PRODUCT (MHz)
VCE= 5V
500 400 300 200
TA= 25 OC
C, CAPACITANCE (pF)
Cib
10
8.0 6.0
100 80 60 50 40 30 20
Cob
4.0
2.0
0.1
0.2
0.4 0.6
1.0
2.0
4.0 6.0
10
20 30 40 60
100
VR, REVERSE VOLTAGE (VOLTS)
10 0 01 .
1.0
2.0
5.0
10
20
50
100
1000
IC, COLLECTOR CURRENT (mA)
Version: B07


▲Up To Search▲   

 
Price & Availability of BC846B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X