Part Number Hot Search : 
TG4001 PT631 TG4001 WW7640I 10X20 VN02NPT SXT3904 R2060
Product Description
Full Text Search
 

To Download B82498-A3100-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Jump to preceding page
SMT Inductors, SIMID Series SIMID 0805-A
Size 0805 (EIA) and/or 2012 (IEC) Rated inductance 10 to 1000 nH Rated current 120 to 540 mA Construction
s Core: liquid crystal polymer (LCP) s Molded epoxy encapsulation s Winding: enamel copper wire, soldered
B82498-A
Features
s High mechanical stability s Suitable for reflow (IR and vapor phase)
and wave soldering Applications
s Entertainment electronics
(video cameras, photo cameras) Terminals
s Electro-plated s 0,5 m Ag; 5 m Sn60Pb40 s Base material phosphor bronze
Marking No marking on component Minimum data on reel: Manufacturer, part number, ordering code, L value and tolerance of L value, quantity, date of packing Delivery mode 8-mm blister tape, wound on 178-mm reel For details on taping, packing and packing units see page 153
72
04/00
SMT Inductors, SIMID Series SIMID 0805-A
General technical data Rated inductance LR Q factor Qmin, Qtyp Rated current IR
B82498-A
Measured with impedance analyzer HP 4191 at frequency fL Measured with impedance analyzer HP 4191A, Qmin measured at frequency fQ Maximum permissible dc with a temperature increase of 20 K at rated temperature of 85C Measured with network analyzer HP 8753 Measured at 20C ambient temperature, measuring current < IR In accordance with IEC 60068-1 20/085/56 (- 20C/+ 85C/56 days damp heat test) In accordance with IEC 60062-2-58 (230 5)C, (3 0,5) s Wetting of soldering area: 90 % In accordance with IEC 60068-2-20 260C, 10 s L /L 5 %; Q/Q 20 % 2 mm (100 mm long standard PCB) Approx. 8,5 mg
Self-resonance frequency fres, min DC resistance Rmax Climatic category Solderability
Resistance to soldering heat
Permissible PCB bending Weight
73
04/00
SMT Inductors, SIMID Series SIMID 0805-A
Dimensional drawing
0,40,2
1,00,1
B82498-A
1,250,3
1,20,2
_ 0,2 2,0 +0,3
1,250,3
SSB1094-D
Layout recommendation
Layoutempfehlung
a b
c
SSB1356-J
Dimensions (mm)
a
1,1 0,1
b
3,4 0,4
c
1,1 0,2
74
04/00
Jump to succeding page
SMT Inductors, SIMID Series SIMID 0805-A
Characteristics and ordering codes
B82498-A
LR
nH 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000
Tolerance 10 % ^K
Qmin
Qtyp fL; fQ (at 800 MHz) MHz
60 56 58 62 61 65 67 66 58 53 52 49 -- -- -- -- -- -- -- -- -- -- -- -- -- 100 100 100 100 100 100 100 100 100 100 100 100 25,2 25,2 25,2 25,2 25,2 25,2 25,2 25,2 25,2 25,2 25,2 25,2 7,96
IR
mA 540 535 520 480 465 455 395 390 385 360 340 330 285 275 230 195 170 165 160 150 145 140 130 125 120
Rmax
0,18 0,24 0,24 0,29 0,29 0,34 0,39 0,41 0,46 0,51 0,57 0,63 0,86 0,99 1,47 1,61 1,84 1,95 2,16 2,37 2,56 2,69 3,02 3,38 3,88
fres, min
MHz 3300 3300 3000 3000 2600 2500 2050 2000 1650 1550 1450 1100 800 600 600 600 500 300 200 150 150 100 100 80 80
Ordering code1)
10 10 12 12 15 15
B82498-A3100-K B82498-A3120-K B82498-A3150-K B82498-A3180-K B82498-A3220-K B82498-A3270-K B82498-A3330-+ B82498-A3390-+ B82498-A3470-+ B82498-A3560-+ B82498-A3680-+ B82498-A3820-+ B82498-A3101-+ B82498-A3121-+ B82498-A3151-+ B82498-A3181-+ B82498-A3221-+ B82498-A3271-+ B82498-A3331-+ B82498-A3391-+ B82498-A3471-+ B82498-A3561-+ B82498-A3681-+ B82498-A3821-+ B82498-A3102-+
5% ^J 10 % ^K
15 15 15 15 15 15 8 8 10 10 10 10 10 10 10 10 10 10 8
1) Replace the + by the code letter for the required inductance tolerance (see table).
75
04/00


▲Up To Search▲   

 
Price & Availability of B82498-A3100-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X