Part Number Hot Search : 
48R502 5671A4 ADF06ST CDBQR40 TLUR6400 SB1630CT AN7015S 16541DT
Product Description
Full Text Search
 

To Download AZ764FH-1AE-9D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ764F
20 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
FEATURES * * * * * * * * * Quick connect Faston and PCB terminals Ambient Temperature up to 105C (221F) Dielectric strength 5000 Vrms Low height: 15.7 mm 20 Amp switching (18 A over Faston) AC and DC (standard and sensitive) coils Isolation spacing greater than 10 mm Proof tracking index (PTI/CTI) 250 Reinforced insulation, EN 60730-1 (VDE 0631, part 1) EN 60335-1 (VDE 0700, part 1) * UL, CUR pending * VDE file 40012572 (sensitive DC coils only) CONTACTS
Arrangement Ratings SPST (1 Form A) Resistive load: Max. switched power: 600 W or 5000 VA Max. switched current: 20 A Max. switched voltage: 300 VDC* or 400 VAC
* Note: If switching voltage is greater than 30 VDC,
GENERAL DATA
Life Expectancy Mechanical Electrical (ohmic load at 105C / 221F) Operate Time (typical) Release Time (typical) Minimum operations 3 x 107 1.7 x 105 at 10 A 230 VAC res. 2.8 x 105 at 8 A 230 VAC res. 3.2 x 105 at 6 A 230 VAC res. 7 ms at nominal coil voltage 3 ms at nominal coil voltage (with no coil suppression)
special precautions must be taken. Please contact the factory.
Rated Load UL, CUR VDE
20 A at 250 VAC general use 10 A at 250 VAC resistive, 105 C, 150k cycles 16 A at 250 VAC resistive, 105 C, 10k cycles 20 A at 250 VAC resistive, 85 C, 10k cycles Silver tin oxide < 100 milliohms initially
Dielectric Strength 5000 Vrms coil to contact (at sea level for 1 min.) 1000 Vrms between open contacts Insulation Resistance Insulation (according to DIN VDE 0110, IEC 60664-1) Dropout DC coils AC coils Ambient Temperature Operating 105 megohms min. at 500 VDC, 20C, 50% RH C250 Overvoltage category: III Pollution degree: 3 Nominal voltage: 250 VAC Greater than 10% of nominal coil voltage Greater than 15% of nominal coil voltage At nominal coil voltage -40C (-40F) to 105C (221F) - DC sens. -40C (-40F) to 85C (185F) - DC std. -40C (-40F) to 70C (158F) - AC coils -40C (-40F) to 105C (221F) 20 g at 30...500 Hz 30 g P.B.T. polyester, UL-94 : V0 Tinned copper alloy P.C. and quick connect 270C (518F) 5 seconds 16 grams 12 per carton tube / 600 per carton box
Material Resistance
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise (at nominal voltage) Max. Temperature 140 mW (sensitive DC coil) 200 mW (standard DC coil) .422 VA (AC coil) 2.2 W at 20C (68F) ambient (DC coil) 1.7 VA at 20C (68F) ambient (AC coil) 16C (29F) (sensitive DC coil) 26C (47F) (standard DC coil) 26C (47F) (AC coil) 155C (311F)
Storage Vibration Shock Enclosure Terminals Max. Solder Temp.
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice. 4. Allow suitable slack on leads when wiring and do not subject the terminals to excessive force. Max. Solder Time Weight Packing unit in pcs
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2005-08-22
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ764F
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC COIL
Nominal Coil VDC 5 6 9 12 18 24 48 60 110 Must Operate VDC 3.5 4.2 6.3 8.4 12.6 16.8 33.6 42.0 77.0 Max. Continuous VDC 12.7 15.3 22.9 30.6 45.9 61.2 122.0 153.0 280.0 Coil Resistance Ohm 10% 60 90 200 360 710 1,440 5,700 7,500 25,200 AZ764FH-1AE-5D AZ764FH-1AE-6D AZ764FH-1AE-9D AZ764FH-1AE-12D AZ764FH-1AE-18D AZ764FH-1AE-24D AZ764FH-1AE-48D AZ764FH-1AE-60D AZ764FH-1AE-110D
ORDER NUMBER*
COIL SPECIFICATIONS - DC COIL SENSITIVE VERSION
Nominal Coil VDC 5 6 9 10 12 24 Must Operate VDC 3.75 4.5 6.75 7.5 9.0 18.0 Max. Continuous VDC 15.0 18.0 27.0 30.0 36.0 72.0 Coil Resistance Ohm 10% 102 144 330 400 580 2,300
ORDER NUMBER*
AZ764FH-1AE-5DS AZ764FH-1AE-6DS AZ764FH-1AE-9DS AZ764FH-1AE-10DS AZ764FH-1AE-12DS AZ764FH-1AE-24DS
COIL SPECIFICATIONS - AC COIL
Nominal Coil VAC 12 24 115 230 Must Operate VAC 9.0 18.0 86.3 172.5 Max. Continuous VAC 18.0 36.0 172.5 345.0 Nominal Current mA 10% 63.0 31.3 6.5 3.3 3.1 Coil Resistance Ohm 10% 100 400 9,600 38,500 42,500
ORDER NUMBER*
AZ764FH-1AE-12A AZ764FH-1AE-24A AZ764FH-1AE-115A AZ764FH-1AE-230A AZ764FH-1AE-240A
240 180.0 360.0 * Substitue "FV" for "FH" for vertical quick connect terminals.
DC - Coil operating range
3,0 2,8 2,6 UB / U N 2,4 2,2 2,0 1,8 1,6 1,4 1,2 1,0 0,8 0,6 0 10 20 30 3,0 2,8
AC - Coil operating range
UB / U N
4 1 2 3
2,6 2,4 2,2 2,0 1,8 1,6 1,4 1,2
I N = 16 A
1 3 B
B A
40 50 60 70 80 90
C
100 110 120
1,0 0,8 0,6 0 10 20 30
40
50
60
70
80
90
100
Ambient temperature [C]
A - Cold coil ( Tcoil = Tambient) B - Hot coil (1,1 x UN), contact load = 16 A C - Cold coil ( Tcoil = Tambient) sensitive coil 1 - no load on contacts 2 - half of rated load on contacts 3 - rated load on contacts 4 - rated load on contacts (sensitive coil)
Ambient temperature [C]
B - Hot coil (1,1 x UN), contact load = IN 1 - no load on contacts 3 - rated load on contacts
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2005-08-22
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ764F
MECHANICAL DATA AZ764FH - HORIZONTAL VERSION
PC BOARD LAYOUT
A 6,3-0,8 DIN 46244 1.752 [44.5] Max. 1.142 [29.0] Max. 0.500 Max. [12.7] .197 [5.0] 1.28 [32.5] .098 [2.5]
.248 [6.3] .551 [14.0]
.618 Max. [15.7]
.295 [7.5]
.098 [2.5]
.167 [4.25] .154 [3.9] .295 [7.5]
6 x o .050 [o 1.3]
Viewed toward terminals
WIRING DIAGRAM
4 x .031 [0.8] .031 [0.8] .031 [0.8] 8 .197 [5.0] 1.28 [32.5] .098 [2.5] 7 1 2 x o .024 [o 0.6] 5 .295 [7.5] 4 2
Viewed toward terminals
MECHANICAL DATA AZ764FV - VERTICAL VERSION
PC BOARD LAYOUT
1.594 [40.5] A 6,3-0,8 DIN 46244 .248 [6.3] Max.
1.142 [29.0]
Max.
0.500 Max. [12.7]
.197 [5.0]
1.28 [32.5]
.098 [2.5]
.52 [13.2]
.618 Max. [15.7]
.295 [7.5]
.098 [2.5]
.167 [4.25] .154 [3.9] .295 [7.5]
6 x o .050 [o 1.3]
Viewed toward terminals
WIRING DIAGRAM
4 x .031 [0.8] .031 [0.8] .031 [0.8] .197 [5.0] 1.28 [32.5] .098 [2.5] 2 x o .024 [o 0.6] 5 .295 [7.5] 8 7 1 4 2
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2005-08-22
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ764F
Electrical life at 250 VAC, resistive load
107
1,0 0,9
Electrical life reduction factor at inductive AC load
F
Number of cycles
106
Reduction factor
0,8 0,7 0,6 0,5
105
0,4
0,9
0,8
0,7
0,6
0,5
0,4
0,3
0,2
Power factor
104 0 0,5 1,0 1,5 2,0 2,5 3,0 3,5 4,0 4,5 5,0
Breaking capacity [kVA]
Max. DC resistive load breaking capacity
50
20
DC current [A]
10 5
2 1 0,5
0,1 10
20
30
40 50
100
200
300
DC voltage [V]
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2005-08-22
Junkersstrasse 3, D-82178 Puchheim, Germany
j
Ncos
=NxF
j
0,3 1,0
cos


▲Up To Search▲   

 
Price & Availability of AZ764FH-1AE-9D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X