Part Number Hot Search : 
STRF6628 7V5BCA NX8045G SY10H842 MCP3301 C74HC2 SMCJ7 FAN7085M
Product Description
Full Text Search
 

To Download AWL6152 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AWL6152
2.4 GHz Wireless LAN Power Amplifier Module
ADVANCED PRODUCT INFORMATION - Rev 0.2
FEATURES
* * InGaP HBT Technology < 3.5% EVM at +25 dBm Output Power (+5 V Supply), with 802.11g Modulation at 54 Mbps Data Rate < 3% EVM at +21 dBm Output Power (+3.3 V Supply), with 802.11g Modulation at 54 Mbps Data Rate +3 V to +5 V Supply High Efficiency 4 x 4 x 1.5 mm Surface Mount Module 50 - Matched RF Ports for Reduced External Component Count
*
* * * *
APPLICATIONS
* * 802.11g/b WLAN Stations and Client Cards 802.11g/b WLAN Access Points
M7 Package 10 Pin 4mm x 4mm Surface Mount Module
PRODUCT DESCRIPTION
The ANADIGICS AWL6152 WLAN Power Amplifier is an easy to use module that delivers high levels of linearity and efficiency for high data rate applications. Designed for the 2.4 GHz WLAN standards, it supports the 54 Mbps data rates specified in IEEE 802.11g. Requiring a single +3 V to +5 V supply and a reference voltage input, the AWL6152 reduces system power consumption by offering a low leakage current while the amplifier is shut down. No external circuits are required for RF impedance matching, thus reducing component costs and making it easy to incorporate the device into new designs. The AWL6152 is manufactured using an advanced InGaP HBT technology that offers state-of-the-art reliability, temperature stability and ruggedness. It is offered in a 4mm x 4mm x 1.5mm surface mount module optimized for a 50 system.
VCC
VREF
Bias Control
RFIN
Matching Network
Matching Network
RFOUT
GND
Figure 1: Module Block Diagram
02/2004
AWL6152
GND VCC RFIN GND N/C VREF 1 2 3 4 5 GND
Figure 2: Pinout (X-ray Top View)
10 VCC 9 8 7 6 GND RFOUT GND GND
Table 1: Pin Description
PIN 1 2 3 4 5 6 7 8 9 10 NAME V CC RFIN GND N/C VREF GND GND RFOUT GND V CC DESCRIPTION Supply Voltage RF Input Ground No Connection Reference Voltage Ground Ground RF Output Ground Supply Voltage
2
ADVANCED PRODUCT INFORMATION - Rev 0.2 02/2004
AWL6152
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings PARAMETER Supply Voltage (VCC) Reference Voltage (VREF) RF Input Power (PIN) Storage Temperature MIN 0 0 -40 MAX +5.5 +3.5 +10 +150 UNIT V V dB m C
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
Table 3: Operating Ranges PARAMETER Operating Frequency (f) Supply Voltage (VCC) Reference Voltage (VREF) MIN 2400 +3.0 0 -25 TYP +2.85 +21 +25 +25 +28 MAX 2485 +5.5 +0.5 +85 UNIT MHz V V PA"on" PA"shut down" V CC V CC V CC V CC = +3.3 = +5.0 = +3.3 = +5.0 V, 802.11g V, 802.11g V, 802.11b V, 802.11b modulation modulation modulation modulation COMMENTS
RF Output Power (POUT)
dB m
Case Temperature (TC)
C
The device may be operated safely over these conditions; however, parametric performance is guaranteed only over the conditions defined in the electrical specifications.
ADVANCED PRODUCT INFORMATION - Rev 0.2 02/2004
3
AWL6152 Table 4: Electrical Specifications - 802.11g Modulation, 54 Mbps Data Rate (TC = +25 C, VCC = +3.3 V, VREF = +2.85 V, POUT = +21 dBm, 50 system) PARAMETER Gain Gain Ripple Constellation RMS Error Spectrum Mask at 11 MHz Offset Spectrum Mask at 20 MHz Offset Spectrum Mask at 30 MHz Offset Current Consumption V CC VREF Leakage Current Input Return Loss P 1dB Harmonics 2fo 3fo Maximum load mismatch stress with no permanent degradation or failure MIN TYP 31.5 3 -30 MAX 0.3 -20 -28 -40 UNIT dB dB % dB dB dB dB within each channel COMMENTS
10:1
190 5.5 <10 <-10 +28 -45 -56 -
-
mA A dB dB m VREF = 0 V 50 impedance CW tone
dB c
VSWR
VCC = +5.5 V
4
ADVANCED PRODUCT INFORMATION - Rev 0.2 02/2004
AWL6152 Table 5: Electrical Specifications - 802.11g Modulation, 54 Mbps Data Rate (TC = +25 C, VCC = +5 V, VREF = +2.85 V, POUT = +25 dBm, 50 system) PARAMETER Gain Gain Ripple Constellation RMS Error Spectrum Mask at 11 MHz Offset Spectrum Mask at 20 MHz Offset Spectrum Mask at 30 MHz Offset Current Consumption V CC VREF Leakage Current Input Return Loss P 1dB Harmonics 2fo 3fo Maximum load mismatch stress with no permanent degradation or failure MIN TYP 32.5 3.5 -29 MAX 0.3 -20 -28 -40 UNIT dB dB % dB dB dB dB within each channel COMMENTS
10:1
290 5.5 <10 <-10 +31 -42 -56 -
-
mA A dB dB m VREF = 0 V 50 impedance CW tone
dB c
VSWR
VCC = +5.5 V
ADVANCED PRODUCT INFORMATION - Rev 0.2 02/2004
5
AWL6152 Table 6: Electrical Specifications - 802.11b Modulation (TC = +25 C, VCC = +3.3 V, VREF = +2.85 V, POUT = +25 dBm, 50 system)
PARAMETER Gain First Sidelobe Power Second Sidelobe Power Current Consumption V CC VREF Leakage Current Input Return Loss P 1dB Harmonics 2fo 3fo Maximum load mismatch stress with no permanent degradation or failure MIN 10:1 TYP 31.5 300 5.5 <10 <-10 +28 -50 -63 MAX -30 -50 UNIT dB dB c dB c Gaussian filtering Gaussian filtering COMMENTS
mA A dB dB m VREF = 0 V 50 impedance CW tone
dB c
CW Input
VSWR
VCC = +5.5 V
6
ADVANCED PRODUCT INFORMATION - Rev 0.2 02/2004
AWL6152 Table 7: Electrical Specifications - 802.11b Modulation (TC = +25 C, VCC = +5 V, VREF = +2.85 V, POUT = +28 dBm, 50 system)
PARAMETER Gain First Sidelobe Power Second Sidelobe Power Current Consumption V CC VREF Leakage Current Input Return Loss P 1dB Harmonics 2fo 3fo Maximum load mismatch stress with no permanent degradation or failure
MIN 10:1
TYP 32.5 420 5.5 <10 <-10 +31 -50 -63 -
MAX -30 -50 -
UNIT dB dB c dB c
COMMENTS
Gaussian filtering Gaussian filtering
mA A dB dB m VREF = 0 V 50 impedance CW tone
dB c
CW Input
VSWR
VCC = +5.5 V
ADVANCED PRODUCT INFORMATION - Rev 0.2 02/2004
7
AWL6152
PERFORMANCE DATA
Figure 3: EVM and Gain vs. Frequency (TA = +25 C, VCC = +3.3 V, VREF = +2.85 V, POUT = +21 dBm, 54 Mbps 802.11g)
10 36 10 EVM Gain
Figure 4: EVM and Gain vs. Frequency (TA = +25 C, VCC = +5 V, VREF = +2.85 V, POUT = +25 dBm, 54 Mbps 802.11g)
36 EVM 34 8 Gain 34
8
Gain (dB)
4
30
4
30
2
28
2
28
0 2400
2420
2440
2460
26 2480
0 2400
2420
2440
2460
26 2480
Frequency (MHz)
Frequency (MHz)
Figure 5: Gain and Current Consumption vs. Output Power (TA = +25 C, VCC = +3.3 V, VREF = +2.85 V, f = 2472 MHz, 54 Mbps 802.11g)
36 350
Figure 6: Gain and Current Consumption vs. Output Power (TA = +25 C, VCC = +5 V, VREF = +2.85 V, f = 2472 MHz, 54 Mbps 802.11g)
36 500
34
290
34
420
Current (mA)
Gain (dB)
30
170
Gain (dB)
32
230
32
340
30
260
Gain 28 Current 110 28
Gain Current 180
26 10 12 14 16 18 20 22 24 26
50
26 14 16 18 20 22 24 26 28 30
100
Output Power (dBm)
Output Power (dBm)
8
ADVANCED PRODUCT INFORMATION - Rev 0.2 02/2004
Current (mA)
Gain (dB)
EVM (%)
EVM (%)
6
32
6
32
AWL6152
Figure 7: Gain and Current Consumption vs. VREF (TA = +25 C, VCC = +3.3 V, f = 2472 MHz, POUT = +21 dBm, 54 Mbps 802.11g)
36 200
Figure 8: Gain and Current Consumption vs. VREF (TA = +25 C, VCC = +5 V, f = 2472 MHz, POUT = +25 dBm, 54 Mbps 802.11g)
36 300
34
180
34
260
Current (mA)
Gain (dB)
30
140
Gain (dB)
32
160
32
220
30
180
Gain 28 Current 120
28
Gain Current 140
26 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1
100
26 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1
100
Vref (V)
Vref (V)
Figure 9: EVM vs. VREF (TA = +25 C, f = 2472 MHz, 54 Mbps 802.11g)
10 10 Vcc = +3.3V, Pout = +21 dBm Vcc = +5 V, Pout = +25 dBm
Figure 10: EVM vs. Output Power (TA = +25 C, VREF = +2.85 V, f = 2472 MHz, 54 Mbps 802.11g)
Vcc = +3.3V Vcc = +5 V
8
8
EVM (%)
EVM (%)
6
6
4
4
2
2
0 2.4 2.5 2.6 2.7 2.8 2.9 3 3.1
0 10 15 20 25 30
Vref (V)
Output Power (dBm)
ADVANCED PRODUCT INFORMATION - Rev 0.2 02/2004
Current (mA)
9
AWL6152
APPLICATION INFORMATION
The only external components required for the AWL6152 are bypass capacitors for the supply and reference voltages (see Figure 11). When VREF is pulled down to 0 V, the amplifier is placed in a lowcurrent shut down mode.
VCC1
22uF tantalum (optional) RF IN
0.01uF
1 2 3
VCC RFIN GND N/C VREF
VCC GND RFOUT GND GND GND at slug
10 9 8 7 6
RF OUT
x
VREF
4 5
0.01uF
Figure 11: Application Circuit
10
ADVANCED PRODUCT INFORMATION - Rev 0.2 02/2004
AWL6152
PACKAGE OUTLINE
Figure 12: M7 Package Outline - 10 Pin 4mm x 4mm Surface Mount Module
ADVANCED PRODUCT INFORMATION - Rev 0.2 02/2004
11
AWL6152
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE RANGE -25 C to +85C PACKAGE DESCRIPTION 10 Pin 4mm x 4mm Surface Mount Module COMPONENT PACKAGING
AWL6152M7P8
2,500 piece Tape and Reel
ANADIGICS, Inc.
141 Mount Bethel Road Warren, New Jersey 07059, U.S.A. Tel: +1 (908) 668-5000 Fax: +1 (908) 668-5132 URL: http://www.anadigics.com E-mail: Mktg@anadigics.com IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice. The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to change prior to a product's formal introduction. Information in Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers to verify that the information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product in any such application without written consent is prohibited.
12
ADVANCED PRODUCT INFORMATION - Rev 0.2 02/2004


▲Up To Search▲   

 
Price & Availability of AWL6152

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X