Part Number Hot Search : 
2SK22 S10P2 TE1819 74ALS373 L6402 94C33 LDBK2040 MT9M019
Product Description
Full Text Search
 

To Download AS10515F16MIL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Quad Line Receiver
Austin Semiconductor, Inc.
AS10515F16MIL
PIN ASSIGNMENT (Top View)
16-Pin FlatPack (F)
Quad Line Receiver
AVAILABLE AS MILITARY SPECIFICATIONS
* Military Equivalent Screening - 883 1.2.2
GENERAL DESCRIPTION
The AS10515F16MIL is a quad differential amplifier designed for use in sensing differential signals over long lines. The base bias supply (VBB) is made available at pin 9 to make the device useful as a Schmitt trigger, or in other applications where a stable reference voltage is necessary. Active current sources provide the AS10515F16MIL with excellent common mode noise rejection. If any amplifier in a package is not used, one input of that amplifier must be connected to VBB (pin 9) to prevent upsetting the current source bias network. * PD = 150mW Max/Pkg (No Load) * tpd = 2.0ns typ * tr, tf = 2.0ns type (20% - 80%)
DIN\ C OUT DOUT VCC2 VCC1 AOUT B OUT AIN\
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
D IN CIN CIN\ VBB V EE BIN\ BIN A IN
BURN-IN CONDITIONS:
VTT = -2.0V MAX/ -2.2V MIN VEE = -5.7V MAX/ -5.2V MIN VBB = All pins designated for VBB must be tied together, no external voltage applied. NOTES
1. VBB to be used to supply bias to the AS10515F16MIL only and bypassed (when used) with 0.01 F to 0.1 F capacitor. 2. When the input pin with the bubble goes positive, the output goes negative.
PIN ASSIGNMENTS FUNCTION VCC1 AOUT BOUT AIN\ AIN BIN BIN\ VEE VBB CIN\ CIN DIN DIN\ COUT DOUT VCC2 FLATS 5 6 7 8 9 10 11 12 13 14 15 16 1 2 3 4 BURN-IN (CONDITION C) GND 51 to VTT 51 to VTT VBB GND GND VBB VEE VBB VBB GND GND VBB 51 to VTT 51 to VTT GND
LOGIC DIAGRAM
4 5 6 7 10 11 12 13 VBB 2
3
14
15 9
For more products and information please visit our web site at www.austinsemiconductor.com
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
AS10515F16MIL Rev. 2.0 11/01
1
Quad Line Receiver
Austin Semiconductor, Inc.
Channel A VCC = 2.0V 0.005V
AS10515F16MIL
Channel B Coax B
Coax A
25 F 20%
0.1 F 20%
R1
*Pulse Generator Input
Coax
D.U.T.
CL
*Pulse Generator must be capable of rise and fall times of 2.0ns 0.2ns. 0.1 F 20% NOTES:
1. tr = tf = 2.0ns 0.2ns measured at (20% - 80%) VEE = -3.2V 0.005V 2. PW > 20ns 3. PRF = 1.0 MHz 4. R1 = 50 resistor in series with 50 coax constituting the 100 load. 5. Unused outputs should be loaded 100 to ground. 6. 2:1 divider may be used.
R1 = 50 resistor in series with a 50 coax cable constituting the 100 load.
tr
tf
PS1
VIN
80% 50% 20% > 20ns
80% 50% 20% PS2
tTLH
80% 50% 20% 80% 50% 20%
tTHL
VOUT VOUT\
tPLH tPHL
80% 50% 20%
tPHL tPLH
80% 50% 20%
tTHL
AS10515F16MIL Rev. 2.0 11/01
tTLH
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
Figure 1. Switching Test Circuit and Waveforms
2
AS10515F16MIL Rev. 2.0 11/01
QUIESCENT LIMIT TABLE*
* ELECTRICAL CHARACTERISTICS Each MECL 10K series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through a 100 resistor to -2.0 volts.
Test Temperature TA = 25C TA = 125C TA = -55C Test Voltage Values (Volts) VIH1 -0.78 -0.63 -0.88 VIL1 -1.85 -1.82 -1.92 VIH2 VIL2 PS1 PS2 +0.31 +0.36 +0.28 VEEL -3.2 -3.2 -3.2 VEE -5.2 -5.2 -5.2 VCB -5.2 -5.2 -5.2
-1.105 -1.475 +1.11 -1.000 -1.400 +1.24 -1.255 -1.510 +1.01
Austin Semiconductor, Inc.
SYMBOL PARAMETER Functional Parameters: VOH VOL VOH1 VOL1
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
LIMITS UNITS +25C +125C -55C Subgroup 1 Subgroup 2 Subgroup 3 MIN -0.93 -1.85 -0.95 -1.85 -1.35 -26 95 -1.0 -1.0 MAX MIN MAX MIN -1.08 MAX -0.88 V V V V V mA 165 -1.5 A A 4-7 10 - 13 VIH1
TEST VOLTAGE APPLIED TO PINS BELOW:
Pinouts referenced are for F package, check Pin Assignments VCC = 0V, Output Load = 100 to -2.0V
VIL1
VIH2
VIL2
VEE 8 8
VCC 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16 1, 16
**VBB IEE IIH ICBO
High Output Voltage Low Output Voltage High Output Voltage Low Output Voltage Reference Voltage Power Supply Current Input Current High Input Leakage Current
-0.78 -0.825 -0.63 -1.62
5, 6, 11, 12 4, 7, 10, 13 4, 7, 10, 13 5, 6, 11, 12 5, 6, 11, 12 4, 7, 10, 13 4, 7, 10, 13 5, 6, 11, 12
-1.82 -1.545 -1.92 -1.655 -1.10 -0.88
-0.78 -0.845 -0.63 -1.60 -1.23
8 8 8 8 8 8
-1.82 -1.525 -1.92 -1.635 -1.24 -29 165 -1.12 -1.44 -29 -1.32
*** 4-7 11 - 13 4-7 11 - 13 4-7 11 - 13 4-7 11 - 13 5, 6 11, 12 5, 6 11, 12
P.U.T. 2, 3 ,14, 15 2, 3 ,14, 15 2, 3 ,14, 15 2, 3 ,14, 15 9 8 4-7 10 - 13
3
Quad Line Receiver
4-7 10 - 13
4-7 10 - 13
AS10515F16MIL
** Connected to pin 9. *** Measure voltage on pin 9 while it is connected to other pins.
AS10515F16MIL Rev. 2.0 11/01
QUIESCENT LIMIT TABLE*
* ELECTRICAL CHARACTERISTICS Each MECL 10K series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained. Outputs are terminated through a 100 resistor to -2.0 volts.
Test Temperature TA = 25C TA = 125C TA = -55C Test Voltage Values (Volts) VIH1 -0.78 -0.63 -0.88 VIL1 -1.85 -1.82 -1.92 VIH2 VIL2 PS1 PS2 +0.31 +0.36 +0.28 VEEL -3.2 -3.2 -3.2 VEE -5.2 -5.2 -5.2 VCB -5.2 -5.2 -5.2
-1.105 -1.475 +1.11 -1.000 -1.400 +1.24 -1.255 -1.510 +1.01
Austin Semiconductor, Inc.
SYMBOL
PARAMETER Functional Parameters:
UNITS LIMITS +125C -55C +25C Subgroup 9 Subgroup 10 Subgroup 11 MIN MAX MIN MAX MIN MAX 1.1 1.1 1.0 1.0 3.3 3.3 2.9 2.90 1.0 1.0 1.0 1.0 4.4 4.4 4.0 4.0 1.0 1.0 1.0 1.0 3.9 3.9 3.5 3.5 ns ns ns ns
TEST VOLTAGE APPLIED TO PINS BELOW:
Pinouts referenced are for F package, check Pin Assignments VCC = 2.0V, Output Load = 100 to GND
VIN
VOUT
VCC 1, 16 1, 16 1, 16 1, 16
VEEL 8 8 8 8
P.U.T. 2, 3 ,14, 15 2, 3 ,14, 15 2, 3 ,14, 15 2, 3 ,14, 15
tTLH tTHL tPHL
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
Rise Time Fall Time Propagation Delay High to Low Propagation Delay Low to High
4, 7, 11, 13 2, 3, 14, 15 4, 7, 11, 13 2, 3, 14, 15 4, 7, 11, 13 2, 3, 14, 15 4, 7, 11, 13 2, 3, 14, 15
4
Quad Line Receiver
tPLH
AS10515F16MIL


▲Up To Search▲   

 
Price & Availability of AS10515F16MIL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X