|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
REVISIONS LTR A INITIAL RELEASE DATE 5/6/03 APPROVED SPECIFICATIONS: NOMINAL FREQUENCY: MODE OF OSCILLATION: FREQUENCY TOLERANCE AT 25C: FREQUENCY STABILITY OVER TEMPERATURE RANGE: OPERATING TEMPERATURE RANGE: STORAGE TEMPERATURE RANGE: AGING: LOAD CAPACITANCE: DRIVE LEVEL: SHUNT CAPACITANCE: EQUIVALENT SERIES RESISTANCE: HOLDER TYPE: 25.000 MHz FUNDAMENTAL 30 PPM MAX 50 PPM MAX -20C TO +70C -55C TO +125C 5 PPM PER YEAR MAX 14 pF 100 W TYP, 1000 W MAX 7 pF MAX 50 OHMS MAX HC-49/S AS SHOWN RALTRON 10651 NW 19TH STREET MIAMI, FL 33172 ALL DIMENSIONS ARE IN mm/inch UNLESS OTHERWISE SPECIFIED DRAWN BY: Part Generator CHECKED BY: APPROVED BY: SCALE: SHEET 1 OF DATE: DRAWING TITLE: LOW PROFILE MICROPROCESSOR CRYSTAL DRAWING NUMBER: CAGE CODE: VUE AS-25.000-14 |
Price & Availability of AS-25000-14 |