Part Number Hot Search : 
A2737 EMK21 LN2003 01501 E13002 M66261FP 65560 BTS430K2
Product Description
Full Text Search
 

To Download APA3010QBC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
Part Number: APA3010QBC/D Blue
ATTENTION
OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES
Features
3.0mmx1.0mm RIGHT ANGLE SMT LED, 2.0mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACK LIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Description
The Blue source color devices are made with AlInGaN on Sapphire Light Emitting Diode. Static electricity and surge damage the LEDS. It is recommended to use a wrist band or anti-electrostatic glove when handling the LEDs. All devices, equipment and machinery must be electrically grounded.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3. Specifications are subject to change without notice. 4.The device has a single mounting surface. The device must be mounted according to the specifications.
SPEC NO: DSAB3536 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 1 OF 5 ERP: 1203000606
Selection Guide
Part No. Dice Lens Type Iv (mcd) [2] @ 20mA Min. APA3010QBC/D Blue (AlInGaN) WATER CLEAR 36 Typ. 90 Viewing Angle [1] 21/2 120
Notes: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. 2. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Blue Blue Blue Blue Blue Blue Typ. 468 470 25 100 3.3 4 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating Temperature Storage Temperature
Note: 1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Blue 120 30 150 5 -40C To +85C -40C To +85C
Units mW mA mA V
SPEC NO: DSAB3536 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 2 OF 5 ERP: 1203000606
Blue
APA3010QBC/D
SPEC NO: DSAB3536 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 3 OF 5 ERP: 1203000606
APA3010QBC/D
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
Tape Specifications (Units : mm)
SPEC NO: DSAB3536 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 4 OF 5 ERP: 1203000606
PACKING & LABEL SPECIFICATIONS
APA3010QBC/D
SPEC NO: DSAB3536 APPROVED: WYNEC
REV NO: V.5 CHECKED: Allen Liu
DATE: MAY/07/2007 DRAWN: Y.L.LI
PAGE: 5 OF 5 ERP: 1203000606


▲Up To Search▲   

 
Price & Availability of APA3010QBC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X