Part Number Hot Search : 
BA7605N FZT649TC T32AP E000464 MMBT3906 SOT23 SCA31X0 M27C32
Product Description
Full Text Search
 

To Download AK5321024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Accutek Microcircuit Corporation
DESCRIPTION
The Accutek AK532256W high density memory module is a CMOS dynamic RAM organized in 256K x 32 bit words. The module consists of eight standard 256K x 4 DRAMs in plastic SOJ packages. The assembly has eight drams mounted on the front side of a printed circuit board in a 72 pad leadless SIM configuration. The operation of the AK532256W is identical to eight 256K x 4 DRAMs. There are four CAS lines and two RAS lines. Independent byte control is accomplished by four CAS lines. Each seperate CAS line controls two 256K x 4 Drams to form an 8 bit byte. The bank of 32 bits is controlled by the two RAS lines. A sixteen bit data path can be produced by connecting DQ1 to DQ17, DQ2 to DQ18 and alternately strobing RAS0 with RAS2.
+
AK532256W 262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
+
FEATURES
* 262,144 x 32 bit organization * 72 pin Single In-Line Module * Multiple CAS and RAS lines allow x16 or x32 bit widths * CAS-before-RAS Refresh, RAS-only Refresh or Hidden refresh * Operating free air temperature 0 C to 70 C * Single 5 Volt Power Supply * 512 Refresh Cycles, 8mSEC * Power 2.00 Watt Max Active (60nS) 1.78 Watt Max Active (70 nS) 1.562 Watt Max Active (80 nS) 44 mW Max Standby
o o
* Available in Fast Page Mode, EDO and Static Column Mode versions * Available in leadless SIM or leaded Zip versions * Upward compatible with AK532512, AK5321024, AK5322048, AK5324096 and AK5328192
ADDITIONAL OPTIONS AVAILABLE
* 512K x 32 version, AK532512 * 1 Meg x 32 version, AK5321024 * 2 Meg x 32 version, AK5322048 * 4 Meg x 32 version, AK5324096 * 8 Meg x 32 version, AK5328192
PIN NOMENCLATURE
A0 - A8 DQ1 - DQ32 CAS0 - CAS3 RAS0, RAS2 WE PD1 - PD4 Vcc Vss NC Address Inputs Data In/Data Out Column Address Strobe Row Address Strobe Write Enable Presence Detect 5v Supply Ground No Connect
PIN ASSIGNMENT
PIN # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 SYMBOL Vss D1 DQ17 DQ2 DQ18 DQ3 DQ19 DQ4 DQ20 Vcc NC A0 A1 A2 A3 A4 A5 A6 PIN # 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 SYMBOL NC DQ5 DQ21 DQ6 DQ22 DQ7 DQ23 DQ8 DQ24 A7 NC Vcc A8 NC NC RAS2 NC NC PIN # 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 SYMBOL NC NC Vss CAS0 CAS2 CAS3 CAS1 RAS0 NC NC WE NC DQ9 DQ25 DQ10 DQ26 DQ11 DQ27 PIN # 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 SYMBOL DQ12 DQ28 DQ13 DQ29 Vcc DQ30 DQ14 DQ31 DQ15 DQ32 DQ16 NC PD1 PD2 PD3 PD4 NC Vss
MODULE OPTIONS
Leadless SIM: AK532256W Leaded ZIP: AK532256WZ
Presence Detect PD1 PD2 PD3 PD4 -60 Vss NC NC NC -70 Vss NC Vss NC -80 Vss NC NC Vss
FUNCTIONAL DIAGRAM
DQ0 - DQ4
DQ4 - DQ7
DQ8 - DQ11
DQ12 - DQ15
DQ16 - DQ19
DQ20 - DQ23
DQ24 - DQ27
A0 - A8 RAS0 CAS0 WE
9
A0 - A8 RAS CAS DQ0 - DQ3 WE OE
CAS1
RAS2 CAS2
CAS3
OE
OE
OE
OE
OE
OE
OE
MECHANICAL DIMENSIONS
4.250" 3.985" 0.200" MAX
1.000" MAX 0.425" 0.375"
+
+
0.250" 0.080" 0.125" CC LL CC LL 0.050" TYP
ACCUTEK MICROCIRCUIT CORPORATION
BUSINESS CENTER at NEWBURYPORT 2 NEW PASTURE ROAD, SUITE 1 NEWBURYPORT, MA 01950-4054 PHONE: 978-465-6200 FAX: 978-462-3396 Email: sales@accutekmicro.com Internet: www.accutekmicro.com
Accutek reserves the right to make changes in specifications at any time and without notice. Accutek does not assume any responsibility for the use of any circuitry described; no circuit patent licenses are implied. Preliminary data sheets contain minimum and maximum limits based upon design objectives, which are subject to change upon full characterization over the specific operating conditions.
OE
A0 - A8 RAS CAS DQ0 - DQ3 WE OE
A0 - A8 RAS CAS DQ0 - DQ3 WE OE
A0 - A8 RAS CAS DQ0 - DQ3 WE OE
A0 - A8 RAS CAS DQ0 - DQ3 WE OE
A0 - A8 RAS CAS DQ0 - DQ3 WE OE
A0 - A8 RAS CAS DQ0 - DQ3 WE OE
A0 - A8 RAS CAS DQ0 - DQ3 WE OE
DQ28 - DQ31


▲Up To Search▲   

 
Price & Availability of AK5321024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X