|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) AD7520, AD7521 Data Sheet August 2002 FN3104.4 10-Bit, 12-Bit, Multiplying D/A Converters The AD7520 and AD7521 are monolithic, high accuracy, low cost 10-bit and 12-bit resolution, multiplying digital-to-analog converters (DAC). Intersil's thin-film on CMOS processing gives up to 10-bit accuracy with TTL/CMOS compatible operation. Digital inputs are fully protected against static discharge by diodes to ground and positive supply. Typical applications include digital/analog interfacing, multiplication and division, programmable power supplies, CRT character generation, digitally controlled gain circuits, integrators and attenuators, etc. Features * AD7520, 10-Bit Resolution; 8-Bit Linearity * AD7521, 12-Bit Resolution; 10-Bit Linearity * Low Power Dissipation (Max). . . . . . . . . . . . . . . . . 20mW * Low Nonlinearity Tempco at 2ppm of FSR/oC * Current Settling Time to 0.05% of FSR . . . . . . . . . . 1.0s * Supply Voltage Range . . . . . . . . . . . . . . . . . 5V to +15V * TTL/CMOS Compatible * Full Input Static Protection Ordering Information PART NUMBER AD7520JN AD7521LN LINEARITY (INL, DNL) 0.2% (8-Bit) 0.05% (10Bit) TEMP. RANGE (oC) 0 to 70 0 to 70 PACKAGE PKG. NO. 16 Ld PDIP E16.3 18 Ld PDIP E18.3 Pinouts AD7520 (PDIP) TOP VIEW IOUT1 IOUT2 GND BIT 1 (MSB) BIT 2 BIT 3 BIT 4 BIT 5 BIT 6 1 2 3 4 5 6 7 8 9 AD7521 (PDIP) TOP VIEW 18 RFEEDBACK 17 VREF 16 V+ 15 BIT 12 (LSB) 14 BIT 11 13 BIT 10 12 BIT 9 11 BIT 8 10 BIT 7 IOUT1 1 IOUT2 2 GND 3 BIT 1 (MSB) 4 BIT 2 5 BIT 3 6 BIT 4 7 BIT 5 8 16 RFEEDBACK 15 VREF 14 V+ 13 BIT 10 (LSB) 12 BIT 9 11 BIT 8 10 BIT 7 9 BIT 6 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2002. All Rights Reserved AD7520, AD7521 Absolute Maximum Ratings Supply Voltage (V+ to GND) . . . . . . . . . . . . . . . . . . . . . . . . . . .+17V VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V Digital Input Voltage Range . . . . . . . . . . . . . . . . . . . . . . . V+ to GND Output Voltage Compliance . . . . . . . . . . . . . . . . . . . . . -100mV to V+ Thermal Information Thermal Resistance (Typical, Note 1) JA (oC/W) 16 Ld PDIP Package 90 18 Ld PDIP Package 80 JC (oC/W) N/A N/A Operating Conditions Temperature Ranges JN, LN Versions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC Maximum Junction Temperature (Plastic Packages) . . . . . . .150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. The digital control inputs are zener protected; however, permanent damage may occur on unconnected units under high energy electrostatic fields. Keep unused units in conductive foam at all times. Do not apply voltages higher than VDD or less than GND potential on any terminal except VREF and RFEEDBACK. 1. JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details. Electrical Specifications PARAMETER V+ = +15V, VREF = +10V, TA = 25oC Unless Otherwise Specified AD7520 TEST CONDITIONS MIN 10 TYP 10 0.3 MAX 10 0.2 (8-Bit) 0.05 (10-Bit) 2 10 200 MIN 12 AD7521 TYP 12 0.3 MAX 12 0.05 (10-Bit) 2 10 200 UNITS Bits % of FSR % of FSR ppm of FSR/oC % of FSR ppm of FSR/oC nA SYSTEM PERFORMANCE (Note 2) Resolution Nonlinearity J L Nonlinearity Tempco Gain Error Gain Error Tempco Output Leakage Current (Either Output) DYNAMIC CHARACTERISTICS Output Current Settling Time To 0.05% of FSR (All Digital Inputs Low To High And High To Low) (Note 4) (Figure 7) VREF = 20VP-P , 100kHz All Digital Inputs Low (Note 4) (Figure 6) All Digital Inputs High IOUT1 at Ground IOUT1 All Digital Inputs High (Note 4) (Figure 5) I OUT2 OUT2 (Note 3) (Figure 2) -10V VREF +10V -10V VREF +10V (Figure 2) -10V VREF +10V (Notes 3, 4) - Over the Specified Temperature Range - - 1.0 - - 1.0 - s Feedthrough Error - - 10 - - 10 mVP-P REFERENCE INPUT Input Resistance ANALOG OUTPUT Output Capacitance 200 75 75 200 Equivalent to 10k 200 75 75 200 Equivalent to 10k pF pF pF pF Johnson Noise V V A 5 10 20 5 10 20 k IOUT1 All Digital Inputs Low (Note 4) (Figure 5) I Output Noise DIGITAL INPUTS Low State Threshold, VIL High State Threshold, VIH Input Current, IIL, IIH Input Coding Over the Specified Temperature Range VIN = 0V or +15V See Tables 1 and 2 Both Outputs (Note 4) (Figure 4) 2.4 - 0.8 1 2.4 - 0.8 1 Binary/Offset Binary 2 AD7520, AD7521 Electrical Specifications PARAMETER POWER SUPPLY CHARACTERISTICS Power Supply Rejection V+ = 14.5V to 15.5V (Note 3) (Figure 3) 0.005 0.005 % FSR/% V+ V 2 A mA mW V+ = +15V, VREF = +10V, TA = 25oC Unless Otherwise Specified (Continued) AD7520 TEST CONDITIONS MIN TYP MAX MIN AD7521 TYP MAX UNITS Power Supply Voltage Range I+ All Digital Inputs at 0V or V+ Excluding Ladder Network All Digital Inputs High or Low Excluding Ladder Network Total Power Dissipation NOTES: 2. Full Scale Range (FSR) is 10V for Unipolar and 10V for Bipolar modes. 3. Using internal feedback resistor RFEEDBACK . 4. Guaranteed by design, or characterization and not production tested. 5. Accuracy not guaranteed unless outputs at GND potential. 6. Accuracy is tested and guaranteed at V+ = 15V only. Including the Ladder Network - +5 to +15 1 20 2 - +5 to +15 1 20 Functional Diagram VREF 20k 10k 20k 10k 20k 10k 20k 10k 20k 20k GND SPDT NMOS SWITCHES IOUT2 IOUT1 NOTES: MSB BIT 2 BIT 3 Switches shown for Digital Inputs "High". Resistor values are typical. 10k RFEEDBACK Pin Descriptions AD7520 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 AD7521 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 PIN NAME IOUT1 IOUT2 GND Bits 1(MSB) Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 Bit 8 Bit 9 Bit 10 Bit 11 Bit 12 V+ VREF RFEEDBACK DESCRIPTION Current Out summing junction of the R2R ladder network. Current Out virtual ground, return path for the R2R ladder network. Digital Ground. Ground potential for digital side of D/A. Most Significant Digital Data Bit. Digital Bit 2. Digital Bit 3. Digital Bit 4. Digital Bit 5. Digital Bit 6. Digital Bit 7. Digital Bit 8. Digital Bit 9. Digital Bit 10 (AD7521). Least Significant Digital Data Bit (AD7520). Digital Bit 11 (AD7521). Least Significant Digital Data Bit (AD7521). Power Supply +5V to +15V. Voltage Reference Input to set the output range. Supplies the R2R resistor ladder. Feedback resistor used for the current to voltage conversion when using an external Op Amp. 3 AD7520, AD7521 Definition of Terms Nonlinearity: Error contributed by deviation of the DAC transfer function from a "best straight line" through the actual plot of transfer function. Normally expressed as a percentage of full scale range or in (sub)multiples of 1 LSB. Resolution: It is addressing the smallest distinct analog output change that a D/A converter can produce. It is commonly expressed as the number of converter bits. A converter with resolution of N bits can resolve output changes of 2-N of the full-scale range, e.g., 2-N VREF for a unipolar conversion. Resolution by no means implies linearity. Settling Time: Time required for the output of a DAC to settle to within specified error band around its final value (e.g., 1/2 LSB) for a given digital input change, i.e., all digital inputs LOW to HIGH and HIGH to LOW. Gain Error: The difference between actual and ideal analog output values at full scale range, i.e., all digital inputs at HIGH state. It is expressed as a percentage of full scale range or in (sub)multiples of 1 LSB. Feedthrough Error: Error caused by capacitive coupling from VREF to IOUT1 with all digital inputs LOW. Output Capacitance: Capacitance from IOUT1 and IOUT2 terminals to ground. Output Leakage Current: Current which appears on IOUT1 terminal when all digital inputs are LOW or on IOUT2 terminal when all digital inputs are HIGH. current reference and an operational amplifier are all that is required for most voltage output applications. A simplified equivalent circuit of the DAC is shown in the Functional Diagram. The NMOS SPDT switches steer the ladder leg currents between IOUT1 and IOUT2 buses which must be held either at ground potential. This configuration maintains a constant current in each ladder leg independent of the input code. Converter errors are further reduced by using separate metal interconnections between the major bits and the outputs. Use of high threshold switches reduce offset (leakage) errors to a negligible level. The level shifter circuits are comprised of three inverters with positive feedback from the output of the second to the first, see Figure 1. This configuration results in TTL/CMOS compatible operation over the full military temperature range. With the ladder SPDT switches driven by the level shifter, each switch is binarily weighted for an ON resistance proportional to the respective ladder leg current. This assures a constant voltage drop across each switch, creating equipotential terminations for the 2R ladder resistors and highly accurate leg currents. V+ 13 4 6 TO LADDER 8 9 Detailed Description The AD7520 and AD7521 are monolithic, multiplying D/A converters. A highly stable thin film R-2R resistor ladder network and NMOS SPDT switches form the basis of the converter circuit, CMOS level shifters permit low power TTL/CMOS compatible operation. An external voltage or DTL/TTL/ CMOS INPUT 2 5 7 IOUT2 IOUT1 FIGURE 1. CMOS LEVEL SHIFTER AND SWITCH Test Circuits BIT 1 (MSB) 10-BIT BINARY COUNTER The following test circuits apply for the AD7520. Similar circuits are used for the AD7521. +15V +15V UNGROUNDED SINE WAVE GENERATOR 40Hz 1VP-P 5K 0.01% 5k 0.01% 14 RFEEDBACK 16 I OUT1 1 5 AD7520 I OUT2 HA2600 13 3 2 + 15 4 VREF RFEEDBACK 4 15 16 IOUT1 1 5 AD7520 HA2600 I BIT 10 + 13 3 2 OUT2 (LSB) GND 500k 10k 0.01% 1M VREF +10V BIT 1 (MSB) HA2600 + VERROR x 100 CLOCK BIT 1 (MSB) BIT 10 BIT 11 BIT 12 VREF 10k 0.01% 12-BIT REFERENCE DAC HA2600 + LINEARITY ERROR x 100 BIT 10 (LSB) GND FIGURE 2. NONLINEARITY FIGURE 3. POWER SUPPLY REJECTION 4 AD7520, AD7521 Test Circuits The following test circuits apply for the AD7520. Similar circuits are used for the AD7521. (Continued) +11V (ADJUST FOR VOUT = 0V) +15V 1K f = 1kHz BW = 1Hz 15F 15 4 14 IOUT2 2 100 10k QUAN TECH MODEL 134D 101ALN WAVE VOUT ANALYZER + 1k 0.1F -50V +15V BIT 1 (MSB) NC +15V 5 AD7520 IOUT1 13 3 1 50k BIT 10 (LSB) 15 14 4 16 5 AD7520 1 13 3 2 NC 1k 100mVP-P 1MHz SCOPE FIGURE 4. NOISE FIGURE 5. OUTPUT CAPACITANCE 5t: 1% SETTLING (1mV) EXTRAPOLATE 8t: 0.03% SETTLING t = RISE TIME +15V 15 14 4 5 AD7520 1 13 3 2 GND VREF = 20VP-P 100kHz SINE WAVE BIT 1 (MSB) +15V +10V VREF BIT 10 (LSB) 15 14 4 16 5 IOUT1 AD7520 1 IOUT2 13 3 2 GND BIT 1 (MSB) 3 6 HA2600 2+ +5V 0V DIGITAL INPUT BIT 10 (LSB) VOUT +100mV IOUT2 100 SCOPE FIGURE 6. FEEDTHROUGH ERROR FIGURE 7. OUTPUT CURRENT SETTLING TIME Applications Unipolar Binary Operation The circuit configuration for operating the AD7520 in unipolar mode is shown in Figure 8. Similar circuits can be used for AD7521. With positive and negative VREF values the circuit is capable of 2-Quadrant multiplication. The Digital Input Code/Analog Output Value table for unipolar mode is given in Table 1. +15V TABLE 1. CODE TABLE - UNlPOLAR BINARY OPERATION DIGITAL INPUT 1111111111 1000000001 1000000000 0111111111 0000000001 ANALOG OUTPUT -VREF (1-2-N) -VREF (1/2 + 2-N) -VREF/2 -VREF (1/2-2-N) -VREF (2-N) 0 VREF BIT 1 (MSB) 0000000000 NOTES: RFEEDBACK IOUT1 IOUT2 DIGITAL INPUT BIT 10 (LSB) 15 14 4 16 5 AD7520 1 13 3 2 1. LSB = 2-N VREF. 6 + VOUT 2. N = 8 for 7520 N = 10 for 7521. Zero Offset Adjustment 1. Connect all digital inputs to GND. 2. Adjust the offset zero adjust trimpot of the output operational amplifier for 0V at VOUT. GND FIGURE 8. UNIPOLAR BINARY OPERATION (2-QUADRANT MULTIPLICATION) Gain Adjustment 1. Connect all digital inputs to V+. 2. Monitor VOUT for a -VREF (1-2-N) reading. (N = 8 for AD7520 and N = 10 for AD7521). 5 AD7520, AD7521 3. To decrease VOUT, connect a series resistor (0 to 250) between the reference voltage and the VREF terminal. 4. To increase VOUT, connect a series resistor (0 to 250) in the IOUT1 amplifier feedback loop. A "Logic 1" input at any digital input forces the corresponding ladder switch to steer the bit current to IOUT1 bus. A "Logic 0" input forces the bit current to IOUT2 bus. For any code the IOUT1 and IOUT2 bus currents are complements of one another. The current amplifier at IOUT2 changes the polarity of IOUT2 current and the transconductance amplifier at IOUT1 output sums the two currents. This configuration doubles the output range. The difference current resulting at zero offset binary code, (MSB = "Logic 1", all other bits = "Logic 0"), is corrected by using an external resistor, (10MW), from VREF to IOUT2 . Bipolar (Offset Binary) Operation The circuit configuration for operating the AD7520 in the bipolar mode is given in Figure 9. Similar circuits can be used for AD7521. Using offset binary digital input codes and positive and negative reference voltage values, 4-Quadrant multiplication can be realized. The "Digital Input Code/Analog Output Value" table for bipolar mode is given in Table 2. +15V VREF BIT 1 (MSB) DIGITAL INPUT 15 14 RFEEDBACK 4 16 5 IOUT1 AD7520 1 13 3 2 IOUT2 R3 10M Offset Adjustment 1. Adjust VREF to approximately +10V. 2. Connect all digital inputs to "Logic 1". 3. Adjust IOUT2 amplifier offset adjust trimpot for 0V 1mV at IOUT2 amplifier output. BIT 10 (LSB) 6 + R1 10K R2 10K 0.01% 0.01% 6 + VOUT - 4. Connect MSB (Bit 1) to "Logic 1" and all other bits to "Logic 0". 5. Adjust IOUT1 amplifier offset adjust trimpot for 0V 1mV at VOUT. Gain Adjustment 1. Connect all digital inputs to V+. 2. Monitor VOUT for a -VREF (1-2-(N-1) volts reading. (N = 8 for AD7520, and N = 10 for AD7521.). 3. To increase VOUT, connect a series resistor of up to 250 between VOUT and RFEEDBACK . 4. To decrease VOUT, connect a series resister of up to 250 between the reference voltage and the VREF terminal. FIGURE 9. BIPOLAR OPERATION (4-QUADRANT MULTIPLICATION) TABLE 2. BlPOLAR (OFFSET BINARY) CODE TABLE DIGITAL INPUT 1111111111 1000000001 1000000000 0111111111 0000000001 0000000000 NOTES: 1. LSB = 2-(N-1) VREF. 2. N = 8 for 7520 N = 10 for 7521. ANALOG OUTPUT -VREF (1-2-(N-1)) -VREF (2-(N-1)) 0 VREF (2-(N-1)) VREF (1-2-(N-1)) VREF 6 AD7520, AD7521 Die Characteristics DIE DIMENSIONS: 101 mils x 103 mils (2565m x 2616m) METALLIZATION: Type: Pure Aluminum Thickness: 10 1kA PASSIVATION: Type: PSG/Nitride PSG: 7 1.4kA Nitride: 8 1.2kA PROCESS: CMOS Metal Gate Metallization Mask Layout AD7520 PIN 7 BIT 4 PIN 6 BIT 3 PIN 5 BIT 2 PIN 4 BIT 1 (MSB) PIN 3 GND PIN 8 BIT 5 PIN 2 IOUT2 PIN 1 IOUT1 PIN 9 BIT 6 PIN 10 BIT 7 PIN 16 RFEEDBACK PIN 11 BIT 8 PIN 15 VREF PIN 14 V+ PIN 12 BIT 9 PIN 13 BIT 10 (LSB) NC NC 7 AD7520, AD7521 Die Characteristics DIE DIMENSIONS: 101 mils x 103 mils (2565m x 2616m) METALLIZATION: Type: Pure Aluminum Thickness: 10 1kA PASSIVATION: Type: PSG/Nitride PSG: 7 1.4kA Nitride: 8 1.2kA PROCESS: CMOS Metal Gate Metallization Mask Layout AD7521 PIN 4 BIT 1 (MSB) PIN 3 GND PIN 7 BIT 4 PIN 6 BIT 3 PIN 5 BIT 2 PIN 8 BIT 5 PIN 2 IOUT2 PIN 1 IOUT1 PIN 9 BIT 6 PIN 10 BIT 7 PIN 18 RFEEDBACK PIN 11 BIT 8 PIN 17 VREF PIN 16 V+ PIN 12 BIT 9 PIN 13 BIT 10 PIN 14 BIT 11 PIN 15 BIT 12 (LSB) 8 AD7520, AD7521 Dual-In-Line Plastic Packages (PDIP) N INDEX AREA E1 12 3 N/2 E16.3 (JEDEC MS-001-BB ISSUE D) 16 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL -B- MILLIMETERS MIN 0.39 2.93 0.356 1.15 0.204 18.66 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 19.68 8.25 7.11 NOTES 4 4 8, 10 5 5 6 5 6 7 4 9 Rev. 0 12/93 MIN 0.015 0.115 0.014 0.045 0.008 0.735 0.005 0.300 0.240 MAX 0.210 0.195 0.022 0.070 0.014 0.775 0.325 0.280 -AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 -CA2 L A1 A C L E A A1 A2 B B1 C D D1 E E1 e eA eB L N eA eC C e C A BS eB NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm). 0.100 BSC 0.300 BSC 0.115 16 0.430 0.150 2.54 BSC 7.62 BSC 2.93 16 10.92 3.81 9 AD7520, AD7521 Dual-In-Line Plastic Packages (PDIP) N INDEX AREA E1 12 3 N/2 -B-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 -CA2 L A1 A C L E E18.3 (JEDEC MS-001-BC ISSUE D) 18 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL A A1 A2 B B1 C D D1 E E1 e eA eB L N MIN 0.015 0.115 0.014 0.045 0.008 0.845 0.005 0.300 0.240 MAX 0.210 0.195 0.022 0.070 0.014 0.880 0.325 0.280 MILLIMETERS MIN 0.39 2.93 0.356 1.15 0.204 21.47 0.13 7.62 6.10 MAX 5.33 4.95 0.558 1.77 0.355 22.35 8.25 7.11 NOTES 4 4 8, 10 5 5 6 5 6 7 4 9 Rev. 0 12/93 eA eC C e C A BS eB NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm). 0.100 BSC 0.300 BSC 0.115 18 0.430 0.150 - 2.54 BSC 7.62 BSC 10.92 3.81 18 2.93 All Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at website www.intersil.com/design/quality Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site www.intersil.com 10 |
Price & Availability of AD752002 |