Part Number Hot Search : 
SP5659KG 7808V 100LR HEATSINK NB7V586M LTC18 BTS611L SDA20
Product Description
Full Text Search
 

To Download 8AGP80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 8AG / 8AP
8AGD0202
1/4 x 1 inch Glass Tube
Fast Blow Fuse Series
Catalog Number Ampere Rating Typical Volt-drop Melting I2T Melting I2T Maximum Cold @100% In < 10 mSec @10 In Power Resistance Dissipation (ohm) (Volt) max. (A2 Sec) (A2 Sec) (W)
8AG (P) 80 8AG (P) 100
80mA 100mA 125mA 150mA 200mA 250mA 350mA 500mA 750mA 1A 1.25A 1.5A 2A 2.5A 3A 3.5A 4A 5A 6A 7A
13.6 10.3 7.0 5.3 4.0 3.1 2.0 0.34 0.19 0.14 0.10 0.08 0.06 0.04 0.03 0.027 0.023 0.017 0.013 0.011
3.71 3.28 3.67 3.24 2.86 2.53 2.10 0.217 0.207 0.202 0.197 0.193 0.188 0.184 0.179 0.177 0.175 0.171 0.167 0.165
0.0013 0.002 0.004 0.007 0.013 0.023 0.054 0.23 0.69 1.20 2.09 3.6 6.4 11.1 19.3 25.5 34 59 102 135
0.001 0.002 0.003 0.006 0.011 0.019 0.046 0.22 0.68 1.21 2.13 3.8 6.7 11.8 20.9 27.8 37 65 116 154
0.43 0.48 0.68 0.72 0.84 0.93 1.10 0.16 0.23 0.30 0.37 0.44 0.55 0.68 0.81 0.92 1.03 1.26 1.49 1.71
Electrical Characteristics (UL/CSA STD. 248-14)
Testing current 100% 135% 200% Blow Time Minimum 4 Hrs. N/A N/A Maximum N/A 1 Hr 5 sec
8AG (P) 125 8AG (P) 150 8AG (P) 200 8AG (P) 250 8AG (P) 350 8AG (P) 500 8AG (P) 750 8AG (P) 1 8AG (P) 1.25 8AG (P) 1.5 8AG (P) 2 8AG (P) 2.5 8AG (P) 3 8AG (P) 3.5 8AG (P) 4 8AG (P) 5 8AG (P) 6 8AG (P) 7
Approvals
Safety Agency Approvals Type
8AG / 8AP
Vtc
Amp range / Volt @ I.R. ability
80mA.- 2A / 250V AC@ 100A 80mA.- 7A / 125V AC@ 10000A 80mA.- 1A / 250V AC@ 35A 1A.- 2A / 250V AC@ 100A 80mA.- 5A / 125V AC@ 10000A 1A.- 5A / 125V AC@ 500A >5A.- 15A / 125V AC@ 300A
V Listed File No. E20624
Certified File No. LR39772
8AG / 8AP
ov e t Appr32-a1l 7F6il6 No. 32-1764 / No. File No. 32-1765
8AG / 8AP 8AG
Operating Temperature
-55C to +125C
Physical Specification
Materials Glass body / Nickel Plated Brass Caps Lead wire: Tin-lead plated Copper, Diameter 0.032" thru' 7A Marking On fuse: "bel", "8AG", "Current Rating","Voltage Rating", and "Appropriate Safety Logos" On label: Above info plus "c" and interrupting rating Voltage on fuse: 250V for 80mA to 2A; 125V for 2A and above Packaging 1. In bulk: 8AG - 1,000 pcs per box; 8AP - 500 pcs per box 2. On Axial Tape & Reel: 1,000 pcs per reel 3. Tape & Reel specification: per EIA-296-E & IEC 286-1 @ 10mm Pitch and 73mm inside Tape Spacing
Consult manufacturer for other ratings
Mechanical Dimensions
8AG
1.00" 0.03"
0.250" 0.004"
(25.4 0.8mm) (6.35 0.1mm)
1.50" 0.08"
1.03 0.03 (26.2 0.8mm)
0.270" 0.004" (6.9 0.1mm)
8AP
(38.1 2mm)
SEE LEAD SIZE LISTED IN " MATERIAL"
ORDERING INFORMATION SEE PAGES 67 & 68
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel: 201-432-0463 * Fax: 201-432-9542 * E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
53
Specifications subject to change without notice
Type 8AG / 8AP
Fast Blow Fuse Series
1/4 x 1 inch Glass Tube
8AGC0801
8AG / 8AP - TIME CURRENT CHARACTERISTIC CURVE
- 80mA - 100mA - 125mA - 150mA - 200mA - 250mA - 350mA - 500mA - 750mA - 1A - 1.25A - 1.5A - 2A - 2.5A - 3A - 3.5A - 4A - 5A - 6A - 7A
10000 1000
TIME IN SECONDS
100
10
1
0.1
0.01 0.01
0.1
1
10
100
1000
CURRENT IN AMPERES NOTE - see important information under "User Guide"on P.08
Corporate Office Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302 Tel: 201-432-0463 Fax: 201-432-9542 E-Mail: belfuse@belfuse.com Website: www.belfuse.com
Far East Office Bel Fuse Ltd.
8F/8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel: 852-2328-5515 Fax: 852-2352-3706
European Office Bel Fuse Europe Ltd.
Preston Technology Management Centre Marsh Lane, Preston PR1 8UD Lancashire, U.K Tel: 44-1772-556601 Fax: 44-1772-888366
Specifications subject to change without notice
54


▲Up To Search▲   

 
Price & Availability of 8AGP80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X