Part Number Hot Search : 
KBPC1005 P1C4F RSS070 IRFC130R VCX162 PST9332U 14D331K OV6620
Product Description
Full Text Search
 

To Download 8050S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN TRANSISTOR 0.5A
8050S
Power Dissipation: 0.625W Collector Current: 0.5A Collector-Base Voltage:: 45V TO-92 MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS] PARAMETERS Collector-Emitter Breakdown Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Base Leakage Collector-Emitter Leakage Emitter-Base Leakage Collector-Emitter Saturation Voltage Base-Emiiter Saturation Voltage DC Current Gain Collector Current Peak Collector Current Current Gain Bandwidth Output Capacitance Power Dissipation Junction Temperature Storage Temperature Hfe1 Classification Rank Range Ta=25J^
SYMBOL MIN TYP MAX UNIT CONDITION BVceo V Ic=0.1mA 25 BVcbo 45 V Ic=100uA BVebo V 5 Ie=100g A Icbo 0.1 uA Vcb=40V Iceo 0.1 uA Vce=20V Iebo 0.1 uA Veb=5V 0.6 V Ic=500mA, Ib=50mA Vce(sat^ Vbe(sat) 1.2 V Ic=500mA, Ib=50mA Hfe1 85 Vce=1V,Ic=50mA 300 Hfe2 50 Vce=1V,Ic=500mA Ic 0.5 A Icp 8 A(Pulse) fT MHz Vcb=6V, Ic=20mA 150 Cob 32 pF Vcb=20V,Ie=0,f=1MHz Pc 0.625 W Tj 150 J Tstg -55 150 J
B 85-160
C 120-200
D 160-300
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA TEL: (650) 9389294 FAX: (650) 9389295


▲Up To Search▲   

 
Price & Availability of 8050S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X