Part Number Hot Search : 
TS29151 LXT325NE 13210 KTA1705 12000 U74HC32 6X315 IR2213S
Product Description
Full Text Search
 

To Download 2SC2023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC2023
Silicon NPN Triple Diffused Planar Transistor sAbsolute maximum ratings
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SC2023 300 300 6 2 0.2 40(Tc=25C) 150 -55 to +150 (Ta=25C) Unit V V V A A W C C
2.5 BCE
Application : Series Regulator, Switch, and General Purpose
(Ta=25C) 2SC2023 1.0max 1.0max 300min 30min 1.0max 10typ 75typ V pF
12.0min 4.0max
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=300V VEB=6V IC=25mA VCE=4V, IC=0.5A IC=1.0A, IB=0.2A VCE=12A, IE=-0.2A VCB=10V, f=1MHz
External Dimensions MT-25(TO220)
3.00.2 10.20.2 4.80.2 2.00.1
Unit mA mA V
16.00.7 8.80.2
a b
o3.750.2
MHz
1.35
0.65 +0.2 -0.1 2.5 1.4
sTypical Switching Characteristics (Common Emitter)
VCC (V) 100 RL () 100 IC (A) 1.0 VB2 (V) -5 IB1 (mA) 100 IB2 (mA) -200 ton (s) 0.3typ tstg (s) 4.0typ tf (s) 1.0typ
Weight : Approx 2.6g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
2
IB 0m =20 A
V CE ( sa t ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E(s a t)( V ) 3
I C - VBE Temperature Characteristics (Typical)
2 (V CE= 4V)
Collector Current I C (A)
2
Collector Current I C( A)
mp)
e Te
IB
25C (C
125C
1
(Cas
to p =2 0m A /s
IC=1A 0 0 0.1 0.2
2A 0.3 0 0 0.2 0.4 0.6 0.8 1.0
0
0
1
2
3
4
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
Base-Emittor Voltage V B E( V)
(VCE=4V) 200 DC Cur rent Gain h F E DC Cur rent Gain h F E 200
(V C E= 4V)
j-a(C/W)
hFE - IC Characteristics (Typical)
hFE - I C Temperature Characteristics (Typical)
j-a - t Characteristics
5
100
Typ
100
125
25C
50
50
-30
C
Transient Thermal Resistance
C
1
0.5
10 3 10 100 Collector Current I C( mA) 1000 2000
10 3
5
10
50
100
500 1000 2000
0.2
-30C (C
ase Tem
ase Te
p)
1
1
mp)
1
10
100 Time t(ms)
1000 2000
Collector Current I C( mA)
fT - IE Characteristics (Typical)
(VCE=12V) 20 10 5 Cut-o ff F reque ncy f T( MH Z)
Safe Operating Area (Single Pulse)
40
P c - T a Derating
Natural Cooling Silicone Grease Heatsink: Aluminum in mm 30
Typ
Collector Curre nt I C( A)
D C
Ma ximum Po we r Dissipa ti on P C( W)
1m s
5m s
20 ms
W ith
1 0.5
In fin ite he
10
20 150x150x2 100x100x2 10 50x50x2 Without Heatsink
at si nk
0.1 0.05 Without Heatsink Natural Cooling
0 -0.003
0.02 -0.01 -0.05 -0.1 Emitter Current I E( A) -0.5 -1 2 10 100 500 Collector-Emitter Voltage V C E( V)
2 0
0
25
50
75
100
125
150
Ambient Temperature Ta(C)
58


▲Up To Search▲   

 
Price & Availability of 2SC2023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X