Part Number Hot Search : 
14B101 MBT3906 3GWJ42C SMBJ17CA 3AYO11 AT1792 TK30A NTMFS493
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4148W
Surface Mount Fast Switching Diode
Voltage Range 75 Volts 400m Watts Power Dissipation
Features
a a a a a a a a Fast switching speed Surface mount package ideally suited for automatic insertion For general purpose switching applications High conductance Case: SOD-123, Molded plastic Terminals: Solderable per MIIL-STD-202, Method 208 Polarity: Cathode Band Marking: Date Code and Type Code or Date Code only Type Code: T6, T4 Weight: 0.01 gram (approx.)
0.053(1.35) Max.
SOD-123
0.022(0.55) Typ. Min.
Mechanical Data
0.006(0.15) Typ. Min.
0.152(3.85) 0.140(3.55)
0.112(2.85) 0.100(2.55)
0.010(0.25) Min.
0.067(1.70) 0.55(1.40)
0.004(0.10) Max.
Dimensions in inches and (millimeters) a Maximum Ratings and Electrical Characteristics
Rating at 25+ambient temperature unless otherwise specified. Maximum Ratings Type Number Symbol Value
Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectifier Output Current (Note 1) Non-Repetitive Peak Forward Surge Current @ t=1.0uS @ t=1.0S Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range VRM VRRM VRWM VR VR(RMS) IFM Io IFSM Pd R JA TJ, TSTG 100 75 53 300 150 2.0 1.0 400 315 -65 to + 150
Units
V V V mA mA A mW K/W
O
C
Electrical Characteristics Type Number
Forward Voltage IF=1.0mA IF= 10mA IF = 50mA IF=150mA
Symbol
VF
Min
-
Max
0.715 0.855 1.0 1.25 1.0 50 30 25 2.0 4.0
Units
V
Peak Reverse Current VR=75V IR VR=75V, Tj=150+ VR=25V, TJ=150+ VR=20V Junction Capacitance VR=0, f=1.0MHz Cj Reverse Recovery Time (Note 2) trr Notes: 1. Valid Provided that Terminals are Kept at Ambient Temperature. 2. Reverse Recovery Test Conditions: IF=IR=10mA, Irr=0.1 x IR, RL=100 uA nA pF nS
- 156 -
RATINGS AND CHARACTERISTIC CURVES (1N4148W)
FIG.1- FORWARD CHARACTERISTICS FIG.2- LEAKAGE CURRENT VS JUNCTION TEMPERATURE
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
10,000
100
IR, LEAKAGE CURRENT (nA)
1000
10
100
1.0
0.1
10
VR =20V
0.01
0
1
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
2
0
0
100
Tj, JUNCTION TEMPERATURE ( C)
O
200
FIG.3- ADMISSIBLE POWER DISSIPATION VS AMBIENT TEMPERATURE
mw 500
400
300 Pd 200
100 50 0 0 100 Tamb 200 C
O
- 157 -


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X