Part Number Hot Search : 
BUK9Y EN25F16 FDZ293P MC33977 FBR5010W SSG4565 DTC114 ICS18
Product Description
Full Text Search
 

To Download 1N4007S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001S -1N4007S
1.0 AMP. Silicon Rectifiers A-405
Features
High efficiency, Low VF High current capability High reliability High surge current capability Low power loss 0.6mm leads
Mechanical Data
Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Pure tin plated, lead free., solderable per MIL-STD-202, Method 208 guaranteed Polarity: Color band denotes cathode High temperature soldering guaranteed: 260oC/10 seconds/.375",(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.22 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length @T A = 75 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @1.0A Maximum DC Reverse Current @ T A=25 C o at Rated DC Blocking Voltage @ T A=125 C Maximum Full Load Reverse Current, Full Cycle Average .375"(9.5mm) Lead Length o @T A=75 C Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance ( Note 2 )
o
Symbol VRRM VRMS VDC I(AV) IFSM VF IR HTIR Cj
R JA
1N 1N 1N 1N 1N 1N 1N 4001S 4002S 4003S 4004S 4005S 4006S 4007S
Units
V V V A
50 35 50
100 70 100
200 140 200
400 280 400 1.0
600 420 600
800 560 800
1000 700 1000
30 1.0 5.0 50 30 15 50 -65 to +150
o
A V uA uA uA pF C/W o C
Operating and Storage Temperature Range T J ,T STG 1. Measured at 1 MHz and Applied Reverse Voltage of 4..0 Volts D.C. Notes: 2. Mount on Cu-Pad Size 5mm x 5m on P.C.B.
Version: A06
RATINGS AND CHARACTERISTIC CURVES (1N4001S THRU 1N4007S)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
1
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
FIG.2- TYPICAL REVERSE CHARACTERISTICS
10
0.8
4
INSTANTANEOUS REVERSE CURRENT. ( A)
0.6
Tj=125 0C
1
0.4
0.2
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
0 25 50 75 100
o
0.4
0 125 150 175 AMBIENT TEMPERATURE. ( C)
0.1
0.04
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
50 0.01 40 8.3ms Single Half Sine Wave JEDEC Method 0 20 40 60
Tj=25 0C
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
30
20
10
0
1
2
4
6
8 10
20
40
60 80 100
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL JUNCTION CAPACITANCE
200 20
FIG.5- TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT. (A)
100
10
JUNCTION CAPACITANCE.(pF)
60 40 20 10 6 4 2 1 0.1 0.2 0.4 1 2 4 10 20 40 100 Tj=25 C
0
2 1 0.4 0.2 0.1 0.04 0.02 0.01 0.6 0.8 1.0 FORWARD VOLTAGE. (V) 1.2 1.4 1.5 Tj=25oC Pulse Width=300 s 1% Duty Cycle
REVERSE VOLTAGE. (V)
Version: A06


▲Up To Search▲   

 
Price & Availability of 1N4007S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X