Part Number Hot Search : 
8XXXCX TS864IPT TN800A FS10SM PE9904 167BZC BD683 D1866
Product Description
Full Text Search
 

To Download ZL30107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZL30107 GbE Line Card Synchronizer
Shortform Data Sheet
March 2007
A full Data Sheet is available to qualified customers. To register, please send an email to TimingandSync@zarlink.com.
Ordering Information ZL30107GGG 64 Pin CABGA Trays ZL30107GGG2 64 Pin CABGA* Trays *Pb Free Tin/Silver/Copper -40oC to +85oC * * * * * * * Configurable to accept a 25 MHz input reference Automatic entry into Asynchronous Holdover mode when all input references fail Input reference is manually selectable through the serial (SPI) interface Hitless input reference switching Lock indicator pin Input reference status monitors Programmable loop bandwidth of 14 Hz, 28 Hz, or 890 Hz
Features
* * * Single chip low cost solution for synchronizing an Ethernet PHY to a standard telecom clock Generates an IEEE 802.3 jitter compliant 25 MHz Gigabit Ethernet output clock Supports three modes of operation: Asynchronous Freerun, Synchronous, and Asynchronous Holdover Defaults in Asynchronous Freerun mode In Asynchronous Freerun mode, the DPLL generates an output clock with a frequency accuracy equal to frequency accuracy of the external crystal oscillator (XO) or a low cost crystal (XTAL) In Synchronous mode, the DPLL automatically synchronizes to one of a pre-defined set of frequencies including 2 kHz, 8 kHz, 64 kHz, 1.544 MHz, 2.048 MHz, 6.48 MHz, 8.192 MHz, 16.384 MHz, 19.44 MHz, 38.88 MHz, 77.76 MHz.
* *
*
Applications
* Ethernet Line Cards Supporting Synchronous Transmission
X1/CLK X2
LOCK
REF0 REF1 REF2
DPLL
APLL
CLK
uP I/F
Figure 1 - Block Diagram
1
Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2007, Zarlink Semiconductor Inc. All Rights Reserved.
ZL30107
Shortform Data Sheet
1
1
2
3
4
5
6
7
8
A IC B REF0 C SCK D SO E LOCK F AVCORE G AVSS H IC IC IC X1/CLK X2 IC NC VDD IC IC IC RST VDD IC IC IC VCORE VSS IC VDD VSS VDD IC VSS VSS VSS VCORE VSS VDD SI VSS VSS VSS VSS IC CLK CS VDD AVDD LF3 AVSS AVCORE VDD IC IC REF2 LF2 AVCORE AVDD IC IC REF1 IC LF1 AVSS IC AVSS
1
- A1 corner is identified with a marking 9 mm x 9 mm Ball Pitch 1.0 mm
Figure 2 - Pin Connections
2
Zarlink Semiconductor Inc.
ZL30107
Pin Description Pin # B1 A3 B4 D8 G5 Name REF0 REF1 REF2 CLK RST I/O Type Id Description
Shortform Data Sheet
Reference Inputs (LVCMOS, Schmitt Trigger). These reference inputs are used for synchronizing the PLL. These pins are internally pulled down to Vss. SONET/SDH/Ethernet Clock Output (LVCMOS). This output clock is configurable as 77.76 MHz, 25 MHz, and 50 MHz. Default is 77.76 MHz. Reset (LVCMOS, Schmitt Trigger). A logic low at this input resets the device. To ensure proper operation, the device must be reset after power-up. Reset should be asserted for a minimum of 300 ns. Lock Indicator (LVCMOS). This is the lock indicator pin for the PLL. This output goes high when the DPLL's output is frequency is phase locked to the input reference. External Analog PLL Loop Filter terminal. Analog PLL External Loop Filter Reference. Analog PLL External Loop Filter Reference. Oscillator Master Clock Input (LVCMOS). This input accepts a 20 MHz reference from a clock oscillator (XO, XTAL). The stability and accuracy of the clock at this input determines the free-run accuracy and the long term holdover stability of the output clocks. Oscillator Master Clock Output (LVCMOS). This pin is used for connection with an crystal. This pin must be left unconnected when the X1 pin is connected to a clock oscillator. Clock for Serial Interface (LVCMOS). Serial interface clock. Serial Interface Input (LVCMOS). Serial interface data input pin. Serial Interface Output (LVCMOS). Serial interface data output pin. Chip Select for Serial Interface (LVCMOS). Serial interface chip select. This pin is internally pulled up to Vdd. Internal Connection. Leave unconnected.
O I
E1
LOCK
O
A5 B5 C5 H4
LF1 LF2 LF3 X1/CLK
A A A I
H5
X2
O
C1 D2 D1 C2 F5 A1 A2 A4 A7 B8 D7 E2 G7 H1 B2 G4 G2 G3 G8 H3 F2
SCK SI SO CS IC
I I O Iu
3
Zarlink Semiconductor Inc.
ZL30107
Pin # H6 B3 H2 H7 C3 C8 E8 F6 F8 G6 H8 E6 F3 B7 C4 B6 C7 F1 D3 D4 D5 D6 E3 E4 E5 E7 F4 F7 A6 A8 C6 G1
IId Iu OAPG-
Shortform Data Sheet
Description
Name IC
I/O Type
Internal Connection. Connect to ground.
NC VDD P P P P P P P P P P P P P P G G G G G G G G G G G G G G
No Connection. Leave unconnected. Positive Supply Voltage. +3.3 VDC nominal.
VCORE AVDD AVCORE
Positive Supply Voltage. +1.8 VDC nominal. Positive Analog Supply Voltage. +3.3 VDC nominal. Positive Analog Supply Voltage. +1.8 VDC nominal.
VSS
Ground. 0 Volts.
AVSS
Analog Ground. 0 Volts.
Input Input, Internally pulled down Input, Internally pulled up Output Analog Power Ground
4
Zarlink Semiconductor Inc.
c Zarlink Semiconductor 2005 All rights reserved.
Package Code Previous package codes
ISSUE ACN DATE APPRD.
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of ZL30107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X