Part Number Hot Search : 
AD883B SZ526 TDA1013B 30N10 P4KE350A BYV26BZ PA1220 74FCT
Product Description
Full Text Search
 

To Download VQ2004J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VQ2004J
Vishay Siliconix
Quad P-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
V(BR)DSS Min (V)
-60
rDS(on) Max (W)
5 @ VGS = -10 V
VGS(th) (V)
-2 to -4.5
ID (A)
-0.41
FEATURES
D D D D D High-Side Switching Low On-Resistance: 2.5 W Moderate Threshold: -3.4 V Fast Switching Speed: 40 ns Low Input Capacitance: 75 pF
BENEFITS
D D D D D Ease in Driving Switches Low Offset (Error) Voltage Low-Voltage Operation High-Speed Switching Easily Driven Without Buffer
APPLICATIONS
D Drivers: Relays, Solenoids, Lamps, Hammers, Displays, Memories, Transistors, etc. D Battery Operated Systems D Power Supply, Converter Circuits D Motor Control
Dual-In-Line
D1 P S1 G1 NC G2 P S2 D2 1 2 3 4 5 6 7 14 13 12 11 10 9 8 D4 S4 G4 NC G3 S3 D3 P P Device Marking Top View VQ2004J "S" fllxxyy "S" = Siliconix Logo f = Factory Code ll = Lot Traceability xxyy = Date Code
Top View Plastic: VQ2004J
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C) _ Pulsed Drain Currenta Power Dissipation Thermal Resistance, Junction-to-Ambient Operating Junction and Storage Temperature Range Notes a. Pulse width limited by maximum junction temperature. Document Number: 70220 S-04279--Rev. C, 16-Jul-01 www.vishay.com TA= 25_C TA= 100_C TA= 25_C TA= 100_C
Symbol
VDS VGS ID IDM PD RthJA TJ, Tstg
Single
-60 "30 -0.41 -0.23 -3 1.3 0.52 96
Total Quad
Unit
V
A
2 0.8 62.5 -55 to 150 W _C/W _C
11-1
VQ2004J
Vishay Siliconix
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = -60 V, VGS = 0 V Zero Gate Voltage Drain Current On-State Drain Currentb Drain-Source On-Resistanceb Forward Transconductanceb Common Source Output Conductanceb IDSS ID(on) rDS(on) gfs gos VDS = -48 V, VGS = 0 V, TJ = 125_C VDS = -10 V, VGS = -10 V VGS = -10 V, ID = -1 A TJ = 125_C VDS = -10 V, ID = -0.5 A VDS = -7.5 V, ID = -0.1 A 200 -1 -2 2.5 4.4 325 0.45 mS 5 8 W VGS = 0 V, ID = -10 mA VDS = VGS, ID = -1 mA VDS = 0 V, VGS = "30 V TJ = 125_C -60 -2 -110 -3.4 -4.5 "100 "500 -10 -500 mA m A nA V
Symbol
Test Conditions
Min
Typa
Max
Unit
Dynamic
Input Capacitance Output Capacitance Reverse Transfer Capacitance Ciss Coss Crss VDS = -25 V, VGS = 0 V f = 1 MHz 75 40 18 150 60 25 pF
Switchingc
td(on) Turn-On Time tr td(off) tf Notes a. For DESIGN AID ONLY, not subject to production testing. b. Pulse test: PW v300 ms duty cycle v2%. c. Switching time is essentially independent of operating temperature. 11 15 40 ns 20 20 30 30 VPDV10
Turn-Off Time
VDD = -25 V, RL = 47 W ID ^ -0.5 A, VGEN = -10 V RG = 25 W
30
www.vishay.com
11-2
Document Number: 70220 S-04279--Rev. C, 16-Jul-01
VQ2004J
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Ohmic Region Characteristics
-2.0 VGS = -10 V -1.6 ID - Drain Current (A) -9 V -8 V ID - Drain Current (mA) -16 -20 VGS = -4.0 V
Output Characteristics for Low Gate Drive
-1.2
-12
-3.8 V
-7 V -0.8 -6 V -0.4 -5 V -4 V 0 0 -1 -2 -3 -4 -5 VDS - Drain-to-Source Voltage (V)
-8 -3.6 V -4 -3.4 V -3.2 V
0 0 -0.4 -0.8 -1.2 -1.6 -2.0 VDS - Drain-to-Source Voltage (V)
Transfer Characteristics
-0.5 TJ = -55_C rDS(on) - On-Resistance ( ) -0.4 ID - Drain Current (A) VDS = -10 V -0.3 25_C 125_C 6 7
On-Resistance vs. Gate-to-Source Voltage
I D = 0.1 A 5 4 3 2 1 0.5 A 1.0 A
-0.2
-0.1
0 0 -2 -4 -6 -8 -10 VGS - Gate-Source Voltage (V)
0 0 -4 -8 -12 -16 -20 VGS - Gate-Source Voltage (V)
On-Resistance vs. Drain Current
10 rDS(on) - Drain-Source On-Resistance ( ) (Normalized) rDS(on) - Drain-Source On-Resistance ( ) 2.00
Normalized On-Resistance vs. Junction Temperature
VGS = -10 V ID = 0.5 A
8
1.75
1.50
6
1.25
4
VGS = -10 V
1.00
2
0.75
0 0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0
0.50 -50 -10 30 70 110 150 ID - Drain Current (A) TJ - Junction Temperature (_C)
Document Number: 70220 S-04279--Rev. C, 16-Jul-01
www.vishay.com
11-3
VQ2004J
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Threshold Region
-10 VDS = -5 V 160 ID - Drain Current (mA) -1 C - Capacitance (pF) TJ = 150_C 25_C 200 VGS = 0 V f = 1 MHz
Capacitance
120 Ciss 80 Coss 40 Crss
125_C -0.1 -55_C
-0.01 -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0 -4.5
0 0 -10 -20 -30 -40 -50 VGS - Gate-to-Source Voltage (V) VDS - Drain-to-Source Voltage (V)
Gate Charge
-15.0 ID = -0.5 A VGS - Gate-to-Source Voltage (V) -12.5 t - Switching Time (ns) 100
Load Condition Effects on Switching
tr tf td(off) 10 td(on)
-10.0 VDS = -50 V -7.5 -80 V
-5.0
-2.5
VDD = -25 V RL = 25 W VGS = 0 to -10 V (Pulse) 1 0 100 200 300 400 500 -0.1 ID - Drain Current (A) -1.0 Qg - Total Gate Charge (pC)
0
Drive Resistance Effects on Switching
100 tr gfs - Forward Transconductance (S) tf t - Switching Time (ns) td(off) 10 td(on) 400 500
Transconductance
TJ = -55_C
25_C 300 125_C 200
VDD = -25 V RL = 50 W VGS = 0 to -10 V ID = -500 mA 1 10 RG - Gate Resistance () 100
100
0 0 -100 -200 -300 -400 -500
ID - Drain Current (mA)
www.vishay.com
11-4
Document Number: 70220 S-04279--Rev. C, 16-Jul-01


▲Up To Search▲   

 
Price & Availability of VQ2004J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X