Part Number Hot Search : 
ST9291J TS391 ANTX2 BAV170 H11AAX CD4372A CY7C1990 CD4372A
Product Description
Full Text Search
 

To Download UM210005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UM2100
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
DESCRIPTION UM2100 Series PIN diodes are designed for transmit/receive switch and attenuator applications in HF band (2-30MHz) and below. As series configured switches, these long lifetime (25s typical) diodes can control up to 2.5 kW, CW in a 50 ohm system. In HF band, insertion loss is less than 0.25dB and isolation is greater than 32dB (off-state). The UM2100 series offers the lowest distortion performance in both the transmit and receive modes. Less than 50 mA forward bias is requires to obtain an IP3 of 60 dBm at 300 kHz with 1 watt per tone. The forward biased resistance/reactance vs. frequency characteristics are flat down to 10 kHz. The capacitance vs. reverse bias voltage characteristic is flat down to 2 MHz. In attenuator configuration, the UM2100 produces extremely low distortion at low values of attenuator control current, and very low insertion loss (0.2dB) in the "0dB" attenuator state.
KEY FEATURES
WWW .Microsemi .C OM
HF band (2-30 MHz) PIN Long Lifetime (25s typical) High Power ( 1kW, CW) High Isolation (32dB) Low Loss (0.25dB) Very Low Distortion (IP3=60dBm) Voltage ratings to 1000 V
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
ABSOLUTE MAXIMUM RATINGS AT 25 C (UNLESS OTHERWISE SPECIFIED)
Package A
O
Condition 25 C Pin Temperature
O
PD 25 W 12 W 2.5 W 25 W 18.75 W 15W
O
6 C/W 12.5 C/W 6 OC/W 8 OC/W 10 OC/W
O
APPLICATIONS/BENEFITS Isolated stud package available Surface mount package available RoHS compliant packaging available: use UMX2101B, etc.
B & E 1/2 in. total length to 25 C Contact Free Air O C 25 C Stud Temperature D SM All
O 25 C Stud Temperature O 25 C End Cap Temperature
1 us pulse (Single) OPERATING AND STORAGE TEMPERATURE RANGE
100 kW -65 OC to + 175 OC
VOLTAGE RATINGS
Reverse Voltage @ 10 uA 100V 200V 400V 600V 800V 1000V UM2101 UM2102 UM2104 UM2106 UM2108 UM2110
UM2100 UM2100
Copyright 2005 Rev. 0, 2005-12-13
Microsemi
Page 1
UM2100
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified)
WWW .Microsemi .C OM
Parameter
Total Capacitance Series Resistance Carrier Lifetime Reverse Current
Symbol
CT RS IR IP3
Conditions
VR=100V, F= 1 MHz If = 100 mA, F= 2 MHz IF = 10 mA/100 V VR = Voltage rating P=2W total, IF=25mA F1 = 1.999 MHz F2 = 2.001 MHz 1.0 W/tone
MIN.
TYPICAL
1.9 1.0 25 60
MAX.
2.5 2.0 10
Units
pF Ohms s A dBm
20 50
Style "B"
Style "SM"
DC curent r
s y* uppl
SI GNAL GENERAT OR
*
POWER SPLT ER IT
f 1
RFC SPECT RUM ANALYZER
*
ELECTRICALS ELECTRICALS
SI GNAL GENERAT OR
f 2
*
RFC
* May be controlled with the IEEE-488 BUS CIRCUIT
Copyright 2005 Rev. 0, 2005-12-13
Microsemi
Page 2
UM2100
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
WWW .Microsemi .C OM
Rs versus If TYPICAL
10 2 f = 2 MHz
10
1
Rs (Ohms)
100 10-1 10-1 100 101 102
If (mA)
RESISTANCE / REACTANCE VERSUS FREQUENCY TYPICAL
2.0
RESISTANCE / REACTANCE (Ohms)
If = 100 mA
1.5
RESISTANCE
1.0
ELECTRICALS ELECTRICALS
0.5
REACTANCE
0.0
-0.5 102 103 104 105 106 107
FREQUENCY (Hz)
Copyright 2005 Rev. 0, 2005-12-13
Microsemi
Page 3
UM2100
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
WWW .Microsemi .C OM
POWER LEVEL/TONE VERSUS FORWARD BIAS CURRENT TYPICAL
40 F1 = F - 1 KHz F2 = F + 1 KHz 35 65 70
POWER LEVEL/TONE [dBm]
30
60
25
55
20
50
15 100 101 102
45
If NEEDED TO OBTAIN AN IM3 OF -60 dBc [mA]
CAPACITANCE VERSUS VOLTAGE TYPICAL
20 10 KHz 18 16 100 KHz
CAPACITANCE (pF)
14 200 KHz 12
IP3 [dBm]
2 MHz
1 MHz
500 KHz250 KHz
150 KHz
ELECTRICALS ELECTRICALS
10 8 6 4 2 0 10-1
400 KHz
1 MHz
2 MHz 4 MHz 10 MHz 100 101 102
Vr (V)
Copyright 2005 Rev. 0, 2005-12-13
Microsemi
Page 4
UM2100
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
WWW .Microsemi .C OM
MEAN If VERSUS Vf CURVE VERSUS TEMPERATURE TYPICAL
101 100 10-1 10-2 10-3 10-4 10-5 10-6 0.0 0.5 1.0 1.5 150C--------------------------125C
If (A)
---------------100C
--------------75C
-----25C
Vf (V)
ELECTRICALS ELECTRICALS ELECTRICALS ELECTRICALS
Copyright 2005 Rev. 0, 2005-12-13
Microsemi
Page 5
UM2100
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
WWW .Microsemi .C OM
STYLE "A"
STYLE "B"
STYLE "C"
STYLE "CR"
Copyright 2005 Rev. 0, 2005-12-13
Microsemi
Page 6
UM2100
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
WWW .Microsemi .C OM
STYLE "D"
STYLE "DR"
STYLE "E"
STYLE "SM"
MECHANICL MECHANICL
Copyright 2005 Rev. 0, 2005-12-13
Microsemi
Page 7
UM2100
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
WWW .Microsemi .C OM
STYLE "SM" FOOTPRINT
MECHANICAL MECHANICAL
Copyright 2005 Rev. 0, 2005-12-13
Microsemi
Page 8
UM2100
ATTENUATOR AND POWER PIN DIODES (2-30 MHz)
NOTES:
WWW .Microsemi .C OM
NOTES NOTES
Copyright 2005 Rev. 0, 2005-12-13
Microsemi
Page 9


▲Up To Search▲   

 
Price & Availability of UM210005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X