Part Number Hot Search : 
B632E2T 2SK150 10N10 74HCT4 Z5221B XRD6406 D1961 80022
Product Description
Full Text Search
 

To Download TM100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI THYRISTOR MODULES
TM100SZ-M
MEDIUM POWER GENERAL USE
NON-INSULATED TYPE
TM100SZ-M
Average on-state current .......... 100A Repetitive peak reverse voltage ................ 400V * VDRM Repetitive peak off-state voltage ................ 400V * TRIPLE ARMS * Non-Insulated Type
* IT (AV) * VRRM
APPLICATION Welders
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
93.5 800.2 K3 K2 K1 2-6.5
K2 G2
12.5
K3
K2 K2 G2 CR3 CR2
K1 K1 G1 CR1
26
G3
K1 G1
K3
K3 G3 3-M5
17.5
20
20
Tab#110, t=0.5 K3 K2 K1
A
9
A
21
LABEL
6.5
30
Feb.1999
MITSUBISHI THYRISTOR MODULES
TM100SZ-M
MEDIUM POWER GENERAL USE
NON-INSULATED TYPE
ABSOLUTE MAXIMUM RATINGS
Symbol VRRM VRSM VR (DC) VDRM VDSM VD (DC) Parameter Repetitive peak reverse voltage Non-repetitive peak reverse voltage DC reverse voltage Repetitive peak off-state voltage Non-repetitive peak off-state voltage DC off-state voltage Voltage class M 400 480 320 400 480 320 Unit V V V V V V
Symbol IT (RMS) IT (AV) ITSM I2t di/dt PGM PG (AV) VFGM VRGM IFGM Tj Tstg
Parameter RMS on-state current Average on-state current Surge (non-repetitive) on-state current I2t for fusing Critical rate of rise of on-state current Peak gate power dissipation Average gate power dissipation Peak gate forward voltage Peak gate reverse voltage Peak gate forward current Junction temperature Storage temperature Main terminal screw M5
Conditions
Ratings 155
Unit A A A A2s A/s W W V V A C C N*m kg*cm N*m kg*cm g
Three-phase, half-wave, TC=122C One half cycle at 60Hz, peak value Value for one cycle of surge current VD=1/2VDRM, IG=1.0A, Tj=150C
100 2000 1.7 x 104 50 5.0 0.5 10 5.0 2.0 -40~+150 -40~+125 1.47~1.96 15~20 1.96~2.94 20~30 160
--
Mounting torque Mounting screw M6
--
Weight
Typical value
ELECTRICAL CHARACTERISTICS
Limits Symbol IRRM IDRM VTM dv/dt VGT VGD IGT Rth (j-c) Rth (c-f) Parameter Repetitive peak reverse current Repetitive peak off-state current On-state voltage Critical rate of rise of off-state voltage Gate trigger voltage Gate non-trigger voltage Gate trigger current Thermal resistance Contact thermal resistance Tj=150C, VRRM applied Tj=150C, VDRM applied Tj=150C, ITM=300A, instantaneous meas. Tj=150C, VD=2/3VDRM Tj=25C, VD=6V, RL=2 Tj=150C, VD=1/2VDRM Tj=25C, VD=6V, RL=2 Junction to case (per 1/3 module) Case to fin, conductive grease applied (per 1/3 module) Test conditions Min. -- -- -- 200 -- 0.25 15 -- -- Typ. -- -- -- -- -- -- -- -- -- Max. 30 30 1.15 -- 3.0 -- 100 0.2 0.3 Unit mA mA V V/s V V mA C/ W C/ W
Feb.1999
MITSUBISHI THYRISTOR MODULES
TM100SZ-M
MEDIUM POWER GENERAL USE
NON-INSULATED TYPE
PERFORMANCE CURVES
MAXIMUM ON-STATE CHARACTERISTIC
10 4 7 Tj=150C 5 3 2 10 3 7 5 3 2 10 2 7 5 3 2 10 1 0.6 2000
RATED SURGE (NON-REPETITIVE) ON-STATE CURRENT
SURGE (NON-REPETITIVE) ON-STATE CURRENT (A)
ON-STATE CURRENT (A)
1600
1200
800
400
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
23
5 7 10
20 30
50 70100
ON-STATE VOLTAGE
(V)
CONDUCTION TIME (CYCLE AT 60Hz) MAXIMUM TRANSIENT THERMAL IMPEDANCE (JUNCTION TO CASE) 10 0 2 3 5 710 1 0.200 TRANSIENT THERMAL IMPEDANCE (C/W)
0.175 0.150 0.125 0.100 0.075 0.050 0.025 0 10 -3 2 3 5 710 -2 2 3 5 7 10 -1 2 3 5 7 10 0
GATE CHARACTERISTICS
4 3 2
VFGM=10V
10 1 PGM=5W 7 5 VGT=3.0V PFG(AV)= 3 0.50W 2 IGT= 10 0 100mA 7 5 Tj=25C 3 2 VGD=0.25V 10 -1 7 5 410 1 2 3 5 7 10 2 2 3 5 7 10 3 2 3 5 7 10 4
GATE VOLTAGE
(V)
GATE CURRENT (mA)
IFGM=2.0A
TIME (s)
100
MAXIMUM AVERAGE ON-STAGE POWER DISSIPATION (SINGLE PHASE HALFWAVE) 120 180 90 (C)
60
LIMITING VALUE OF THE AVERAGE ON-STATE CURRENT (SINGLE PHASE HALFWAVE) 150 PER SINGLE ELEMENT
140 360 RESISTIVE, INDUCTIVE LOAD =30
AVERAGE ON-STATE POWER DISSIPATION (W)
80
60
CASE TEMPERATURE
=30 360 RESISTIVE, INDUCTIVE LOAD PER SINGLE ELEMENT 60 80 100
130
40
120
60
90 120 180
20
110
0
0
20
40
100
0
20
40
60
80
100
AVERAGE ON-STATE CURRENT (A)
AVERAGE ON-STATE CURRENT (A)
Feb.1999
MITSUBISHI THYRISTOR MODULES
TM100SZ-M
MEDIUM POWER GENERAL USE
NON-INSULATED TYPE
160
AVERAGE ON-STATE POWER DISSIPATION (W)
(C)
140 120
MAXIMUM AVERAGE ON-STATE POWER DISSIPATION (RECTANGULAR WAVE) DC 270
150
LIMITING VALUE OF THE AVERAGE ON-STATE CURRENT (RECTANGULAR WAVE)
PER SINGLE ELEMENT 360 RESISTIVE, INDUCTIVE LOAD
180 120 90 60 =30 360 RESISTIVE, INDUCTIVE LOAD PER SINGLE ELEMENT 80 100 120 140 160
(A)
140
100 80 60 40 20 0 0 20 40
CASE TEMPERATURE
130
120 =30 60 90 180 270 DC 120
110
60
100
0
40
80
120
160
AVERAGE ON-STATE CURRENT
AVERAGE ON-STATE CURRENT (A)
Feb.1999


▲Up To Search▲   

 
Price & Availability of TM100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X