Part Number Hot Search : 
KBPC1001 BC160 47101SC MJE210 60TCL CL1117 MT6L57AT LCX244F
Product Description
Full Text Search
 

To Download TDA1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
TDA1010A 6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
Product specification File under Integrated Circuits, IC01 November 1982
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed
TDA1010A
The TDA1010A is a monolithic integrated class-B audio amplifier circuit in a 9-lead single in-line (SIL) plastic package. The device is primarily developed as a 6 W car radio amplifier for use with 4 and 2 load impedances. The wide supply voltage range and the flexibility of the IC make it an attractive proposition for record players and tape recorders with output powers up to 10 W. Special features are: * single in-line (SIL) construction for easy mounting * separated preamplifier and power amplifier * high output power * low-cost external components * good ripple rejection * thermal protection QUICK REFERENCE DATA Supply voltage range Repetitive peak output current Output power at pin 2; dtot = 10% VP = 14,4 V; RL = 2 VP = 14,4 V; RL = 4 VP = 14,4 V; RL = 8 VP = 14,4 V; RL = 2 ; with additional bootstrap resistor of 220 between pins 3 and 4 Total harmonic distortion at Po = 1 W; RL = 4 Input impedance preamplifier (pin 8) power amplifier (pin 6) Total quiescent current at VP = 14,4 V Sensitivity for Po = 5,8 W; RL = 4 Operating ambient temperature Storage temperature PACKAGE OUTLINE 9-lead SIL; plastic (SOT110B); SOT110-1; 1996 Sepetember 06. Zi Zi Itot Vi Tamb Tstg typ. typ. typ. typ. 30 20 31 10 k k mA mV C C Po Po Po Po dtot typ. typ. typ. typ. typ. 6,4 6,2 3,4 9 0,2 W W W W % VP IORM max. 6 to 24 V 3 A
-25 to + 150 -55 to + 150
November 1982
2
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
November 1982
3
Fig.1 Circuit diagram.
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
RATINGS Limiting values in accordance with the Absolute Maximum System (IEC 134) Supply voltage Peak output current Repetitive peak output current Total power dissipation Storage temperature Operating ambient temperature A.C. short-circuit duration of load during sine-wave drive; without heatsink at VP = 14,4 V VP IOM max. max.
TDA1010A
24 5 3
V A A C C hours
IORM max. Tstg tsc
see derating curve Fig.2 -55 to +150 max. 100 Tamb -25 to +150
Fig.2 Power derating curve.
HEATSINK DESIGN Assume VP = 14,4 V; RL = 2 ; Tamb = 60 C maximum; thermal shut-down starts at Tj = 150 C. The maximum sine-wave dissipation in a 2 load is about 5,2 W. The maximum dissipation for music drive will be about 75% of the worst-case sine-wave dissipation, so this will be 3,9 W. Consequently, the total resistance from junction to ambient 150 - 60 R th j-a = R th j-tab + R th tab-h + R th h-a = --------------------- = 23 K/W . 3, 9 Since Rth j-tab = 10 K/W and Rth tab-h = 1 K/W, Rth h-a = 23 - (10 + 1) = 12 K/W.
November 1982
4
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
D.C. CHARACTERISTICS Supply voltage range Repetitive peak output current Total quiescent current at VP = 14,4 V VP IORM Itot <
TDA1010A
6 to 24 V 3 31 A mA typ.
A.C. CHARACTERISTICS Tamb = 25 C; VP = 14,4 V; RL = 4 ; f = 1 kHz unless otherwise specified; see also Fig.3. A.F. output power (see Fig.4) at dtot = 10%; measured at pin 2; with bootstrap VP = 14,4 V; RL = 2 (note 1) VP = 14,4 V; RL = 4 (note 1 and 2) VP = 14,4 V; RL = 8 (note 1) VP = 14,4 V; RL = 4 ; without bootstrap Voltage gain preamplifier (note 3) power amplifier total amplifier Total harmonic distortion at Po = 1 W Efficiency at Po = 6 W Frequency response (-3 dB) Input impedance preamplifier (note 4) power amplifier (note 5) Output impedance of preamplifier; pin 7 (note 5) Output voltage preamplifier (r.m.s. value) dtot < 1% (pin 7) (note 3) Noise output voltage (r.m.s. value; note 6) RS = 0 RS = 8,2 k Ripple rejection at f = 1 kHz to 10 kHz (note 7) at f = 100 Hz; C2 = 1 F Sensitivity for Po = 5,8 W Bootstrap current at onset of clipping; pin 4 (r.m.s. value) November 1982 5 Vn(rms) typ. Vn(rms) typ. < RR RR Vi I4(rms) > > typ. typ. 0,3 mV 0,7 mV 1,4 mV 42 37 10 30 dB dB mV mA Vo(rms) > 0,7 V Zi Zi Zo typ. typ. typ. 30 20 20 k k k 20 to 40 k 14 to 26 k 14 to 26 k Gv1 Gv2 Gv tot dtot B typ. typ. typ. typ. typ. 24 30 54 dB dB dB 21 to 27 dB 27 to 33 dB 51 to 57 dB 0,2 % 75 % Po Po Po Po typ. > typ. typ. typ. typ. 6,4 W 5,9 W 6,2 W 3,4 W 5,7 W 9 W
VP = 14,4 V; RL = 2 ; with additional bootstrap resistor of 220 between pins 3 and 4 Po
80 Hz to 15 kHz
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
Notes 1. Measured with an ideal coupling capacitor to the speaker load. 2. Up to Po 3 W : dtot 1%. 3. Measured with a load impedance of 20 k. 4. Independent of load impedance of preamplifier.
TDA1010A
5. Output impedance of preamplifier (Z) is correlated (within 10%) with the input impedance (Zi) of the power amplifier. 6. Unweighted r.m.s. noise voltage measured at a bandwidth of 60 Hz to 15 kHz (12 dB/octave). 7. Ripple rejection measured with a source impedance between 0 and 2 k (maximum ripple amplitude: 2 V). 8. The tab must be electrically floating or connected to the substrate (pin 9).
Fig.3 Test circuit.
November 1982
6
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
Fig.4
Output power of the circuit of Fig.3 as a function of the supply voltage with the load impedance as a parameter; typical values. Solid lines indicate the power across the load, dashed lines that available at pin 2 of the TDA1010. RL = 2 (1) has been measured with an additional 220 bootstrap resistor between pins 3 and 4. Measurements were made at f = 1 kHz, dtot = 10%, Tamb = 25 C.
Fig. 5 See next page. Total harmonic distortion in the circuit of Fig.3 as a function of the output power with the load impedance as a parameter; typical values. Solid lines indicate the power across the load, dashed lines that available at pin 2 of the TDA1010. RL = 2 (1) has been measured with an additional 220 bootstrap resistor between pins 3 and 4. Measurements were made at f = 1 kHz, VP = 14,4 V.
November 1982
7
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
Fig.5 For caption see preceding page.
Fig.6
Frequency characteristics of the circuit of Fig.3 for three values of load impedance; typical values. Po relative to 0 dB = 1 W; VP = 14,4 V.
November 1982
8
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
Fig.7
Total power dissipation (solid lines) and the efficiency (dashed lines) of the circuit of Fig.3 as a function of the output power with the load impedance as a parameter (for RL = 2 an external bootstrap resistor of 220 has been used); typical values. VP = 14,4 V; f = 1 kHz.
November 1982
9
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
Fig.8
Thermal resistance from heatsink to ambient of a 1,5 mm thick bright aluminium heatsink as a function of the single-sided area of the heatsink with the total power dissipation as a parameter.
November 1982
10
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
APPLICATION INFORMATION
TDA1010A
November 1982
11
Fig.9 Complete mono audio amplifier of a car radio.
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
Fig.10 Track side of printed-circuit board used for the circuit of Fig.9; p.c. board dimensions 92 mm x 52 mm.
Fig.11 Component side of printed-circuit board showing component layout used for the circuit of Fig.9.
November 1982
12
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
November 1982
13
Fig.12 Complete stereo car radio amplifier.
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
Fig.13 Track side of printed-circuit board used for the circuit of Fig.12; p.c. board dimensions 83 mm x 65 mm.
November 1982
14
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
Fig.14 Component side of printed-circuit board showing component layout used for the circuit of Fig.12. Balance control is not on the p.c. board.
November 1982
15
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
Fig.15 Channel separation of the circuit of Fig.12 as a function of the frequency.
Fig.16 Power supply of circuit of Fig.17.
November 1982
16
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
November 1982
17
Fig.17 Complete mains-fed ceramic stereo pick-up amplifier; for power supply see Fig.16.
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
Fig.18 Track side of printed-circuit board used for the circuit of Fig.17 (Fig.16 partly); p.c. board dimensions 169 mm x 118 mm.
November 1982
18
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
Fig.19 Component side of printed-circuit board showing component layout used for the circuit of Fig.17 (Fig.16 partly).
November 1982
19
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
TDA1010A
Fig.20 Channel separation of the circuit of Fig.18 as a function of frequency.
November 1982
20
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
PACKAGE OUTLINE SIL9MPF: plastic single in-line medium power package with fin; 9 leads
TDA1010A
SOT110-1
D
D1 q P P1 A2
A3 q1 q2
A A4 seating plane E pin 1 index
L 1 Z b2 e b b1 wM 9 Q
c
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 18.5 17.8 A2 max. 3.7 A3 8.7 8.0 A4 15.8 15.4 b 1.40 1.14 b1 0.67 0.50 b2 1.40 1.14 c 0.48 0.38 D (1) 21.8 21.4 D1 21.4 20.7 E (1) 6.48 6.20 e 2.54 L 3.9 3.4 P 2.75 2.50 P1 3.4 3.2 Q 1.75 1.55 q 15.1 14.9 q1 4.4 4.2 q2 5.9 5.7 w 0.25 Z (1) max. 1.0
Note 1. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT110-1 REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION
ISSUE DATE 92-11-17 95-02-25
November 1982
21
Philips Semiconductors
Product specification
6 W audio power amplifier in car applications
SOLDERING Introduction There is no soldering method that is ideal for all IC packages. Wave soldering is often preferred when through-hole and surface mounted components are mixed on one printed-circuit board. However, wave soldering is not always suitable for surface mounted ICs, or for printed-circuits with high population densities. In these situations reflow soldering is often used. This text gives a very brief insight to a complex technology. A more in-depth account of soldering ICs can be found in our "IC Package Databook" (order code 9398 652 90011). Soldering by dipping or by wave The maximum permissible temperature of the solder is 260 C; solder at this temperature must not be in contact with the joint for more than 5 seconds. The total contact time of successive solder waves must not exceed 5 seconds. DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
TDA1010A
The device may be mounted up to the seating plane, but the temperature of the plastic body must not exceed the specified maximum storage temperature (Tstg max). If the printed-circuit board has been pre-heated, forced cooling may be necessary immediately after soldering to keep the temperature within the permissible limit. Repairing soldered joints Apply a low voltage soldering iron (less than 24 V) to the lead(s) of the package, below the seating plane or not more than 2 mm above it. If the temperature of the soldering iron bit is less than 300 C it may remain in contact for up to 10 seconds. If the bit temperature is between 300 and 400 C, contact may be up to 5 seconds.
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
November 1982
22


▲Up To Search▲   

 
Price & Availability of TDA1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X