Part Number Hot Search : 
CR2430 74LV4067 8TXXX FQP19N10 AXLE30S 1N4740B 7810N115 OP90FZ
Product Description
Full Text Search
 

To Download SP-320 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOTAL POWER INT'L
320W Single Output with PFC Function
Features :
Universal AC input / Full range Built-in active PFC function, PF>0.95 Protections:Short circuit/Over load/Over voltage/Over temperature Forced air cooling by built-in DC Fan Built-in fan speed control Fixed switching frequency at 100KHz 3 years warranty
SP-320
series
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE VOLTAGE TOLERANCE Note.3 LINE REGULATION LOAD REGULATION SETUP, RISE, HOLD TIME VOLTAGE RANGE FREQUENCY RANGE POWER FACTOR INPUT EFFICIENCY (Typ.) AC CURRENT INRUSH CURRENT (max.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE OVER TEMPERATURE WORKING TEMP. SP-320-5 5V 55A 0 ~ 60A 275W 4.5 ~ 5.5V 2.0%
0.5%
1.0%
88 ~ 264VAC 47~63Hz PF>0.95/230VAC 79% 5A/115VAC 22A/115VAC <1mA / 240VAC 105 ~ 135% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed 9.4 ~ 10.9V 13.8 ~ 16.2V 15.5 ~ 18.2V 18 ~ 21V 27.6 ~ 32.4V 5.75 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover 80 5 (70 5 5V only) (TSW1 : Detect on heatsink of power transistor)
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down -20 ~ +65 (Refer to output load derating curve)
SP-320-7.5 7.5V 40A 0 ~ 40A 300W 150mVp-p 6 ~ 9V 2.0%
0.5%
1.0%
SP-320-12 12V 25A 0 ~ 25A 300W 150mVp-p 10 ~ 13.2V 1.0%
0.3%
0.5%
SP-320-13.5 13.5V 22A 0 ~ 22A 297W 150mVp-p 12 ~ 15V 1.0%
0.3%
0.5%
SP-320-15 15V 20A 0 ~ 20A 300W 150mVp-p 13.5 ~ 18V 1.0%
0.3%
0.5%
SP-320-24 24V 13A 0 ~ 13A 312W 150mVp-p 20 ~ 26.4V 1.0%
0.2%
0.5%
SP-320-27 27V 11.7A 0 ~ 11.7A 315.9W 200mVp-p 26 ~ 32V
1.0%
0.2%
0.5%
SP-320-48 48V 6.7A 0 ~ 6.7A 321.6W 240mVp-p 41 ~ 56V
1.0%
0.2%
0.5%
RIPPLE & NOISE (max.) Note.2 150mVp-p
800ms, 50ms, 16ms/230VAC 120 ~ 370VDC
2500ms, 50ms, 16ms/115VAC at full load
PF>0.98/115VAC at full load 86% 86% 86% 87% 88% 89%
83% 2.5A/230VAC 40A/230VAC
33.7 ~ 39.2V
57.6 ~ 67.2V
20 ~ 90% RH non-condensing WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY -40 ~ +85 , 10 ~ 95% RH TEMP. COEFFICIENT 0.03%/ (0 ~ 50
VIBRATION SAFETY STANDARDS WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC
(Note 4)
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
UL60950, TUV EN60950 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B HARMONIC CURRENT Compliance to EN61000-3-2,-3
EMS IMMUNITY MTBF OTHERS DIMENSION PACKING
NOTE
Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN55024, Light industry level, criteria A
207K hrs min. MIL-HDBK-217F (25 215*115*50mm (L*W*H) 1.2Kg; 12pcs / 14.4Kg / 0.98CUFT )
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives.
320W Single Output with PFC Function
Mechanical Specification
117.5 32.5 27.5 150 177.5
US P --3 2 0 25 SP 320
Case No. 912
s e r iie s ser es
Unit:mm
LED +V ADJ.
9 8
9.5
7
36.7
135
5 4
4-M4 L=5mm
48.7
2
5
15
215
14
32.5
150
16
10
1
32.5
5-M3 L=3mm
50.5
Air flow direction
3
8
25
4-M4 L=5mm
Terminal pin number assignment :
Pin No. 1 2 3 Assignment AC/L AC/N FG Pin No. Assignment 4~6 DC OUTPUT -V 7~9 DC OUTPUT +V
Derating Curve
Static Characteristics (5V)
Ta=25
50
115
50
6
95
100
100
300 250 200 150 100 50 25
80
Others
90 80 70
60
LOAD (%)
LOAD (%)
60 70
40
60 50 40
5V
20
-20
0
10
20
30
40
50
88
90
95
100
115
135
155
175
195
230
264
AMBIENT TEMPERATURE (
)
INPUT VOLTAGE (VAC) 60Hz


▲Up To Search▲   

 
Price & Availability of SP-320

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X