Part Number Hot Search : 
TEA5640 24121 36MB10B 2SB857 300U1 C1005 1927X25X KA2293
Product Description
Full Text Search
 

To Download SOGC-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SOGC 01, 03, 05
Vishay Dale
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
FEATURES
* 0.110" [2.79mm] maximum seated height * Rugged, molded case construction * 0.050" [1.27mm] lead spacing * Reduces total assembly costs * Compatible with automatic surface mounting equipment * Uniform performance characteristics * Meets EIA PDP 100, SOGN-0003 outline dimensions * Available in tube pack or tape and reel pack
STANDARD ELECTRICAL SPECIFICATIONS
RESISTOR PACKAGE CIRCUIT POWER W @ 70C W @ 70C SOGC-16 01 0.1 1.6 03 0.19 1.6 05 0.1 1.6 SOGC-20 01 0.1 2.0 03 0.19 2.0 05 0.1 2.0 * Tolerances in brackets available upon request. * 100 milliohm maximum on zero ohm jumper MODEL SCHEMATIC TOLERANCE
% 2 (1, 5*) 2 (1, 5*) 2 (5*) 2 (1, 5*) 2 (1, 5*) 2 (5*)
RESISTANCE RANGE
10-1M0 10-1M0 10-1M0 10-1M0 10-1M0 10-1M0
OPERATING VOLTAGE VDC 50 max 50 max 50 max 50 max 50 max 50 max
TEMPERATURE COEFFICIENT ppm/C 100 100 100 100 100 100
TECHNICAL SPECIFICATIONS
PARAMETER Package Power Rating (max. at + 70C) TC Tracking (- 55C to + 125C) Voltage Coefficient of Resistance: Maximum Operating Voltage: Operating Temperature Range: Storage Temperature Range: UNIT W ppm/C ppm/V VDC C C S0GC-16 / -20 1.6 / 2.0 50 < 50 typical. 50 - 55 to + 125. - 55 to + 150
MECHANICAL SPECIFICATIONS
Marking: Marking Resistance to Solvents: Maximum Solder Reflow Temperature: Solderability: Terminals: Body: Model number, schematic number, value tolerance, pin 1 indicator, date code. Permanency testing per MIL-STD-202, Method 215. + 255C Per MIL-STD-202, Method 208E. Copper alloy. 60/40 solder dipped terminal. Molded epoxy.
ORDERING INFORMATION
01, 03 Schematic
SOGC MODEL 16 20 NUMBER OF LEADS 01 03 SCHEMATIC xxx or xxxx R1 VALUE First 2 digits (3 for F tolerance) are significant figures. Last digit specifies number of zeros to follow. xxx or xxxx R1 VALUE xxx or xxxx R2 VALUE G TOLERANCE F = 1% G= 2% J = 5%
05 Schematic
SOGC MODEL 16 20 NUMBER OF LEADS 05 SCHEMATIC
G TOLERANCE F = 1% G= 2% J = 5%
First 2 digits (3 for F tolerance) are significant figures. Last digit specifies number of zeros to follow. www.vishay.com 118 For Technical Questions, contact: ff2aresistors@vishay.com
Document Number: 31506 Revision 01-Aug-02
SOGC 01, 03, 05
Thick Film Resistor Networks, Small Outlline, Molded, DIP
DIMENSIONS in inches [millimeters]
B 0.050 [1.27] Non-Accum. Typ. 0.018 [0.457] Typ. 0.100 [2.54] 0.105 [2.67] 0.006 [0.152] Max. Typ. 0.010 .005 [0.254 0.127]
Vishay Dale
SOGC
Pin 1 0.045 [1.14] 0.045 [1.14] Ref.
0.295 [7.49]
0.406 0.012 [10.31 0.305]
MODEL
0.008 [0.203] 0.028 0.010 [0.711 0.254] Typ.
A 0.440 [11.18] 0.540 [13.72]
B 0.350 [8.89] 0.450 [11.43]
SOGC-16 SOGC-20
A
CIRCUIT APPLICATIONS
01 Schematic 15 or 19 resistors with one pin common
The SOGC-xx01 circuit provides a choice of 15 or 19 nominally equal resistors, each connected between a common lead (16 or 20) and a discrete PC board pin. Commonly used in the following applications: * MOS/ROM Pull-up/Pull-down * TTL Input Pull-down * Open Collector Pull-up * Digital Pulse Squaring * "Wired OR" Pull-up * TTL Unused Gate Pull-up * Power Driven Pull-up * High Speed Parallels Pull-up
SOGC-16 Pin 1 SOGC-20
03 Schematic
8 or 10 isolated resistors
The SOGC-xx03 circuit provides a choice of 8 or 10 nominally equal resistors with each resistor isolated from all others and wired directly across. Commonly used in the following applications: * "Wired OR" Pull-up * Long-line Impedance Balancing * Power Driven Pull-up * LED Current Limiting * Powergate Pull-up * ECL Output Pull-down * Line Termination * TTL Input Pull-down
SOGC-16 Pin 1 SOGC-20
05 Schematic
R1 R2 R1 R2 R2 R1 R2 R1 R2 R1 R2 R1 R2 R1
R2
R1
R1 R2 R1
R2
R1 R2 R1
R2
R1 R2 R1
R2
TTL dual-line terminator; pulse squaring, 14 or 18 pairs of resistors (R1 Resistors are common to leads 16 or 20) (R2 Resistors are common to leads 8 or 10)
The SOGC-xx05 circuit contains 14 or 18 pairs of resistors. Each pair is connected between ground and a common line. The junctions of these resistor pairs are connected to the input leads. The 05 circuits are designed for TTL dual-line termination and pulse squaring.
SOGC-16, SOGC-20 Pin 1
Power Rating (Watts)
SOGC-2001, 03, 05 Pkg. 2.0
PERFORMANCE
TEST MAX. R (Typical Test Lots) 0.50% R 0.50% R 0.25% R 0.25% R 0.50% R 0.25% R 0.25% R 0.25% R 0.50% R 0.25% R 10,000 Megohm (minimum) No evidence of arcing or damage (200 V RMS for 1 minute) www.vishay.com 119
SOGC-1601, 03, 05 Pkg. 1.6
Power Conditioning Thermal Shock Short Time Overload Low Temperature Operation Moisture Resistance Resistance to Soldering Heat Shock
Single Resistor
1.0
Vibration Load Life Terminal Strength Insulation Resistance
+ 25 + 70 + 125 + 150
0.19 0.10 - 50
SOGC-xx03 SOGC-xx01 & 05 0
Dielectric Withstanding Voltage
Derating Document Number: 31506 Revision 01-Aug-02
Ambient Temperature C
For Technical Questions, contact: ff2aresistors@vishay.com


▲Up To Search▲   

 
Price & Availability of SOGC-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X