Part Number Hot Search : 
R1607 MTZJ15 1N28A TCD2255D HM10422 W42180 ER506 025CEUA
Product Description
Full Text Search
 

To Download SI3400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SI3400 Si3401
FU L L Y -I N T E G R A T E D 8 0 2 . 3 - C O M P L I A N T P D I N T E R F A C E AND SWITCHING REGULATOR
Features
IEEE 802.3 standard-compliant solution, including pre-standard (legacy) PoE support Highly-integrated IC enables compact solution footprints Minimal external components Integrated diode bridges and transient surge suppressor Integrated switching regulator controller with on-chip power FET Integrated dual current-limited hotswap switch Support non-isolated and isolated switching topologies Comprehensive protection circuitry Transient overvoltage protection Undervoltage lockout Early power-loss indicator Thermal shutdown protection Foldback current limiting Programmable classification circuit Low-profile 5 x 5 mm 20-pin QFN Pb-Free and RoHS-compliant
Ordering Information: See Ordering Guide on page page 17.
Pin Assignments
5 x 5 mm QFN (Top View)
VPOSS
16
Applications
Voice over IP telephones and adapters Wireless access points Security cameras Point-of-sale terminals Internet appliances Network devices High power applications (Si3401)
20
19
18
17
15
EROUT SSFT VDD
1 2 3
VSSA
VSS2
VSS1
SWO
FB
1
14
CT1
Description
The SI3400 and Si3401 integrate all power management and control functions required in a Power-over-Ethernet (PoE) powered device (PD) application. The SI3400 and Si3401 convert the high voltage supplied over the 10/100/1000BASE-T Ethernet connection into a regulated, low-voltage output supply. The optimized architectures of the SI3400 and Si3401 minimize the solution footprint, reduce external BOM cost, and enable the use of low-cost external components while maintaining high performance. The SI3400 and Si3401 integrate the required diode bridges and transient surge suppressors, thus enabling direct connection of ICs to the Ethernet RJ-45 connector. The switching power FET and all associated functions are also integrated. The integrated switching regulator supports isolated (flyback) and non-isolated (buck) converter topologies. The SI3400 and Si3401 support IEEE STDTM 802.3-2005 (future instances are referred to as 802.3) compliant solutions as well as pre-standard products, all in a single IC. Standard external resistors connected to the SI3400 and Si3401 provide the proper 802.3 signatures for the detection function and programming of the classification mode. Startup circuits ensure well-controlled initial operation of both the hotswap switch and the voltage regulator. The SI3400 and Si3401 are available in low-profile, 20-pin, 5 x 5 mm QFN packages. While the SI3400 is designed for applications up to 10 W, the Si3401 is optimized for higher power applications (up to approximately 15 W). See also "AN313: Using the SI3400/01 in High Power Applications" for more information.
Rev. 0.9 8/07 Copyright (c) 2007 by Silicon Laboratories
VNEG (PAD)
13 CT2 12 11
VPOSF SP1
ISOSSFT 2 4
5
6
7
8
9
10
RDET
PLOSS
RCL
VNEG
Notes: 1. Pin VSSA added on revisions CZ and higher. 2. Pin ISOSSFT added on revisions CZ and higher. Function available on revision E silicon. For Rev CZ, or to disable this feature on Revision E, tie this pin to VDD.
HSO
SI3400/Si3401
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
SP2
SI3400/Si3401
Functional Block Diagram
VPOSF VPOSS RDET RCL SSFT VDD ISOSSFT
CT2 SP1 SP2
Rectification & Protection
CT1
Detection & Classification
Hotswap Switch & Current limit
Hotswap Control & Common Bias
Switcher Control
EROUT FB
Switching FET
SWO
VNEG
HSO
PLOSS VSSA
VSS1
VSS2
2
Rev. 0.9
SI3400/Si3401 TABLE O F CONTENTS
Section Page
1. Electrical Specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4 2. Typical Application Schematics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8 3. Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.2. PD Hotswap Controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 3.3. Switching Regulator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 4. Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 5. Package Outline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 6. Ordering Guide . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Document Change List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18 Contact Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
Rev. 0.9
3
SI3400/Si3401
1. Electrical Specifications
Table 1. Absolute Maximum Ratings (DC)1
Type Voltage CT1 to CT2 SP1 to SP2 VPOS2 HSO VSS1 or VSS2 SWO PLOSS to VPOS2 RDET RCL SSFT to VPOS FB to VPOS RIMAX to VSS1, VSS2, or VSSA VSS1 to VSS2 or VSSA VDD to VSS1, VSS2, or VSSA Current RCL RDET CT1, CT2, SP1, SP2 VPOS2 HSO PLOSS VDD SWO VSS1, VSS2, or VSSA Ambient Temperature Storage Operating
2
Description
Rating -60 to 60 -60 to 60 -0.3 to 60 -0.3 to 60 -0.3 to 60 -0.3 to 60 -60 to 0.3 -0.3 to 60 -0.3 to 5 -5 to 0.3 -0.3 to VDD+0.3 -5 to 0.3 -0.3 to VDD+0.3 -0.3 to 0.3 -0.3 to 5 0 to 100 0 to 1 -400 to 400 -400 to 400 0 to 400 -0.5 to 5 0 to 2 0 to 400 -400 to 0 -65 to 150 -40 to 85
Unit
V
EROUT to VSS1, VSS2, or VSSA
mA
C
Notes: 1. Unless otherwise noted, all voltages referenced to VNEG. Permanent device damage may occur if the maximum ratings are exceeded. Functional operation should be restricted to those conditions specified in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may adversely affect device reliability. 2. VPOS is equal to VPOSF and VPOSS tied together for test condition purposes.
4
Rev. 0.9
SI3400/Si3401
Table 2. Absolute Maximum Ratings (Transient)1
Transient surge defined in IEC60060 as a 1000 V impulse of either polarity applied across CT1-CT2 or SP1-SP2. The shape of the impulse shall have a 300 ns full rise time and a 50 s half fall time, with 201 source impedance.
Type Voltage CT1 to CT2 SP1 to SP2 VPOS2 HSO
Description
Rating -82 to 82 -82 to 82 -0.7 to 80 -0.7 to 80 -0.7 to 80 -0.7 to 80 -80 to 0.7 -0.7 to 80 -5 to 5 -5 to 5 -2 to 2
Unit
VSS1, VSS2, or VSSA SWO PLOSS to VPOS2 RDET Current ESD3 CT1, CT2, SP1, SP2 VPOS2 HBM, all pins
V
A kV
Notes: 1. Unless otherwise noted, all voltages referenced to VNEG. Permanent device damage may occur if the maximum ratings are exceeded. Functional operation should be restricted to those conditions specified in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended periods may adversely affect device reliability. 2. VPOS is equal to VPOSF and VPOSS tied together for test condition purposes. 3. For more information regarding system-level ESD tolerance, refer to "AN315: Robust Electrical Surge Immunity for PoE PDs through Integrated Protection".
Table 3. Recommended Operating Conditions
Description |CT1 - CT2| or |SP1 - SP2| Ambient Operating Temperature Symbol VPORT TA Min 2.8 -40 Typ -- 25 Max 57 85 Units V C
Note: Unless otherwise noted, all voltages referenced to VNEG. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions. Typical values apply at nominal supply voltage and ambient temperature unless otherwise noted.
Rev. 0.9
5
SI3400/Si3401
Table 4. Electrical Characteristics
Parameter Description Detection Classification VPORT UVLO Turn Off UVLO Turn On Transient Surge1 Input Offset Current Diode bridge leakage VPORT < 10 V VPORT = 57 V Class 0 Class 1 IPORT Classification2 Class 2 Class 3 Class 4 IPORT Operating Current3 Current Limit
4
Min 2.7 14 -- 30 62 -- -- 0 9 17 26 36 -- -- 350 (SI3400) 470 (Si3401) 0.5 27 --
Typ -- -- -- -- -- -- -- -- -- -- -- -- 2 130 525 550 -- 30 350 50 -- 1.23 --
Max 11 22 42 36 79 10 25 4 12 20 30 44 3.1 -- -- 1.4 33 -- -- 0.86 -- 5
Unit
V
A A
mA
36 V < VPORT < 57 V Inrush Operating 36 V < VPORT < 57 V
mA mA mA V kHz % V %
Hotswap FET On-Resistance + RSENSE Power loss VPORT Threshold Switcher Frequency Maximum Switcher Duty Cycle Switching FET On-Resistance Regulated Feedback @ pin FB6 Regulated Output Voltage Tolerance6
5
ISOSSFT connected to VDD
-- 0.3
DC Avg. Output voltage tolerance @ VOUT
-- -5
Notes: 1. Transient surge defined in IEC60060 as a 1000 V impulse of either polarity applied to CT1-CT2 or SP1-SP2. The shape of the impulse shall have a 300 ns full rise time and a 50 s half fall time with 201 source impedance. 2. The classification currents are guaranteed only when recommended RCLASS resistors are used, as specified in Table 10. 3. IPORT includes full operating current of switching regulator controller. 4. The PD interface includes dual-level input current limit. At turn-on, before the HSO load capacitor is charged, the current limit is set at the inrush level. After the capacitor has been charged within ~1.25 V of VNEG, the operating current limit is engaged. This higher current limit remains active until the UVLO lower limit has been tripped or until the hotswap switch is sufficiently current-limited to cause a foldback of the HSO voltage. 5. See "AN296: Using the SI3400/01 PoE PD Controller in Isolated and Non-Isolated Designs" for more information. 6. Applies to non-isolated applications only (VOUT on schematic in Figure 1).
6
Rev. 0.9
SI3400/Si3401
Table 4. Electrical Characteristics (Continued)
Parameter VDD accuracy @ 0.8 mA Softstart charging current Thermal Shutdown Thermal Shutdown Hysteresis Junction temperature Description 36 V < VPORT < 57 V Min 4.5 -- -- -- Typ -- 12 160 -- Max 5.5 -- -- 25 Unit V A C C
Notes: 1. Transient surge defined in IEC60060 as a 1000 V impulse of either polarity applied to CT1-CT2 or SP1-SP2. The shape of the impulse shall have a 300 ns full rise time and a 50 s half fall time with 201 source impedance. 2. The classification currents are guaranteed only when recommended RCLASS resistors are used, as specified in Table 10. 3. IPORT includes full operating current of switching regulator controller. 4. The PD interface includes dual-level input current limit. At turn-on, before the HSO load capacitor is charged, the current limit is set at the inrush level. After the capacitor has been charged within ~1.25 V of VNEG, the operating current limit is engaged. This higher current limit remains active until the UVLO lower limit has been tripped or until the hotswap switch is sufficiently current-limited to cause a foldback of the HSO voltage. 5. See "AN296: Using the SI3400/01 PoE PD Controller in Isolated and Non-Isolated Designs" for more information. 6. Applies to non-isolated applications only (VOUT on schematic in Figure 1).
Table 5. Total Power Dissipation
Description Power Dissipation Power Dissipation* Condition VPORT = 50 V, VOUT = 5 V, 2 A VPORT = 50 V, VOUT = 5 V, 2 A w/ diode bridges bypassed Min -- -- Typ 1.2 0.7 Max -- -- Units W W
*Note: Silicon Laboratories recommends the on-chip diode bridges be bypassed when output power requirements are >10 W (Si3401) or in thermally-constrained applications. For more information, see "AN313: Using the SI3400 and Si3401 in High Power Applications".
Table 6. Package Thermal Characteristics
Parameter Thermal resistance (junction to ambient) Symbol JA Test Condition Still air; assumes a minimum of nine thermal vias are connected to a 2 in2 heat spreader plane for the package "pad" node (VNEG). Typ 44 Units C/W
Rev. 0.9
7
SI3400/Si3401
2. Typical Application Schematics
To Ethernet PHY
C5
VPOSF
VPOSS
VDD
ISOSSFT
SSFT
RJ-45
C4 FB D1 L1 SWO EROUT VSSA VSS1
R3 C3 R2
Vout
CT1 CT2 SP1 R1 SP2 RDET VNEG HSO RCL C2 C1 PLOSS
SI3400 Si3401
VSS2
C6 R4 C7
Figure 1. Schematic--Class 0 with Non-Isolated 5 V Output*
*Note: This is a simplified schematic. See "AN296: Using the SI3400/01 PoE PD Controller in Isolated and Non-Isolated Designs" for more details and complete application schematics.
Table 7. Component Listing--Class 0 with 5 V Output
Item C1 C2 C3 C4 C5 C6 C7 R1 R2 R3 R4 D1 L1 Type Capacitor Capacitor Capacitor Capacitor Capacitor Capacitor Capacitor Resistor Resistor Resistor Resistor Diode Inductor 33 H 20% Value 15 F 0.1 F 1000 F 0.1 F 0.1 F 3.3 nF 150 pF 25.5 k 7.32 k 2.87 k 30.1 k Toler. 20% 20% 20% 20% 10% 10% 10% 1% 1% 1% 1% Rating 100 V 100 V 10 V 16 V 16 V 16 V 16 V 1/16 W 1/16 W 1/16 W 1/16 W 100 V 3.5 A Notes Switcher supply capacitor. Several parallel capacitors are used for lower ESR. PD input supply capacitor. Switcher load capacitor - 1000 F in parallel with and X5R 22 F for lower ESR. VDD bypass capacitor. Softstart capacitor. Compensation capacitor. Compensation capacitor. Detection resistor. Feedback resistor divider. Feedback resistor divider. Feedback compensation resistor. Schottky diode; part no. PDS5100. Coilcraft part no. DO5010333.
8
Rev. 0.9
SI3400/Si3401
To Ethernet PHY
D2 VPOSF VPOSS SSFT FB D3 T1 SWO ISOSSFT C8 PS2911 R2 EROUT PLOSS VNEG VSS2 VSSA VSS1 R3 C5
D1
RJ-45
R5 R6 C3
CT1 CT2 SP1 SP2 R1 R8 C2 C1 RDET HSO RCL
Vout
SI3400 Si3401
VDD R4 C4
TLV431
C7
R7
Figure 2. Schematic--Class 1 with Isolated 5.0 V Output*
*Note: This is a simplified schematic. See "AN296: Using the SI3400/01 PoE PD Controller in Isolated and Non-Isolated Designs" for more details and complete application schematics.
Table 8. Components--Class 1 with Isolated 5.0 V Output
Item C1 C2 C3 Type Capacitor Capacitor Capacitor Value 15 F 0.1 F 1100 F Toler. 20% 20% 20% Rating 100 V 100 V 10 V Notes Switcher supply capacitor. Several parallel capacitors are used for lower ESR. PD input supply capacitor. Switcher load capacitor. 100 F in parallel 1000 F and optional 1 H inductor for additional filtering. Feedback compensation. Feedback compensation. VDD bypass capacitor. Isolated mode soft start (tie ISOSSFT to VDD if this feature is not used). Detection resistor. Pull-up resistor. Feedback compensation resistor. Feedback compensation resistor. Pull-up resistor. Feedback resistor divider. Feedback resistor divider. Classification resistor. Schottky diode; part no. PN PDS1040. Snubber diode (1N4148) Snubber diode (DFLT15A) Coilcraft part number FA2672 (5 V).
C4 C5 C7 C8 R1 R2 R3 R4 R5 R6 R7 R8 D1 D2 D3 T1 PS2911 TLV431
Capacitor Capacitor Capacitor Capacitor Resistor Resistor Resistor Resistor Resistor Resistor Resistor Resistor Diode Diode Diode Transformer Optocoupler Voltage reference
15 nF 220 nF 0.1 F 1 F 25.5 k 4.99 k 100 10 k 2.05 k 36.5 k 12.1 k 127 10 A 1A 15 V 40 H
10% 10% 20% 20% 1% 1% 1% 1% 1% 1% 1% 1%
16 V 16 V 16 V 16 V 1/16 W 1/16 W 1/16 W 1/16 W 1/16 W 1/16 W 1/16 W 1/16 W 40 V 100 V 9A
Rev. 0.9
9
SI3400/Si3401
3. Functional Description
The SI3400 and Si3401 consist of two major functions: a hotswap controller/interface and a complete pulsewidth-modulated switching regulator (controller and power FET). The SI3400 and Si3401 are designed to operate with both 802.3-compliant Power Sourcing Equipment (PSE) and pre-standard (legacy) PSEs that do not adhere to the 802.3 specified inrush current limits. The SI3400 and Si3401 are compatible with compliant and legacy PSEs because they use two levels for the hotswap current limits. By setting the initial inrush current limit to a low level, a PD based on the SI3400 or Si3401 minimizes the current drawn from either a compliant or legacy PSE during startup. After powering up, the SI3400 and Si3401 automatically switch to a higherlevel current limit, thereby allowing the PD to consume up to 12.95 W (the max power allowed by the 802.3 specification). The inrush current limit specified by the 802.3 standard can generate high transient power dissipation in the PD. By properly sizing the devices and implementing onchip thermal protection, the SI3400 and Si3401 can go through multiple turn-on sequences without overheating the package or damaging the device. The switching regulator power MOSFET has been conservatively designed and sized to withstand the high peak currents created when converting a high-voltage, low-current supply into a low-voltage, high-current supply. Excessive power cycling or short circuit faults will engage the thermal overload protection to prevent the onboard power MOSFETs from exceeding their safe and reliable operating ranges.
3.1. Overview
The hotswap interfaces of the SI3400 and Si3401 provide the complete front end of an 802.3-compliant PD. The SI3400 and Si3401 also include two full diode bridges, a transient voltage surge suppressor, detection circuit, classification current source, and dual-level hotswap current limiting switch. This high level of integration enables direct connection to the RJ-45 connector, simplifies system design, and provides significant advantages for reliability and protection. The SI3400 and Si3401 require only four standard external components (detection resistor, optional classification resistor, load capacitor, and input capacitor) to create a fully 802.3-compliant interface. For more information about supporting higher-power applications, see "AN313: Using the SI3400 and Si3401 in High Power Applications" and "AN314: Power Combining Circuit for PoE for up to 18.5 W Output". The SI3400 and Si3401 integrate a complete pulsewidth modulated switching regulator that includes the controller and power FET. The switching regulator utilizes a constant frequency pulse-width modulated controller optimized for all possible load conditions in PoE applications. The regulator integrates a low onresistance (Ron) switching power MOSFET that minimizes power dissipation, increases overall regulator efficiency, and simplifies system design. An integrated error amplifier, precision reference, and programmable soft-start current source provide the flexibility of using a non-isolated buck regulator topology or an isolated flyback regulator topology.
PLOSS VPOSF VPOSS RDET
3.2. PD Hotswap Controller
The SI3400 and Si3401 hotswap controllers change their mode of operation based on the input voltage applied to the CT1 and CT2 pins or the SP1 and SP2 pins, the 802.3-defined modes of operation, and internal controller requirements. Table 9 defines the modes of operation for the hotswap interface.
ISOSSFT
SSFT
POWER LOSS DETECTOR DIODE BRIDGES AND PROTECTION CT2/SP2
DETECTION CONTROL 0V 12V ON OFF
10V CENTRAL BIAS BANDGAP REF 5V 1.32V SWITCHER STARTUP & BIAS
IABS ITC VREF
CLASSIFICATION CONTROL 12V 22V ON OFF CURRENT LIMIT HI/LO
HOTSWAP CONTROL ON OFF 39V 32V
CT1/SP1
HSO VNEG RCL
Figure 3. Hotswap Block Diagram
10 Rev. 0.9
SI3400/Si3401
Table 9. Hotswap Interface Modes
Input Voltage (|CT1CT2| or |SP1-SP2|) 0 V to 2.7 V 2.7 V to 11 V 11 V to 14 V 14 V to 22 V 22 V to 42 V 42 V up to 57 V SI3400 and Si3401 Mode Inactive Detection signature Detection turns off and internal bias starts Classification signature Transition region Switcher operating mode (hysteresis limit based on rising input voltage) Switcher operating mode (hysteresis limit based on falling input voltage) As an added benefit, the transient surge suppressor, when tripped, actively disables the hotswap interface and switching regulator, preventing downstream circuits from encountering the high-energy transients. 3.2.2. Detection In order to identify a device as a valid PD, a PSE will apply a voltage in the range of 2.8 V to 10 V on the cable and look for the 25.5 k signature resistor. The SI3400 and Si3401 will react to voltages in this range by connecting an external 25.5 k resistor between VPOS and VNEG. This external resistor and internal lowleakage control circuitry create the proper signature to alert the PSE that a valid PD has been detected and is ready to have power applied. The internal hotswap switch is disabled during this time to prevent the switching regulator and attached load circuitry from generating errors in the detection signature. Since the SI3400 and Si3401 integrate the diode bridges, the IC can compensate for the voltage and resistance effects of the diode bridges. The 802.3 specification requires that the PSE use a multi-point, V/I measurement technique to remove the diodeinduced dc offset from the signature resistance measurement. However, the specification does not address the diode's nonlinear resistance and the error induced in the signature resistor measurement. Since the diode's resistance appears in series with the signature resistor, the PD system must find some way of compensating for this error. In systems where the diode bridges are external, compensation is difficult and suffers from errors. Since the diode bridges are integrated in the SI3400 and Si3401, the IC can easily compensate for this error by offsetting resistance across all operating conditions and thus meeting the 802.3 requirements. An added benefit is that this function can be tested during the IC's automated testing step, guaranteeing system compliance when used in the final PD application. For more information about supporting higher-power applications (above 12.95 W), see "AN313: Using the SI3400 and Si3401 in High Power Applications" and "AN314: Power Combining Circuit for PoE for up to 18.5 W Output". 3.2.3. Classification Once the PSE has detected a valid PD, the PSE may classify the PD for one of five power levels or classes. A class is based on the expected power consumption of the powered device. An external resistor sets the nominal class current that can then be read by the PSE to determine the proper power requirements of the PD. When the PSE presents a fixed voltage between 15.5 V and 20.5 V to the PD, the SI3400 and Si3401 assert the class current from VPOS through the RCL resistor.
57 V down to 36 V
3.2.1. Rectification Diode Bridges and Surge Suppressor The 802.3 specification defines the input voltage at the RJ-45 connector of the PD with no reference to polarity. In other words, the PD must be able to accept power of either polarity at each of its inputs. This requirement necessitates the use of two sets of diode bridges, one for the CT1 and CT2 pins and one for the SP1 and SP2 pins to rectify the voltage. Furthermore, the standard requires that a PD withstand a high-voltage transient surge consisting of a 1000 V common-mode impulse with 300 ns rise time and 50 s half fall time. Typically, the diode bridge and the surge suppressor have been implemented externally, adding cost and complexity to the PD system design. The diode bridge* and the surge suppressor have been integrated into the SI3400 and Si3401, thus reducing system cost and design complexity.
*Note: Silicon Laboratories recommends that on-chip diode bridges be bypassed when >10 W of output power is required.
By integrating the diode bridges, the SI3400 and Si3401 gain access to the input side of the diode bridge. Monitoring the voltage at the input of the diode bridges instead of the voltage across the load capacitor provides the earliest indication of a power loss. This true early power loss indicator, PLOSS, provides a local microcontroller time to save states and shut down gracefully before the load capacitor discharges below the minimum 802.3-specified operating voltage of 36 V. Integration of the surge suppressor enables optimization of the clamping voltage and guarantees protection of all connected circuitry.
Rev. 0.9
11
SI3400/Si3401
The resistor values associated with each class are shown in Table 10. Class 0 1 2 3 4 Usage Default Optional Optional Optional Reserved
Table 10. Class Resistor Values
Power Levels 0.44 W to 12.95 W 0.44 W to 3.84 W 3.84 W to 6.49 W 6.49 W to 12.95 W Reserved Nominal Class Current < 4 mA 10.5 mA 18.5 mA 28 mA 40 mA RCL Resistor (1%, 1/16 W) > 1.33 k (or open circuit) 127 69.8 45.3 30.9
The 802.3 specification limits the classification time to 75 ms to limit the power dissipated in the PD. If the PSE classification period exceeds 75 ms and the die temperature rises above the thermal shutdown limits, the thermal protection circuit will engage and disable the classification current source in order to protect the SI3400 and Si3401. The SI3400 and Si3401 stay in classification mode until the input voltage exceeds 22 V (the upper end of its classification operation region). 3.2.4. Under Voltage Lockout The 802.3 standard specifies the PD to turn on when the line voltage rises to 42 V and for the PD to turn off when the line voltage falls to 30 V. The PD must also maintain a large on-off hysteresis region to prevent wiring losses between the PSE and the PD from causing startup oscillation. The SI3400 and Si3401 incorporate an undervoltage lockout (UVLO) circuit to monitor the line voltage and determine when to apply power to the integrated switching regulator. Before the power is applied to the switching regulator, the hotswap switch output (HSO) pin is high-impedance and typically follows VPOS as the input is ramped (due to the discharged switcher supply capacitor). When the input voltage rises above the UVLO turn-on threshold, the SI3400 and Si3401 begin to turn on the internal hotswap power MOSFET. The switcher supply capacitor begins to charge up under the current limit control of the SI3400 and Si3401, and the HSO pin transitions from VPOS to VNEG. The SI3400 and Si3401 include hysteretic UVLO circuits to maintain power to the load until the input voltage falls below the UVLO turn-off threshold. Once the input voltage falls below 30 V, the internal hotswap MOSFET is turned off.
3.2.5. Dual Current Limit and Switcher Turn-On The SI3400 and Si3401 implement dual current limits. While the hotswap MOSFET is charging the switcher supply capacitor, the SI3400 and Si3401 maintain a low current limit. The switching regulator is disabled until the voltage across the hotswap MOSFET becomes sufficiently low, indicating the switcher supply capacitor is almost completely charged. When this threshold is reached, the switcher is activated, and the hotswap current limit is increased. This threshold also has hysteresis to prevent systemic oscillation as the switcher begins to draw current and the current limit is increased, which allows resistive losses in the cable to effectively decrease the input supply. The SI3400 and Si3401 stay in a high-level current limit mode until the input voltage drops below the UVLO turnoff threshold or excessive power is dissipated in the hotswap switch. This dual level current limit allows the system designer to design powered devices for use with both legacy and compliant PoE systems. An additional feature of the dual current limit circuitry is foldback current limiting in the event of a fault condition. When the current limit is switched to the higher level, 400 mA of current can be drawn by the PD. Should a fault cause more than this current to be consumed, the voltage across the hotswap MOSFET will increase to clamp the maximum amount of power consumed. The power dissipated by the MOSFET can be very high under this condition. If the fault is very low impedance, the voltage across the hotswap MOSFET will continue to rise until the lower current limit level is engaged, further reducing the dissipated power. If the fault condition remains, the thermal overload protection circuitry will eventually engage and shut down the hotswap interface and switching regulator. The foldback current limiting occurs much faster than the thermal overload protection and is, therefore, necessary for comprehensive protection of the hotswap MOSFET.
12
Rev. 0.9
SI3400/Si3401
3.2.6. Power Loss Indicator A situation can occur in which power is lost at the input of the diode bridge and the hotswap controller does not detect the fault due to the VPOS to VNEG capacitor maintaining the voltage. In such a situation, the PD can remain operational for hundreds of microseconds despite the PSE having removed the line voltage. If it is recognized early enough, the time from power loss to power failure can provide valuable time to gracefully shut down an application. Due to integration of the diode bridges, the SI3400 and Si3401 are able to instantaneously detect the removal of the line voltage and provide that early warning signal to the PD application. The PLOSS pin is an open drain output that pulls up to VPOS when a line voltage greater than 27 V is applied. When the line voltage falls below 27 V, the output becomes high-impedance, allowing an external pull-down resistor to change the logic state of PLOSS. The benefit of this indicator is that the powered device may include a microcontroller that can quickly save its memory or operational state before draining the supply capacitors and powering itself down. This feature can help improve overall manageability in applications, such as wireless access points. security cameras. In these applications, there is no explicit need for dc isolation between the switching regulator output and the hotswap interface. An isolated system must be used when the powered device interfaces with other self-powered equipment or has external conductors accessible to the user or other applications. For proper operation, the regulated output supply of the switching regulator must not have a dc electrical path to the hotswap interface or switching regulator primary side. Isolated applications include point-of-sale terminals where the user can touch the grounded metal chassis. The application determines the converter topology. An isolated application will require a flyback transformerbased switching topology while a non-isolated application can use an inductor-based buck converter topology. In the isolated case, dc isolation is achieved through a transformer in the forward path and a voltage reference plus opto-isolator in the feedback path. The application circuit shown in Figure 2 is an example of such a topology. The non-isolated application in Figure 1 makes use of a single inductor as the energy conversion element, and the feedback signal is directly supplied into the internal error amplifier. As can be seen from the application circuits, the isolated topology has an increased number of components, thus increasing the bill of materials (BOM) and system footprint. To optimize cost and ease implementation, each application should be evaluated for its isolated or nonisolated requirements.
3.3. Switching Regulator
Power over Ethernet (PoE) applications fall into two broad categories, isolated and non-isolated. Nonisolated systems can be used when the powered device is self-contained and does not provide external conductors to the user or another application. Nonisolated applications include wireless access points and
SSFT FB EROUT
VPOSF
VPOSS
SWO
ERROR AMPLIFIER
PULSEWIDTH MODULATOR
SWITCH DRIVE
OSCILLATOR
IABS ITC VREF SWITCHER STARTUP & BIAS
HSO
VDD
ISOSSFT
VSSA
VSS1
VSS2
Figure 4. Switcher Block Diagram
Rev. 0.9 13
SI3400/Si3401
3.3.1. Switcher Startup The switching regulator is disabled until the hotswap interface has both identified itself to the PSE and charged the supply capacitor needed to filter the switching regulator's high-current transients. Once the supply capacitor is charged, the hotswap controller engages the internal bias currents and supplies used by the switcher. Additionally, the soft-start current begins to charge the external soft-start capacitor. The voltage developed across the soft-start capacitor serves as the error amplifier's reference in the nonisolated application. Ramping this voltage slowly allows the switching regulator to bring up the regulated output voltage in a controlled manner. Controlling the initial startup of the regulated voltage restrains power dissipation in the switching FET and prevents overshoot and ringing in the output supply voltage. In the isolated mode, a capacitor connected between pins ISOSSFT and VSSA slowly ramps the duty cycle clamp in the PWM circuit. Tie this pin to VDD if not used. 3.3.2. Switching Regulator Operation The switching regulator of the SI3400 and Si3401 is constant-frequency, pulse-width-modulated (PWM), and controller integrated with switching power FETs optimized for the output power range defined by the 802.3 specification. Once the hotswap interface has ensured proper turn-on of the switching regulator controller, the switcher is fully operational. An internal free-running oscillator and internal precision voltage reference are fed into the pulse-width modulator. The output of the error amplifier (either internal for non-isolated applications or external for isolated applications) is also routed into the PWM and determines the slicing of the oscillator. The PWM controls the switching FET drive circuitry. A significant advantage of integrating the switching power FET onto the same monolithic IC as the switching regulator controller is the ability to precisely adjust the drive strength and timing to the FET's sizable gate, resulting in high regulator efficiency. Furthermore, current-limiting circuitry prevents the switching FET from sinking too much current, dissipating too much power, and becoming damaged. Thermal overload protection provides a secondary level of protection. The flexibility of the SI3400 and Si3401's switching regulator allows the system designer to realize either the isolated or non-isolated application circuitry using a single device. In operation, the integration of the switching FET allows tighter control and more efficient operation than a general-purpose switching regulator coupled with a general-purpose external FET. 3.3.3. Flyback Snubber Extremely high voltages can be generated by the inductive kick associated with the leakage inductance of the primary side of the flyback transformer used in isolated applications. Refer to "AN296: Using the SI3400/01 PoE PD Controller in Isolated and Non-Isolated Designs" for more information on the snubber.
14
Rev. 0.9
SI3400/Si3401
4. Pin Descriptions
VPOSS
16
20
19
18
17
15
EROUT SSFT VDD
1 2 3
VSSA
VSS2
VSS1
SWO
FB
14
CT1
VNEG (PAD)
13 CT2 12 11
VPOSF SP1
ISOSSFT 4
5
6
7
8
9
10
PLOSS
Table 11. SI3400 and Si3401 Pin Descriptions (Top View)
Pin# 1 2 3 4 5 6 7 8 9, Pad 10 11 12 13 14 15 16 17 18 19 20 Name EROUT SSFT VDD ISOSSFT PLOSS RDET HSO RCL VNEG SP2 SP1 VPOSF CT2 CT1 VSSA VPOSS VSS1 SWO VSS2 FB Description Error-amplifier output and PWM input; directly connected to opto-coupler in isolated application. Soft-start output pin ramps voltage across external soft-start capacitor to allow switcher to ramp output slowly. 5 V supply rail for switcher; provides drive for opto-coupler. Isolated mode soft start enable input. Tie to VDD for non-isolated applications. Connect a 0.1 F capacitor between this pin and VSSA for isolated applications. Early power loss indicator; open drain output is pulled to VPOS when VPORT is applied. Input pin for external precision detection resistor; also used for establishing absolute current reference. Hotswap switch output; connects to VNEG through hotswap switch. Input pin for external precision classification resistor; float if optional RCLASS is unused.
Rectified high-voltage supply, negative rail. Must be connected to thermal PAD node (VNEG) on package bottom. This thermal pad must be connected to VNEG (pin #9) as well as a 2 in2 heat spreader plane using a minimum of nine thermal vias.
High-voltage supply input from spare pair; polarity-insensitive. High-voltage supply input from spare pair; polarity-insensitive. Rectified high-voltage supply, positive rail (force node) High-voltage supply input from center tap of Ethernet transformer; polarity-insensitive. High-voltage supply input from center tap of Ethernet transformer; polarity-insensitive. Analog ground. Rectified high-voltage supply, positive rail sense node. Negative supply rail for switcher; externally tied to HSO. Switching transistor output; drain of switching N-FET. Negative supply rail for switcher; externally tied to HSO. Regulated feedback input in non-isolated application.
Rev. 0.9
VNEG
RDET
HSO
RCL
SP2
15
SI3400/Si3401
5. Package Outline
Figure 5 illustrates the package details for the SI3400 and Si3401. Table 12 lists the values for the dimensions shown in the illustration.
Figure 5. 20-Lead Quad Flat No-Lead Package (QFN) Table 12. Package Dimensions
Dimension A A1 b D D2 e E E2 L L1 aaa bbb ccc ddd 2.60 0.50 0.00 -- -- -- -- 2.60 Min 0.80 0.00 0.25 Nom 0.85 0.02 0.30 5.00 BSC. 2.70 0.80 BSC. 5.00 BSC. 2.70 0.55 -- -- -- -- -- 2.80 0.60 0.10 0.10 0.10 0.08 0.10 2.80 Max 0.90 0.05 0.35
Notes: 1. All dimensions shown are in millimeters (mm) unless otherwise noted. 2. Dimensioning and tolerancing per ANSI Y14.5M-1994. 3. This drawing conforms to the JEDEC Solid State Outline MO-220, Variation VHHB-1.
16
Rev. 0.9
SI3400/Si3401
6. Ordering Guide
Part Number1,2 SI3400-X-GM Si3401-X-GM Package 20-pin QFN, Pb-free; RoHS compliant 20-pin QFN, Pb-free; RoHS compliant Temp Range -40 to 85 C -40 to 85 C Recommended Maximum Output Power3 < 10 W 14 to 16 W
Notes: 1. "X" denotes product revision. 2. Add an "R" at the end of the part number to denote tape and reel option. 3. Refer to "AN313: Using the SI3400/01 in High Power Applications" and "AN314: Power Combining Circuit for PoE for up to 18.5 W Output" for more information about using the SI3400 and Si3401 in higher power applications.
Rev. 0.9
17
SI3400/Si3401
DOCUMENT CHANGE LIST
Revision 0.3 to Revision 0.4
Updated Figure 2 on page 9.
R9 now correctly connected to VNEG; RIMAX now connects to VDD.
Revision 0.7 to Revision 0.8
ISOSSFT (pin 4) added throughout document. Updated Figures 1 and 2 for addition of ISOSSFT pin. Function available on Revision E and higher.
Revision 0.8 to Revision 0.9
Updated throughout document to support Revision E. Added Regulated Output Voltage Tolerance specification to Table 4, for non-isolated applications only. Updated Figure 1, Figure 2, and Table 7 for Rev. E BOM changes. Nominal class resistor values updated for Rev. E in Table 10.
Added Table 6, "Package Thermal Characteristics," on page 7. Updated Figure 3 on page 10. Updated Table 4 on page 6.
Updated switcher frequency specification to 350 kHz.
Added "pad" notes to VNEG pin under Description section in Table 11 on page 15. Updated Table 7, "Component Listing--Class 0 with 5 V Output," on page 8 and Table 8, "Components-- Class 1 with Isolated 5.0 V Output," on page 9.
Updated recommended BOMs.
Revision 0.4 to Revision 0.5
Updated Table 4 on page 6.
Updated test condition for VDD current. Updated minimum value of switcher FET on resistance.
Updated Table 8 on page 9 and Table 10 on page 12.
Updated Rclass information.
Updated "5. Package Outline" and Table 12, "Package Dimensions," on page 16.
Replaced package drawing and dimensions table.
Revision 0.5 to Revision 0.6
Added Si3401. Updated Figure 1 on page 8. Updated Table 7 on page 8. Updated "6. Ordering Guide" on page 17.
Revision 0.6 to Revision 0.7
Added VSSA pin throughout document for product revisions beginning with Rev D. Updated Table 2 specs (for ESD). Updated Table 4 specs (for current limits). Updated Table 5 specs (for power dissipation). Updated Figure 1 and Table 7. Updated Figure 2 and Table 8. Updated Figure 4 and Table 11.
18
Rev. 0.9
SI3400/Si3401
NOTES:
Rev. 0.9
19
SI3400/Si3401
CONTACT INFORMATION
Silicon Laboratories Inc. 400 West Cesar Chavez Austin, TX 78701 Tel: 1+(512) 416-8500 Fax: 1+(512) 416-9669 Toll Free: 1+(877) 444-3032 Email: PoEinfo@silabs.com Internet: www.silabs.com
The information in this document is believed to be accurate in all respects at the time of publication but is subject to change without notice. Silicon Laboratories assumes no responsibility for errors and omissions, and disclaims responsibility for any consequences resulting from the use of information included herein. Additionally, Silicon Laboratories assumes no responsibility for the functioning of undescribed features or parameters. Silicon Laboratories reserves the right to make changes without further notice. Silicon Laboratories makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Silicon Laboratories assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. Silicon Laboratories products are not designed, intended, or authorized for use in applications intended to support or sustain life, or for any other application in which the failure of the Silicon Laboratories product could create a situation where personal injury or death may occur. Should Buyer purchase or use Silicon Laboratories products for any such unintended or unauthorized application, Buyer shall indemnify and hold Silicon Laboratories harmless against all claims and damages. Silicon Laboratories and Silicon Labs are trademarks of Silicon Laboratories Inc. Other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders.
20
Rev. 0.9


▲Up To Search▲   

 
Price & Availability of SI3400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X