Part Number Hot Search : 
DCPC1460 FR157 CH16244 CH16244 PAM8202 ACS8530 A8259 IRF82
Product Description
Full Text Search
 

To Download RF3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF
Series, High Frequency Power Resistors Thick film,Non-Inductive
RF and Frequency Powers,in water forced ,in Oil,in Air
Willow offers the RF series to meet general set of requirements NON-INDUCTIVE high frequency, satisfy with an high power and Non-inductive specification at Economic Price.
Series RF Precision Power Resistor, Non-Inductive
High Frequency Non Inductive Performence Full power and various ohmic ratings
* Resistance tolerances offered from 1.0% to 10% * Load Life Stability of 0.5% per 1000hours. * Various Models of Resistance Value up to Megohms available. * Build up High Power RF Termination System :10kW,50kW,300kW System in oil or water forced, required tank & chiller System.
Model Nr.
RF07 RF2 RF3 RF5 RF50 RF100 RF150 RF200
Wattage
0.7 2.0 3.0 5.0 50 100 150 200
Resistance [ ohm ] Min. Max.
20R 2M 20R 2M 20R 2M 20R 2M 20R 2M 20R 2M 20R 2M 20R 2M
A
15(.59)
Dimensions in millimeters (inches) B
5.0(.196) 8.0+/-1.0 (.314) 8.0+/-1.0 (.314) 8.0+/-1.0 (.314) 33+/-1 (1.29) 33+/-1 (1.29) 33+/-1 (1.29) 42+/-1 (1.65)
Melf Type C
0.8 1.00 1.00 1.00 N/A Available Available Available N/A N/A N/A N/A
24.0+/-1.5 (.944) 39.0+/-1.5 (1.535) 52.0+/-1.5 (2.047) 110+/-1.5 (4.33) 210+/-1.5 (8.50) 310+/-1.5 (12.2) 310+/-1.5 (12.2)
M6 tab axial M6 tab axial M6 tab axial M6 tab axial
RF
Series, High Frequency Power Resistors Thick film,Non-Inductive
DIMENSIONS [mm]
35 5 A B C
SPECIFICATIONS
Resistance Tolerance : 1%,2%,5%,10% Temperature Coefficient : Std. 100ppm/ C, referenced to 25C, from -15C to +105C, other TCR available upon requests. Overload : 5times rated power with applied voltage not to exceed 1.5times Max. continuous operating voltage for 5seconds,overload/ overvoltage R 0.50% typ. Thermal Shock : Mil-Std-202, Method- 107,Cond. C, R 0.50% max. Load Life : 1.000 hours at rated power R 0.5% at DC AC. R 3.0% at repetivepulse energy
DERATING CURVE
Rated Power or Voltage%
00 80 60 40 0 0 5 75 5 75 5 75
Ambient-Temperature (C)
Moisture Resistance: Mil-Std-202, Method 106, R 0.50% max. Lead Material : RF07 ~RF5 ; Tinned copper solderable wire Insulation Resistance : 10,000Megohms Min. Termination Cap of Material : RF07~RF5 ; Tinned Cap & Wire RF50~RF200; AL alloy Cap M6. Encapsulation : High frequency silicone conformal, Glass
APPLICATION GUIDE ; RF SERIES
* RF Termination * RF Dummy Load * Wave Form Load * High Frequency * Charging/Discharging * AVR ,UPS * Current dividing * Elevators control * Electrical Trains * Experimentals * High Frequency Circuits * Inverters * Power Braking * Military * Hoist Cranes * Motor Dynamic Braking * Industrial Vehicles * Power Supply * Medical Equipments * Server Drivers * Power Loaders * Snubbers * Telecomm Equipments * Shunt * Testing Equipments * Inrrush Current Limiters * Preloads * Dummy Loads * Rectifier * Soft Start * EMI Suppresions
cf.: The described specifications & dimensions subject to change without notice.
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom. info@willow.co.uk http://www.willow.co.uk + 44 (0) 1342 835234 + 44 (0) 1342 834306
designed by jonaldo , France


▲Up To Search▲   

 
Price & Availability of RF3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X